Part Number Hot Search : 
SMTPA100 55M45 BCW68F 1N4763G M54HC40 220CA 6152A50 2SQK7
Product Description
Full Text Search
 

To Download HSP45102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HSP45102
Data Sheet January 1999 File Number
2810.6
12-Bit Numerically Controlled Oscillator
The Intersil HSP45102 is Numerically Controlled Oscillator (NCO12) with 32-bit frequency resolution and 12-bit output. With over 69dB of spurious free dynamic range and worst case frequency resolution of 0.009Hz, the NCO12 provides significant accuracy for frequency synthesis solutions at a competitive price. The frequency to be generated is selected from two frequency control words. A single control pin selects which word is used to determine the output frequency. Switching from one frequency to another occurs in one clock cycle, with a 6 clock pipeline delay from the time that the new control word is loaded until t3-he new frequency appears on the output. Two pins, P0-1, are provided for phase modulation. They are encoded and added to the top two bits of the phase accumulator to offset the phase in 90o increments. The 13-bit output of the Phase Offset Adder is mapped to the sine wave amplitude via the Sine ROM. The output data format is offset binary to simplify interfacing to D/A converters. Spurious frequency components in the output sinusoid are less than -69dBc. The NCO12 has applications as a Direct Digital Synthesizer and modulator in low cost digital radios, satellite terminals, and function generators.
Features
* 33MHz, 40MHz Versions * 32-Bit Frequency Control * BFSK, QPSK Modulation * Serial Frequency Load * 12-Bit Sine Output * Offset Binary Output Format * 0.009Hz Tuning Resolution at 40MHz * Spurious Frequency Components <-69dBc * Fully Static CMOS * Low Cost
Applications
* Direct Digital Synthesis * Modulation * PSK Communications * Related Products - HI5731 12-Bit, 100MHz D/A Converter
Ordering Information
PART NUMBER HSP45102PC-33 HSP45102PC-40 HSP45102SC-33 HSP45102SC-40 HSP45102SI-33 TEMP. RANGE (oC) 0 to 70 0 to 70 0 to 70 0 to 70 -40 to 85 PACKAGE 28 Ld PDIP 28 Ld PDIP 28 Ld SOIC 28 Ld SOIC 28 Ld SOIC PKG. NO. E28.6 E28.6 M28.3 M28.3 M28.3
Block Diagram
CLK PO-1 MSB/LSB SFTEN SD SCLK FREQUENCY CONTROL SECTION LOAD TXFR ENPHAC SEL_L/M 32 32 PHASE ACCUMULATOR 13 PHASE OFFSET ADDER 13 SINE ROM 12 OUT0-11
3-195
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
HSP45102 Pinout
28 LEAD PDIP, 28 LEAD SOIC TOP VIEW
OUT6 1 OUT7 2 OUT8 3 OUT9 4 OUT10 5 OUT11 6 GND 7 VCC 8 SEL_L/M 9 SFTEN 10 MSB/LSB 11 ENPHAC 12 SD 13 SCLK 14 28 OUT5 27 OUT4 26 OUT3 25 OUT2 24 OUT1 23 OUT0 22 VCC 21 GND 20 P0 19 P1 18 LOAD 17 TXFR 16 CLK 15 GND
Pin Description
NAME VCC GND P0-1 CLK SCLK SEL_L/M SFTEN MSB/LSB ENPHAC SD TXFR I I I I I I I I I TYPE +5V power supply pin. Ground Phase modulation inputs (become active after a pipeline delay of four clocks). A phase shift of 0, 90, 180, or 270 degrees can be selected as shown in Table 1. NCO clock. (CMOS level) This pin clocks the frequency control shift register. A high on this input selects the least significant 32 bits of the 64-bit frequency register as the input to the phase accumulator; a low selects the most significant 32 bits. The active low input enables the shifting of the frequency register. This input selects the shift direction of the frequency register. A low on this input shifts in the data LSB first; a high shifts in the data MSB first. This pin, when low, enables the clocking of the Phase Accumulator. This input has a pipeline delay of four clocks. Data on this pin is shifted into the frequency register by the rising edge of SCLK when SFTEN is low. This active low input is clocked onto the chip by CLK and becomes active after a pipeline delay of four clocks. When low, the frequency control word selected by SEL_L/M is transferred from the frequency register to the phase accumulator's input register. This input becomes active after a pipeline delay of five clocks. When low, the feedback in the phase accumulator is zeroed. Output data. OUT0 is LSB. Unsigned. DESCRIPTION
LOAD OUT0-11
I O
All inputs are TTL level, with the exception of CLK. Overline designates active low signals.
3-196
HSP45102
PHASE OFFSET ADDER R.P0-1 P0-1 ENPHAC TXFR LOAD CLK 4-DLY R E G R.P0-1 R.ENPHAC R.TXFR R.LOAD CLK R E G / `0' 32 MUX 1 / 32 A D D E R / 13 MSBs A D D E R
13 / CLK
R E G
/
13
R E G
SINE ROM
12 / CLK
2-DLY R E G
OUT0-11
FREQUENCY CONTROL SECTION 64-BIT SHIFT REG SD SCLK SFTEN MSB/LSB SEL_L/M / / 1 32 32 FRCTRL 0-31 FRCTRL 32-63
R.LOAD ACCUMULATOR INPUT REGISTER / 32 R.TXFR CLK MUX R E G / 32
0
/ 32
/ 32 R E G / 32
0
R.ENPHAC CLK
(HIGH SELECTS FRCTRL0-31, LOW SELECTS FRCTRL32-63) PHASE ACCUMULATOR
FIGURE 1. NCO-12 FUNCTIONAL BLOCK DIAGRAM
Functional Description
The NCO12 produces a 12-bit sinusoid whose frequency and phase are digitally controlled. The frequency of the sine wave is determined by one of two 32-bit words. Selection of the active word is made by SEL_L/M. The phase of the output is controlled by the two-bit input P0-1, which is used to select a phase offset of 0, 90, 180, or 270 degrees. As shown in the Block Diagram, the NCO12 consists of a Frequency Control Section, a Phase Accumulator, a Phase Offset Adder and a Sine ROM. The Frequency Control section serially loads the frequency control word into the frequency register. The Phase Accumulator and Phase Offset Adder compute the phase angle using the frequency control word and the two phase modulation inputs. The Sine ROM generates the sine of the computed phase angle. The format of the 12-bit output is offset binary.
the phase modulation bits P0-1. The architecture is shown in Figure 1. The most significant 13 bits of the 32-bit phase accumulator are summed with the two-bit phase offset to generate the 13-bit phase input to the Sine Rom. A value of 0 corresponds to 0o, a value of 1000 hexadecimal corresponds to a value of 180o. The phase accumulator advances the phase by the amount programmed into the frequency control register. The output frequency is equal to:
F LO = ( N x F CLK 2
32
), or
(EQ. 1)
F OUT 32 N = INT --------------- 2 , F CLK
(EQ. 2)
Frequency Control Section
The Frequency Control Section shown in Figure 1 serially loads the frequency data into a 64-bit, bidirectional shift register. The shift direction is selected with the MSB/LSB input. When this input is high, the frequency control word on the SD input is shifted into the register MSB first. When MSB/LSB is low the data is shifted in LSB first. The register shifts on the rising edge of SCLK when SFTEN is low. The timing of these signals is shown in Figures 2A and 2B. The 64 bits of the frequency register are sent to the Phase Accumulator Section where 32 bits are selected to control the frequency of the sinusoidal output.
where N is the 32 bits of frequency control word that is programmed. INT[*] is the integer of the computation. For example, if the control word is 20000000 hexadecimal and the clock frequency is 30MHz, then the output frequency would be FCLK/8, or 3.75MHz. The frequency control multiplexer selects the least significant 32 bits from the 64-bit frequency control register when SEL_L/M is high, and the most significant 32 bits when SEL_L/M is low. When only one frequency word is desired, SEL_L/M and MSB/LSB must be either both high or both low. This is due to the fact that when a frequency control word is loaded into the shift register LSB first, it enters through the most significant bit of the register. After 32 bits have been shifted in, they will reside in the 32 most significant bits of the 64-bit register. When TXFR is asserted, the 32 bits selected by the frequency control multiplexer are clocked into the phase accumulator input
Phase Accumulator Section
The phase accumulator and phase offset adder compute the phase of the sine wave from the frequency control word and
3-197
HSP45102
register. At each clock, the contents of this register are summed with the current contents of the accumulator to step to the new phase. The phase accumulator stepping may be inhibited by holding ENPHAC high. The phase accumulator may be loaded with the value in the input register by asserting LOAD, which zeroes the feedback to the phase accumulator. The phase adder sums the encoded phase modulation bits P0-1 and the output of the phase accumulator to offset the phase by 0, 90, 180 or 270 degrees. The two bits are encoded to produce the phase mapping shown in Table 1. This phase mapping is provided for direct connection to the in-phase and quadrature data bits for QPSK modulation.
TABLE 1. PHASE MAPPING P0-1 CODING P1 0 0 1 1 P0 0 1 0 1 PHASE SHIFT (DEGREES) 0 90 270 180
ROM Section
The ROM section generates the 12-bit sine value from the 13-bit output of the phase adder. The output format is offset binary and ranges from 001 to FFF hexadecimal, centered around 800 hexadecimal.
SCLK
SD SFTEN
0
1
2
61
62
63
MSB/LSB
FIGURE 2A. FREQUENCY LOADING ENABLED BY SFTEN
SCLK
SD SFTEN MSB/LSB
0
1
2
61
62
63
FIGURE 2B. FREQUENCY LOADING CONTROLLED BY SCLK
CLK LOAD TXFR ENPHAC SEL_L/M OUT0-11
1
2
3
4
5
6
7
8
9
10
11
NEW DATA
FIGURE 3. I/O TIMING
3-198
HSP45102
Absolute Maximum Ratings
TA = 25oC
Thermal Information
Thermal Resistance (Typical, Note 1) JA (oC/W) PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55 SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70 Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC Lead Temperature (Soldering, 10s). . . . . . . . . . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only)
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V Input, Output or I/O Voltage Applied . . . . .GND -0.5V to VCC +0.5V ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range (Commercial, Industrial) . . +4.75V to +5.25V Operating Temperature Range (Commercial) . . . . . . . . 0oC to 70oC Operating Temperature Range (Industrial) . . . . . . . . -40oC to 85oC
Die Characteristics
Backside Potential. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VCC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. JA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
PARAMETER Logical One Input Voltage Logical Zero Input Voltage High Level Clock Input Low Level Clock Input Output HIGH Voltage Output LOW Voltage Input Leakage Current Standby Power Supply Current Operating Power Supply Current SYMBOL VIH VIL VIHC VILC VOH VOL II ICCSB ICCOP TEST CONDITIONS VCC = 5.25V VCC = 4.75V VCC = 5.25V VCC = 4.75V IOH = -400A, VCC = 4.75V IOL = +2.0mA, VCC = 4.75V VIN = VCC or GND, VCC = 5.25V VIN = VCC or GND, VCC = 5.25V, Note 4 f = 33MHz, VIN = VCC or GND VCC = 5.25V, Notes 2 and 4 MIN 2.0 3.0 2.6 -10 MAX 0.8 0.8 0.4 10 500 99 UNITS V V V V V V A A mA
Capacitance
TA = 25oC, Note 3 PARAMETER SYMBOL CIN CO TEST CONDITIONS FREQ = 1MHz, VCC = Open. All measurements are referenced to device ground MIN MAX 10 10 UNITS pF pF
Input Capacitance Output Capacitance NOTES:
2. Power supply current is proportional to operating frequency. Typical rating for ICCOP is 3mA/MHz. 3. Not tested, but characterized at initial design and at major process/design changes. 4. Output load per test load circuit with switch open and CL = 40pF.
3-199
HSP45102
AC Electrical Specifications
PARAMETER Clock Period Clock High Clock Low SCLK High/Low Setup Time SD to SCLK Going High Hold Time SD from SCLK Going High Setup Time SFTEN, MSB/LSB to SCLK Going High Hold Time SFTEN, MSB/LSB from SCLK Going High Setup Time SCLK High to CLK Going High Setup Time P0-1 to CLK Going High Hold Time P0-1 from CLK Going High Setup Time LOAD, TXFR, ENPHAC, SEL_L/M to CLK Going High Hold Time LOAD, TXFR, ENPHAC, SEL_L/M from CLK Going High CLK to Output Delay Output Rise, Fall Time NOTES: 5. AC testing is performed as follows: Input levels (CLK Input) 4.0V and 0V; Input levels (all other inputs) 0V and 3.0V; Timing reference levels (CLK) 2.0V; All others 1.5V. Output load per test load circuit with switch closed and CL = 40pF. Output transition is measured at VOH > 1.5V and VOL < 1.5V. 6. If TXFR is active, care must be taken to not violate setup and hold times as data from the shift registers may not have settled before CLK occurs. 7. Controlled via design or process parameters and not directly tested. Characterized upon initial design and after major process and/or design changes. VCC = 5.0V 5%, TA = 0oC to 70oC, TA = -40oC to 85oC (Note 5) -33 (33MHz) SYMBOL tCP tCH tCL tSW tDS tDH tMS tMH tSS tPS tPH tES tEH tOH tRF Note 7 Note 6 NOTES MIN 30 12 12 12 12 0 15 0 16 15 1 15 1 2 8 MAX 15 -40 (40MHz) MIN 25 10 10 10 12 0 12 0 15 12 1 13 1 2 8 MAX 13 UNITS ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
AC Test Load Circuit
DUT
S1
CL (NOTE)
SWITCH S1 OPEN FOR ICCSB AND ICCOP
IOH
1.5V
IOL
EQUIVALENT CIRCUIT
NOTE: Test head capacitance.
3-200
HSP45102 Waveforms
tCP tCH CLK tPS tPH tCL
P0-1
LOAD, TXFR, ENPHAC, SEL_L/M
tES
tEH
tOH OUT0-11
tRF
tSW SCLK
tSS
tSW
tDS SD
tDH
tMS MSB/LSB, SFTEN
tMH
FIGURE 4.
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
3-201


▲Up To Search▲   

 
Price & Availability of HSP45102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X