Part Number Hot Search : 
Z36BP C100M 2N5088 40PT08AI P3098 TDA8708 0524S MC9S12D
Product Description
Full Text Search
 

To Download HMC412MS8G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICROWAVE CORPORATION
v00.0901
HMC412MS8G
DOUBLE-BALANCED MIXER, 9.0 - 15.0 GHz
Features
Conversion Loss: 8.0 dB Noise Figure: 8.0 dB Input IP3: 17 dBm No External Components MSOP8G SMT Package
Typical Applications
The HMC412MS8G is ideal for:
* Long Haul Radio Platforms * Microwave Radio * VSAT
Functional Diagram
General Description
The HMC412MS8G is a passive double balanced mixer that operates between 9.0 GHz and 15 GHz. The HMC412MS8G operates with LO drive levels between +9 dBm and +13 dBm, and provides 8 dB conversion loss across the entire specified frequency band. This mixer requires no external components or bias.
12
MIXERS - SMT
Electrical Specifications, TA = +25 C
Parameter Min. Frequency Range, RF & LO Frequency Range, IF Conversion Loss Noise Figure (SSB) LO to RF Isolation LO to IF Isolation RF to IF Isolation IP3 (Input) 1 dB Compression (Input) 30 33 8 14 7 IF = 1.45 GHz LO = +13 dBm Typ. 9.0 - 15.0 DC - 2.5 8 8 40 - 50 40 - 50 17 17 9.5 11 11 Max. GHz GHz dB dB dB dB dB dBm dBm Units
* Unless otherwise noted, all measurements performed as downconverter, IF= 1.45 GHz.
12 - 236
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v00.0901
HMC412MS8G
DOUBLE-BALANCED MIXER, 9.0 - 15.0 GHz
Conversion Gain vs. Temperature @ LO = +13 dBm
0
Isolation @ LO = +13 dBm
0 -10
RF/IF LO/RF LO/IF
CONVERSION GAIN (dB)
-5
ISOLATION (dB)
+25 C -40 C +85 C
-20 -30 -40 -50 -60
-10
-15
-20 8 9 10 11 12 13 14 15 16 FREQUENCY (GHz)
8
9
10
11
12
13
14
15
16
FREQUENCY (GHz)
12
MIXERS - SMT
Conversion Gain vs. LO Drive
0
Return Loss @ LO = +13 dBm
0
CONVERSION GAIN (dB)
-5
RETURN LOSS (dB)
-5
-10
-10
-15
-15
LO = +7 dBm LO = +9 dBm LO = +11 dBm LO = +13 dBm LO = +15 dBm
-20
RF LO
-20 8 9 10 11 12 13 14 15 16 FREQUENCY (GHz)
-25 8 9 10 11 12 13 14 15 16 FREQUENCY (GHz)
IF Bandwidth @ LO = +13 dBm
0 -5
Upconverter Performance Conversion Gain @ LO = +13 dBm
0
CONVERSION GAIN (dB)
Conversion Gain Return Loss
-5
RESPONSE (dB)
-10 -15 -20 -25 -30 0 0.5 1 1.5 2 2.5 3 FREQUENCY (GHz)
-10
-15
-20 8 9 10 11 12 13 14 15 16 FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 237
MICROWAVE CORPORATION
v00.0901
HMC412MS8G
DOUBLE-BALANCED MIXER, 9.0 - 15.0 GHz
Input IP3 vs. LO Drive*
30
LO = +11 dBm LO = +13 dBm LO = +15 dBm
Input IP3 vs. Temperature @ LO = +13 dBm*
30
+25 C -40 C +85 C
25
25
IP3 (dBm)
20
IP3 (dBm)
9 10 11 12 13 14 15 16 17
20
15
15
12
MIXERS - SMT
10 FREQUENCY (GHz)
10 9 10 11 12 13 14 15 16 17 FREQUENCY (GHz)
Input IP2 vs. LO Drive *
70
Input P1dB vs. Temperature @ LO = +13 dBm
15 14 13
+25 C -40 C +85 C
60
12
P1dB (dBm)
LO = +11 dBm LO = +13 dBm LO = +15 dBm
IP2 (dBm)
11 10 9 8
50
40
7 6 5 8 9 10 11 12 13 14 15 16
30 9 10 11 12 13 14 15 16 17 FREQUENCY (GHz)
FREQUENCY (GHz)
MxN Spurious @ IF Port
nLO mRF 0 1 2 3 4 0 XX 7 78 >85 N/A 1 16 0 >85 >85 >85 2 27 >85 72 >85 >85 3 38 57 71 78 >85 4 N/A 56 >85 >85 >85
Harmonics of LO
nLO Spur @ RF Port LO Freq. (GHz) 9 10.5 12 13.5 15 16.5 1 36 34.8 49.5 48.7 39.2 34 2 30 31.3 44.5 58.8 74.5 61.3 3 58.3 35.7 65.2 69 64 60.3 4 70.5 57.5 68.7 N/A N/A N/A
RF = 14.45 GHz @ -10 dBm LO = 13 GHz @ +13 dBm All values in dBc relative to the IF. Measured as downconverter.
LO = +13 dBm All values in dBc below input LO level @ RF port.
* Two-tone input power= -10 dBm each tone, 1 MHz spacing. For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 238
MICROWAVE CORPORATION
v00.0901
HMC412MS8G
DOUBLE-BALANCED MIXER, 9.0 - 15.0 GHz
Absolute Maximum Ratings
RF / IF Input (Vdd = +3V) LO Drive (Vdd = +3V) IF DC Current Storage Temperature Operating Temperature +27 dBm +27 dBm 4 mA -65 to +150 C -55 to +85 C
12
MIXERS - SMT
NOTES: 1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED PLASTIC SILICA AND SILICON IMPREGNATED. 2. LEADFRAME MATERIAL: COPPER ALLOY 3. LEADFRAME PLATING: Sn/Pb SOLDER 4. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 6. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE. 7. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
Outline Drawing
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 239
v00.0901
MICROWAVE CORPORATION
HMC412MS8G
DOUBLE-BALANCED MIXER, 9.0 - 15.0 GHz
Pin Descriptions
Pin Number Function Description Interface Schematic
1, 8
GND
Ground: Pin must connect to RF ground.
12
MIXERS - SMT
2
LO Port
LO Port: This pin is DC coupled and matched to 50 Ohm from 9.5 - 15.0 GHz.
3, 4, 6
N/C
Not Connected
5
IF Port
IF Port: This pin is DC coupled. For applications not requiring operation to DC, this port should be DC blocked externally using a series capacitor whose values has been chosen to pass the necessary IF frequency range. For operation to DC, this pin must not source/sink more than 4mA of current or die non-function and possible die failure will result.
7
RF Port
RF Port: This pin is AC coupled and matched to 50 Ohm from 9.5 - 15.0 GHz.
12 - 240
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.0901
MICROWAVE CORPORATION
HMC412MS8G
DOUBLE-BALANCED MIXER, 9.0 - 15.0 GHz
Evaluation PCB
12
MIXERS - SMT
List of Material
Item J1 - J2 J3 U1 PCB* Description PC Mount SMA RF Connector, SRI PC Mount SMA Connector, Johnson HMC412MS8G Mixer 101650 Evaluation Board * Circuit Board Material: Rogers 4350
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. A sufficient number of VIA holes should be used to connect the top and bottom ground planes. The evaluation circuit board shown is available from Hittite upon request.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 241


▲Up To Search▲   

 
Price & Availability of HMC412MS8G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X