Part Number Hot Search : 
UCY74132 BD7996 DB929B 0N150 2003A GDZ10A FCF06F60 71C104
Product Description
Full Text Search
 

To Download HMC272MS8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 v01.0801
MICROWAVE CORPORATION
HMC272MS8
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
Typical Applications
The HMC272MS8 is ideal for: * Up or Down Converter for PCS * W-CDMA * 2.4 GHz ISM * MMDS
Features
Ultra Small Package: MSOP8 LO / RF Isolation: 32 dB IP3 (Input): +20 dBm
Functional Diagram
General Description
The HMC272MS8 is an ultra miniature single balanced mixer in an 8 lead plastic surface mount Mini Small Outline Package (MSOP). This passive MMIC mixer is constructed of GaAs Schottky diodes and a novel planar transformer balun on the chip. The RF port is balanced via the MMIC balun while the LO port is connected directly to the diodes. The consistent MMIC performance will improve system operation and assure regulatory compliance.
12
MIXERS - SMT
Electrical Specifications, TA = +25 C, As a Function of IF Frequency
Parameter Min. Frequency Range, RF & LO Frequency Range, IF Conversion Loss Noise Figure (SSB) LO to RF Isolation LO to IF Isolation IP3 (Input) 1 dB Compression (Input) 22 12 17 8 LO = +10 dBm IF = 100 MHz Typ. 2-3 DC - 0.8 9 9 30 20 21 11 10.5 10.5 24 11 16 7 Max. Min. LO = +10 dBm IF = 400 MHz Typ. 1.7 - 2.8 DC - 0.8 9 9 32 18 20 10 11 11 Max. GHz GHz dB dB dB dB dBm dBm Units
12 - 102
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v01.0801
MICROWAVE CORPORATION
HMC272MS8
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
Conversion Gain vs. Temperature @ LO = +10 dBm
0 +25 C -40 C
Isolation @ LO = +10 dBm
0 RF/IF -10
CONVERSION GAIN (dB)
-5
ISOLATION (dB)
-20 -30 LO/IF -40 LO/RF -50
-10
-15 +85 C -20 IF = 400 MHz -25 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
-60 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
12
MIXERS - SMT
Conversion Gain vs. LO Drive
0 +10dBm
Return Loss @ LO = +10 dBm
0
CONVERSION GAIN (dB)
-5 +13dBm -10
-5
RETURN LOSS (dB)
-10
-15 +7dBm -20 +9dBm -25 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz) IF = 400 MHz +5dBm
-15 LO -20 RF -25 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
Conversion Gain vs. IF Frequency
0 100 MHz
IF Bandwidth @ LO = +10 dBm. Conversion Gain & Return Loss
0 IF Conversion Gain
CONVERSION GAIN (dB)
-10
CONVERSION GAIN (dB) RETURN LOSS (dB)
-5
-5
-10
-15 400 MHz -20 800 MHz -25 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
-15 IF Return Loss
-20
-25 0 0.5 1 1.5 IF FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 103
MICROWAVE CORPORATION
v01.0801
HMC272MS8
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
Input IP3 vs. LO Drive
25
Input IP3 vs. Temperature @ LO = +10 dBm
25
THIRD ORDER INTERCEPT (dBm)
THIRD ORDER INTERCEPT (dBm)
24 23 22 21 20 19 18 17 16 15 1 1.25 1.5
24 23 22 21 20 19 18 17 +85C 16 15 1 1.25 1.5 1.75 2 2.25 2.5 2.75 3 +25C -40C
+13 dBm
+10 dBm
+7 dBm
12
MIXERS - SMT
SECOND ORDER INTERCEPT (dBm)
1.75
2
2.25
2.5
2.75
3
FREQUENCY (GHz)
FREQUENCY (GHz)
Input IP2 vs. LO Drive
70 +13 dBm 60 +10 dBm 50
P1dB vs. Temperature @ LO = +10 dBm
15 14 13 12 +25 C
P1dB (dBm)
11 10 9 8 7 6 -55 C +85 C
40 +7 dBm 30
20 1 1.25 1.5 1.75 2 2.25 2.5 2.75 3 FREQUENCY (GHz)
5 1 1.25 1.5 1.75 2 2.25 2.5 2.75 3 FREQUENCY (GHz)
MxN Spurious Outputs
nLO mRF 0 1 2 3 4 0 xx 9 64 82 106 1 -8 0 58 89 >110 2 4 38 61 95 >110 3 3 28 44 92 >107 4 27 43 67
Harmonics of LO
nLO Spur at RF Port LO Frequency (GHz) 1.5 1.7 1.9 2.1 87 2.3 >110 2.5 43 35 23 26 36 37 55 56 1 44 40 39 42 2 19 16 18 20 3 42 42 40 35 4 50 53 53 55
RF = 2.6 GHz @ -10 dBm LO = 2.2 GHz @ +13 dBm All values in dBc relative to the IF
LO = +10 dBm Values in dBc below input LO level measured at the RF port.
12 - 104
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v01.0801
MICROWAVE CORPORATION
HMC272MS8
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
Absolute Maximum Ratings
RF / IF Input LO Drive Storage Temperature Operating Temperature +13 dBm +27 dBm -65 to +150 C -40 to +85 C
12
MIXERS - SMT
NOTES: 1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED PLASTIC SILICA AND SILICON IMPREGNATED. 2. LEADFRAME MATERIAL: COPPER ALLOY 3. LEADFRAME PLATING: Sn/Pb SOLDER 4. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 6. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE. 7. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
Outline Drawing
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 105
MICROWAVE CORPORATION
v01.0801
HMC272MS8
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
Evaluation Circuit Board
12
MIXERS - SMT
List of Material
Item J1 - J3 U1 PCB* Description PC Mount SMA RF Connector HMC272MS8 Mixer 102643 Evaluation Board
* Circuit Board Material: Rogers 4350
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. A sufficient number of VIA holes should be used to connect the top and bottom ground planes. The evaluation circuit board shown is available from Hittite upon request.
12 - 106
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v01.0801
HMC272MS8
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
Notes:
12
MIXERS - SMT
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 107


▲Up To Search▲   

 
Price & Availability of HMC272MS8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X