Part Number Hot Search : 
MCM5004 3205Z MTD3055 SUM6K1N 300BZX AD741 AD741 RHRP1560
Product Description
Full Text Search
 

To Download HA9P5320-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HA-5320
Data Sheet April 1999 File Number 2857.4
1 Microsecond Precision Sample and Hold Amplifier
The HA-5320 was designed for use in precision, high speed data acquisition systems. The circuit consists of an input transconductance amplifier capable of providing large amounts of charging current, a low leakage analog switch, and an output integrating amplifier. The analog switch sees virtual ground as its load; therefore, charge injection on the hold capacitor is constant over the entire input/output voltage range. The pedestal voltage resulting from this charge injection can be adjusted to zero by use of the offset adjust inputs. The device includes a hold capacitor. However, if improved droop rate is required at the expense of acquisition time, additional hold capacitance may be added externally. This monolithic device is manufactured using the Intersil Dielectric Isolation Process, minimizing stray capacitance and eliminating SCRs. This allows higher speed and latchfree operation. For further information, please see Application Note AN538.
Features
* Gain, DC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 x 106 V/V * Acquisition Time . . . . . . . . . . . . . . . . . . . . . 1.0s (0.01%) * Droop Rate . . . . . . . . . . . . . . . . . . . . . . 0.08V/s (25oC) 17V/s (Full Temperature) * Aperture Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25ns * Hold Step Error (See Glossary) . . . . . . . . . . . . . . . . . 5mV * Internal Hold Capacitor * Fully Differential Input * TTL Compatible
Applications
* Precision Data Acquisition Systems * Digital to Analog Converter Deglitcher * Auto Zero Circuits * Peak Detector
Pinouts
HA-5320 (PDIP, CERDIP) TOP VIEW
-INPUT 1 +INPUT 2 OFFSET ADJUST 3 OFFSET ADJUST 4 V- 5 SIG. GND 6 OUTPUT 7 14 S/H CONTROL
Ordering Information
PART NUMBER HA1-5320-2 HA1-5320-5 TEMP. RANGE (oC) -55 to 25 0 to 75 0 to 75 0 to 75 -40 to 85 PACKAGE 14 Ld CERDIP 14 Ld CERDIP 14 Ld PDIP 16 Ld SOIC 16 Ld SOIC PKG. NO. F14.3 F14.3 E14.3 M16.3 M16.3
13 SUPPLY GND 12 NC 11 CEXT 10 NC 9 V+ INTEGRATOR 8 BANDWIDTH
HA3-5320-5 HA9P5320-5 HA9P5320-9
Functional Diagram
OFFSET ADJUST 3 4 V+ 9 100pF
HA-5320 (SOIC) TOP VIEW
-INPUT 1 -INPUT 1 +INPUT 2 OFFSET ADJUST 3 OFFSET ADJUST 4 V- 5 SIG. GND 6 OUTPUT 7 NC 8 16 S/H CONTROL 15 SUPPLY GND 14 NC 13 CEXT 12 NC 11 V+ INTEGRATOR 10 BANDWIDTH 9 NC S/H CONTROL 14 +INPUT 2
HA-5320
+
-
7
OUTPUT
13 SUPPLY GND
5 V-
6 SIG. GND 11 CEXT
8
INTEGRATOR BANDWIDTH
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
HA-5320
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40V Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24V Digital Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8V, -15V Output Current, Continuous (Note 1) . . . . . . . . . . . . . . . . . . . 20mA
Thermal Information
Thermal Resistance (Typical, Note 3) JA (oC/W) JC (oC/W) CERDIP Package. . . . . . . . . . . . . . . . . 70 18 PDIP Package . . . . . . . . . . . . . . . . . . . 75 N/A SOIC Package . . . . . . . . . . . . . . . . . . . 90 N/A Maximum Junction Temperature (Ceramic Package) . . . . . . . . .175oC Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only)
Operating Conditions
Temperature Range HA-5320-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC HA-5320-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC HA-5320-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC Supply Voltage Range (Typical, Note 2) . . . . . . . . . 13.5V to 20V
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. Internal Power Dissipation may limit Output Current below 20mA. 2. Specification based on a one time characterization. This parameter is not guaranteed. 3. JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = 5.0V; CH = Internal; Digital Input: VIL = +0.8V (Sample), VIH = +2.0V (Hold), Unity Gain Configuration (Output tied to -Input), Unless Otherwise Specified TEST CONDITIONS TEMP. (oC) HA-5320-2/-9 MIN TYP MAX MIN HA-5320-5 TYP MAX UNITS
PARAMETER INPUT CHARACTERISTICS Input Voltage Range Input Resistance Input Capacitance Offset Voltage
Full 25 25 25 Full
10 1 10 80 -
5 0.2 70 30 90 5
5 2.0 200 200 100 100 15
10 1 10 72 -
5 0.5 100 30 90 5
5 1.5 300 300 300 300 20
V M pF mV mV nA nA nA nA V dB V/ oC
Bias Current
25 Full
Offset Current
25 Full
Common Mode Range CMRR Offset Voltage Temperature Coefficient TRANSFER CHARACTERISTICS Gain Gain Bandwidth Product (AV = +1, Note 5) OUTPUT CHARACTERISTICS Output Voltage Output Current Full Power Bandwidth Output Resistance Total Output Noise (DC to 10MHz) Note 4 Hold Mode Sample Hold DC, (Note 12) CH = 100pF CH = 1000pF VCM = 5V
Full 25 Full
25 25 25
106 -
2 x 106 2.0 0.18
-
3 x 105 -
2 x 106 2.0 0.18
-
V/V MHz MHz
Full 25 25 25 25 25
10 10 -
600 1.0 125 125
200 200
10 10 -
600 1.0 125 125
200 200
V mA kHz VRMS VRMS
2
HA-5320
Electrical Specifications
VSUPPLY = 5.0V; CH = Internal; Digital Input: VIL = +0.8V (Sample), VIH = +2.0V (Hold), Unity Gain Configuration (Output tied to -Input), Unless Otherwise Specified (Continued) TEST CONDITIONS TEMP. (oC) HA-5320-2/-9 MIN TYP MAX MIN HA-5320-5 TYP MAX UNITS
PARAMETER TRANSIENT RESPONSE Rise Time Overshoot Slew Rate DIGITAL INPUT CHARACTERISTICS Input Voltage VIH VIL Input Current
Note 5 Note 5 Note 6
25 25 25
-
100 15 45
-
-
100 15 45
-
ns % V/s
Full Full 25 Full
2.0 -
-
0.8 4 10 0.1
2.0 -
-
0.8 4 10 0.1
V V A A A
VIL = 0V
VIH = +5V SAMPLE AND HOLD CHARACTERISTICS Acquisition Time (Note 7) To 0.1% To 0.01% Aperture Time (Note 8) Effective Aperture Delay Time Aperture Uncertainty Droop Rate
Full
25 25 25 25 25 25 Full
-50 -
0.8 1.0 25 -25 0.3 0.08 17 8 1.7 0.5 5 165 2
1.2 1.5 0 0.5 100 50 10 1.1 11 350 -
-50 -
0.8 1.0 25 -25 0.3 0.08 1.2 8 0.12 0.5 5 165 2
1.2 1.5 0 0.5 100 50 10 1.1 11 350 -
s s ns ns ns V/s V/s pA nA pC mV ns mV
Drift Current
Note 9
25 Full
Charge Transfer Hold Step Error Hold Mode Settling Time Hold Mode Feedthrough POWER SUPPLY CHARACTERISTICS Positive Supply Current Negative Supply Current Supply Voltage Range Power Supply Rejection
Note 9 Note 9 To 0.01% 10VP-P , 100kHz
25 25 Full Full
Note 10 Note 10 Note 2 V+, Note 11 V-, Note 11
25 25
13.5
11 -11 - -
13 -13 20 -
13.5 80 65
11 -11 -
13 -13 20 -
mA mA V dB dB
Full Full
80 65
NOTES: 4. VO = 20VP-P; RL = 2k; CL = 50pF; unattenuated output. 5. VO = 200mVP-P; RL = 2k; CL = 50pF. 6. VO = 20V Step; RL = 2k; CL = 50pF. 7. VO = 10V Step; RL = 2k; CL = 50pF. 8. Derived from computer simulation only; not tested. 9. VIN = 0V, VIH = +3.5V, tR < 20ns (VIL to VIH). 10. Specified for a zero differential input voltage between +IN and -IN. Supply current will increase with differential input (as may occur in the Hold mode) to approximately 46mA at 20V. 11. Based on a 1V delta in each supply, i.e. 15V 0.5VDC. 12. RL = 1k, CL = 30pF.
3
HA-5320 Test Circuits and Waveforms
1 2 S/H CONTROL INPUT 14 -INPUT +INPUT S/H CONTROL HA-5320 (CH = 100pF) OUTPUT 7 8 11 NC NC VO
FIGURE 1. CHARGE TRANSFER AND DRIFT CURRENT
HOLD (+3.5V) SAMPLE (0V) HOLD (+3.5V) SAMPLE (0V)
S/H CONTROL
S/H CONTROL
VO
VO VP t
VO
NOTES: 13. Observe the "hold step" voltage VP . 14. Compute charge transfer: Q = VPCH. FIGURE 2. CHARGE TRANSFER TEST
V+ ANALOG MUX OR SWITCH 1 10VP-P 100kHz SINE WAVE AIN S/H CONTROL INPUT 2 -IN +IN REF COM 6 TO SIGNAL GND HA-5320 9 5 V-
NOTES: 15. Observe the voltage "droop", VO/t. 16. Measure the slope of the output during hold, VO/t, and compute drift current: ID = CH VO/t. FIGURE 3. DRIFT CURRENT TEST
V IN
NOTE:
VOUT OUT INT. COMP. 8 NC 7
14 S/H CONTROL SUPPLY CEXT GND 13 TO SUPPLY COMMON 11 NC
Feedthrough in V OUT dB = 20 log -------------V IN
where:
VOUT = VP-P, Hold Mode, VIN = VP-P.
FIGURE 4. HOLD MODE FEEDTHROUGH ATTENUATION
Application Information
The HA-5320 has the uncommitted differential inputs of an op amp, allowing the Sample and Hold function to be combined with many conventional op amp circuits. See the Intersil Application Note AN517 for a collection of circuit ideas.
Hold Capacitor
The HA-5320 includes a 100pF MOS hold capacitor, sufficient for most high speed applications (the Electrical Specifications section is based on this internal capacitor). Additional capacitance may be added between pins 7 and 11. This external hold capacitance will reduce droop rate at the expense of acquisition time, and provide other trade-offs as shown in the Performance Curves. If an external hold capacitor CEXT is used, then a noise bandwidth capacitor of value 0.1CEXT should be connected from pin 8 to ground. Exact value and type are not critical. The hold capacitor CEXT should have high insulation resistance and low dielectric absorption, to minimize droop errors. Polystyrene dielectric is a good choice for operating temperatures up to 85oC. Teflon(R) and glass dielectrics offer good performance to 125oC and above.
Layout
A printed circuit board with ground plane is recommended for best performance. Bypass capacitors (0.01F to 0.1F, ceramic) should be provided from each power supply terminal to the Supply Ground terminal on pin 13. The ideal ground connections are pin 6 (SIG. Ground) directly to the system Signal Ground, and pin 13 (Supply Ground) directly to the system Supply Common.
4
(R)Teflon is a registered Trademark of Dupont Corporation.
HA-5320
The hold capacitor terminal (pin 11) remains at virtual ground potential. Any PC connection to this terminal should be kept short and "guarded" by the ground plane, since nearby signal lines or power supply voltages will introduce errors due to drift current.
Aperture Time
The time required for the sample-and-hold switch to open, independent of delays through the switch driver and input amplifier circuitry. The switch opening time is the interval between the conditions of 10% open and 90% open.
Typical Application
Figure 5 shows the HA-5320 connected as a unity gain noninverting amplifier - its most widely used configuration. As an input device for a fast successive - approximation A/D converter, it offers very high throughput rate for a monolithic IC sample/hold amplifier. Also, the HA-5320's hold step error is adjustable to zero using the Offset Adjust potentiometer, to deliver a 12-bit accurate output from the converter. The application may call for an external hold capacitor CEXT as shown. As mentioned earlier, 0.1CEXT is then recommended at pin 8 to reduce output noise in the Hold mode. The HA-5320 output circuit does not include short circuit protection, and consequently its output impedance remains low at high frequencies. Thus, the step changes in load current which occur during an A/D conversion are absorbed at the S/H output with minimum voltage error. A momentary short circuit to ground is permissible, but the output is not designed to tolerate a short of indefinite duration.
Hold Step Error
Hold Step Error is the output error due to Charge Transfer (see above). It may be calculated from the specified parameter, Charge Transfer, using the following relationship:
Charge Transfer (pC) Hold Step (V) = ----------------------------------------------------------Hold Capacitance (pF)
See Performance Curves.
Effective Aperture Delay Time (EADT)
The difference between the digital delay time from the Hold command to the opening of the S/H switch, and the propagation time from the analog input to the switch. EADT may be positive, negative or zero. If zero, the S/H amplifier will output a voltage equal to VIN at the instant the Hold command was received. For negative EADT, the output in Hold (exclusive of pedestal and droop errors) will correspond to a value of VIN that occurred before the Hold command.
Glossary of Terms
Acquisition Time
The time required following a "sample" command, for the output to reach its final value within 0.1% or 0.01%. This is the minimum sample time required to obtain a given accuracy, and includes switch delay time, slewing time and settling time.
Aperture Uncertainty
The range of variation in Effective Aperture Delay Time. Aperture Uncertainty (also called Aperture Delay Uncertainty, Aperture Time Jitter, etc.) sets a limit on the accuracy with which a waveform can be reconstructed from sample data.
Drift Current
The net leakage current from the hold capacitor during the hold mode. Drift current can be calculated from the droop rate using the formula:
V I D (pA) = C H ( pF ) x ------- (V/s) t
Charge Transfer
The small charge transferred to the holding capacitor from the inter-electrode capacitance of the switch when the unit is switched to the HOLD mode. Charge transfer is directly proportional to sample-to-hold offset pedestal error, where: Charge Transfer (pC) = CH (pF) x Hold Step Error (V)
OFFSET ADJUST 15mV 3 1 + VIN S/H CONTROL H S 13 HA-5320 6 8 0.1CEXT SYSTEM POWER GROUND SYSTEM SIGNAL GROUND 2 14 + 10k -15V +15V
HI-574A 4 5 9 11 CEXT 100pF 7 13 INPUT CONVERT DIGITAL OUTPUT
5 R/C 9 ANALOG COMMON
NOTE: Pin Numbers Refer to DIP Package Only.
FIGURE 5. TYPICAL HA-5320 CONNECTIONS; NONINVERTING UNITY GAIN MODE
5
HA-5320 Typical Performance Curves
10 5 ACQUISITION TIME FOR 10V STEP TO +0.01% (s) 1000 CH = 100pF, INTERNAL
IDRIFT (pA) 100K
1.0 0.5
VOLTAGE DROOP DURING HOLD MODE, (mV/100ms)
100
10
0.1 0.05
SAMPLE-TO-HOLD OFFSET (HOLD STEP) ERROR, (mV)
1
0.01 100
1000 CH VALUE (pF)
10K
0
-25
0
25 50 75 TEMPERATURE (oC)
100
125
FIGURE 6. TYPICAL SAMPLE AND HOLD PERFORMANCE AS A FUNCTION OF HOLD CAPACITOR
FIGURE 7. DRIFT CURRENT vs TEMPERATURE
120 100 80 GAIN (dB) PHASE 60 40 20 0 GAIN (CH = 1100pF) (CH = 100pF) GAIN 90 135 180 0 45 PHASE (DEGREES)
0
10
100
1K
10K
100K
1M
10M
FREQUENCY (Hz)
FIGURE 8. OPEN LOOP GAIN AND PHASE RESPONSE
CH = 100pF
HOLD STEP VOLTAGE (mV) TA = 25oC 5.0 0.5 0.05 CH = 100pF CH = 1000pF CH = 0.01F
HOLD STEP VOLTAGE
75oC
25oC
-10
-8
-6
-4
-2
2
4
6
8
10
2
DC INPUT (V)
3 4 LOGIC LEVEL HIGH (V)
5
FIGURE 9A. HOLD STEP vs INPUT VOLTAGE
FIGURE 9B. HOLD STEP vs LOGIC (VIH) VOLTAGE
FIGURE 9. TYPICAL SAMPLE-TO-HOLD OFFSET (HOLD STEP) ERROR
6
HA-5320 Die Characteristics
DIE DIMENSIONS: 92 mils x 152 mils x 19 mils METALLIZATION: Type: Al, 1% Cu Thickness: 16kA 2kA PASSIVATION: Type: Nitride (Si3N4) over Silox (SiO2, 5% Phos) Silox Thickness: 12kA 2kA Nitride Thickness: 3.5kA 1.5kA TRANSISTOR COUNT: 184 SUBSTRATE POTENTIAL: V-
Metallization Mask Layout
HA-5320
SUPPLY GND (13) CEXT (11) V+ (9)
S/H CTRL (14) -INPUT (1)
(8) INT BW
(7) OUTPUT
+INPUT (2) (3) VIO ADJ (4) VIO ADJ (5) V-
(6) SIG GND
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
7


▲Up To Search▲   

 
Price & Availability of HA9P5320-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X