Part Number Hot Search : 
SI3152V 71256 15T1G Z1360AI SW1215 R3060 MUR1605 VTT1015
Product Description
Full Text Search
 

To Download DTA144VKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DTA144VUA / DTA144VKA / DTA144VSA
Transistors
Digital transistor (built-in resistors)
DTA144VUA / DTA144VKA / DTA144VSA
!Features 1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors. 2) The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input, and parasitic effects are almost completely eliminated. 3) Only the on / off conditions need to be set for operation, making device design easy. 4) Higher mounting densities can be achieved. !External dimensions (Units : mm)
DTA144VUA
(1)
0.65 0.65
0.3
(3)
1.25 2.1
0.2
(2)
1.3
2.0
0.1to0.4
0to0.1
ROHM : UMT3 EIAJ : SC-70
(1) Emitter(Source) (2) Base(Gate) (3) Collector(Drain)
0.15
Each lead has same dimensions
(1)
DTA144VKA
0.7
(3)
0.4
!Equivalent circuit
0.15
IN
R1 R2
1.6 2.8
0.95 0.95 1.9 2.9
(2)
0.9
OUT
ROHM : SMT3 EIAJ : SC-59
GND(+) OUT GND(+)
0.3to0.6
0to0.1
(1) Emitter(Source) (2) Base(Gate) (3) Collector(Drain)
Each lead has same dimensions
IN
DTA144VSA
3
4
2
(15Min.)
3Min.
0.45
0.8
1.1
2.5 5
0.5 0.45
ROHM : SPT EIAJ : SC-72
(1) Emitter (2) Collector (3) Base
(1) (2) (3)
Taping specifications
!Absolute maximum ratings (Ta = 25C)
Parameter Supply voltage Input voltage Output current DTA144VUA / DTA144VKA Power dissipation DTA144VSA Junction temperature Storage temperature Symbol VCC VI IO IC(Max.) Pd Tj Tstg Limits -50 -40~+15 -30 -10 200 300 150 -55~+150 Unit V V mA mW C C
!Packaging, marking and packaging specifications
Type Package Marking Packaging code Basic ordering unit (pieces) DTA144VUA UMT3 156 T106 3000 DTA144VKA SMT3 E56 T146 3000 DTA144VSA SPT - TP 5000
!Electrical characteristics (Ta = 25C)
Parameter Input voltage Output voltage Input current Output current DC current gain Input resistance Resistance ratio Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Min. - -6 - - - 33 32.9 0.17 - Typ. - - -0.1 - - - 47 0.21 250 Max. -1 - -0.3 -0.16 -0.5 - 61.1 0.26 - Unit V V mA A - k - MHz Conditions VCC=-5V , IO=-100A VO=-0.3V , IO=-2mA IO=-10mA , II=-0.5mA VI=-5V VCC=-50V , VI=0V IO=-5mA , VO=-5V - - VCE=-10V , IE=5mA , f=100MHz
Transition frequency
Transition frequency of the device.


▲Up To Search▲   

 
Price & Availability of DTA144VKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X