Part Number Hot Search : 
FN429 D4148 A5800582 500000 SEL4027 UAA3500 SEL5755C F0512
Product Description
Full Text Search
 

To Download DTA144EM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
DTA144EM / DTA144EE / DTA144EUA DTA144EKA / DTA144ESA
Digital transistors (built-in resistors)
DTA144EM / DTA144EE / DTA144EUA / DTA144EKA / DTA144ESA
!Features 1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. 3) Only the on/off conditions need to be set for operation, making device design easy. !Equivalent circuit
R1 IN R2
OUT
GND (+)
IN GND (+)
OUT
!Structure PNP digital transistor (Built-in resistor type)
!External dimensions (Units : mm)
DTA144EM
0.2
1.2 0.32
DTA144EE
1.2 0.8
(2) (3) (1)
1.60.2 1.00.1
0.2
0.4 0.4 0.8
+0.1 0.2-0.05 (1)
0.5 0.5
+0.1 0.2-0.05
0.80.1 1.60.2
0.70.1 0.550.1
0.22
(2)
0.5
0~0.1
0.13 0~0.1
ROHM : VMT3 Abbreviated symbol : 16
ROHM : EMT3
+0.1 0.3 -0.05
0.150.05
Abbreviated symbol : 16
DTA144EUA
2.00.2 1.30.1 0.65 0.65 (1) (2)
1.250.1 2.10.1
DTA144EKA
0.90.1 0.2 0.70.1 (1) 0~0.1
2.90.2 1.90.2 0.95 0.95 (2)
1.6+0.2 -0.1 2.80.2
1.1+0.2 -0.1 0.80.1
0.1Min.
0.15Max.
(1) IN (2) GND (3) OUT
(3)
(1) GND (2) IN (3) OUT
0~0.1
(3)
0.1Min.
ROHM : UMT3 EIAJ : SC-70
Abbreviated symbol : 16
ROHM : SMT3 EIAJ : SC-59
0.4 +0.1 -0.05 All terminals have same dimensions
Abbreviated symbol : 16
DTA144ESA
30.2
40.2
20.2
(15Min.)
0.45+0.15 -0.05
3Min.
5
2.5 +0.4 -0.1
0.5
0.45 +0.15 -0.05
ROHM : SPT EIAJ : SC-72
(1) (2) (3)
(1) GND (2) OUT (3) IN
0.3Min.
0.3 +0.1 0.150.05 -0 All terminals have same dimensions
(1) GND (2) IN (3) OUT
(3) +0.1 0.15 -0.06
(1) GND (2) IN (3) OUT
Transistors
!Absolute maximum ratings (Ta=25C)
Parameter Symbol M E VCC VIN IO IC(Max.) Pd Tj Tstg 150
DTA144EM / DTA144EE / DTA144EUA DTA144EKA / DTA144ESA
Limits(DTA144E UA -50 -40~+10 -30 -100 200 150 -55~+150 300 ) KA SA V V mA mW C C
Unit
Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature
!Electrical characteristics (Ta=25C)
Parameter Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Min. - -3.0 - - - 68 32.9 0.8 - Typ. - - -0.1 - - - 47 1 250 Max. -0.5 - -0.3 -0.18 -0.5 - 61.1 1.2 - Unit V V mA A - k - MHz Conditions VCC=-5V, IO=-100A VO=-0.3V, IO=-2mA IO/II=-10mA/-0.5mA VI=-5V VCC=-50V, VI=0V VO=-5V, IO=-5mA - - VCE=-10V, IE=5mA, f=100MHz
Input voltage Output voltage Input current Output current DC current gain Input resistance Resistance ratio Transition frequency
Transition frequency of the device
!Packaging specifications
Package Packaging type Code Basic ordering unit (pieces)
VMT3 EMT3 UMT3 SMT3 SPT
Taping
T2L 8000
Taping
TL 3000 -
Taping
T106 3000 - -
Taping
T146 3000 - - -
Taping
TP 5000 - - - -
Type DTA144EM DTA144EE DTA144EUA DTA144EKA DTA144ESA
- - - -
- - -
- - -


▲Up To Search▲   

 
Price & Availability of DTA144EM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X