Part Number Hot Search : 
TSOP17 NTR4170N D4812 BR401 ADUM5242 OT12N5 BTA212 F1310N
Product Description
Full Text Search
 

To Download DAN801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DAN 801 / DAP 801 (200 mW) Small Signal Diode Arrays Dioden Satze mit Allzweckdioden Nominal power dissipation Nenn-Verlustleistung Repetitive peak reverse voltage Periodische Spitzensperrspannung 9 Pin-Plastic case 9 Pin-Kunststoffgehause Weight approx. - Gewicht ca.
Dimensions / Mae in mm
200 mW 80 V
24 x 3.5 x 6.6 [mm] 0.6 g see page 22 s. Seite 22
Standard packaging: bulk Standard Lieferform: lose im Karton
"DAP": common anodes / gemeinsame Anoden
"DAN": common cathodes / gemeinsame Kathoden
Maximum ratings Type Typ DAN 801 DAP 801 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 80 80
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 80 80
Max. average forward rectified current, R-load, for one diode operation only per diode for simultaneous operation Dauergrenzstrom in Einwegschaltung mit R-Last, fur eine einzelne Diode pro Diode bei gleichzeitigem Betrieb Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle
TA = 25/C
IFAV IFAV IFAV IFAV IFSM
100 mA 1) 25 mA 1) 100 mA 1) 25 mA 1) 500 mA
TU = 25/C
TA = 25/C
1
) Leads kept at ambient temperature at a distance of 3 mm from case Anschludrahte in 3 mm Abstand von Gehause auf Umgebungstemperatur gehalten 28.02.2002
364
DAN 801 / DAP 801 (200 mW) Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Tj TS - 50...+150/C - 50...+150/C
Characteristics Forward voltage Durchlaspannung Leakage current Sperrstrom Reverse recovery time Sperrverzug Tj = 25/C Tj = 25/C IF = 10 mA VR = 20 V VF IR trr RthA
Kennwerte < 1.0 V < 25 nA < 4 ns < 85 K/W 1)
IF = 10 mA through/uber IR = 10 mA to/auf IR = 1 mA
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
) Leads kept at ambient temperature at a distance of 3 mm from case Anschludrahte in 3 mm Abstand von Gehause auf Umgebungstemperatur gehalten 28.02.2002
1
365


▲Up To Search▲   

 
Price & Availability of DAN801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X