Part Number Hot Search : 
A1212 HIRF840 2A103K MJF3055G MUR820 1N3064 W42180 K1906
Product Description
Full Text Search
 

To Download CXG1013N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXG1013N
1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
Description The CXG1013N is a low noise amplifier/down conversion mixer MMIC,designed using the Sony's GaAs J-FET process. Features * Low noise NF=1.8 dB (Typ.) at 1.9 GHz (low noise amplifier) * Low distortion Input IP3=-0.5 dBm (Typ.) at 1.9 GHz (mixer) * Low LO input power operation -12 dBm * Single 3.0V power supply operation * 16-pin SSOP package Applications * Japan digital cordless phone(PHS) * DECT * PCN * PCS Structure GaAs J-FET MMIC SSOP-16P-L01 (Plastic)
Absolute Maximum Ratings (Ta=25 C) * Supply voltage VDD 6 * Operating temperature Topr -35 to +85 * Storage temperature Tstg -65 to +150 * Power dissipation PD 150 * Current consumption IDD(low noise amplifier) 20 IDD(LO amplifier) 10 IDD(mixer,IF amplifier) 20 * Input power PIN +5 Operating Condition * Suppy voltage
V C C mW mA mA mA dBm
3.0
V
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
--1--
E96623-TE
CXG1013N
Electrical Characteristics VDD=3.0 V, fRF=1.9 GHz, fLO=1.66 GHz, PLO=-12 dBm, when 50 k I/O matching; unless otherwise specified (Ta=25 C) Item Current consumption Power gain Low noise Noise figure amplifier Input IP3 Isolation Current consumption Conversion gain Mixer Noise figure Input IP3 LO to RF leak level Total Current consumption Symbol IDD GP NF IIP3 ISO IDD GC NF IIP3 PLK IDD Min. -- 12.5 -- -8 25 -- 7 -- -3 -- -- Typ. 2.5 14.5 1.8 -5 30 5.5 9 7.2 -0.5 -19 8.0 Max. 3.5 16.5 2.6 -- -- 8.0 11 9.2 -- -14 10.0 Unit mA dB dB dBm dB mA dB dB dBm dBm mA Measurement condition When no signal
When no signal
When no signal
Block Diagram
LNA LNA RFIN MIX LOIN LO AMP IF AMP IFOUT MIX RFIN LNA RFOUT
Pin Configuration
1 LNA RFIN NC CAP GND GND LOIN CAP VDD (LO AMP) 16pin SSOP (PLASTIC) 16 LNA RFOUT/VDD (LNA) NC NC GND GND MIX RFIN CAP IF OUT/VDD (MIX, IF AMP)
--2--
CXG1013N
Recommended Circuit
L1 LNA RFIN L2 C1 L3 C2 LNA RFOUT R1 L4 VDD (LNA) C13 C12 C11
1 2 3 4 5
L7 C3
16
15
14
C5
C6
13
12 L5
LOIN L8 C14
6 7 8
L9
11 C15 10 R2 L6
MIX RFIN
9
IFOUT C4 C7 L10 C9 C10 VDD (MIX, IF AMP)
VDD (LO AMP) C8
L1 L2 L3 L4 L5 L6 L7 L8 L9
8.2 nH 10 nH 2.2 nH 2.2 nH 8.2 nH 22 nH 6.8 nH 3.3 nH 10 nH
L10 C1 C2 C3 C4 C5 C6 C7 C8
68 nH 100 pF 100 pF 100 pF 7 pF 1000 pF 10 nF 1000 pF 10 nF
C9 C10 C11 C12 C13 C14 C15 R1 R2
1000 pF 10 nF 100 pF 1000 pF 10 nF 1000 pF 0.1 F 1 k 620
--3--
CXG1013N
Recommended Evaluation Board Front
50mm
LNA RF IN L1 C13 C12 C11 L8 L7C3 L9 C6 L4 C5 L2 C1
C2
LNA RF OUT
L3 R1 L5 L6 MIX RF IN
C9 C7C10 C4 C8
L10
LO IN IF OUT
GND
VDD (LNA)
VDD (LO AMP)
VDD (MIX, IF AMP)
Back
R2 C15 C14
GND
VDD (MIX, IF AMP)
VDD (LO AMP)
VDD (LNA)
Glass fabric-base epoxy 4-layer board(2 x 0.3mm thickness) GND for the 2nd and 3rd layers. --4--
CXG1013N
Example of Representative Characteristics (Ta=25 C)
LNA block POUT,IM3
10
VS.
PIN
10
MIX block POUT,IM3
VS.
PIN
POUT-RF output Power (dBm)
POUT-IF output Power (dBm)
POUT
-10
POUT
-10
-30 IM3 -50
VDD=3.0V fRF1=1.9GHz fRF2=1.9006GHz
-30
IM3
-50
VDD=3.0V fRF1=1.9GHz fRF2=1.9006GHz fLO=1.66GHz PLO=-12dBm
-70
-70
-90 -40
-30
-20
-10
0
-90 -35
-25
-15
-5
5
PIN-RF input power (dBm)
PIN-RF input power (dBm)
MIX block GC,NF
10
VS.
PLO
15 4
MIX block IIP3,PLK
VS.
PLO
-5 -10
GC-Conversion gain(dB)
NF-Noise figure (dB)
IIP3-Input IP3 (dBm)
Gc
8 6 4 2 0 -25
13 11 9 7 5
2
IIP3
VDD=3.0V fRF=1.9GHz fLO=1.66GHz
0 -2
PLK
-15 -20
VDD=3.0V fRF=1.9GHz fLO=1.66GHz
NF
-4 -6 -25
-25 -30
-20
-15
-10
-5
0
5
-20
-15
-10
-5
0
5
PLO-LO input power (dBm)
PLO-LO input power (dBm)
--5--
PLK -LO to RF leak level
(dBm)
CXG1013N
Package Outline
Unit : mm
16PIN SSOP (PLASTIC)
5.0 0.1 + 0.2 1.25 - 0.1 0.1 16 9 A
4.4 0.1
1 + 0.1 0.22 - 0.05
8 0.65 0.12 + 0.05 0.15 - 0.02
0.1 0.1
0 to 10 DETAIL A NOTE: Dimension "" does not include mold protrusion.
PACKAGE STRUCTURE
PACKAGE MATERIAL SONY CODE EIAJ CODE JEDEC CODE SSOP-16P-L01 SSOP016-P-0044 LEAD TREATMENT LEAD MATERIAL PACKAGE WEIGHT EPOXY RESIN SOLDER / PALLADIUM PLATING COPPER / 42 ALLOY 0.1g
--6--
0.5 0.2
6.4 0.2


▲Up To Search▲   

 
Price & Availability of CXG1013N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X