|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CXA2096N Digital CCD Camera Head Amplifier Description The CXA2096N is a bipolar IC developed as a head amplifier for digital CCD cameras. This IC provides the following functions: correlated double sampling, AGC for the CCD signal, A/D sample and hold, blanking, A/D reference voltage, and an output driver. Features * High sensitivity made possible by a high-gain AGC amplifier * Blanking function provided for the purpose of calibrating the CCD output signal black level * Regulator output pin provided for A/D converter reference voltage * Built-in sample-and-hold circuits for camera signals required by external A/D converters Absolute Maximum Ratings * Supply voltage * Operating temperature * Storage temperature * Allowable power dissipation Operating Conditions Supply voltage 24 pin SSOP (Plastic) VCC Topr Tstg PD 11 -20 to +75 -65 to +150 417 V C C mW VCC1, 2, 3 3.0 to 3.6 V Applications DVC/still cameras for consumer use Structure Bipolar silicon monolithic IC Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits. -1- E97449B8Y CXA2096N Block Diagram and Pin Configuration CCDLEVEL AGCCONT ICONT CLPDM GND1 VCC2 VCC1 SHD PIN 24 23 22 21 20 19 18 17 16 15 14 13 BUF SH1 SH2 AGC DC SHIFT OB SW AGC CLP VREF CAM SH OFFSET VRT DRV VRT BLK SW VRB DRV VRB CDS CLP2 DMSW2 SH3 DMSW1 CDS CLP1 POWER SAVE CONT DRV 1 2 3 4 5 6 7 8 9 10 11 12 GND3 VRT DRVOUT -2- OFFSET CLPOB PS VCC3 VRB N.C. GND2 PBLK XRS AGCCLP DIN SHP CXA2096N Pin Description Pin No. 1 3 19 Symbol GND2 GND3 GND1 Pin voltage Equivalent circuit (VCC1, 2, 3 = 3V) Description GND Ground. 60k 1.5V 30k 145 2 PS VTH = 1.5V 2 Power saving mode. 10A 5k IOFFSET 25A 0 to 50A 200A 25A 2k VRB = 1.35V 50A 50A 4 DRVOUT VRB to VRB + 100mV Driver output for A/D converter capable of DC coupling. Dynamic range = 1Vp-p. 145 4 ICONT 3.2 to 6.4mA CAM signal 48 5 16 23 VCC3 VCC1 VCC2 VCC Power supply. -3- CXA2096N Pin No. 6 Symbol N.C. Pin voltage Equivalent circuit Description No connection; normally ground. 1.35V regulator output. Be sure to decouple this pin near the IC pins to prevent the oscillation and external noise when this pin is not used. (Recommended capacitor value: 4.7F) 2.35V regulator output. Be sure to decouple this pin near the IC pins to prevent the oscillation and external noise when this pin is not used. (Recommended capacitor value: 4.7F) 200 16.5k 145 7 VRB 1.35V 1.35V 7 13.5k 110A 30k 30k 6.5k 145 2.35V 8 23.5k 55 55 220 200 8 VRT 2.35V 50k 50k 30k 2k Controls the output offset. When 3V: VRB When 1.5V: VRB + 100mV When 0V (preset mode): VRB + 35mV 9 OFFSET 1.5 to 3V & 0V 1.85V 1.5k 3k 25k 30k VRB 50A 145 50A 50A 9 30k Camera signal preblanking pulse input. 145 VTH = 1.85V 10 PBLK Active: Low 1.85V 30k 10 30k 50A Active when Low. Calibrates the black level of the AGC output waveform. When PBLK is Low, the DRVOUT potential is forced to VRB. -4- CXA2096N Pin No. Symbol Pin voltage Equivalent circuit Description 40A 770A 145 VTH = 0.68V 11 XRS 0.68V 24k 11 Camera signal sample-and-hold pulse input. 7k Sampling 97 30k VTH = 1.5V 12 CLPOB 1.5V 30k 145 12 30k Active: Low 50A Clamp pulse used to clamp the optical black portion of the camera signal after it passes through the AGC amplifier. 5k 5k 3k 145 13 AGCCLP Approx. 1.3V 145 50k 3k 13 AGC clamp capacitor. (Recommended value: 0.1F) 3.3k 3.3k 145 AGC gain control. 14 14 AGCCONT 1.5 to 3.0V 3.4k 2.14V 3.4k 3.4k 2.29V 3.4k When 1.5V: -1dB (Minimum gain) When 3.0V: 31.5dB (Maximum gain) ICONT 300A 100A 300A 100A 200A 200A -5- CXA2096N Pin No. Symbol Pin voltage Equivalent circuit Description 100A 15 CCD signal black level of CCDLEVEL DIN input approx. 2.2V 15 500 Enables monitoring of the SH3 output camera signal. 340 17 SHP VTH = 0.65V 20A 36k 365A 145 17 Preset level sampleand-hold pulse input. 0.65V 18 10k 18 SHD Sampling Data level sampleand-hold pulse input. VTH = 1.5V 20 CLPDM 1.5V 30k 145 20 30k Clamp pulse used to clamp the dummy pixel portion of the input CCD signal. Active: Low 50A 145 21 15A 15A 23k 14k 7k 2k 21 22 PIN DIN Black level approx. 2.1V 22 145 CCD signal input. 2k 200A 50A 15k 145 2.25V 24 6k 45k 100A 6k DRVOUT output waveform rise time control. When 1.5V: Maximum rise time When 3V: Minimum rise time 24 ICONT 1.5 to 3V -6- CXA2096N Electrical Characteristics Item Symbol Conditions AGCCONT = 1.5V, open between VRT and VRB PS = 3V, ICONT = 3V PS = 0V DIN = 1s, 20mVp-p pulse AGCCONT = 3V, ICONT = 3V DIN = 1s, 500mVp-p pulse AGCCONT = 1.5V, ICONT = 3V A CON max. - A CON min. (Ta = 25C, VCC1, 2, 3 = 3V) Min. 25.1 0 28.5 -- 27.1 Typ. 37.1 1.8 31.3 -0.8 32.1 Max. Unit 49.0 4.2 -- 1.4 -- dB PS = OFF Current (PS indicates IDC consump Power Save) -tion PS = ON IDP Maximum gain Minimum gain A CONT max. A CONT min. mA AGC Range of gain AGC G variance Dynamic range maximum Dynamic range typical Offset high AGCmax. AGCCONT = 3V D DRVOUT output signal at saturation level AGCTYP. D CAOF high CAOF low CAOF pre VRTO VRBO VR BLKOF SH3 D AGCCONT = 2V DRVOUT output signal at saturation level OFFSET = 1.5V OFFSET = 3.0V OFFSET = 0V With a 400 load With a 400 load With a 400 load BLKOF (PBLK = 3V) - BLKOF (PBLK = 0V) DIN = 1s, 1Vp-p pulse 800 970 -- mV 900 960 -- 80 -- 25 2300 1300 950 -15 600 98 2 34 2340 1353 988 9 790 -- 5 40 2400 1400 1050 30 -- mV mV mV mV DRV Offset low Offset preset VRT DC level REF VRB DC level VRT - VRG BLK SH3 Offset Dynamic range -7- CXA2096N Electrical Characteristics Measurement Circuit AC V2 V1 1.5 to 3V VCC2 3V C1 1F C2 1F PL1 PL2 PL3 VCC1 3V V3 1.5 to 3V CCDLEVEL AGCCONT C3 0.1F VCC2 PIN 24 23 22 21 20 19 18 17 16 15 14 13 BUF SH1 SH2 AGC DC SHIFT OB SW AGC CLP VREF CAM SH OFFSET VRT DRV VRT BLK SW VRB DRV VRB CDS CLP2 DMSW2 SH3 DMSW1 CDS CLP1 POWER SAVE CONT DRV 1 2 3 4 5 6 7 8 9 10 11 12 VRT OFFSET L SW1 H V6 3V DRVOUT R2 22 R3 10k V5 1.85V VCC3 3V R1 400 SW2 C5 4.7 C6 40pF C4 4.7 V4 0 to 3V CLPOB VRB PBLK GND2 VCC3 GND3 XRS N.C. PS AGCCLP ICONT CLPDM GND1 VCC1 SHD DIN SHP PL6 PL5 PL4 GND SW1 H L POWER SAVE OFF ON -8- CXA2096N Measurement Timing Chart 2s 1H 2.5V PL4 (CLPOB) 2s 1H GND 2.5V PL1 (CLPDM) GND 2.5V PL6 (PBLK) GND 1H V2 (DIN) Different for each test Equivalent to CCD signal black level PL2 (SHD) PL3 (SHP) PL5 (XRS) 2.5V GND -9- CXA2096N Application Circuit CCD CLPDM VICONT 1.5 to 3V VCC SHD SHP VCC VAGCCONT 1.5 to 3V CCDLEVEL 0.1F VCC2 PIN 24 23 22 21 20 19 18 17 16 15 14 13 BUF SH1 SH2 AGC DC SHIFT OB SW AGC CLP VREF CAM SH OFFSET VRT DRV VRT BLK SW VRB DRV VRB CDS CLP2 DMSW2 SH3 DMSW1 CDS CLP1 POWER SAVE CONT DRV 1 2 3 4 5 6 7 8 9 10 11 12 OFFSET DRVOUT 22 3V VCC 4.7 A/D IN VRB A/D VRT 4.7F GND VOFFSET PBLK 0 to 3V XRS CLPOB Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same. - 10 - CLPOB VRB PBLK GND2 VCC3 GND3 VRT XRS N.C. PS AGCCLP ICONT CLPDM 1F 1F VCC1 DIN AGCCONT GND1 SHD SHP CXA2096N Description of Operation Refer to the Block Diagram. Operating Conditions The camera signal processing system operates when PS is High. Timing Chart (when VCC = 3V) Idle transfer interval Signal interval Precharge level CCD output OPB interval Signal interval Signal level SHP SHD SH1 output SH2 output SH3 output CLPDM (2 dummy bit portion during the idle transfer interval) AGC output SH3 output -SH2 output Basic black level [3] XRS CLPOB (2 during the OPB interval) 2s 2.1V [1] [2] 2.1V 2s Black level 0.65V x (-N) CAMSH output 0.65V PBLK (10 during the idle transfer interval) 10s BLK SW output 1.35V [4] DRVOUT output [5] Approx. VRB + 35mV when OFFSET = 0V Approx. VRB + 100mV when OFFSET = 1.5V Applox. VRB when OFFSET = 3V - 11 - CXA2096N CDS (SH1, SH2, SH3): The CCD signal from the CCD image sensor is input to PIN and DIN where correlated double sampling (CDS) is performed by SH1, SH2 and SH3. The precharge level of the CCD output signal is sampled, held and output by the SH2 output, and the signal level is sampled, held and output by the SH3 output. SH1 and SH2 are the sample-and-hold circuits for the precharge level; SH3 is the sample-and-hold circuit for the signal level. CDSCLP 1, 2: CDSCLP1 and 2 stabilize the input signal DC level, clamp (CLPDM) the input signal during the idle transfer interval for the purpose of eliminating the AGC input offset, and adjust the DC level ([1], [2]) of SH2 and SH3 in line with VREF. CDSCLP1 is the clamp circuit for the precharge level, and CDSCLP2 is the clamp circuit for the signal level. AGC: AGC is the gain control amplifier for the camera signal. The gain can be varied from -1 to +31dB by adjusting the AGCCONT voltage control VAGCCONT from 1.5 to 3.0V. CAM SH: CAM SH is the sample-and-hold circuit for synchronizing the data read-in timing for the external A/D. Sampling is possible according to the approximately 10ns sampling pulse width input to XRS. AGCCLP: The basic black level is set ([3]) by clamping the AGC output waveform with the CLPOB clock during the OPB interval. When PBLK is High and CLPOB is Low, the clamping circuit operates, adjusting the AGCCLP current so that the DRVOUT potential equals the OFFSET potential (which is determined by the voltage applied to the OFFSET pin), thus setting the AGCCLP potential. The AGCCLP capacitance is connected to the AGCCLP pin. DC SHIFT: This circuit functions when AGCCLP operates, following the AGCCLP potential and forcing a DC shift of the AGC output waveform OPB interval to the basic black level. When AGCCLP is not operating, the basic black level is maintained at its previous setting. BLK SW: The black level is calibrated by blanking the black level signal of the AGC output waveform so that it does not fall below the basic black level and replacing the DC potential with VRB. ([4]) The signal is blanked when PBLK is Low. OFFSET: OFFSET controls the DRV output waveform black level offset. The offset of the DRVOUT camera signals can be adjusted when a voltage is applied to OFFSET. ([5]) The voltage controlled by OFFSET is output as the DRV output DC offset via AGCCLP, DCSHIFT, CAMSH and BLKSW. When the OFFSET voltage is 1.5 to 3.0V, DRVOUT DC can vary in a linear fashion from VRB + 100mV to VRB. In addition, when the OFFSET voltage is 0V, DRVOUT DC is preset to VRB + 35mV. - 12 - CXA2096N DRV: DRV drives the external A/D. The current that flows to the last-stage amplifier in DRV is controlled by applying voltage to the ICONT pin, making it possible to adjust the rise time of the output waveform, which affects the external A/D load capacitance. The variable range is 1.5 to 3V, with 1.5V yielding the maximum and 3V yielding the minimum. The optimum rise time for the external A/D input capacitance can be selected. VRTDRV, VRBDRV: These are the external A/D reference voltage drivers. These circuits are connected to A/D VRT and VRB, supplying 2.35V and 1.35V, respectively, when VCC is 3V. The IC's internal primary voltage is also generated on the basis of the VRT and VRB voltage. (VRB, VB and VCENT) POWER SAVE CONTROL: The PS pin is the power save pin; the operating state is enabled when this pin is High, while the power saving function operates when it is Low. - 13 - CXA2096N Characteristics Graphs AGCCONT control supply voltage characteristics VAGCCONT vs. Gain 35 30 Tc = 27C VCC = 3V VCC = 3.15V VCC = 3.6V OFFSET control supply voltage characteristics VOFFSET vs. OFFSET 140 Tc = 27C 120 100 Gain [dB] OFFSET [mV] 20 80 10 60 0 -4 1.5 2.0 2.5 VAGCCONT [V] 3.0 3.5 40 20 VCC = 3.6V VCC = 3V (VRB =) 0 0 1.0 2.0 VOFFSET [V] 3.0 3.5 AGCCONT control temperature characteristics AGCCONT vs. Gain 35 30 VCC = 3.0V Tc = -20C Tc = +27C Tc = +75C OFFSET control temperature characteristics VOFFSET vs. OFFSET VCC = 3.0V Tc = -20C Tc = +27C Tc = +75C 150 OFFSET [mV] Gain [dB] 20 100 10 50 0 -4 1.5 2.0 2.5 3.0 AGCCONT [V] (VRB =) 0 0 1.0 2.0 3.0 VOFFSET [V] - 14 - CXA2096N Maximum signal amplitude temperature characteristics (Max. gain) Tc vs. Vout VCC = 3.0V, AGCCONT = 3.0V Input amplitude DIN = 28mVp-p Input amplitude DIN = 24mVp-p Input amplitude DIN = 21mVp-p Maximum signal amplitude temperature characteristics (Min. gain) Tc vs. Vout VCC = 3.0V, AGCCONT = 1.5V Input amplitude DIN = 870mVp-p Input amplitude DIN = 800mVp-p Input amplitude DIN = 750mVp-p Input amplitude DIN = 700mVp-p Input amplitude DIN = 600mVp-p 0.9 Gain temperature characteristics from -20 to +100C DIN = 28mVp-p +0 30.99 -0.23 dB 0.8 Vout [Vp-p] 1.0 30.99dB 30.99dB DIN = 24mVp-p +0 31.41 -0.38 dB 0.9 31.41dB 31.41dB DIN = 21mVp-p +0 31.45 -0.33 dB 0.8 31.45dB 31.45dB 31.12dB 30.76dB Vout [Vp-p] DIN = 870mVp-p DIN = 800mVp-p 0.7 DIN = 750mVp-p DIN = 700mVp-p 31.03dB 0.6 DIN = 600mVp-p 0.53 -20 0.75 -20 0 50 Tc [C] 100 0 50 Tc [C] 100 VRT, VRB, VRT - VRB temperature characteristics Tc vs. VRT, VRB, VRT - VRB 2.4 VRT 2.2 VRT, VRB, VRT - VRB [V] 2.0 VCC = 3.0V 1.8 1.6 1.4 1.2 1.0 0.8 -20 VRT - VRB VRB 0 20 Tc [C] 40 60 80 - 15 - CXA2096N Package Outline Unit: mm 24PIN SSOP(PLASTIC) + 0.2 1.25 - 0.1 7.8 0.1 0.1 13 24 A 1 b 12 0.13 M B 0.65 5.6 0.1 + 0.05 0.15 - 0.02 0.5 0.2 DETAIL B : SOLDER 0 to 10 (0.15) 0.1 0.1 (0.22) b=0.22 0.03 DETAIL B : PALLADIUM NOTE: Dimension "" does not include mold protrusion. DETAIL A PACKAGE STRUCTURE PACKAGE MATERIAL EPOXY RESIN SOLDER/PALLADIUM PLATING 42/COPPER ALLOY 0.1g LEAD TREATMENT LEAD MATERIAL PACKAGE MASS SONY CODE EIAJ CODE JEDEC CODE SSOP-24P-L01 SSOP024-P-0056 NOTE : PALLADIUM PLATING This product uses S-PdPPF (Sony Spec.-Palladium Pre-Plated Lead Frame). - 16 - + 0.03 0.15 - 0.01 + 0.1 b=0.22 - 0.05 7.6 0.2 |
Price & Availability of CXA2096 |