Part Number Hot Search : 
90SQ040 PTZ24B IAS012YG AK5534 MJE2102 W1910 21210 12N50
Product Description
Full Text Search
 

To Download CDBA340 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Schottky Barrier Rectifier
COMCHIP
www.comchip.com.tw
CDBA320 Thru CDBA3100
Reverse Voltage: 20 - 100 Volts Forward Current: 3.0 Amp
Features
DO-214AC (SMA)
Ideal for surface mount applications Easy pick and place Plastic package has Underwriters Lab. flammability classification 94V-0 Built-in strain relief Low forward voltage drop
0.067(1.70) 0.051(1.29) 0.180(4.57) 0.160(4.06)
0.110(2.79) 0.086(2.18)
Mechanical data
0.091(2.31) 0.067(1.70)
0.012(0.31) 0.006(0.15)
Case: JEDEC DO-214AC molded plastic Terminals: solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting position: Any Approx. Weight:0.064 gram
0.059(1.50) 0.035(0.89)
0.209(5.31) 0.185(4.70)
0.008(0.20) 0.004(0.10)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characterics
Parameter
Max.Repetitive Peak Reverse Voltage Max. DC Blocking Voltage Max. RMS Voltage Peak Surge Forward Current 8.3ms single half sine-wave superimposed on rate load ( JEDEC method ) Max. Average Forward Current Max. Instantaneous Forward Current at 3.0 A Max. DC Reverse Current at Rated DC Blocking Voltage Ta=25 C Ta=100 C Max. Thermal Resistance (Note 1) Operating Junction temperature Storage Temperature R R
JA JL
Symbol
VRRM VDC VRMS IFSM
CDBA320
CDBA340
CDBA360
CDBA3100
Unit
V V V A
20 20 14
40 40 28
60 60 42
100 100 70
80
Io VF IR 20 0.50
3.0 0.75 0.85
A V mA 10
0.5
50 10 -50 to +125 -65 to +150
C/W
C C
Tj TSTG
Note 1: Thermal resistance from junction to ambient and junction to to lead P.C.B. Mounted on 0.2 x 0.2 copper pad areas
MDS0208009B
Page 1
SMD Schottky Barrier Rectifier
COMCHIP
www.comchip.com.tw
Rating and Characteristic Curves (CDBA320 Thru CDBA3100)
Fig. 1 - Reverse Characteristics
100 100
CDBA340-360
Fig.2 - Forward Characteristics
Reverse Current ( mA )
Forward Current ( A )
10
10
CDBA360 CDBA380-3100
1
1
Tj=75 C
0.1
0.1
Tj=25 C
0.01 0.01
Tj=25 C Pulse width 300uS 4% duty cycle
0
20
40
60
80
100 120 140 160 180 200
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 Forward Voltage (V)
1.9 2.1
Percent of Rated Peak Reverse Voltage (%)
Fig. 3 - Junction Capacitance
700
Fig. 4 - Current Derating Curve
Junction Capacitance (pF)
500 400 300 200 100 0 0.01
Average Forward Current ( A )
600
=1MHz and applied 4VDC reverse voltage
3.0 2.5
CD BA CD
2.0
1.5 1.0 0.5 0
36
BA 32 0-3 40
0-3 10 0
0.1
1.0
10
100
20
40
60
80
100
120
140
160
Reverse Voltage (V)
Ambient Temperature ( C)
Fig. 5 - Non-Repetitive Forward Surge Current
Peak surge Forward Current ( A )
100
8.3mS Single Half Sine Wave JEDEC methode
80
60
Tj=25 C
40
20 0
1 5 10 50 1 00
Number of Cycles at 60Hz
MDS0208009B
Page 2


▲Up To Search▲   

 
Price & Availability of CDBA340

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X