Part Number Hot Search : 
IRFZ3 MX7847BQ SCD55104 TMEGA1 350GE321 A13DC FBR610 IRFZ3
Product Description
Full Text Search
 

To Download BD535 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BD533/5/7 BD534/6/8
COMPLEMENTARY SILICON POWER TRANSISTORS
s
BD534, BD535, BD536, BD537 AND BD538 ARE SGS-THOMSON PREFERRED SALESTYPES
DESCRIPTION The BD533, BD535, and BD537 are silicon epitaxial-base NPN power transistors in Jedec TO-220 plastic package, intented for use in medium power linear and switching applications. The complementary PNP types are BD534, BD536, and BD538 respectively. TO-220
1
2
3
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter NPN PNP V CBO V CES V CEO V EBO I C, I E IB P t ot T stg Tj Collector-Base Voltage (IE = 0) Collector-Emitter Voltage (V BE = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector and Emitter Current Base Current Total Dissipation at T c 25 C
o
Value BD533 BD534 45 45 45 BD535 BD536 60 60 60 5 8 1 50 -65 to 150 150 BD537 BD538 80 80 80
Uni t
V V V V A A W
o o
Storage Temperature Max. O perating Junction Temperature
C C
For PNP types voltage and current values are negative.
June 1997
1/4
BD533/BD534/BD535/BD536/BD537/BD538
THERMAL DATA
R t hj-ca se R t hj- amb Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max Max 2.5 70
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symb ol I CBO Parameter Collector Cut-off Current (IE = 0) Collector Cut-off Current (V BE = 0) Emitter Cut-off Current (I C = 0) Test Cond ition s for BD533/534 for BD535/536 for BD537/538 for BD533/534 for BD535/536 for BD537/538 V EB = 5 V I C = 100 mA for BD533/534 for BD535/536 for BD537/538 I B = 0.2 A I B = 0.6 A V CE = 2 V V CE = 5 V for BD533/534 for BD535/536 for BD537/538 V CE = 2 V V CE = 2 V for BD533/534 for BD535/536 for BD537/538 V CE = 1 V 20 20 15 40 25 25 15 3 12 MHz 45 60 80 0.8 0.8 1.5 V CB = 45 V V CB = 60 V V CB = 80 V V CE = 45 V V CE = 60 V V CE = 80 V Min. Typ . Max. 100 100 100 100 100 100 1 Un it A A A A A A mA V V V V V V
I CES
I EBO
V CEO(sus ) Collector-Emitter Sustaining Voltage (IB = 0) V CE(sat ) V BE h FE Collector-Emitter Saturation Voltage Base-Emitter Voltage DC Current G ain
IC = 2 A IC = 6 A IC = 2 A I C = 10 mA
I C = 500 mA IC = 2 A
fT
Transition frequency
I C = 500 mA
Pulsed: Pulse duration = 300 s, duty cycle 1.5 % For PNP types voltage and current values are negative.
Safe Operating Areas
2/4
BD533/BD534/BD535/BD536/BD537/BD538
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
P011C
3/4
BD533/BD534/BD535/BD536/BD537/BD538
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada- China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A . ..
4/4


▲Up To Search▲   

 
Price & Availability of BD535

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X