Part Number Hot Search : 
BCR22PN SC454 TLN117B 1N542 MLL5222 2SB824 BLU11SL PC929
Product Description
Full Text Search
 

To Download BCX53-10-AK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ISSUE 3 - FEBRUARY 1996 COMPLEMENTARY TYPE - 7 BCX51 - BCX54 BCX52 - BCX55 BCX53 - BCX56 BCX53 - AH BCX53-10 - AK BCX53-16 - AL
BCX51 BCX52 BCX53
C
PARTMARKING DETAILS - BCX51 - AA BCX51-10 - AC BCX51-16 - AD BCX52 - AE BCX52-10 - AG BCX52-16 - AM E C B
SOT89 SYMBOL V CBO V CEO V EBO I CM IC P tot T j:T stg BCX51 -45 -45 BCX52 -60 -60 -5 -1.5 -1 1 -65 to +150 BCX53 -100 -80 UNIT V V V A A W C
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Power Dissipation at T amb=25C Operating and Storage Temperature Range
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage BCX53 BCX52 BCX51 SYMBOL V (BR)CBO MIN. -100 -60 -45 -80 -60 -45 -5 -0.1 -20 -20 -0.5 -1.0 25 40 25 63 100 150 25 TYP. MAX. UNIT CONDITIONS. V V V V I C =-100A I C =-100A I C =-100A I C =-10mA* I C =-10mA* I C =-10mA* I E =-10A V CB =-30V V CB =-30V, T amb =150C V EB =-4V I C =-500mA, I B =-50mA* I C =-500mA, V CE =-2V* IC IC IC IC IC MHz pF =-5mA, V CE =-2V* =-150mA, V CE =-2V* =-500mA, V CE =-2V* =-150mA, V CE =-2V* =-150mA, V CE =-2V*
Collector-Emitter BCX53 Breakdown BCX52 Voltage BCX51 Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio
V (BR)CEO
V (BR)EBO I CBO I EBO V CE(sat) V BE(on) h FE -10 -16
V A A nA V V
250 160 250
Transition Frequency Output Capacitance
fT C obo
I C =-50mA, V CE =-10V, f=100MHz V CB =-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2%
3 - 34


▲Up To Search▲   

 
Price & Availability of BCX53-10-AK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X