Part Number Hot Search : 
IN74180 100H6 RF3710 SMD32PT 768KHZ W0603 209EGW TLP798G
Product Description
Full Text Search
 

To Download BAV99S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAV 99S
Silicon Switching Diode Array * For high-speed switching applications * Connected in series * Internal (galvanic) isolated Diodes in one package
4 5 6
2 1
3
VPS05604
Type BAV 99S
Marking Ordering Code A7s Q62702-A1277
Pin Configuration
Package
1/4 = A1 2/5 = C2 3/6=C1/A2 SOT-363
Maximum Ratings Parameter Diode reverse voltage Peak reverse voltage Forward current Surge forward current, t = 1 s Total power dissipation, T S = 85 C Junction temperature Storage temperature Symbol Value 70 70 200 4.5 250 150 65 ...+150 mA A mW C Unit V
VR VRM IF I FS Ptot Tj T stg
Thermal Resistance Junction - ambient
1)
RthJA RthJS
530 260
K/W
Junction - soldering point
1) Package mounted on epoxy pcb 40mm x 40mm x 1.5mm / 0.5cm2 Cu Semiconductor Group Semiconductor Group 11
Apr-27-1998 1998-11-01
BAV 99S
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol Values min. DC characteristics Breakdown voltage typ. max. -
Unit
V(BR) VF
70
V mV
I (BR) = 100 A
Forward voltage
I F = 1 mA I F = 10 mA I F = 50 mA I F = 150 mA
Reverse current
-
-
715 855 1000 1250 2.5 A nA
IR IR
-
VR = 70 V
Reverse current
VR = 25 V, TA = 150 C VR = 70 V, TA = 150 C
AC characteristics Diode capacitance
-
-
30 50
CD t rr
-
-
1.5 6
pF ns
VR = 0 V, f = 1 MHz
Reverse recovery time
I F = 10 mA, I R = 10 mA, R L = 100 ,
measured at IR = 1mA
Test circuit for reverse recovery time
D.U.T.
F
Oscillograph
EHN00019
Pulse generator: tp = 100ns, D = 0.05, t r = 0.6ns, R i = 50
Oscillograph: R = 50, tr = 0.35ns, C 1pF
Semiconductor Group Semiconductor Group
22
Apr-27-1998 1998-11-01
BAV 99S
Forward current IF = f (TA*;TS) * Package mounted on epoxy
Forward current IF = f V F)
TA = 25C
BAV 99 EHB00076
300
1
150
mA
F mA
IF
200
100
TS
150
typ
max
TA
100
50
50
0 0
20
40
60
80
100
120 C
150
0
0
0.5
1.0
V
1.5
TA,TS
VF
Permissible Pulse Load R thJS = f(t p)
Permissible Pulse Load
IFmax / IFDC = f(tp)
10 3 10 2
K/W
IFmax / IFDC
-
RthJS
10 2
10 1
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
Semiconductor Group Semiconductor Group
33
Apr-27-1998 1998-11-01
BAV 99S
Forward voltage V F = f (TA)
Reverse current IR = f (TA)
1.0
BAV 99
EHB00078
VF
V
F = 100 mA
R
10 5 nA
BAV 99
EHB00075
V R = 70 V
10 4
10 mA 1 mA 0.1 mA
5
max. 70V
0.5
10 3 5
25 V 10 2 5 typ.
0
0
50
100
C TA
150
10 1
0
50
100
C
150
TA
Semiconductor Group Semiconductor Group
44
Apr-27-1998 1998-11-01


▲Up To Search▲   

 
Price & Availability of BAV99S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X