Part Number Hot Search : 
LA7391A 1N747C FMM5829X 00080 80N06 MMBZ525 7MBR2 STR30110
Product Description
Full Text Search
 

To Download BA6892 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optical disc ICs
4-channel H-bridge type BTL driver for CD players
BA6892FP
The BA6892FP is a 4-channel H-bridge BTL driver for CD players. Independent power supplies for each predriver and power driver assure efficient operation at low voltages. Each channel is independently mutable. FApplications CD players, CD-ROM drives and other optical disc devices FFeatures 1) 4-channel BTL driver in a HSOP 28-pin package, ideal for application miniaturization. 2) Wide dynamic range. 3) Driver gain is adjustable with an attached resistor.
4) Independent power supply for each preamplifier and power amplifier, for drives that operate efficiently on low voltages. 5) Power amplifier current drops to an extremely low level when the preamplifier power supply is lowered, allowing for a standby mode.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)
445
Optical disc ICs
FBlock diagram
BA6892FP
446
Optical disc ICs
FPin descriptions
BA6892FP
447
Optical disc ICs
FInput / output circuits
BA6892FP
448
Optical disc ICs
BA6892FP
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCCPRE = VCCPOW = 4V, BIAS = 2V, RL = 8, RIN = 9.1k)
449
Optical disc ICs
FMeasurement circuit
BA6892FP
450
Optical disc ICs
BA6892FP
451
Optical disc ICs
FApplication example
BA6892FP
452
Optical disc ICs
FOperation notes (1) The BA6892FP has an internal thermal shutdown circuit. Output current is muted when the chip temperature exceeds 175_C (typically) and restored when the chip temperature falls to 150_C (typically). (2) The mute pin operates normally when open and at the LOW level (below 0.5V), but mutes the output when raised to the HIGH level (above 2V). A high impedance is output during muting. The mute pin functions independently for each channel. (3) Dead zone width is determined as follows: Dead zone width = input resistance (attached resistor + FElectrical characteristic curves
BA6892FP
internal input resistor 1k) 0.2A Dead zone width various according to the gain setting as defined in the preceding equation. Example: When attached input resistor = 9.1k, VDB = (9.1k+1k) 0.2 2mV Output pins output high impedance in a dead zone equal to AmV (total for positive and negative). (4) Be sure to connect the IC to a 0.1F bypass capacitor to the power supply, at the base of the IC. (5) Connect the radiating fin to an external ground.
453
Optical disc ICs
FExternal dimensions (Units: mm)
BA6892FP
454


▲Up To Search▲   

 
Price & Availability of BA6892

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X