Part Number Hot Search : 
2N6585 RFBC4 AD1585B LA8633V BTA316 Q6704 N4937 BU2508
Product Description
Full Text Search
 

To Download BA1450S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Audio ICs
AM radio / FM IF stereo system IC
BA1450S
The BA1450S is a tuner system IC for electronic tuning for AM radios, FM IF, and MPX. It has been developed for Hi-Fi component applications. The MPX VCO circuit requires no adjustment, which will enable a reduction in the number of production line processes. In particular, the laser lock technique used in the VCO means that no external adjustment is required.
FApplications Synthesized tuner for Hi-Fi components. FFeatures 1) Built-in AM monaural radio, FM IF amplifier / detector, and FM stereo demodulator. 2) DTS (both SD and IF count) compatible. 3) Built-in reference voltage power supply provides good shortwave band frequency stability. 4) Good FM stability. 5) The FM MPX VCO uses laser locking making adjustment and external components unnecessary. FAbsolute maximum ratings (Ta = 25_C)
6) Built-in forced monaural operation function for MPX (VCO stops, and LED goes off). 7) Low cutoff of audio is possible to improve AM fidelity. 8) MPX VCO stops in AM mode. 9) Audio muting is possible when an IF request is made.
FRecommended operating conditions (Ta = 25_C)
295
Audio ICs
FBlock diagram
BA1450S
296
Audio ICs
FInput / output circuits
BA1450S
297
Audio ICs
BA1450S
298
Audio ICs
BA1450S
299
Audio ICs
BA1450S
300
Audio ICs
FElectrical characteristics (unless otherwise noted, Ta = 25_C and VCC = 5V) FM IF MPX signal source: fIN = 10.7MHz, modulation 1kHz, 75kHzdev (100%) FM IF MPX signal source fIN = 10.7MHz, modulation 19kHz 7.5kHzdev (10%) IF MPX signal sourceAM: fIN = 1000kHz, modulation 1kHz 30%
BA1450S
301
Audio ICs
FMeasurement circuit
BA1450S
302
Audio ICs
FApplication example
BA1450S
FElectrical characteristics curves
303
Audio ICs
BA1450S
FExternal dimensions (Units: mm)
304


▲Up To Search▲   

 
Price & Availability of BA1450S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X