Part Number Hot Search : 
NJU7370F 00150 B013B1 2SC900 111GTCN DG381B SG307 1J050
Product Description
Full Text Search
 

To Download AMS1082 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Monolithic Systems
FEATURES
* Three Terminal Adjustable or Fixed 1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V * Output Current of 10A * Operates Down to 1V Dropout * Line Regulation: 0.015% * Load Regulation: 0.1% * TO-220 and TO-263 packages available
AMS1082
10A LOW DROPOUT VOLTAGE REGULATORS
APPLICATIONS
* High Efficiency Linear Regulators * Post Regulators for Switching Supplies * Microprocessor Supply * Battery Chargers * Constant Current Regulators * Notebook/Personal Computer Supplies * Portable Instrumentation
GENERAL DESCRIPTION
The AMS1082 series of adjustable and fixed voltage regulators are designed to provide 10A output current and to operate The down to 1V input-to-output differential. The dropout voltage of the device is guaranteed maximum 1.5V at maximum output current, decreasing at lower load currents. On-chip trimming adjusts the reference voltage to 1%. Current limit is also trimmed, minimizing the stress under overload conditions on both the regulator and power source circuitry. The AMS1082 devices are pin compatible with older three-terminal regulators and are offered in 3 lead TO-220 package and 3 lead TO-263 (Plastic DD).
ORDERING INFORMATION:
PACKAGE TYPE 3 LEAD TO-220 AMS1082CT AMS1082CT-1.5 AMS1082CT-2.5 AMS1082CT-2.85 AMS1082CT-3.0 AMS1082CT-3.3 AMS1082CT-3.5 AMS1082CT-5.0 3 LEAD TO-263 AMS1082CM AMS1082CM-1.5 AMS1082CM-2.5 AMS1082CM-2.85 AMS1082CM-3.0 AMS1082CM-3.3 AMS1082CM-3.5 AMS1082CM-5.0 OPERATING JUNCTION TEMPERATURE RANGE 0 to 125 C 0 to 125 C 0 to 125 C 0 to 125 C 0 to 125 C 0 to 125 C 0 to 125 C 0 to 125 C
FRONT VIEW
TAB IS OUTPUT
3 2 1
PIN CONNECTIONS
FIXED VERSION 1- Ground 2- VOUT 3- VIN ADJUSTABLE VERSION 1- Adjust 2- VOUT 3- VIN
TAB IS OUTPUT
FRONT VIEW 3 2 1
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS1082
ABSOLUTE MAXIMUM RATINGS (Note 1)
Power Dissipation Internally limited Input Voltage 15V Operating Junction Temperature Range Control Section 0C to 125C Power Transistor 0C to 150C Storage temperature - 65C to +150C Soldering information Lead Temperature (10 sec) Thermal Resistance TO-220 package TO-263 package 300C JA= 50C/W JA= 30C/W *
* With package soldering to 0.5in2 copper area over backside ground plane or internal power plane JA can vary from 20C/W to >40C/W depending on mounting technique.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT = 0 mA, and TJ = +25C unless otherwise specified. Parameter
Reference Voltage (Note 2) Output Voltage (Note 2)
Device
AMS1082 AMS1082-1.5 AMS1082-2.5 AMS1082-2.85 AMS1082-3.0 AMS1082-3.3 AMS1082-3.5 AMS1082-5.0
Conditions
IOUT = 10 mA 10mA IOUT 10A, 1.5V (VIN - VOUT) 12V 0 IOUT 10A , 3V VIN 12V 0 IOUT 10A , 4V VIN 12V 0 IOUT 10A , 4.35V VIN 12V 0 IOUT 10A , 4.5V VIN 12V 0 IOUT 10A , 4.75V VIN 12V 0 IOUT 10A, 5V VIN 12V 0 IOUT 10A , 6.5V VIN 12V ILOAD = 10 mA , 1.5V (VIN - VOUT) 12V (VIN - VOUT) =3V, 10mA IOUT 10A VIN = 5V, 0 IOUT 10A VIN = 5V, 0 IOUT 10A VIN = 5V, 0 IOUT 10A VIN = 5V, 0 IOUT 10A VIN = 5V, 0 IOUT 10A VIN = 5.25V, 0 IOUT 10A VIN = 8V, 0 IOUT 10A VOUT , VREF = 1%, IOUT = 8 A (Note 4)
Min
1.238 1.225 1.485 1.470 2.475 2.450 2.820 2.790 2.970 2.940 3.267 3.235 3.465 3.430 4.950 4.900
Typ
1.250 1.250 1.500 1.500 2.500 2.500 2.850 2.850 3.000 3.000 3.300 3.300 3.500 3.500 5.000 5.000 0.3 0.6 0.1 0.2 3 6 3 6 3 6 3 6 3 7 3 6 5 10 1.3
Max
1.262 1.270 1.515 1.530 2.525 2.550 2.880 2.910 3.030 3.360 3.333 3.365 3.535 3.570 5.050 5.100 6 10 0.3 0.4 12 20 12 20 12 20 12 20 15 25 15 25 20 35 1.5
Units
V V V V V V V V V V V V V V V V mV mV % % mV mV mV mV mV mV mV mV mV mV mV mV mV mV V
Line Regulation Load Regulation (Notes 2, 3)
AMS1082/-1.5/-2.5/-2.85/ -3.0/-3.3/-3.5/-5.0 AMS1082 AMS1082-1.5 AMS1082-2.5 AMS1082-2.85 AMS1082-3.0 AMS1082-3.3 AMS1082-3.5 AMS1082-5.0
Dropout Voltage (VIN - VOUT)
AMS1082/-1.5/-2.5/-2.85/ -3.0/-3.3/-3.5/-5.0
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS1082
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT = 0 mA, and TJ = +25C unless otherwise specified. Parameter
Current Limit Minimum Load Current Quiescent Current Ripple Rejection
Device
AMS1082/-1.5/-2.5/-2.85/ -3.0/-3.3/-3.5/-5.0 AMS1082 AMS1082/-1.5/-2.5/-2.85/ -3.0/-3.3/-3.5/-5.0 AMS1082 AMS1082-1.5 AMS1082-2.5 AMS1082-2.85 AMS1082-3.0 AMS1082-3.3 AMS1082-3.5 AMS1082-5.0
Conditions
(VIN - VOUT) = 5V (VIN - VOUT) = 12V (Note 5) VIN 12V f =120Hz , COUT = 25F Tantalum, IOUT = 10A, (VIN-VOUT ) = 3V, CADJ =25F f =120Hz , COUT = 25F Tantalum, IOUT = 10A, VIN = 4.5V f =120Hz , COUT = 25F Tantalum, IOUT = 10A, VIN = 5.5V f =120Hz , COUT = 25F Tantalum, IOUT = 10A, VIN = 6V f =120Hz , COUT = 25F Tantalum, IOUT = 10A VIN = 6V f =120Hz , COUT = 25F Tantalum, IOUT = 10A VIN = 6.3V f =120Hz , COUT = 25F Tantalum, IOUT = 10A VIN = 6.5V f =120Hz , COUT = 25F Tantalum, IOUT = 10A VIN = 8V TA = 25C, 30ms pulse 10mA IOUT 10A , 1.5V (VIN - VOUT) 12V 10mA IOUT 10A , 1.5V (VIN - VOUT) 12V
Min
10.1
Typ
11.0 5 5
Max
12.0 10 10
Units
A mA mA dB dB dB dB dB dB dB dB
60 60 60 60 60 60 60 60
75 72 72 72 72 72 72 68 0.008 55 120 0.2 0.5 5 0.04
Thermal Regulation Adjust Pin Current Adjust Pin Current Change Temperature Stability Long Term Stability RMS Output Noise (% of VOUT ) Thermal Resistance Junction-to-Case
AMS1082 AMS1082 AMS1082
%W A A A %
TA =125C, 1000Hrs TA = 25C , 10Hz f 10kHz M Package: Control Circuitry/ Power Transistor T Package: Control Circuitry/ Power Transistor
0.3 0.003
1
% %
1.5/4.0 1.5/4.0
C/W C/W
Parameters identified with boldface type apply over the full operating temperature range. Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Note 2: Line and Load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the input/output differential and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range. Note 3:See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead ~1/8" from the package. Note 4: Dropout voltage is specified over the full output current range of the device. Note 5: Minimum load current is defined as the minimum output current required to maintain regulation. When (VIN - VOUT) = 12V the device is guaranteed to regulate if the output current is greater than 10mA.
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS1082
APPLICATION HINTS
The AMS1082 series of adjustable and fixed regulators are easy to use and have all the protection features expected in high performance voltage regulators: short circuit protection and thermal shut-down. Pin compatible with older three terminal adjustable regulators, these devices offer the advantage of a lower dropout voltage, more precise reference tolerance and improved reference stability with temperature. Stability The circuit design used in the AMS1082 series requires the use of an output capacitor as part of the device frequency compensation. The addition of 150F aluminum electrolytic or a 22F solid tantalum on the output will ensure stability for all operating conditions. When the adjustment terminal is bypassed with a capacitor to improve the ripple rejection, the requirement for an output capacitor increases. The value of 22F tantalum or 150F aluminum covers all cases of bypassing the adjustment terminal. Without bypassing the adjustment terminal smaller capacitors can be used with equally good results. To ensure good transient response with heavy load current changes capacitor values on the order of 100F are used in the output of many regulators. To further improve stability and transient response of these devices larger values of output capacitor can be used. Protection Diodes Unlike older regulators, the AMS1082 family does not need any protection diodes between the adjustment pin and the output and from the output to the input to prevent over-stressing the die. Internal resistors are limiting the internal current paths on the AMS1082 adjustment pin, therefore even with capacitors on the adjustment pin no protection diode is needed to ensure device safety under short-circuit conditions. Diodes between the input and output are not usually needed. Microsecond surge currents of 50A to 100A can be handled by the internal diode between the input and output pins of the device. In normal operations it is difficult to get those values of surge currents even with the use of large output capacitances. If high value output capacitors are used, such as 1000F to 5000F and the input pin is instantaneously shorted to ground, damage can occur. A diode from output to input is recommended, when a crowbar circuit at the input of the AMS1082 is used. Normal power supply cycling or even plugging and unplugging in the system will not generate current large enough to do any damage. The adjustment pin can be driven on a transient basis 25V, with respect to the output without any device degradation. As with any IC regulator, none the protection circuitry will be functional and the internal transistors will break down if the maximum input to output voltage differential is exceeded. D1
VIN
AMS1082 IN OUT ADJ CADJ
10F
VOUT R1 R2
+
COUT
150F
Overload Recovery When the power is first turned on, as the input voltage rises, the output follows the input, permitting the regulator to start up into heavy loads. During the start-up, as the input voltage is rising, the input-to-output voltage differential remains small, allowing the regulator to supply large output currents. A problem can occur with a heavy output load when the input voltage is high and the output voltage is low, when the removal of an output short will not permit the output voltage to recover. The load line for such a load may intersect two points on the output current curve. In this case, there are two stable output operating points for the regulator. With this double intersection, the power supply may need to be cycled down to zero and brought up again to make the output recover. Ripple Rejection The ripple rejection values are measured with the adjustment pin bypassed. The impedance of the adjust pin capacitor at the ripple frequency should be less than the value of R1 (normally 100 to120) for a proper bypassing and ripple rejection approaching the values shown. The size of the required adjust pin capacitor is a function of the input ripple frequency. If R1=100 at 120Hz the adjust pin capacitor should be 25F. At 10kHz only 0.22F is needed. The ripple rejection will be a function of output voltage, in circuits without an adjust pin bypass capacitor. The output ripple will increase directly as a ratio of the output voltage to the reference voltage (VOUT / VREF). Output Voltage The AMS1082 series develops a 1.25V reference voltage between the output and the adjust terminal. Placing a resistor between these two terminals causes a constant current to flow through R1 and down through R2 to set the overall output voltage.
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS1082
APPLICATION HINTS
This current is normally the specified minimum load current of 10mA. Because IADJ is very small and constant it represents a small error and it can usually be ignored. Connected as shown, RP is not multiplied by the divider ratio. Using 16-gauge wire the parasitic line resistance is about 0.004 per foot, translating to 4mV/ft at 1A load current. It is important to keep the positive lead between regulator and load as short as possible and use large wire or PC board traces. Thermal Considerations The AMS1082 series have internal power and thermal limiting circuitry designed to protect the device under overload conditions. However maximum junction temperature ratings should not be exceeded under continuous normal load conditions. Careful consideration must be given to all sources of thermal resistance from junction to ambient, including: junction-to-case, case-to-heat sink interface and heat sink resistance itself. To ensure safe operating temperatures and reflect more accurately the device temperature, new thermal resistance specifications have been developed. Unlike older regulators with a single junction-to-case thermal resistance specification, the data section for these new regulators provides a separate thermal resistance and maximum junction temperature for both the Control Section and the Power Transistor. Calculations for both temperatures under certain conditions of ambient temperature and heat sink resistance and to ensure that both thermal limits are met. Junction-to-case thermal resistance is specified from the IC junction to the bottom of the case directly below the die. This is the lowest resistance path for the heat flow. In order to ensure the best possible thermal flow from this area of the package to the heat sink proper mounting is required. Thermal compound at the case-to-heat sink interface is recommended. A thermally conductive spacer can be used, if the case of the device must be electrically isolated, but its added contribution to thermal resistance has to be considered.
VIN
AMS1082 IN OUT ADJ IADJ
50A
VOUT VREF R1 R2
VOUT = VREF (1+ R2/R1)+IADJR2
Figure 1. Basic Adjustable Regulator Load Regulation True remote load sensing it is not possible to provide, because the AMS1082 is a three terminal device. The resistance of the wire connecting the regulator to the load will limit the load regulation. The data sheet specification for load regulation is measured at the bottom of the package. Negative side sensing is a true Kelvin connection, with the bottom of the output divider returned to the negative side of the load. The best load regulation is obtained when the top of the resistor divider R1 is connected directly to the case not to the load. If R1 were connected to the load, the effective resistance between the regulator and the load would be: RP x ( R2+R1 ) , R1 RP = Parasitic Line Resistance
RP PARASITIC LINE RESISTANCE
VIN
AMS1082 IN OUT ADJ
R1*
RL
R2*
*CONNECT R1 TO CASE
CONNECT R2 TO LOAD Figure 3. Connections for Best Load Regulation
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS1082
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage OUTPUT VOLTAGE DEVIATION (%) 2 MINIMUM INPUT/OUTPUT DIFFERENTIAL (V) 0.10 0.05 0 -0.05 -0.10 -0.15
Load Regulation 2.0 OUTPUT VOLTAGE CHANGE (%)
I = 10A
Temperature Stability
1.0
1
TJ =25 C TJ =150 C
0
-1.0
0 0 1 2 3 4 5 6 7 8 9 10 OUTPUT CURRENT (A)
-0.20 -50 -25
0 25 50 75 100 125 150 TEMPERATURE ( C)
-2.0 -50 -25
0 25 50 75 100 125 150 TEMPERATURE ( C)
Ripple Rejection 80 70 RIPPLE REJECTION (dB) 60 50 40 30 20 10 0 100 1k 10k FREQUENCY (Hz) Load Transient Response LOAD OUTPUT VOLTAGE CURRENT (A) DEVIATION (V) 0.6 0.4 0.2 0 -0.2 -0.4 8 6 4 2 0 0 50 TIME (s) 100
CIN = 1F COUT = 10F TANTALUM VOUT = 10V VIN = 13V PRELOAD = 100mA IOUT=IFULL LOAD (VIN-VOUT)VDROPOUT (VIN-VOUT) 3V VRIPPLE 3VP-P VRIPPLE 0.5VP-P
Ripple Rejection vs. Current SHORT-CIRCUIT CURRENT (A) 100 90 RIPPLE REJECTION (dB) 80 70 60 50 40 30 20 10 0 100k 0 0.4 0.6 0.8 1.0 0.2 OUTPUT CURRENT (0 TO IFULL LOAD ) Line Transient Response INPUT OUTPUT VOLTAGE DEVIATION (V) DEVIATION (mV) 150 100 50 0 -50 -100 -150 14 13 12 0 100 TIME (s) 200
VOUT = 10V IIN = 0.2A CIN = 1F TANTALUM COUT = 10F TANTALUM CADJ = 0 fR =20kHz VRIPPLE 0.5VP-P fR = 120Hz VRIPPLE 3VP-P
Short-Circuit Current 12 10 8 6 4 2 0 4 6 0 2 8 10 12 14 INPUT/OUTPUT DIFFERENTIAL (V) Maximum Power Dissipation* 100 90 80 70 POWER (W) 60 50 40 30 20 10 0 50 60 70 80 90 100 110 120 130 140 150 CASE TEMPERATURE ( C)
*AS LIMITED BY MAXIMUM JUNCTION TEMPERATURE
CADJ = 0
~ ~
~ ~
~ ~
~ ~
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS1082
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Minimum Operating Current (Adjustable only) MINIMUM OPERATING CURRENT (mA) 10 11 10 9 8 7 6 5 4 3 2 1 0 100 ADJUST PIN CURRENT (A) 90 80 70 60 50 40 30 20
Adjust Pin Current (Adjustable only)
TJ = 150 C
TJ = 25 C
0 2 4 6 8 10 12 14 INPUT/OUTPUT DIFFERENTIAL (V)
10 0 -50 -25
0 25 50 75 100 125 150 TEMPERATURE ( C)
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted.
3 LEAD TO-220 PLASTIC PACKAGE (T)
0.390-0.415 (9.906-10.541)
0.147-0.155 (3.734-3.937) DIA 0.230-0.270 (5.842-6.858) 0.570-0.620 (14.478-15.748)
0.165-0.180 (4.191-4.572) 0.045-0.055 (1.143-1.397)
0.460-0.500 (11.684-12.700)
0.330-0.370 (8.382-9.398)
0.980-1.070 (24.892-27.178) 0.218-0.252 (5.537-6.401) 0.520-0.570 (13.208-14.478)
0.090-0.110 (2.286-2.794) 0.028-0.038 (0.711-0.965)
0.050 (1.270) TYP
0.013-0.023 (0.330-0.584)
0.095-0.115 (2.413-2.921)
T (TO-220) AMS DRW# 042193
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS1082
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted (Continued).
3 LEAD TO-263 PLASTIC DD (M)
0.390-0.415 (9.906-10.541)
0.060 (1.524) TYP
0.165-0.180 (4.191-4.572)
0.045-0.055 (1.143-1.397)
0.330-0.370 (8.382-9.398)
0.004 +0.008 -0.004 (0.102 +0.203 ) -0.102 .108 (2.74) TYP 0.095-0.115 (2.413-2.921) 0.90-0.110 (2.29-2.79) 0.013-0.023 (0.330-0.584)
0.199-0.218 (5.05-5.54 ) 0.090-0.110 (2.286-2.794)
0.032 (0.81) TYP
M (DD3) AMS DRW# 042191R1
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140


▲Up To Search▲   

 
Price & Availability of AMS1082

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X