Part Number Hot Search : 
TGA8286 BTS5215 AM2318N 15KP17CA C1812 FG035 CXD1852Q BTS5215
Product Description
Full Text Search
 

To Download AD976A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Fast 16-Bit ADC 200 kSPS Throughput - AD976A 100 kSPS Throughput - AD976 Single 5 V Supply Operation Input Range: 10 V 100 mW Max Power Dissipation Choice of External or Internal 2.5 V Reference High Speed Parallel Interface On-Chip Clock 28-Lead Skinny DIP, SSOP or SOIC Packages
CAP
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters AD976/AD976A
FUNCTIONAL BLOCK DIAGRAM
REF 4k VANA AGND1 2.5V REFERENCE
R 4R VIN 4R 3 AGND2
AD976/AD976A
SWITCHED CAP ADC PARALLEL INTERFACE D15 D0
VDIG
CLOCK
CONTROL LOGIC & INTERNAL CALIBRATION CIRCUITRY CS BUSY
R = 6k R = 3k
DGND AD976 AD976A
BYTE
R/C
GENERAL DESCRIPTION
PRODUCT HIGHLIGHTS
The AD976/AD976A is a high speed, low power 16-bit A/D converter that operates from a single 5 V supply. The part contains a successive approximation, switched capacitor ADC, an internal 2.5 V reference and a high speed parallel interface. The ADC is factory calibrated to minimize all linearity errors. The analog full-scale input is the standard industrial range of 10 V. The AD976/AD976A is comprehensively tested for ac parameters such as SNR and THD, as well as the more traditional parameters of offset, gain and linearity. The AD976/AD976A is fabricated on Analog Devices' proprietary BiCMOS process, which has high performance bipolar devices along with CMOS transistors. The AD976/AD976A is available in skinny 28-lead DIP, SSOP and SOIC packages.
1. Fast Throughput. The AD976/AD976A is a high speed (100 kSPS/200 kSPS throughput rates respectively), 16-bit ADC based on a switched capacitor architecture. 2. Single-Supply Operation. The AD976/AD976A operates from a single 5 V supply and dissipates only 100 mW max. 3. Comprehensive DC and AC Specifications. The AD976/AD976A is factory calibrated and fully tested for SNR and THD as well as the traditional specifications of offset, gain and linearity. 4. Complete A/D Solution. The AD976/AD976A offers a highly integrated solution containing an accurate ADC, reference and on-chip clock.
REV. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 1999
AD976/AD976A
AD976A-SPECIFICATIONS
Parameter RESOLUTION ANALOG INPUT Voltage Range Impedance Capacitance THROUGHPUT SPEED Complete Cycle Throughput Rate DC ACCURACY Integral Linearity Error Differential Linearity Error No Missing Codes Transition Noise2 Full-Scale Error3, 4 Full-Scale Error Drift Full-Scale Error, Ext. REF = 2.5 V Full-Scale Error Drift, Ext. REF = 2.5 V Bipolar Zero Error4 Bipolar Zero Error Drift Power Supply Sensitivity VANA = VDIG = VD = 5 V 5% AC ACCURACY Spurious Free Dynamic Range 5 Total Harmonic Distortion5 Signal to (Noise + Distortion)5 -60 dB Input Signal to Noise5 Full-Power Bandwidth7 Input Bandwidth SAMPLING DYNAMICS Aperture Delay Transient Response Full-Scale Step Overvoltage Recovery8 REFERENCE Internal Reference Voltage Internal Reference Source Current External Reference Voltage Range for Specified Linearity External Reference Current Drain Ext. REF = 2.5 V DIGITAL INPUTS Logic Levels VIL VIH IIL IIH 2.48 Min 16 10 13 22
(-40 C to +85 C, FS = 200 kHz, Ref = Internal Reference, VDIG = VANA = +5 V unless otherwise noted)
Min 16 10 13 22 5 5 200 3 +3 2 +1.75 1.0 7 2 2 0.25 0.25 10 8 96 -90 -96 85 83 28 85 83 1 2.7 40 1 1 150 2.52 2.48 2.5 1 2.5 2.52 2.48 150 2.5 1 2.5 2.52 1 2.7 40 1 27 90 -90 200 3 2 15 1.0 7 2 2 AD976AB Typ Max Min 16 10 13 22 5 AD976AC Typ Max Units Bits V k pF s kHz LSB1 LSB Bit LSB % ppm/C % ppm/C mV ppm/C LSB dB6 dB dB dB dB MHz MHz ns s ns V A V A
AD976AA Typ Max
200
-2 15 1.0 7 2 2
-1 16
0.5 0.5 10 8
0.5 0.5 15 8
90 83 27 83 1 2.7 40
150 2.5 1 2.5
2.3
2.7 100
2.3
2.7 100
2.3
2.7 100
-0.3 +2.0
+0.8 VDIG + 0.3 10 10
-0.3 +2.0
+0.8 VDIG + 0.3 10 10
-0.3 +2.0
+0.8 VDIG + 0.3 10 10
V V A A
NOTES 1 LSB means least significant bit. With a 10 V input, one LSB is 305 V. 2 Typical rms noise at worst case transitions and temperatures. 3 Measured with fixed resistors as shown in Figure 5 (AD976) and Figure 6 (AD976A). Adjustable to zero as shown in Figure 7. 4 Full-scale error is expressed as the % difference between the actual full-scale code transition voltage and the ideal full-scale transition voltage and includes the effect of offset error. The full-scale error is the worst case of either the -full-scale or +full-scale code transition voltage errors. 5 fIN = 20 kHz (AD976) and f IN = 45 kHz (AD976A), 0.5 dB down, unless otherwise noted. 6 All specifications in dB are referred to a full scale 10 V input. 7 Full-power bandwidth is defined as full-scale input frequency at which signal-to-(noise + distortion) degrades to 60 dB or 10 bits of accuracy. 8 Recovers to specified performance after a 2 x FS input overvoltage. Specifications subject to change without notice.
-2-
REV. C
AD976/AD976A
AD976-SPECIFICATIONS
Parameter RESOLUTION ANALOG INPUT Voltage Range Impedance Capacitance THROUGHPUT SPEED Complete Cycle Throughput Rate DC ACCURACY Integral Linearity Error Differential Linearity Error No Missing Codes Transition Noise2 Full-Scale Error3, 4 Full-Scale Error Drift Full-Scale Error, Ext. REF = 2.5 V Full-Scale Error Drift, Ext. REF = 2.5 V Bipolar Zero Error4 Bipolar Zero Error Drift Power Supply Sensitivity VANA = VDIG = VD = 5 V 5% AC ACCURACY Spurious Free Dynamic Range5 Total Harmonic Distortion5 Signal to (Noise + Distortion)5 -60 dB Input Signal to Noise5 Full-Power Bandwidth7 Input Bandwidth SAMPLING DYNAMICS Aperture Delay Transient Response Full-Scale Step Overvoltage Recovery8 REFERENCE Internal Reference Voltage Internal Reference Source Current External Reference Voltage Range for Specified Linearity External Reference Current Drain Ext. REF = 2.5 V DIGITAL INPUTS Logic Levels VIL VIH IIL IIH 2.48 Min 16
(-40 C to +85 C, FS = 100 kHz, Ref = Internal Reference, VDIG = VANA = +5 V unless otherwise noted)
Max Min 16 AD976B Typ Max Min 16 10 23 22 10 10 100 3 +3 2 +1.75 1.0 7 2 2 0.25 0.25 10 8 96 -90 -96 85 83 28 85 83 700 1.5 40 2 2 150 2.52 2.48 2.5 1 2.5 2.52 2.48 150 2.5 1 2.5 2.52 700 1.5 40 2 27 90 -90 100 3 2 15 1.0 7 2 2 10 23 22 10 AD976C Typ Max Units Bits V k pF s kHz LSB1 LSB Bit LSB % ppm/C % ppm/C mV ppm/C LSB dB6 dB dB dB dB kHz MHz ns s ns V A V A
AD976A Typ
10 23 22
100
-2 15 1.0 7 2 2
-1 16
0.5 0.5 10 8
0.5 0.5 15 8
90 83 27 83 700 1.5 40
150 2.5 1 2.5
2.3
2.7 100
2.3
2.7 100
2.3
2.7 100
-0.3 +2.0
+0.8 VDIG + 0.3 10 10
-0.3 +2.0
+0.8 VDIG + 0.3 10 10
-0.3 +2.0
+0.8 VDIG + 0.3 10 10
V V A A
NOTES 1 LSB means least significant bit. With a 10 V input, one LSB is 305 V. 2 Typical rms noise at worst case transitions and temperatures. 3 Measured with fixed resistors as shown in Figure 5 (AD976) and Figure 6 (AD976A). Adjustable to zero as shown in Figure 7. 4 Full-scale error is expressed as the % difference between the actual full-scale code transition voltage and the ideal full-scale transition voltage and includes the effect of offset error. The full-scale error is the worst case of either the -full-scale or +full-scale code transition voltage errors. 5 fIN = 20 kHz (AD976) and fIN = 45 kHz (AD976A), 0.5 dB down, unless otherwise noted. 6 All specifications in dB are referred to a full scale 10 V input. 7 Full-power bandwidth is defined as full-scale input frequency at which signal-to-(noise + distortion) degrades to 60 dB or 10 bits of accuracy. 8 Recovers to specified performance after a 2 x FS input overvoltage. Specifications subject to change without notice.
REV. C
-3-
AD976/AD976A
Parameter DIGITAL OUTPUTS Data Format Data Coding VOL VOH Leakage Current Output Capacitance DIGITAL TIMING Bus Access Time Bus Relinquish Time POWER SUPPLIES Specified Performance VDIG VANA IDIG IANA Power Dissipation TEMPERATURE RANGE Specified Performance
Specifications subject to change without notice.
Conditions
Min
All Grades Typ
Max
Units
ISINK = 1.6 mA ISOURCE = 500 A High-Z State, VOUT = 0 V to VDIG High-Z State
Parallel 16 Bits Binary Twos Complement +0.4 +4 5 15 83 83
V V A pF ns ns
4.75 4.75
5 5 3.0 11
5.25 5.25
100 -40 +85
V V mA mA mW C
TIMING SPECIFICATIONS (AD976A: F = 200 kHz; AD976: F = 100 kHz; -40 C to +85 C, V
S S
DIG = VANA = +5 V unless otherwise
noted)
Symbol Convert Pulsewidth Data Valid Delay after R/C Low (AD976A/AD976) BUSY Delay from R/C Low BUSY Low (AD976A/AD976) BUSY Delay after End of Conversion (AD976A/AD976) Aperture Delay Conversion Time (AD976A/AD976) Acquisition Time Bus Relinquish Time BUSY Delay after Data Valid (AD976A/AD976) Previous Data Valid after R/C Low (AD976A/AD976) Throughput Time (AD976A/AD976) R/C to CS Setup Time Time Between Conversions (AD976A/AD976) Bus Access and Byte Delay
Specifications subject to change without notice.
Min 50
Typ
Max 4.0/8.0 83 4.0/8.0
Units ns s ns s ns ns s s ns ns s s ns s ns
t1 t2 t3 t4 t5 t6 t7 t8 t9 t10 t11 t 7 + t8 t12 t13 t14
180/360 40 3.8/7.6 1.0/2.0 10 50 35 180/360 3.7/7.4
4.0/8.0 83
5/10 10 5/10 10
83
-4-
REV. C
AD976/AD976A
ABSOLUTE MAXIMUM RATINGS 1
Analog Inputs VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 V CAP . . . . . . . . . . . . . . . . +VANA + 0.3 V to AGND2 - 0.3 V REF . . . . . . . . . . . . . . . . . . . . . Indefinite Short to AGND2 Ground Voltage Differences DGND, AGND1, AGND2 . . . . . . . . . . . . . . . . . . . . 0.3 V Supply Voltages VANA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V VDIG to VANA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V VDIG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V Digital Inputs . . . . . . . . . . . . . . . . . . . -0.3 V to VDIG + 0.3 V Internal Power Dissipation2 PDIP (N), SOIC (R), SSOP (RS) . . . . . . . . . . . . . 700 mW Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range (N, R, RS) . . . -65C to +150C Lead Temperature Range (Soldering 10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +300C
NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 Specification is for device in free air: 28-Lead PDIP: JA = 74C/W; JC = 24C/W, 28-Lead SOIC: JA = 72C/W; JC = 23C/W, 28-Lead SSOP: JA = 109C/W; JC = 39C/W.
PIN CONFIGURATION DIP, SOIC and SSOP Packages
VIN 1 AGND1 2 REF 3 28 VDIG 27 VANA 26 BUSY 25 CS
CAP 4 AGND2 5 D15 (MSB) 6 D14
AD976 AD976A
24 R/C
TOP VIEW 23 BYTE 7 (Not to Scale) 22 D0 (LSB) 21 D1 20 D2 19 D3 18 D4 17 D5 16 D6 15 D7
D13 8 D12 9 D11 10 D10 11 D9 12 D8 13 DGND 14
1.6mA
IOL
TO OUTPUT PIN
+2.1V CL 100pF 500 A IOH
Figure 1. Load Circuit for Digital Interface Timing
ORDERING GUIDE
Model AD976AN AD976BN AD976CN AD976AAN AD976ABN AD976ACN AD976AR AD976BR AD976CR AD976AAR AD976ABR AD976ACR AD976ARS AD976BRS AD976CRS AD976AARS AD976ABRS AD976ACRS
Temperature Range -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C
Max INL 3.0 LSB 2.0 LSB 3.0 LSB 2.0 LSB 3.0 LSB 2.0 LSB 3.0 LSB 2.0 LSB 3.0 LSB 2.0 LSB 3.0 LSB 2.0 LSB
Min S/(N+D) 83 dB 85 dB 83 dB 83 dB 85 dB 83 dB 83 dB 85 dB 83 dB 83 dB 85 dB 83 dB 83 dB 85 dB 83 dB 83 dB 85 dB 83 dB
Throughput Rate 100 kSPS 100 kSPS 100 kSPS 200 kSPS 200 kSPS 200 kSPS 100 kSPS 100 kSPS 100 kSPS 200 kSPS 200 kSPS 200 kSPS 100 kSPS 100 kSPS 100 kSPS 200 kSPS 200 kSPS 200 kSPS
Package Descriptions 28-Lead, 300 mil Plastic DIP 28-Lead, 300 mil Plastic DIP 28-Lead, 300 mil Plastic DIP 28-Lead, 300 mil Plastic DIP 28-Lead, 300 mil Plastic DIP 28-Lead, 300 mil Plastic DIP 28-Lead Small Outline Package 28-Lead Small Outline Package 28-Lead Small Outline Package 28-Lead Small Outline Package 28-Lead Small Outline Package 28-Lead Small Outline Package 28-Lead Shrink Small Outline Package 28-Lead Shrink Small Outline Package 28-Lead Shrink Small Outline Package 28-Lead Shrink Small Outline Package 28-Lead Shrink Small Outline Package 28-Lead Shrink Small Outline Package
Package Options N-28B N-28B N-28B N-28B N-28B N-28B R-28 R-28 R-28 R-28 R-28 R-28 RS-28 RS-28 RS-28 RS-28 RS-28 RS-28
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD976/AD976A features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. C
-5-
AD976/AD976A
PIN FUNCTION DESCRIPTIONS
Pin No. 1 2 3
Mnemonic VIN AGND1 REF
Description Analog Input. Connect a 200 resistor between VIN and the analog signal source. The full-scale input range is 10 V. Analog Ground. Used as the ground reference point for the REF pin. Reference Input/Output. The internal +2.5 V reference is available at this pin. Alternatively, an external reference can be used to override the internal reference. In either case, connect a 2.2 F tantalum capacitor between REF and AGND1. Reference Buffer Output. Connect a 2.2 F tantalum capacitor between CAP and AGND2. Analog Ground. Data Bit 15. Most significant bit of conversion result. High impedance state when CS is HIGH or when R/C is LOW. Data Bits 14-8. High impedance state when CS is HIGH or when R/C is LOW. Digital Ground. Data Bits 7-1. High impedance state when CS is HIGH or when R/C is LOW. Data Bit 0. Least significant bit of conversion result. High impedance state when CS is HIGH or when R/C is LOW. Byte Select. With BYTE LOW, data will be output as indicated above; Pin 6 (D15) is the MSB, Pin 22 (D0) is the LSB. With BYTE HIGH, the top and bottom 8 bits of data will be switched; D15-D8 are output on Pins 15-22 and D7-D0 are output on Pins 6-13. Read/Convert Input. With CS LOW, a falling edge on R/C puts the internal sample/hold into the hold state and starts a conversion; a rising edge enables the output data bits. Chip Select Input. Internally OR'd with R/C. With R/C LOW, a falling edge on CS will initiate a conversion. With R/C HIGH, a falling edge on CS will enable the output data bits. When CS is HIGH, the output data bits will be in the Hi-impedance state. Busy Output. Goes LOW when a conversion is started and remains LOW until the conversion is completed and the data is latched into the output register. With CS tied LOW and R/C HIGH, output data will be valid when BUSY rises. The rising edge of BUSY can be used to latch the output data. Analog Power Supply. Nominally +5 V. Digital Power Supply. Nominally +5 V.
4 5 6 7-13 14 15-21 22 23
CAP AGND2 D15 (MSB) D14-D8 DGND D7-D1 D0 (LSB) BYTE
24 25
R/C CS
26
BUSY
27 28
VANA VDIG
DEFINITION OF SPECIFICATIONS
INTEGRAL NONLINEARITY ERROR (INL) BIPOLAR ZERO ERROR
Linearity error refers to the deviation of each individual code from a line drawn from "negative full scale" to "positive full scale." The point used as negative full scale occurs 1/2 LSB before the first code transition. Positive full scale is defined as a level 1 1/2 LSB beyond the last code transition. The deviation is measured from the middle of each particular code to the true straight line.
DIFFERENTIAL NONLINEARITY ERROR (DNL)
Bipolar zero error is the difference between the ideal midscale input voltage (0 V) and the actual voltage producing the midscale output code.
INPUT BANDWIDTH
The input bandwidth is that frequency at which the amplitude of the reconstructed fundamental is reduced by 3 dB for a fullscale input.
FULL-POWER BANDWIDTH
In an ideal ADC, code transitions are 1 LSB apart. Differential nonlinearity is the maximum deviation from this ideal value. It is often specified in terms of resolution for which no missing codes are guaranteed.
FULL-SCALE ERROR
Full-power bandwidth is defined as the full-scale input frequency at which signal to (Noise + Distortion) degrades to 60 dB, as 10 bits of accuracy.
APERTURE DELAY
The last + transition (from 011. . .10 to 011. . .11) should occur for an analog voltage 1 1/2 LSB below the nominal full scale (9.9995422 V for a 10 V range). The full-scale error is the deviation of the actual level of the last transition from the ideal level.
Aperture delay is a measure of the Sample-and-Hold Amplifier (SHA) performance and is measured from the rising edge of the clock input to when the input signal is held for a conversion.
-6-
REV. C
AD976/AD976A
APERTURE JITTER
Aperture jitter is the variation in aperture delay for successive samples and is manifested as noise on the input to the A/D.
TRANSIENT RESPONSE
where V1 is the rms amplitude of the fundamental, and V2, V3, V4, V5 and V6 are the rms amplitudes of the second through sixth harmonics. The THD is also derived from the FFT plot of the ADC output spectrum shown in Figure 10 and is seen there as -105.33 dB.
Spurious Free Dynamic Range (SPFD)
The time required for the AD976/AD976A to achieve its rated accuracy after a full-scale step function is applied to its input.
OVERVOLTAGE RECOVERY
The time required for the ADC to recover to full accuracy after an analog input signal 150% of full-scale is reduced to 50% of the full-scale value.
Signal-to-(Noise Plus Distortion Ratio) (S/[N+D])
The spurious free dynamic range is defined as the difference, in dB, between the peak spurious or harmonic component in the ADC output spectrum (up to FS/2 and excluding dc) and the rms value of the fundamental. Normally, the value of this specification will be determined by the largest harmonic in the spectrum. The typical SPFD for the AD976/AD976A is -100 dB and can be seen in Figure 10.
FUNCTIONAL DESCRIPTION
S/(N+D) is the measured signal-to-noise plus distortion ratio at the output of the ADC. The signal is the rms magnitude of the fundamental. Noise plus distortion is the rms sum of all of the nonfundamental signals and harmonics to half the sampling rate excluding dc. The S/(N+D) is dependent upon the number of quantization levels. The more levels, the lower the quantization noise. The theoretical S/(N+D) for a sine wave input signal can be calculated using the following: S/(N+D) = (6.02N + 1.76) dB where N is the number of bits. Thus, for an ideal 16 bit converter, S/(N+D) = 98 dB. The output spectrum from the ADC is evaluated by applying a low noise, low distortion sine wave signal to the VIN pin and sampling at a 200 kHz throughput rate. By generating a Fast Fourier Transform (FFT) plot, the S/(N+D) data can then be obtained. Figure 10 shows a typical 2048-point FFT plot with an input signal of 45 kHz and a sampling rate of 200 kHz. The S/(N+D) obtained from this graph is 86.23 dB. Since the measured S/(N+D) is less than the theoretical value, it is possible to get a measure of performance expressed in effective number of bits (ENOB). ENOB = ((S/(N+D) - 1.76) / 6.02) Thus for an input signal of 45 kHz, the typical ENOB is 14.
TOTAL HARMONIC DISTORTION (THD)
(1)
The AD976/AD976A is a high speed, low power, 16-bit sampling, analog-to-digital converter that can operate from a single +5 volt power supply. The AD976/AD976A uses laser trimmed scaling input resistors to provide an industry standard 10 volt input range. With a 100/200 kSPS throughput rate and a parallel interface, the AD976/AD976A is capable of connecting directly to digital signal processors and microcontrollers. The AD976/AD976A employs a successive-approximation technique to determine the value of the analog input voltage. Instead of using the traditional laser-trimmed resistor-ladder approach, however, this device uses a capacitor array charge distribution technique. Binary weighted capacitors subdivide the input sample to perform the actual analog-to-digital conversion. The capacitor array eliminates variation in the linearity of the device due to temperature-induced mismatches of resistor values. As a result of having an on-chip capacitor array, there is no need for additional external circuitry to perform the sample/hold function. Initial errors in capacitor matching are eliminated at the time of manufacturing. Calibration coefficients are calculated that correct for capacitor mismatches and are stored in on-chip thin-film resistors that act as ROM. As a conversion is occurring, the appropriate calibration coefficients are read out of ROM. The accumulated coefficients are then used to adjust and improve conversion accuracy. Any initial offset error is also trimmed out during factory calibration. With the addition of an onboard reference the AD976/AD976A provides a complete 16-bit A/D solution.
THD is the ratio of the rms sum of the harmonics to the rms value of the fundamental. For the AD976/AD976A, THD is defined as:
THD dB = 20 log
()
V2 + V3 + V4 + V5 + V6 V1
2
2
2
2
2
REV. C
-7-
AD976/AD976A
CONVERSION CONTROL
The AD976/AD976A is controlled by two signals: R/C and CS, as shown in Figures 2 and 3. To initiate a conversion and place the sample/hold circuit into the hold state, both the R/C and CS signals must be brought low for no less than 50 ns. Once the conversion process begins, the BUSY signal will go Low until the conversion is complete. At the end of a conversion, BUSY will return High, and the resulting valid data will be available on the data bus. On the first conversion after the AD976/AD976A is powered up, the DATA output will be indeterminate. The AD976/AD976A exhibits two modes of conversion. In the mode demonstrated in Figure 2, conversion timing is controlled by a negative-going R/C signal, at least 50 ns wide. In this mode the CS pin is always tied low, and the only limit placed on how long the R/C signal can remain low is the desired sampling rate. Less than 83 ns after the initiation of a conversion, the BUSY signal will be brought low and remain low until the conversion is complete and the output shift registers have been updated with the new Binary Twos Complement data.
t1
R/C
Figure 3 demonstrates the AD976/AD976A conversion timing, using CS to control both the conversion process and the reading of output data. To operate in this mode, the R/C signal should be brought low no less than 10 ns before the falling edge of a CS pulse (50 ns wide) is applied to the ADC. Once these two pulses are applied, BUSY will go low and remain low until a conversion is complete. After a maximum of 4 s (AD976A only), BUSY will again return high, and parallel data will be valid on the ADC outputs. To achieve the maximum 100 kHz/200 kHz throughput rate of the part, the negative going R/C and CS control signals should be applied every 5 s (AD976A). It should also be noted that although all R/C and CS commands will be ignored once a conversion has begun, these inputs can be asserted during a conversion; i.e., a read during conversion can be performed. Voltage transients on these inputs could feed through to the analog circuitry and affect conversion results.
t 13 t2
BUSY
t4 t3 t6
t5
CONVERT ACQUIRE CONVERT
MODE
ACQUIRE
t7
DATA BUS
PREVIOUS DATA VALID HI-Z PREVIOUS DATA VALID NOT VALID
t8
DATA VALID HI-Z DATA VALID
t9
t14 t 11
t10
Figure 2. Conversion Timing with Outputs Enabled After Conversion (CS Tied Low)
t12
R/C
t 12
t 12
t 12
t1
CS
t1
t3 t4
BUSY
t6
MODE
ACQUIRE CONVERT ACQUIRE
t7
DATA BUS
HI-Z
HI-Z DATA VALID
t14
t9
Figure 3. Using CS to Control Conversion and Read Timing
-8-
REV. C
AD976/AD976A
t 12
R/C
t 12
CS
BYTE
PINS 6-13
HI-Z HIGH BYTE LOW BYTE
HI-Z
t14
PINS 15-22 HI-Z LOW BYTE
t14
HIGH BYTE
t9
HI-Z
Figure 4. Using CS and BYTE to Control Data Bus Read Timing
Regardless of the method for controlling conversions, output data from conversion "n-1" will be valid during the BUSY Low time for roughly 3.7 s (AD976A only), and output data from conversion "n" will be valid at the end of a conversion, 50 ns (t10) before BUSY returns High. It is recommended, however, that data is read only after BUSY goes high since this timing is much more clearly defined and provides optimal performance. Figure 4 demonstrates the functionality of the BYTE pin and shows how the data will be valid in Binary Twos Complement format only when R/C is asserted High and CS is Low. The BYTE pin enables the output data on the bus to be read as a full parallel output or as two 8-bit bytes on Pins 6-13 and Pins 15-22.
ANALOG INPUTS
R1 200 10V INPUT VIN AGND1 C1 2.2 F
R2 33.2k
AD976
REF CAP
C2 2.2 F AGND2
Figure 5. 10 V Input Connection for the AD976 (Internal Reference)
R1 200 10V INPUT VIN AGND1 R2 66.4k C1 2.2 F
Figure 5 shows the analog input section for the AD976 when operating with an internal reference. The analog input range is nominally a bipolar -10 V to +10 V. Since the AD976/AD976A can be operated with an internal or external reference, the fullscale analog input range can be best represented as 4 VREF. The nominal input impedance is 23 k/13 k with a 22 pF input capacitance. The analog input section also has a 25 V overvoltage protection. Since the AD976/AD976A has two analog grounds it is important to ensure that the analog input is referenced to the AGND1 pin, the low current ground. This will minimize any problems associated with a resistive ground drop. It is also important to ensure that the analog input of the AD976/AD976A is driven by a low impedance source. With its primarily resistive analog input circuitry, the ADC can be driven by a wide selection of general purpose amplifiers. To best match the low distortion requirements of the AD976/ AD976A, care should be taken in the selection of the drive circuitry op amp. Figure 6 shows the analog input section for the AD976A when operating with an internal reference only. Figure 9 shows the analog input section for both the AD976 and the AD976A when operating with an external reference.
AD976A
REF VANA CAP
+5V C2 2.2 F
AGND2
Figure 6. 10 V Input Connection for the AD976A (Internal Reference) Only
REV. C
-9-
AD976/AD976A
Table I. Offset and Gain Error for AD976
Error Term Offset Error +Full Scale Error -Full Scale Error
With Both External Resistors Included -10 mV < Error < 10 mV -0.50% < Error < 0.50%1 -0.25% < Error < 0.25%2 -0.50% < Error < 0.50%1 -0.25% < Error < 0.25%2
Without the External 33.2K Resistor -25 mV < Error < -5 mV -0.05% < Error < 0.95% 0.25% < Error < 1.25%
With the External 33.2K Resistor Grounded -25 mV < Error < -5 mV -0.65% < Error < 0.35% -0.65% < Error < 0.35%
Without Either External Resistors Included -40 mV < Error < -15 mV 0.55% < Error < 1.90% -2.5% < Error < -1.0%
Table II. Offset and Gain Error for AD976A
Error Term Offset Error +Full Scale Error -Full Scale Error
NOTES 1 For A grade part. 2 For B grade part.
With Both External Resistors Included -10 mV < Error < 10 mV -0.50% < Error < 0.50% -0.25% < Error < 0.25%2 -0.50% < Error < 0.50%1 -0.25% < Error < 0.25%2
1
Without the External 33.2K Resistor -25 mV < Error < -5 mV -0.05% < Error < 0.95% 0.25% < Error < 1.25%
With the External 33.2K Resistor Grounded -25 mV < Error < -5 mV -0.65% < Error < 0.35% -0.65% < Error < 0.35%
Without Either External Resistors Included -55 mV < Error < -25 mV 1.0% < Error < 2.50% -3.50% < Error < -1.75%
OFFSET AND GAIN ADJUSTMENT
The AD976/AD976A is factory trimmed to minimize gain, offset and linearity errors. In some applications, where the analog input signal is required to meet the full dynamic range of the ADC, the gain and offset errors need to be externally trimmed to zero. Figure 7 shows the required trim circuitry to correct for these offset and gain errors. Figure 8 shows the bipolar transfer characteristic of the AD976/AD976A. Where adjustment is required, offset error must be corrected before gain error. To achieve this, trim the offset resistor R3 while the input voltage is 1/2 LSB below ground. By applying a voltage of -152.6 V at the input and adjusting the potentiometer until the major carry transition is located between 1111 1111 1111 1111 and 0000 0000 0000 0000, the internal offset can be corrected. To adjust the gain error, an analog signal should be input at either the first code transition (ADC negative full-scale) or the last code transition (ADC positive full-scale). Thus, to adjust for full-scale error, an input voltage of 9.999542 V (FS/2-3/2 LSBs) can be applied to the input and R4 should be adjusted until the output code flickers between the last positive code transition 0111 1111 1111 1111 and 0111 1111 1111 1110. Should the first code transition need adjusting, the trim procedure should consist of applying an analog input signal of -9.999847 V (-FS/2 + 1/2 LSB) to the input and adjusting the trim until the output code flickers between 1000 0000 0000 0000 and 1000 0000 0000 0001. The external 200 and 33.2K resistor shown in the data sheet for the AD976 provide compensation for an internal adjustment of the offset and gain which allows calibration with a single supply. These resistors may not be required in some applications but it should be noted that their removal will result in offset and gain errors in addition to those listed in the electrical specifications of the data sheet. Tables I and II illustrate the worst case range for Bipolar Zero (offset) error and Full-Scale (gain) error for the AD976 and the AD976A. All error terms are with respect to the A/D (i.e., a negative offset in the table would have to be corrected with an externally applied positive voltage). -10-
10V INPUT
R1 200 VIN R2 33.2k +5V C1 2.2 F R3 50k R4 50k AGND1
AD976/ AD976A
REF
R5 576k CAP C2 2.2 F AGND2
Figure 7. Input Connection with Offset and Gain Adjustment
OUTPUT CODE 011...111 011...110 (VREF /2) - 1 LSB 000...001 000...000 111...111 (VREF /2) + 1 LSB 100...010 100...001 100...000 FS = VREFV 1LSB = FS 65536 0V + FS - 1 LSB
VREF /2 VIN = (AIN(+) - AIN(-)) - INPUT VOLTAGE
Figure 8. The Bipolar Transfer Characteristic of the AD976/AD976A
REV. C
AD976/AD976A
VOLTAGE REFERENCE AC PERFORMANCE
The AD976/AD976A has an on-chip temperature compensated bandgap voltage reference that is factory trimmed to 2.5 V 20 mV. The full-scale range of the ADC is equal to 4 VREF. Thus, the nominal range will be 10 V. The accuracy of the AD976 over the specified temperature range is dominated by the drift performance of the voltage reference. The on-chip voltage reference is laser-trimmed to provide a typical drift of 7 ppm/C. This typical drift characteristic is shown in Figure 13, which is a plot of the change in reference voltage (in mV) versus the change in temperature--notice the plot is normalized for zero error at +25C. If improved drift performance is required, an external reference such as the AD780 should be used to provide a drift as low as 3 ppm/C. In order to simplify the drive requirements of the voltage reference (internal or external), an onboard reference buffer is provided. The output of this buffer is provided at the CAP pin and is available to the user; however, when externally loading the reference buffer, it is important to make sure that proper precautions are taken to minimize any degradation in the ADC's performance. Figure 14 shows the load regulation of the reference buffer. Notice that this figure is also normalized so that there is zero error with no dc load. In the linear region, the output impedance at this point is typically 1 ohm. Because of this 1 ohm output impedance, it is important to minimize any ac or input dependent loads that will lead to increased distortion. Any dc loads will simply act as a gain error. Although the typical characteristic of Figure 14 shows that the AD976 is capable of driving loads greater than 15 mA, it is not recommended that the steady state current exceed 2 mA. In addition to the on-chip reference, an external 2.5 V reference can be applied. When choosing an external reference for a 16-bit application, however, careful attention should be paid to noise and temperature drift. These critical specifications can have a significant effect on the ADC performance. Figure 9 shows the AD976/AD976A with the AD780 voltage reference applied to the REF pin. The AD780 is a bandgap reference that exhibits ultralow drift, low initial error, and low output noise. For low power applications, the REF192 provides a low quiescent current, high accuracy and low temperature drift solution.
R1 200 10V INPUT 0.1 F TEMP VOUT C1 2.2 F AGND1 C3 1F C4 0.1 F VANA CAP C2 2.2 F AGND2 R2 33.2k VIN
The AD976/AD976A is fully specified and tested for dynamic performance specifications. The ac parameters are required for signal processing applications such as speech recognition and spectrum analysis. These applications require information on the ADC's effect on the spectral content of the input signal. Hence, the parameters for which the AD976/AD976A is specified include: S/(N+D), THD and Spurious Free Dynamic Range. These terms are discussed in greater detail in the following sections. As a general rule, it is recommended that the results from several conversions be averaged to reduce the effects of noise, thus improving parameters such as S/(N+D) and THD. The ac performance of the AD976/AD976A can be optimized by operating the ADC at its maximum sampling rate of 100 kHz/200 kHz and by digitally filtering the resulting bit stream to the desired signal bandwidth. By distributing noise over a wider frequency range, the noise density in the frequency band of interest can be reduced. For example, if the required input bandwidth is 50 kHz, the AD976A could be oversampled by a factor of 2. This would yield a 3 dB improvement in the effective SNR performance.
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 -130 -140 -150 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 FREQUENCY - kHz 100%
FSAMPLE = 200kHz FIN = 45kHz SNR = 86.23dB THD = -105.33dB
dB
Figure 10. FFT PLOT
DC PERFORMANCE
REF
AD780
+5V VIN GND
AD976/ AD976A
The factory calibration scheme used for the AD976/AD976A compensates for bit weight errors that may exist in the capacitor array. The mismatch in capacitor values is adjusted (using the calibration coefficients) during a conversion, resulting in excellent dc linearity performance. Figures 11, 12, 15, 16, 17 and 18, respectively, show typical INL, typical DNL, typical positive and negative INL and DNL distribution plots for the AD976/AD976A at +25C. A histogram test is a statistical method for deriving an A/D converter's differential nonlinearity. A ramp input is sampled by the ADC and a large number of conversions are taken and stored. Theoretically, the codes would all be the same size and therefore have an equal number of occurrences. A code with an average number of occurrences would have a DNL of "0." A code that is different than the average would have a DNL that was either greater or less than zero LSB. A DNL of -1 LSB indicates that there is a missing code present at the 16-bit level and that the ADC exhibits 15-bit performance.
Figure 9. AD780 External Reference Connection to the AD976/AD976A
REV. C
-11-
AD976/AD976A
2.0 1.5 1.0 0.5 100%
0
-0.5 -1.0 -1.5 -2.0 0 5 10 15 20 25 30 35 40 45 OUTPUT CODE - K 50 55 60 66
dV ON CAP PIN - 10mV/DIV
SOURCE CAPABILITY SINK CAPABILITY LOAD CURRENT - 5mA/DIV
LSB
Figure 11. INL Plot
Figure 14. CAP (Pin 4) Load Regulation
2.0 1.5 1.0
100%
90 80 70
NUMBER OF UNITS
60 50 40 30 20 10
0 0.2 0.3 0.4 0.6 0.7 0.8 1.0 1.1 1.2 1.4 1.5 1.6 1.8 1.9 2.0 2.2 2.3 2.4 2.6 2.7 2.8 3.0 3.1 3.2
0.5
LSB
0
-0.5 -1.0 -1.5 -2.0 0 5 10 15 20 25 30 35 40 45 OUTPUT CODE - K 50 55 60 66
0
POSITIVE INL DISTRIBUTION - LSB
Figure 12. DNL Plot
Figure 15. Typical Positive INL Distribution (1516 Units)
90 80 70
NUMBER OF UNITS
60 50 40 30 20 10
-2.5 -2.4 -2.3 -2.2 -2.1 -2.0 -1.9 -1.8 -1.7 -1.6 -1.5 -1.4 -1.3 -1.2 -1.1 -1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1
1mV/DIV
-55
25 DEGREES CELSIUS
125
0
NEGATIVE INL DISTRIBUTION - LSB
Figure 13. Reference Drift
Figure 16. Typical Negative INL Distribution (1516 Units)
-12-
REV. C
AD976/AD976A
250 140 120 200 100 80 60 40 20 0 0
NUMBER OF UNITS
150
100
50
NUMBER OF UNITS
POSITIVE DNL DISTRIBUTION - LSB
Figure 17. Typical Position DNL Distribution (1516 Units)
Figure 18. Typical Negative DNL Distribution (1516 Units)
DC CODE UNCERTAINTY
MICROPROCESSOR INTERFACING
Ideally, a fixed dc input should result in the same output code for repetitive conversions; however, as a consequence of unavoidable circuit noise within the wideband circuits of the ADC, a range of output codes may occur for a given input voltage. Thus, when a dc signal is applied to the AD976/AD976A input, and 10,000 conversions are recorded, the result will be a distribution of codes as shown in Figure 19. This histogram shows a bell-shaped curve consistent with the Gaussian nature of thermal noise. The histogram is approximately seven codes wide. The standard deviation of this Gaussian distribution results in a code transition noise of 1 LSB rms.
4000 3500 3000 2500 2000 1500 1000 500 0
The AD976/AD976A is ideally suited for traditional dc measurement applications supporting a microprocessor and ac signal processing applications interfacing to a digital signal processor. The AD976/AD976A is designed to interface with a 16-bit data bus and provides all output data bits in a single read cycle. A variety of external buffers can be used with the AD976/AD976A to prevent bus noise from coupling into the ADC. The following sections illustrate the use of the AD976/AD976A with the MC68000 and 8051 microcontrollers and the TMS320C25 and ADSP-2111 signal processors.
MC68000 Interface
Figure 20 shows a general interface diagram for the MC68000 16-bit microprocessor to the AD976/AD976A. In Figure 20, conversion is initiated by bringing CSA low (i.e., writing to the appropriate address). This allows the processor to maintain control over the complete conversion process.
A15 ADDRESS BUS A0 ADDR DECODE AS EN
68000
-3 -2 -1 0 1 2 3 4
OE CLK
Figure 19. Histogram of 10,000 Conversions of a DC Input
R/W D15 DATA BUS D0
Figure 20. AD976/AD976A to 68000 Interface
REV. C
-13-
-1.2 -1.2 -1.1 -1.1 -1 -1 -0.9 -0.9 -0.8 -0.8 -0.7 -0.7 -0.6 -0.6 -0.5 -0.5 -0.4 -0.4 -0.3 -0.3 -0.2 -0.2 -0.1 -0.1 0 0 NEGATIVE DNL DISTRIBUTION - LSB R/C
0 0.2 0.3 0.4 0.6 0.7 0.8 1.0 1.1 1.2 1.4 1.5 1.6 1.8 1.9 2.0 2.2 2.3 2.4 2.6 2.7 2.8 3.0 3.1 3.2
AD976/ AD976A
BUSY
74HC374
Q15 Q0 D15 BUS D0 DB0 DB15
*ADDITIONAL PINS OMITTED FOR CLARITY
AD976/AD976A
8051 Interface
Figure 21 illustrates the use of the AD976/AD976A with an 8051 microcontroller.
TIMER A13 ADDRESS BUS A0
ADSP-2111
AD7 P0 AD0 BUS DB0 LATCH BUS P2 A15 A8 BUS ADDR DECODE A0 DB7
ADDR DECODE EN
DMS RD IRQn FO
AD976/ AD976A
CS BUSY R/C DB15 DB0
8051
AD976/ AD976A
BYTE R/C CS
D15 DATA BUS D0 *ADDITIONAL PINS OMITTED FOR CLARITY
RD WR INT *ADDITIONAL PINS OMITTED FOR CLARITY BUSY
Figure 23. AD976/AD976A to ADSP-2111 Interface
POWER SUPPLIES AND DECOUPLING
Figure 21. AD976/AD976A to 8051 Interface
TMS320C25 Interface
Figure 22 shows an interface between the AD976/AD976A and the TMS320C25.
TIMER A15 ADDRESS BUS A0
The AD976/AD976A has two power supply input pins. VANA and VDIG provide the supply voltages to the analog and digital portions, respectively. VANA is the +5 V supply for the on-chip analog circuitry, and VDIG is the +5 V supply for the on-chip digital circuitry. The AD976/AD976A is designed to be independent of power supply sequencing and, thus, free from supply voltage induced latch-up. With high performance linear circuits, changes in the power supplies can result in undesired circuit performance. Optimally, well regulated power supplies should be chosen with less than 1% ripple. The ac output impedance of a power supply is a complex function of frequency and it will generally increase with frequency. Thus, high frequency switching, such as that encountered with digital circuitry, requires the fast transient currents that most power supplies can not adequately provide. Such a situation results in large voltage spikes on the supplies. To compensate for the finite ac output impedance of most supplies, charge "reserves" should be stored in bypass capacitors. This will effectively lower the supplies impedance presented to the AD976/AD976A VANA and VDIG pins and reduce the magnitude of these spikes. Decoupling capacitors, typically 0.1 F, should be placed close to the power supply pins of the AD976/AD976A to minimize any inductance between the capacitors and the VANA and VDIG pins. The AD976/AD976A may be operated from a single +5 V supply. When separate supplies are used, however, it is beneficial to have larger capacitors, 10 F, placed between the logic supply (VDIG) and digital common (DGND) and between the analog supply (VANA) and the analog common (AGND2). Additionally, 10 F capacitors should be located in the vicinity of the ADC to further reduce low frequency ripple. In systems where the device will be subjected to harsh environmental noise, additional decoupling may be required.
TMS320C25
IS
ADDR DECODE EN R/C
READY NSC STRB R/W INT
CS
AD976/ AD976A
BUSY DB15 DB0
D15 DATA BUS D0 *ADDITIONAL PINS OMITTED FOR CLARITY
Figure 22. AD976/AD976A to TMS320C25 Interface
ADSP-2111 Interface
Figure 23 shows an interface to the ADSP-2111 signal processor. In this example, CS is being used to control conversions and is generated by an external timer. A conversion is initiated each time the timer output goes low as long as you are not reading from the AD976/AD976A and while the Flag Output (FO) pin of the ADSP-2111 is low. When a conversion is complete, the BUSY line will return high. With the IRQn pin programmed to generate an interrupt on a high-to-low transition, an interrupt will occur at the end of each conversion. The 16-bit result of the conversion can be read from within the interrupt service routine by first forcing FO high, then performing a read operation with the AD976/AD976A.
-14-
REV. C
AD976/AD976A
GROUNDING BOARD LAYOUT
The AD976/AD976A has three ground pins; AGND1, AGND2 and DGND. The analog ground pins are the "high quality" ground reference points and should be connected to the system analog common. AGND2 is the ground to which most internal ADC analog signals are referenced. This ground is most susceptible to current induced voltage drops and thus must be connected with the least resistance back to the power supply. AGND1 is the low current analog supply ground and should be the analog common for the external reference, input op amp drive circuitry and the input resistor divider circuit. By applying the inputs referenced to this ground, any ground variations will be offset and have a minimal effect on the resulting analog input to the ADC. The digital ground pin, DGND, is the reference point for all of the digital signals that control the AD976/AD976A. The AD976/AD976A can be powered with two separate power supplies or with a single analog supply. When the system digital supply is noisy or fast switching digital signals are present, it is recommended to connect the analog supply to both the VANA and VDIG pins of the AD976/AD976A and the system supply to the remaining digital circuitry. With this configuration, AGND1, AGND2, and DGND should be connected back at the ADC. When there is significant bus activity on the digital output pins, the digital and analog supply pins on the ADC should be separated. This would eliminate any high speed digital noise from coupling back to the analog portion of the AD976/AD976A. In this configuration, the digital ground pin DGND should be connected to the system digital ground and be separate from the AGND pins.
Designing with high resolution data converters requires careful attention to board layout. Trace impedance is a significant issue. A 1.22 mA current through a 0.5 trace will develop a voltage drop of 0.6 mV, which is 2 LSBs at the 16-bit level over the 20 volt full-scale range. Ground circuit impedances should be reduced as much as possible since any ground potential differences between the signal source and the ADC appear as an error voltage in series with the input signal. In addition to ground drops, inductive and capacitive coupling needs to be considered. This is especially true when high accuracy analog input signals share the same board with digital signals. Thus, to minimize input noise coupling, the input signal leads to VIN and the signal return leads from AGND should be kept as short as possible. In addition, power supplies should also be decoupled to filter out ac noise. Analog and digital signals should not share a common path. Each signal should have an appropriate analog or digital return routed close to it. Using this approach, signal loops enclose a small area, minimizing the inductive coupling of noise. Wide PC tracks, large gauge wire and ground planes are highly recommended to provide low impedance signal paths. Separate analog and digital ground planes are also recommended with a single interconnection point to minimize ground loops. Analog signals should be routed as far as possible from high speed digital signals and should only cross them, if absolutely necessary, at right angles. In addition, it is recommended that multilayer PC boards be used with separate power and ground planes. When designing the separate sections, careful attention should be paid to the layout.
REV. C
-15-
AD976/AD976A
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead 300 mil Plastic DIP (N-28B)
C2624c-1-8/99
1.425 (36.195) 1.385 (35.179)
28 1 15 14
0.280 (7.11) 0.240 (6.10)
PIN 1 0.210 (5.33) MAX 0.150 (3.81) 0.115 (2.92) 0.022 (0.558) 0.014 (0.356) 0.100 (2.54) BSC
0.015 (0.381) MIN
0.325 (8.25) 0.300 (7.62) 0.195 (4.95) 0.115 (2.93)
SEATING 0.070 (1.77) PLANE 0.045 (1.15)
0.014 (0.356) 0.008 (0.204)
28-Lead SOIC (R-28)
0.7125 (18.10) 0.6969 (17.70)
28 15
1
14
PIN 1
0.1043 (2.65) 0.0926 (2.35)
0.4193 (10.65) 0.3937 (10.00)
0.0291 (0.74) x 45 0.0098 (0.25)
0.2992 (7.60) 0.2914 (7.40)
0.0118 (0.30) 0.0040 (0.10)
0.0500 (1.27) BSC
8 0.0192 (0.49) 0 SEATING 0.0125 (0.32) 0.0138 (0.35) PLANE 0.0091 (0.23)
0.0500 (1.27) 0.0157 (0.40)
28-Lead SSOP (RS-28)
0.407 (10.34) 0.397 (10.08)
28
15
0.311 (7.9) 0.301 (7.64)
0.212 (5.38) 0.205 (5.21)
1
14
0.078 (1.98) PIN 1 0.068 (1.73)
0.07 (1.79) 0.066 (1.67)
0.008 (0.203) 0.0256 (0.65) 0.002 (0.050) BSC
0.015 (0.38) 0.010 (0.25)
SEATING 0.009 (0.229) PLANE 0.005 (0.127)
8 0
0.03 (0.762) 0.022 (0.558)
-16-
REV. C
PRINTED IN U.S.A.


▲Up To Search▲   

 
Price & Availability of AD976A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X