Part Number Hot Search : 
NJU6053 5MF500 500T010E SMAZ5V6 RGP20B CSP20C04 WK090600 TXN20K
Product Description
Full Text Search
 

To Download AD741CH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Precision Input Characteristics Low VOS: 0.5 mV max (L) Low VOS Drift: 5 V/ C max (L) Low Ib: 50 nA max (L) Low lOS: 5 nA max (L) High CMRR: 90 dB min (K, L) High Output Capability AOL = 25,000 min, 1 k Load (J, S) TMIN to TMAX VO = 10 V min, 1 k Load (J, S) Chips and MIL-STD-883B Parts Available
Low Cost, High Accuracy IC Op Amps AD741 Series
CONNECTION DIAGRAMS TO-99 (H) Package
NC = NO CONNECT
Mini-DIP (N) Package GENERAL DESCRIPTION
The Analog Devices AD741 Series are high performance monolithic operational amplifiers. All the devices feature full short circuit protection and internal compensation. The Analog Devices AD741J, AD741K, AD741L, and AD741S are specially tested and selected versions of the standard AD741 operational amplifier. Improved processing and additional electrical testing guarantee the user precision performance at a very low cost. The AD741J, K and L substantially increase overall accuracy over the standard AD741C by providing maximum limits on offset voltage drift and significantly reducing the errors due to offset voltage, bias current, offset current, voltage gain, power supply rejection and common-mode rejection. For example, the AD741L features maximum offset voltage drift of 5 V/C, offset voltage of 0.5 mV max, offset current of 5 nA max, bias current of 50 nA max and a CMRR of 90 dB min. The AD741S offers guaranteed performance over the extended temperature range of -55C to +125C, with max offset voltage drift of 15 V/C, max offset voltage of 4 mV, max offset current of 25 nA, and a minimum CMRR of 80 dB.
NC = NO CONNECT
HIGH OUTPUT CAPABILITY
Both the AD741J and AD741S offer the user the additional advantages of high guaranteed output current and gain at low values of load impedance. The AD741J guarantees a minimum gain of 25,000 swinging 10 V into a 1 k load from 0C to +70C. The AD741S guarantees a minimum gain of 25,000 swinging 10 V into a 1 k load from -55C to +125C. All devices feature full short circuit protection, high gain, high common-mode range and internal compensation. The AD741J, K and L are specified for operation from 0 to +70C and are available in both the TO-99 and mini-DIP packages. The AD741S is specified for operation from -55C to +125C, and is available in the TO-99 package.
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 World Wide Web Site: http://www.analog.com Fax: 617/326-8703 (c) Analog Devices, Inc., 1997
AD741 Series-SPECIFICATIONS (typical @ +25 C and
Model OPEN-LOOP GAIN RL = 1 k, VO = 10 V RL = 2 k, VO = 10 V TA = min to max RL = 2 k OUTPUT CHARACTERISTICS Voltage @ RL = 1 k, TA = min to max Voltage @ RL = 2 k, TA = min to max Short Circuit Current FREQUENCY RESPONSE Unity Gain, Small Signal Full Power Response Slew Rate Transient Response (Unity Gain) Rise Time CL 10 V p-p Overshoot INPUT OFFSET VOLTAGE Initial, RS 10 k, Adjust to Zero TA = min to max Average vs. Temperature (Untrimmed) vs. Supply, TA = min to max INPUT OFFSET CURRENT Initial TA = min to max Average vs. Temperature INPUT BIAS CURRENT Initial TA = min to max Average vs. Temperature INPUT IMPEDANCE DIFFERENTIAL 0.3 INPUT VOLTAGE RANGE1 Differential, max Safe Common-Mode, max Safe Common-Mode Rejection, RS = 10 k, TA = min to max, VIN = 12 V POWER SUPPLY Rated Performance Operating Power Supply Rejection Ratio Quiescent Current Power Consumption TA = min TA = max TEMPERATURE RANGE Operating Rated Performance Storage 0 -65 Min AD741C Typ Max Min AD741 Typ 20,000 15,000 200,000 50,000 25,000
15 V dc, unless otherwise noted)
Max Min 50,000 AD741J Typ 200,000 Max Units V/V V/V V/V V V mA MHz kHz V/s s % 3.0 4.0 20 100 50 100 mV mV V/C V/V nA nA nA/C nA nA nA/C M 30 V V
200,000 25,000 10 13 25 1 10 0.5 0.3 5.0 5.0 6.0 1.0
10
13 25 1 10 0.5 0.3 5.0 1.0 1.0 6.0 7.5
10
13 25 1 10 0.5 0.3 5.0 1.0 1.0
30 20 40 200 300 20 85 200 500 5 0.1 80 120 2.0 500 800 0.3 80 300 2.0 500 1,500 40 0.6 1.0
200 400
12 70
13 90 15 30 1.7 50 150 2.8 85
12 70
13 90 15 30 1.7 50 60 45 150 2.8 85 100 75 +125 +150 0 -65 80
15 90 15 2.2 50
dB V V V/V mA mW mW mW
5
18 3.3 85
+70 +150
-55 -65
+70 C +150 C
NOTES 1 For supply voltages less than 15 V, the absolute maximum input voltage is equal to the supply voltage. All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. Specifications subject to change without notice.
-2-
REV. A
AD741 Series
Model OPEN-LOOP GAIN RL = 1 k, VO = 10 V RL = 2 k, VO = 10 V TA = min to max RL = 2 k OUTPUT CHARACTERISTICS Voltage @ RL = 1 k, TA = min to max Voltage @ RL = 2 k, TA = min to max Short Circuit Current FREQUENCY RESPONSE Unity Gain, Small Signal Full Power Response Slew Rate Transient Response (Unity Gain) Rise Time Overshoot INPUT OFFSET VOLTAGE Initial, RS 10 k, Adjust to Zero TA = min to max Average vs. Temperature (Untrimmed) vs. Supply, TA = min to max INPUT OFFSET CURRENT Initial TA = min to max Average vs. Temperature INPUT BIAS CURRENT Initial TA = min to max Average vs. Temperature INPUT IMPEDANCE DIFFERENTIAL INPUT VOLTAGE RANGE1 Differential, max Safe Common-Mode, max Safe Common-Mode Rejection, RS = 10 k, TA = min to max, VIN = 12 V POWER SUPPLY Rated Performance Operating Power Supply Rejection Ratio Quiescent Current Power Consumption TA = min TA = max TEMPERATURE RANGE Operating Rated Performance Storage Min AD741K Typ Max Min AD741L Typ Max Min 50,000 50,000 25,000 200,000 50,000 25,000 200,000 25,000 AD741S Typ 200,000 Max Units V/V V/V V/V V V mA MHz kHz V/s s % 2 4 15 100 10 25 0.25 75 250 2.0 mV mV V/C V/V nA nA nA/C nA nA nA/C M V V
10
13 25 1 10 0.5 0.3 5.0 0.5 6.0 5 2 0.02 30 0.6 2.0 30 15 2.0 3.0 15.0 15.0 10 15 0.02 75 120 1.5
10
13 25 1 10 0.5 0.3 5.0 0.2 2.0 5 2 0.02 30 0.6 2.0 30 15 0.5 1.0 5.0 15.0 5 10 0.1 50 100 1.0
10
13 25 1 10 0.5 0.3 5.0 1.0 6.0 30 2 0.1 30 0.6 2.0 30 15
90
100 15 20 1.7 50
90
100 15 20 1.7 50
90
100 15 20 2.0 50 60 75
dB V V V/V mA mW mW mW
5
22 2.8 85
5
22 2.8 85
5
22 2.8 85 100 115
0 -65
+70 +150
0 -65
+70 +150
-55 -65
+125 C +150 C
REV. A
-3-
AD741 Series
ABSOLUTE MAXIMUM RATINGS METALIZATION PHOTOGRAPH
Absolute Maximum Ratings Supply Voltage Internal Power Dissipation Differential Input Voltage Input Voltage Storage Temperature Range Lead Temperature (Soldering, 60 sec) Output Short Circuit Duration
AD741, J, K, L, S 22 V 500 mW1 30 V 15 V -65C to +150C +300C Indefinite2
AD741C 18 V 500 mW 30 V 15 V -65C to +150C +300C Indefinite
All versions of the AD741 are available in chip form. Contact factory for latest dimensions. Dimensions shown in inches and (mm).
NOTES 1 Rating applies for case temperature to +125C. Derate TO-99 linearity at 6.5 mW/C for ambient temperatures above +70C. 2 Rating applies for shorts to ground or either supply at case temperatures to +125C or ambient temperatures to +75C.
ORDERING GUIDE Model1 AD741CN AD741CH AD741JN AD741JH AD741KN AD741KH AD741LN AD741LH AD741H AD741SH Temperature Range 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C -55C to +125C -55C to +125C Initial Off Package Package Set Voltage Description Option 6.0 mV 6.0 mV 3.0 mV 3.0 mV 2.0 mV 2.0 mV 0.5 mV 0.5 mV 5.0 mV 2.0 mV Mini-DIP TO-99 Mini-DIP TO-99 Mini-DIP TO-99 Mini-DIP TO-99 TO-99 TO-99 (N-8) (H-08A) (N-8) (H-08A) (N-8) (H-08A) (N-8) (H-08A) (H-08A) (H-08A)
NOTE 1 J, K and S grade chips also available.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
TO-99 (H)
Mini DIP (N)
-4-
REV. A
AD741 Series-Typical Performance Curves
Figure 1. Input Bias Current vs. Temperature
Figure 4. Open-Loop Phase Response vs. Frequency
Figure 2. Input Offset Current vs. Temperature
Figure 5. Common-Mode Rejection vs. Frequency
Figure 3. Open-Loop Gain vs. Frequency
Figure 6. Broad Band Noise vs. Source Resistance
REV. A
-5-
AD741 Series
Figure 7. Input Noise Voltage vs. Frequency
Figure 10. Output Voltage Swing vs. Supply Voltage
Figure 8. Input Noise Current vs. Frequency
Figure 11. Output Voltage Swing vs. Load Resistance
Figure 9. Voltage Follower Large Signal Pulse Response
Figure 12. Output Voltage Swing vs. Frequency
-6-
REV. A
PRINTED IN U.S.A.
C687b-0-5/97


▲Up To Search▲   

 
Price & Availability of AD741CH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X