Part Number Hot Search : 
1PMT4107 LUR81D PM7205 1H330 NJM2527 LTC4352 KSC3502E 100FC
Product Description
Full Text Search
 

To Download 74HC75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC/HCT75 Quad bistable transparent latch
Product specification File under Integrated Circuits, IC06 December 1990
Philips Semiconductors
Product specification
Quad bistable transparent latch
FEATURES * Complementary Q and Q outputs * VCC and GND on the centre pins * Output capability: standard * ICC category: MSI GENERAL DESCRIPTION The 74HC/HCT75 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A.
74HC/HCT75
The 74HC/HCT75 have four bistable latches. The two latches are simultaneously controlled by one of two active HIGH enable inputs (LE1-2 and LE3-4). When LEn-n is HIGH, the data enters the latches and appears at the nQ outputs. The nQ outputs follow the data inputs (nD) as long as LEn-n is HIGH (transparent). The data on the nD inputs one set-up time prior to the HIGH-to-LOW transition of the LEn-n will be stored in the latches. The latched outputs remain stable as long as the LEn-n is LOW.
QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6 ns TYPICAL SYMBOL tPHL/ tPLH PARAMETER propagation delay nD to nQ, nQ LEn-n to nQ, nQ CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz fo = output frequency in MHz (CL x VCC2 x fo) = sum of outputs CL = output load capacitance in pF VCC = supply voltage in V 2. For HC the condition is VI = GND to VCC For HCT the condition is VI = GND to VCC -1.5 V ORDERING INFORMATION See "74HC/HCT/HCU/HCMOS Logic Package Information". input capacitance power dissipation capacitance per latch notes 1 and 2 CONDITIONS HC CL = 15 pF; VCC = 5 V 11 11 3.5 42 12 11 3.5 42 ns ns pF pF HCT UNIT
December 1990
2
Philips Semiconductors
Product specification
Quad bistable transparent latch
PIN DESCRIPTION PIN NO. 1, 14, 11, 8 2, 3, 6, 7 4 5 12 13 16, 15, 10, 9 SYMBOL 1Q to 4Q 1D to 4D LE3-4 VCC GND LE1-2 1Q to 4Q NAME AND FUNCTION complementary latch outputs data inputs latch enable input, latches 3 and 4 (active HIGH) positive supply voltage ground (0 V) latch enable input, latches 1 and 2 (active HIGH) latch outputs
74HC/HCT75
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
December 1990
3
Philips Semiconductors
Product specification
Quad bistable transparent latch
FUNCTION TABLE OPERATING MODES data enabled data latched Notes 1. H = HIGH voltage level L = LOW voltage level q = lower case letters indicate the state of the referenced output one set-up time prior to the HIGH-to-LOW LEn-n transition X = don't care H H L INPUTS LEn-n L H X nD OUTPUTS nQ L H q H L q nQ
74HC/HCT75
Fig.4 Functional diagram.
Fig.5 Logic diagram.
December 1990
4
Philips Semiconductors
Product specification
Quad bistable transparent latch
DC CHARACTERISTICS FOR 74HC For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: standard ICC category: MSI AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HC SYMBOL PARAMETER +25 -40 to+85 -40 to+125 max. 165 33 28 180 36 31 180 36 31 190 38 32 110 22 19 120 24 20 90 18 15 3 3 3 ns
74HC/HCT75
TEST CONDITIONS UNIT V CC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0
WAVEFORMS
min. typ. max. min. max. min. tPHL/ tPLH propagation delay nD to nQ propagation delay nD to nQ propagation delay LEn-n to nQ propagation delay LEn-n to nQ output transition time 33 12 10 39 14 11 33 12 10 39 14 11 19 7 6 80 16 14 60 12 10 3 3 3 17 6 5 14 5 4 -8 -3 -2 110 22 19 120 24 20 120 24 20 125 25 21 75 15 13 100 20 17 75 15 13 3 3 3 140 28 24 150 30 26 150 30 26 155 31 26 95 19 16
Fig.6
tPHL/ tPLH
ns
Fig.7
tPHL/ tPLH
ns
Fig.8
tPHL/ tPLH
ns
Fig.8
tTHL/ tTLH
ns
Figs 6 and 7
tW
enable pulse width HIGH set-up time nD to LEn-n hold time nD to LEn-n
ns
Fig.8
tsu
ns
Fig.9
th
ns
Fig.9
December 1990
5
Philips Semiconductors
Product specification
Quad bistable transparent latch
DC CHARACTERISTICS FOR 74HCT For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: standard ICC category: MSI Note to HCT types
74HC/HCT75
The value of additional quiescent supply current (ICC) for a unit load of 1 is given in the family specifications. To determine ICC per input, multiply this value by the unit load coefficient shown in the table below.
INPUT nD LEn-n
UNIT LOAD COEFFICIENT 0.75 1.00
AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HCT SYMBOL PARAMETER +25 -40 to +85 -40 to +125 max. 42 42 42 45 22 24 18 3 ns ns ns ns ns ns ns ns 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 Fig.6 Fig.7 Fig.8 Fig.8 Figs 6 and 7 Fig.8 Fig.9 Fig.9 UNIT V CC (V) WAVEFORMS TEST CONDITIONS
min. typ. max. min. max. min. tPHL/ tPLH tPHL/ tPLH tPHL/ tPLH tPHL/ tPLH tTHL/ tTLH tW tsu th propagation delay nD to nQ propagation delay nD to nQ propagation delay LEn-n to nQ propagation delay LEn-n to nQ output transition time enable pulse width HIGH set-up time nD to LEn-n hold time nD to LEn-n 16 12 3 15 15 13 15 7 4 4 -2 28 28 28 30 15 20 15 3 35 35 35 38 19
December 1990
6
Philips Semiconductors
Product specification
Quad bistable transparent latch
AC WAVEFORMS
74HC/HCT75
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.6
Waveforms showing the data input (nD) to output (nQ) propagation delays and the output transition times.
Fig.7
Waveforms showing the data input (nD) to output (nQ) propagation delays and the output transition times.
The shaded areas indicate when the input is permitted to change for predictable output performance. (1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.9
Waveforms showing the data set-up and hold times for nD input to LEn-n input.
Fig.8
Waveforms showing the latch enable input (LEn-n) pulse width, the latch enable input to outputs (nQ, nQ) propagation delays and the output transition times.
PACKAGE OUTLINES See "74HC/HCT/HCU/HCMOS Logic Package Outlines".
December 1990
7


▲Up To Search▲   

 
Price & Availability of 74HC75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X