Part Number Hot Search : 
AD421BR LT3436 MBR0520 ZXMN6 N1205 ST508AT1 HN2C1 W91320
Product Description
Full Text Search
 

To Download 74HC534 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC/HCT534 Octal D-type flip-flop; positive edge-trigger; 3-state; inverting
Product specification Supersedes data of September 1993 File under Integrated Circuits, IC06 1998 Apr 10
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state; inverting
FEATURES * 3-state inverting outputs for bus oriented applications * 8-bit positive, edge-triggered register * Common 3-state output enable input * Output capability: bus driver * ICC category: MSI. GENERAL DESCRIPTION The 74HC/HCT534 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A. QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6 ns
74HC/HCT534
The 74HC/HCT534 are octal D-type flip-flops featuring separate D-type inputs for each flip-flop and inverting 3-state outputs for bus oriented applications. A clock (CP) and an output enable (OE) input are common to all flip-flops. The 8 flip-flops will store the state of their individual D-inputs that meet the set-up and hold times requirements on the LOW-to-HIGH CP transition. When OE is LOW, the contents of the 8 flip-flops are available at the outputs. When OE is HIGH, the outputs go to the high impedance OFF-state. Operation of the OE input does not affect the state of the flip-flops. The "534" is functionally identical to the "374", but has inverted outputs.
TYPICAL SYMBOL tPHL/ tPLH fmax CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz. fo = output frequency in MHz. (CL x VCC2 x fo) = sum of outputs. CL = output load capacitance in pF. VCC = supply voltage in V. 2. For HC the condition is VI = GND to VCC; for HCT the condition is VI = GND to VCC - 1.5 V. ORDERING INFORMATION TYPE NUMBER 74HC534 74HC534 74HCT534 74HCT534 PACKAGE NAME SO20 DIP20 SO20 DIP20 DESCRIPTION plastic small outline package; 20 leads; body width 7.5 mm plastic dual in-line package; 20 leads (300 mil) plastic small outline package; 20 leads; body width 7.5 mm plastic dual in-line package; 20 leads (300 mil) VERSION SOT163-1 SOT146-1 SOT163-1 SOT146-1 PARAMETER propagation delay CP to Qn maximum clock frequency input capacitance power dissipation capacitance per flip-flop notes 1 and 2 CONDITIONS HC CL = 15 pF; VCC = 5 V 12 61 3.5 19 HCT 13 40 3.5 19 ns MHz pF pF UNIT
1998 Apr 10
2
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state; inverting
PIN DESCRIPTION PIN NO. 1 2, 5, 6, 9, 12, 15, 16, 19 3, 4, 7, 8, 13, 14, 17, 18 10 11 20 OE Q0 to Q7 D0 to D7 GND CP VCC SYMBOL 3-state outputs data inputs ground (0 V) clock input (LOW-to-HIGH, edge-triggered) positive supply voltage
74HC/HCT534
NAME AND FUNCTION 3-state output enable input (active LOW)
fpage
OE 1 Q0 2 D0 3 D1 4 Q1 5 Q2 6 D2 7 D3 8 Q3 9 GND 10
MGM954
20 VCC 19 Q7 18 D7 17 D6
page
fpage
1 11
EN C1 2 5 6 9 12 15 16 19
MGM956
11 CP 3 4 7 8 13 14 D0 D1 D2 D3 D4 D5 D6 D7 OE 1 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 2 5 6 9 12 15 16 19
3 4 7 8 13 14 17
1D
534
16 Q6 15 Q5 14 D5 13 D4 12 Q4 11 CP
17 18
MGM955
18
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
1998 Apr 10
3
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state; inverting
74HC/HCT534
handbook, halfpage
3 4 7 8 13 14 17 18
D0 D1 D2 D3 D4 D5 D6 D7 FF1 to FF8 3-STATE OUTPUTS
Q0 Q1 Q2 Q3
2 5 6 9
Q4 12 Q5 15 Q6 16 Q7 19
11 CP 1 OE
MGM957
Fig.4 Functional diagram.
FUNCTION TABLE INPUTS OPERATING MODES OE load and read register load register and disable outputs L L H H Note 1. H = HIGH voltage level; h = HIGH voltage level one set-up time prior to the LOW-to-HIGH CP transition L = LOW voltage level; I = LOW voltage level one set-up time prior to the LOW-to-HIGH CP transition Z = high impedance OFF-state; = LOW-to-HIGH clock transition. CP Dn l h l h L H L H INTERNAL FLIP-FLOPS Q0 to Q7 H L Z Z OUTPUTS
1998 Apr 10
4
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state; inverting
74HC/HCT534
D0 handbook, full pagewidth
D1
D2
D3
D4
D5
D6
D7
D
Q
D
Q
D
Q
D
Q
D
Q
D
Q
D
Q
D
Q
CP FF 1 CP
CP FF 2
CP FF 3
CP FF 4
CP FF 5
CP FF 6
CP FF 7
CP FF 8
OE
Q0
Q1
Q2
Q3
Q4
Q5
Q6
MGM958
Q7
Fig.5 Logic diagram.
1998 Apr 10
5
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state; inverting
DC CHARACTERISTICS FOR 74HC
74HC/HCT534
For the DC characteristics see chapter "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: bus driver ICC category: MSI. AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HC SYMBOL PARAMETER +25 -40 to +85 max. 205 41 35 190 38 33 190 38 33 75 15 13 100 20 17 75 15 13 5 5 5 4.8 24 28 120 24 20 90 18 15 5 5 5 4.0 20 24 MHz ns ns -40 to +125 min. max. 250 50 43 225 45 38 225 45 38 90 18 15 ns ns ns ns ns 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Fig.6 Fig.8 Fig.8 Fig.6 Fig.6 Fig.7 Fig.7 Fig.6 UNIT V WAVEFORMS CC (V) TEST CONDITIONS
min. typ. max. min. tPHL/ tPLH propagation delay nCP to nQn 3-state output enable time OE to Qn 3-state output disable time OE to Qn output transition time 41 15 12 tPZH/ tPZL 33 12 10 41 15 12 14 5 4 tW clock pulse width HIGH or LOW 80 16 14 tsu set-up time Dn to CP hold time Dn to CP maximum clock pulse frequency 60 12 10 th 5 5 5 fmax 6.0 30 35 19 7 6 6 2 2 -3 -1 -1 18 55 66 165 33 28 150 30 26 150 30 26 60 12 10
tPHZ/ tPLZ
tTHL/ tTLH
1998 Apr 10
6
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state; inverting
DC CHARACTERISTICS FOR 74HCT
74HC/HCT534
For the DC characteristics see chapter "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: bus driver ICC category: MSI. Note to HCT types The value of additional quiescent supply current (ICC) for a unit load of 1 is given in the family specifications. To determine ICC per input, multiply this value by the unit load coefficient shown in the table below.
INPUT OE CP Dn AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr = tf = 6 ns; CL = 50 pF
UNIT LOAD COEFFICIENT 1.25 0.90 0.35
Tamb (C) 74HCT SYMBOL PARAMETER +25 -40 to +85 -40 to +125 min. max. 45 45 45 18 35 18 5 15 ns ns ns ns ns ns ns MHz UNIT
TEST CONDITIONS VCC (V) 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 WAVEFORMS
min. typ. max min. max. tPHL/ tPLH tPZH/ tPZL tPHZ/ tPLZ tTHL/ tTLH tW tsu th fmax propagation delay CP to Qn 3-state output enable time OE to Qn 3-state output disable time OE to Qn output transition time clock pulse width HIGH or LOW set-up time Dn to CP hold time Dn to CP maximum clock pulse frequency 23 12 5 22 16 16 18 5 14 4 -1 36 30 30 30 12 29 15 5 18 38 38 38 15
Fig.6 Fig.7 Fig.7 Fig.6 Fig.6 Fig.8 Fig.8 Fig.6
1998 Apr 10
7
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state; inverting
AC WAVEFORMS
74HC/HCT534
dbook, full pagewidth
1/fmax
CP INPUT
VM(1) tW tPHL
tPLH
Qn OUTPUT
VM(1)
tTHL
tTLH
MGM959
(1) HC: VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.6
Waveforms showing the clock (CP) to output (Qn) propagation delays, the clock pulse width, output transition times and the maximum clock pulse frequency.
andbook, full pagewidth
tr 90% OE INPUT 10% tPLZ Qn OUTPUT LOW-to-OFF OFF-to-LOW tPHZ Qn OUTPUT HIGH-to-OFF OFF-to-HIGH outputs enabled 90% VM(1)
tf
tPZL
VM(1) 10% tPZH
VM(1) outputs enabled
MGM961
outputs disabled
(1) HC: VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7 Waveforms showing the 3-state enable and disable times.
1998 Apr 10
8
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state; inverting
74HC/HCT534
handbook, full pagewidth
CP INPUT
VM(1)
tsu th
tsu th
Dn INPUT
VM(1)
Qn OUTPUT
VM(1)
MGM960
The shaded areas indicate when the input is permitted to change for predictable output performance. (1) HC: VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.8 Waveforms showing the data set-up and hold times for Dn input.
1998 Apr 10
9
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state; inverting
PACKAGE OUTLINES DIP20: plastic dual in-line package; 20 leads (300 mil)
74HC/HCT534
SOT146-1
D seating plane
ME
A2
A
L
A1
c Z e b1 b 20 11 MH wM (e 1)
pin 1 index E
1
10
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 4.2 0.17 A1 min. 0.51 0.020 A2 max. 3.2 0.13 b 1.73 1.30 0.068 0.051 b1 0.53 0.38 0.021 0.015 c 0.36 0.23 0.014 0.009 D
(1)
E
(1)
e 2.54 0.10
e1 7.62 0.30
L 3.60 3.05 0.14 0.12
ME 8.25 7.80 0.32 0.31
MH 10.0 8.3 0.39 0.33
w 0.254 0.01
Z (1) max. 2.0 0.078
26.92 26.54 1.060 1.045
6.40 6.22 0.25 0.24
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT146-1 REFERENCES IEC JEDEC EIAJ SC603 EUROPEAN PROJECTION
ISSUE DATE 92-11-17 95-05-24
1998 Apr 10
10
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state; inverting
74HC/HCT534
SO20: plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
D
E
A X
c y HE vMA
Z 20 11
Q A2 A1 pin 1 index Lp L 1 e bp 10 wM detail X (A 3) A
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 2.65 0.10 A1 0.30 0.10 A2 2.45 2.25 A3 0.25 0.01 bp 0.49 0.36 c 0.32 0.23 D (1) 13.0 12.6 0.51 0.49 E (1) 7.6 7.4 0.30 0.29 e 1.27 0.050 HE 10.65 10.00 L 1.4 Lp 1.1 0.4 Q 1.1 1.0 0.043 0.039 v 0.25 0.01 w 0.25 0.01 y 0.1 0.004 Z
(1)
0.9 0.4 0.035 0.016
0.012 0.096 0.004 0.089
0.019 0.013 0.014 0.009
0.419 0.043 0.055 0.394 0.016
8o 0o
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT163-1 REFERENCES IEC 075E04 JEDEC MS-013AC EIAJ EUROPEAN PROJECTION
ISSUE DATE 95-01-24 97-05-22
1998 Apr 10
11
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state; inverting
SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (order code 9398 652 90011). DIP SOLDERING BY DIPPING OR BY WAVE The maximum permissible temperature of the solder is 260 C; solder at this temperature must not be in contact with the joint for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds. The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (Tstg max). If the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. REPAIRING SOLDERED JOINTS Apply a low voltage soldering iron (less than 24 V) to the lead(s) of the package, below the seating plane or not more than 2 mm above it. If the temperature of the soldering iron bit is less than 300 C it may remain in contact for up to 10 seconds. If the bit temperature is between 300 and 400 C, contact may be up to 5 seconds. SO REFLOW SOLDERING Reflow soldering techniques are suitable for all SO packages. Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement.
74HC/HCT534
Several techniques exist for reflowing; for example, thermal conduction by heated belt. Dwell times vary between 50 and 300 seconds depending on heating method. Typical reflow temperatures range from 215 to 250 C. Preheating is necessary to dry the paste and evaporate the binding agent. Preheating duration: 45 minutes at 45 C. WAVE SOLDERING Wave soldering techniques can be used for all SO packages if the following conditions are observed: * A double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. * The longitudinal axis of the package footprint must be parallel to the solder flow. * The package footprint must incorporate solder thieves at the downstream end. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Maximum permissible solder temperature is 260 C, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 C within 6 seconds. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. REPAIRING SOLDERED JOINTS Fix the component by first soldering two diagonallyopposite end leads. Use only a low voltage soldering iron (less than 24 V) applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
1998 Apr 10
12
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state; inverting
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
74HC/HCT534
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1998 Apr 10
13


▲Up To Search▲   

 
Price & Availability of 74HC534

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X