Part Number Hot Search : 
2SD1733 DF150 10R0J 276BC2 4812S OPB900L LT19331 LT19331
Product Description
Full Text Search
 

To Download 74ABT2240CMSA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74ABT2240 Octal Buffer/Line Driver with 25 Series Resistors in the Outputs
March 1994 Revised November 1999
74ABT2240 Octal Buffer/Line Driver with 25 Series Resistors in the Outputs
General Description
The ABT2240 is an inverting octal buffer and line driver designed to drive the capacitive inputs of MOS memory drivers, address drivers, clock drivers, and bus-oriented transmitters/receivers. The 25 series resistors in the outputs reduce ringing and eliminate the need for external resistors.
Features
s Guaranteed latchup protection s High impedance glitch-free bus loading during entire power up and power down cycle s Nondestructive hot insertion capability
Ordering Code:
Order Number 74ABT2240CSC 74ABT2240CSJ 74ABT2240CMSA 74ABT2240CMTC Package Number M20B M20D MSA20 MTC20 Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Body 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Devices also available in Tape and Reel. Specify by appending letter suffix "X" to the ordering code.
Connection Diagram
Pin Descriptions
Pin Names OE1, OE2 D0-D7 O0-O7 Descriptions Output Enable Input (Active LOW) Data Inputs Outputs
Schematic of Each Output
Truth Table
OE1 H L L I0-3 X H L O0-3 Z L H OE2 H L L I4-7 X H L O4-7 Z L H
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance
(c) 1999 Fairchild Semiconductor Corporation
DS011665
www.fairchildsemi.com
74ABT2240
Absolute Maximum Ratings(Note 1)
Storage Temperature Ambient Temperature under Bias Junction Temperature under Bias VCC Pin Potential to Ground Pin Input Voltage (Note 2) Input Current (Note 2) Voltage Applied to Any Output in the Disabled or Power-off State in the HIGH State Current Applied to Output in LOW State (Max) DC Latchup Source Current (Across Comm Operating Range) Over Voltage Latchup (I/O) -300 mA 10V twice the rated IOL (mA) -0.5V to 5.5V -0.5V to VCC -65C to +150C -55C to +125C -55C to +150C -0.5V to +7.0V -0.5V to +7.0V -30 mA to +5.0 mA
Recommended Operating Conditions
Free Air Ambient Temperature Supply Voltage Minimum Input Edge Rate (V/t) Data Input Enable Input 50 mV/ns 20 mV/ns -40C to +85C +4.5V to +5.5V
Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol VIH VIL VCD VOH VOL IIH IBVI I IL VID IOZH IOZL IOS ICEX IZZ ICCH ICCL ICCZ ICCT Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Current Input HIGH Current Breakdown Test Input LOW Current Input Leakage Test 2.5 2.0 0.8 1 1 7 -1 -1 Min 2.0 0.8 -1.2 Typ Max Units V V V V V V A A A V A A mA A A A mA A mA mA A mA/ 0.1 MHz Max Min Min Min Min Max Max Max 0.0 VCC Conditions Recognized HIGH Signal Recognized LOW Signal IIN = -18 mA IOH = -3 mA IOH = -32 mA IOL = 15 mA VIN = 2.7V (Note 3) VIN = V CC VIN = 7.0V VIN = 0.5V (Note 3) VIN = 0.0V IID = 1.9 A All Other Pins Grounded Output Leakage Current Output Leakage Current Output Short-Circuit Current Output HIGH Leakage Current Bus Drainage Test Power Supply Current Power Supply Current Power Supply Current 10 -10 -275 50 100 50 30 50 Outputs Enabled Outputs 3-STATE Outputs 3-STATE ICCD Dynamic ICC (Note 3) No Load 1.5 1.5 50 0 - 5.5V VOUT = 2.7V; OEn = 2.0V 0 - 5.5V VOUT = 0.5V; OEn = 2.0V Max Max 0.0 Max Max Max VOUT = 0.0V VOUT = V CC VOUT = 5.5V; All Others GND All Outputs HIGH All Outputs LOW OEn = V CC All Others at VCCor GND Additional ICC/Input VI = V CC - 2.1V Enable Input VI = VCC - 2.1V Data Input VI = VCC - 2.1V All Others at VCCor GND Max Outputs OPEN OEn = GND (Note 4) One Bit Toggling, 50% Duty Cycle
Note 3: Guaranteed, but not tested. Note 4: For 8 bits toggling, ICCD < 0.8 mA/MHz.
www.fairchildsemi.com
2
74ABT2240
AC Electrical Characteristics
TA = +25C Symbol Parameter Min tPLH tPHL tPZH tPZL tPHZ tPLZ Propagation Delay Data to Outputs Output Enable Time Output Disable Time 1.0 1.5 1.5 2.7 1.9 1.9 V CC = +5V CL = 50 pF Typ Max 4.9 5.3 6.6 6.9 6.4 6.4 1.0 1.5 1.5 2.7 1.9 1.9 TA = -40C to +85C VCC = 4.5V-5.5V CL = 50 pF Min Max 4.9 5.3 6.6 6.9 6.4 6.4 ns ns ns Units
Capacitance
Symbol CIN COUT (Note 5) Parameter Input Capacitance Output Capacitance Typ 5.0 9.0 Units pF pF V CC = 0V V CC = 5.0V Conditions TA = 25C
Note 5: COUT is measured at frequency f = 1 MHz, per MIL-STD-883, Method 3012.
3
www.fairchildsemi.com
74ABT2240
AC Loading
*Includes jig and probe capacitance
FIGURE 1. Standard AC Test Load Amplitude 3.0V Rep. Rate 1 MHz tW 500 ns
FIGURE 2. Propagation Delay, Pulse Width Waveforms tr 2.5 ns tf 2.5 ns
FIGURE 3. Test Input Signal Requirements
AC Waveforms
FIGURE 4. Propagation Delay Waveforms for Inverting and Non-Inverting Functions
FIGURE 6. Test Input Signal Levels
FIGURE 5. 3-STATE Output HIGH and LOW Enable and Disable Times
FIGURE 7. Setup Time, Hold Time and Recovery Time Waveforms
www.fairchildsemi.com
4
74ABT2240
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Body Package Number M20B
5
www.fairchildsemi.com
74ABT2240
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D
www.fairchildsemi.com
6
74ABT2240
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide Package Number MSA20
7
www.fairchildsemi.com
74ABT2240 Octal Buffer/Line Driver with 25 Series Resistors in the Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20 Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 8 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74ABT2240CMSA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X