Part Number Hot Search : 
1N5346B 1212S 00062 MTM8N20 SY88893V 922320VS CHV37H64 S2110
Product Description
Full Text Search
 

To Download 73K222AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 73K222AL V.22, V.21, Bell 212A, 103 Single-Chip Modem
April 2000
DESCRIPTION
The 73K222AL is a highly integrated single-chip modem IC which provides the functions needed to construct a CCITT V.22, V.21 and Bell 212A compatible modem, capable of 1200 bit/s full-duplex operation over dial-up lines. The 73K222AL is an enhancement of the 73K212L/AL single-chip modem which adds V.22 and V.21 modes to the Bell 212A and 103 operation of the 73K212AL. In Bell 212A mode, the 73K222AL provides the normal Bell 212A and 103 functions and employs a 2225 Hz answer tone. The 73K222AL in V.22 mode produces either 550 or 1800 Hz guard tone, recognizes and generates a 2100 Hz answer tone, and allows 600 bit/s V.22 or 0 -300 bit/s V.21 operation. The 73K222AL integrates analog, digital, and switched-capacitor array functions on a single substrate, offering excellent performance and a high level of functional integration in a single 28-pin DIP, PLCC and 44-pin TQFP configuration. The 73K222AL operates from a single +5V supply. The 73K222AL is a new version replacing the 73K222L. The 73K222AL should be specified for all new designs. The 73K222AL includes the DPSK and FSK modulator/demodulator functions, call progress and handshake tone monitor and a tone generator capable of tone required for European applications.
(continued)
FEATURES
* * * * * * * * * * * * * *
One-chip CCITT V.22, V.21, Bell 212A and Bell 103 standard compatible modem data pump Full-duplex operation at 0-300 bit/s (FSK) or 600 and 1200 bit/s (DPSK) Pin and software compatible with other TDK Semiconductor Corporation K-Series 1-chip modems Interfaces directly with standard microprocessors (8048, 80C51 typical) Serial or parallel microprocessor bus for control Serial port for data transfer Both synchronous and asynchronous modes of operation including V.22 extended overspeed Call progress, carrier, precise answer tone (2100 or 2225 Hz), and long loop detectors DTMF, and 550 or 1800 Hz guard tone generators Test modes available: ALB, DL, RDL, Mark, Space, Alternating bit patterns Precise automatic gain control allows 45 dB dynamic range CMOS technology for low power consumption using 60 mW @ 5V Single +5 volt supply PLCC and PDIP packages
BLOCK DIAGRAM
AD0-AD7 DATA BUS BUFFER 8-BIT BUS FOR RD WR ALE CS RESET READ WRITE CONTROL LOGIC CONTROL AND STATUS DIGITAL PROCESSING PSK MODULATOR/ DEMODULATOR FSK MODULATOR/ DEMODULATOR DTMF & TONE GENERATORS
TRANSMIT FILTER RECEIVE FILTER
TXA
RXA
INT
STATUS AND CONTROL LOGIC
TXD RXD
SERIAL PORT FOR DATA
TESTS: ALB, DLB RDLB PATTERNS
SMART DIALING & DETECT FUNCTIONS
CLOCK GENERATOR
POWER
RXCLK
EXCLK
TXCLK CLK
XTL1
XTL2
GND VREF VDD ISET
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip
DESCRIPTION (continued)
This device supports V.22 (except mode v) and V. 21 modes of operation, allowing both synchronous and asynchronous communications. Test features such as analog loop, digital loop, and remote digital loopback are supported. Internal pattern generators are also included for self-testing. The 73K222AL is designed to appear to the systems designer as a microprocessor peripheral, and will easily interface with popular one-chip microprocessors (80C51 typical) for control of modem functions through its 8bit multiplexed address/data bus or serial control bus. An ALE control line simplifies address demultiplexing. Data communications occurs through a separate serial port only. The 73K222AL is ideal for use in either free standing or integral system modem products where full-duplex 1200 bit/s data communications over the 2-wire switched telephone network is desired. Its high functionality, low power consumption and efficient packaging simplify design requirements and increase system reliability. A complete modem requires only the addition of the phone line interface, a control microprocessor, and RS-232 level converter for a typical system. The 73K222AL is part of TDK Semiconductor Corporation's K-Series family of pin and function compatible single-chip modem products. These devices allow systems to be configured for higher speeds and Bell or CCITT operation with only a single component change. long (where N is the number of transmitted bits/character). Serial data from the demodulator is passed first through the data descrambler and then through the SYNC/ASYNC converter. The SYNC/ASYNC convertor will reinsert any deleted stop bits and transmit output data at an intra-character rate (bitto-bit timing) of no greater than 1219 bit/s. An incoming break signal (low through two characters) will be passed through without incorrectly inserting a stop bit. The SYNC/ASYNC converter also has an extended overspeed mode which allows selection of an overspeed range of either +1% or +2.3%. In the extended overspeed mode, stop bits are output at 7/8 the normal width. SYNCHRONOUS MODE The CCITT V.22 standard defines synchronous operation at 600 and 1200 bit/s. The Bell 212A standard defines synchronous operation only at 1200 bit/s. Operation is similar to that of the asynchronous mode except that data must be synchronized to a provided clock and no variation in data transfer rate is allowable. Serial input data appearing at TXD must be valid on the rising edge of TXCLK. TXCLK is an internally derived signal in internal mode and is connected internally to the RXCLK pin in slave mode. Receive data at the RXD pin is clocked out on the falling edge of RXCLK. The ASYNCH/SYNCH converter is bypassed when synchronous mode is selected and data is transmitted out at the same rate as it is input. DPSK MODULATOR/DEMODULATOR The 73K222AL modulates a serial bit stream into di-bit pairs that are represented by four possible phase shifts as prescribed by the Bell 212A or V.22 standards. The baseband signal is then filtered to reduce intersymbol interference on the bandlimited 2-wire telephone line. Transmission occurs using either a 1200 Hz (originate mode) or 2400 Hz carrier (answer mode). Demodulation is the reverse of the modulation process, with the incoming analog signal eventually decoded into dibits and converted back to a serial bit stream. The demodulator also recovers the clock which was encoded into the analog signal during modulation. Demodulation occurs using either a 1200 Hz carrier (answer mode or ALB originate mode) or a 2
OPERATION
ASYNCHRONOUS MODE Data transmission for the DPSK mode requires that data ultimately be transmitted in a synchronous fashion. The 73K222AL includes ASYNC/SYNC and SYNC/ASYNC converters which delete or insert stop bits in order to transmit data within a 0.01% rate. In asynchronous mode the serial data comes from the TXD pin into the ASYNC/SYNC converter. The ASYNC/SYNC converter accepts the data provided on the TXD pin which normally must be 1200 or 600 bit/s +1.0%, -2.5%. The converter will then insert or delete stop bits in order to output a signal which is 1200 or 600 bit/s 0.01% ( 0.01% is required synchronous data rate accuracy). The serial data stream from the ASYNC/SYNC converter is passed through the data scrambler and onto the analog modulator. The data scrambler can be bypassed under processor control when unscrambled data must be transmitted. The ASYNC/SYNC converter and the data scrambler are bypassed in all FSK modes. If serial input data contains a break signal through one character (including start and stop bits) the break will be extended to at least 2 times N + 3 bits
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip Modem
2400 Hz carrier (originate mode or ALB answer mode). The 73K222AL uses a phase locked loop coherent demodulation technique for optimum receiver performance. FSK MODULATOR/DEMODULATOR The FSK modulator produces a frequency modulated analog output signal using two discrete frequencies to represent the binary data. In Bell 103, the standard frequencies of 1270 and 1070 Hz (originate, mark and space) or 2225 and 2025 Hz (answer, mark and space) are used. V.21 mode uses 980 and 1180 Hz (originate, mark and space), or 1650 and 1850Hz (answer, mark and space). Demodulation involves detecting the received frequencies and decoding them into the appropriate binary value. The rate converter and scrambler/ descrambler are bypassed in the 103 or V.21 modes. PASSBAND FILTERS AND EQUALIZERS High and low band filters are included to shape the amplitude and phase response of the transmit and receive signals and provide compromise delay equalization and rejection of out-of-band signals in the receive channel. Amplitude and phase equalization are necessary to compensate for distortion of the transmission line and to reduce intersymbol interference in the bandlimited receive signal. The transmit signal filtering approximates a 75% square root of raised Cosine frequency response characteristic. AGC The automatic gain control maintains a signal level at the input to the demodulators which is constant to within 1 dB. It corrects quickly for increases in signal which would cause clipping and provides a total receiver dynamic range of >45 dB. PARALLEL BUS INTERFACE Four 8-bit registers are provided for control, option select and status monitoring. These registers are addressed with the AD0, AD1, and AD2 multiplexed address lines (latched by ALE) and appear to a control microprocessor as four consecutive memory locations. Two control registers and the tone register are read/write memory. The detect register is read only and cannot be modified except by modem response to monitored parameters. SERIAL COMMAND INTERFACE The serial command interface allows access to the 73K222AL control and status registers via a serial command port (22-pin version only). In this mode the A0, A1 and A2 lines provide register addresses for data passed through the data pin under control of the RD and WR lines. A read operation is initiated when the RD line is taken low. The first bit is available after RD is brought low and the next seven cycles of EXCLK will then transfer out seven bits of the selected address LSB first. A write takes place by shifting in eight bits of data LSB first for eight consecutive cycles of EXCLK. WR is then pulsed low and data transferred into the addressed register occurs on the rising edge of WR. This interface mode is also supported in the 28-pin packages. See serial control interface pin description. SPECIAL DETECT CIRCUITRY The special detect circuitry monitors the received analog signal to determine status or presence of carrier, call-progress tones, answer tone and weak received signal (long loop condition). An unscrambled mark request signal is also detected when the received data out of the DPSK demodulator before the descrambler has been high for 165.5 ms 6.5 ms minimum. The appropriate detect register bit is set when one of these conditions changes and an interrupt is generated for all purposes except long loop. The interrupts are disabled (masked) when the enable interrupt bit is set to 0. DTMF GENERATOR The DTMF generator will output one of 16 standard tone pairs determined by a 4-bit binary value and TX DTMF mode bit previously loaded into the tone register. Tone generation is initiated when the DTMF mode is selected using the tone register and the transmit enable (CR0 bit D1) is changed from 0 to 1.
3
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip
PIN DESCRIPTION
POWER NAME GND VDD VREF ISET 28-PIN 28 15 26 24 TYPE I I O I DESCRIPTION System Ground. Power supply input, 5V 10%. Bypass with 0.1 and 22 F capacitors to GND. An internally generated reference voltage. Bypass with 0.1 F capacitor to ground. Chip current reference. Sets bias current for op-amps. The chip current is set by connecting this pin to VDD through a 2 M resistor. ISET should be bypassed to GND with a 0.1 F capacitor.
PARALLEL MICROPROCESSOR INTERFACE ALE AD0-AD7 CS 12 4-11 20 I I/O I Address latch enable. The falling edge of ALE latches the address on AD0-AD2 and the chip select on CS. Address/data bus. These bidirectional tri-state multiplexed lines carry information to and from the internal registers. Chip select. A low on this pin during the falling edge of ALE allows a read cycle or a write cycle to occur. AD0-AD7 will not be driven and no registers will be written if CS (latched) is not active. The state of CS is latched on the falling edge of ALE. Output clock. This pin is selectable under processor control to be either the crystal frequency (for use as a processor clock) or 16 x the data rate for use as a baud rate clock in DPSK modes only. The pin defaults to the crystal frequency on reset. Interrupt. This open drain output signal is used to inform the processor that a detect flag has occurred. The processor must then read the detect register to determine which detect triggered the interrupt. INT will stay low until the processor reads the detect register or does a full reset. Read. A low requests a read of the 73K222AL internal registers. Data cannot be output unless both RD and the latched CS are active or low. Reset. An active high signal on this pin will put the chip into an inactive state. All control register bits (CR0, CR1, Tone) will be reset. The output of the CLK pin will be set to the crystal frequency. An internal pull down resistor permits power on reset using a capacitor to VDD.
CLK
1
O
INT
17
O
RD RESET
14 25
I I
4
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip Modem
PARALLEL MICROPROCESSOR INTERFACE (continued) NAME WR 28-PIN 13 TYPE I DESCRIPTION Write. A low on this informs the 73K222AL that data is available on AD0-AD7 for writing into an internal register. Data is latched on the rising edge of WR. No data is written unless both WR and the latched CS are low.
SERIAL MICROPROCESSOR INTERFACE A0-A2 DATA I I/O Register Address Selection. These lines carry register addresses and should be valid during any read or write operation. Serial Control Data. Data for a read/write operation is clocked in or out on the falling edge of the EXCLK pin. The direction of data flow is controlled by the RD pin. RD low outputs data. RD high inputs data. Read. A low on this input informs the 73K222AL that data or status information is being read by the processor. The falling edge of the RD signal will initiate a read from the addressed register. The RD signal must continue for eight falling edges of EXCLK in order to read all eight bits of the referenced register. Read data is provided LSB first. Data will not be output unless the RD signal is active. Write. A low on this input informs the 73K222AL that data or status information has been shifted in through the DATA pin and is available for writing to an internal register. The normal procedure for a write is to shift in data LSB first on the DATA pin for eight consecutive falling edges of EXCLK and then to pulse WR low. Data is written on the rising edge of WR.
RD
-
I
WR
-
I
NOTE: The serial control mode is provided by tying ALE high and CS low. In this configuration AD7 becomes DATA and AD0, AD1 and AD2 become the address only. See timing diagrams on page 20.
5
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip
PIN DESCRIPTION (continued)
DTE USER NAME EXCLK 28-PIN 19 TYPE I DESCRIPTION External Clock. This signal is used in synchronous transmission when the external timing option has been selected. In the external timing mode the rising edge of EXCLK is used to strobe synchronous DPSK transmit data applied to on the TXD pin. Also used for serial control interface. Receive Clock. The falling edge of this clock output is coincident with the transitions in the serial received data output. The rising edge of RXCLK can be used to latch the valid output data. RXCLK will be valid as long as a carrier is present. Received Data Output. Serial receive data is available on this pin. The data is always valid on the rising edge of RXCLK when in synchronous mode. RXD will output constant marks if no carrier is detected. Transmit Clock. This signal is used in synchronous transmission to latch serial input data on the TXD pin. Data must be provided so that valid data is available on the rising edge of the TXCLK. The transmit clock is derived from different sources depending upon the synchronization mode selection. In Internal Mode the clock is generated internally. In External Mode TXCLK is phase locked to the EXCLK pin. In Slave Mode TXCLK is phase locked to the RXCLK pin. TXCLK is always active. Transmit Data Input. Serial data for transmission is applied on this pin. In synchronous modes, the data must be valid on the rising edge of the TXCLK clock. In asynchronous modes (1200/600 bit/s or 300 baud) no clocking is necessary. DPSK data must be 1200/600 bit/s +1%, -2.5% or +2.3%, -2.5 % in extended overspeed mode.
RXCLK
23
O
RXD
22
O/ Weak Pull -up O
TXCLK
18
TXD
21
I
ANALOG INTERFACE AND OSCILLATOR RXA TXA XTL1 XTL2 27 16 2 3 I O I I Received modulated analog signal input from the telephone line interface. Transmit analog output to the telephone line interface. These pins are for the internal crystal oscillator requiring a 11.0592 MHz parallel mode crystal. Load capacitors should be connected from XTL1 and XTL2 to Ground. XTL2 can also be driven from an external clock.
6
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip Modem
REGISTER DESCRIPTIONS Four 8-bit internal registers are accessible for control and status monitoring. The registers are accessed in read or write operations by addressing the A0, A1 and A2 address lines in serial mode, or the AD0, AD1 and AD2 lines in parallel mode. In parallel mode the address lines are latched by ALE. Register CR0 controls the method by which data is transferred over the phone line. CR1 controls the interface between the microprocessor and the 73K222AL internal state. DR is a detect register which provides an indication of monitored modem status conditions. TR, the tone control register, controls the DTMF generator, answer and guard tones and RXD output gate used in the modem initial connect sequence. All registers are read/write except for DR which is read only. Register control and status bits are identified below:
REGISTER BIT SUMMARY
ADDRESS REGISTER CONTROL REGISTER 0 CONTROL REGISTER 1 DETECT REGISTER AD2 - AD0 D7 MODULATION OPTION TRANSMIT PATTERN 1 X D6 0 D5 TRANSMIT MODE 3 ENABLE DETECT INTERRUPT RECEIVE DATA
DATA BIT NUMBER D4 TRANSMIT MODE 2 BYPASS SCRAMBLER D3 TRANSMIT MODE 1 CLK CONTROL D2 TRANSMIT MODE 0 D1 TRANSMIT ENABLE D0 ANSWER/ ORIGINATE
CR0
000
CR1
001
TRANSMIT PATTERN 0 X
RESET
TEST MODE 1 CALL PROGRESS
TEST MODE 0 LONG LOOP
DR
010
UNSCR. MARKS
CARRIER DETECT
ANSWER TONE
TONE CONTROL REGISTER CONTROL REGISTER 2 CONTROL REGISTER 3 ID REGISTER
TR
011
RXD OUTPUT CONTROL
TRANSMIT GUARD TONE
TRANSMIT ANSWER TONE
TRANSMIT DTMF
DTMF3
DTMF2
DTMF1/ OVERSPEED
DTMF0/ GUARD/ ANS TONE X
CR2
100
X
X
X
THESE REGISTER LOCATIONS ARE RESERVED FOR
CR3
101
X
X
X
USE WITH OTHER K-SERIES FAMILY MEMBERS
X
ID
110
ID
ID
ID
ID
X
X
X
X
NOTE:
When a register containing reserved control bits is written into, the reserved bits must be programmed as 0's. X = Undefined, mask in software
7
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip
REGISTER ADDRESS TABLE
ADDRESS REGISTER AD2 - AD0 D7 D6 D5 DATA BIT NUMBER D4 D3 D2 D1 D0
CONTROL REGISTER 0
CR0
000
MODULATION OPTION
0
TRANSMIT MODE 3
TRANSMIT MODE 2
TRANSMIT MODE 1
TRANSMIT MODE 0
TRANSMIT ENABLE
ORIGINATE/ ANSWER
0 = 1200 BIT/S DPSK 1 = 600 BIT/S DPSK 0 = BELL 103 FSK 1 = V.21 FSK
0000 = PWR DOWN 0001 = INT SYNCH 0010 = EXT SYNCH 0011 = SLAVE SYNCH 0100 = ASYNCH 8 BITS/CHAR 0101 = ASYNCH 9 BITS/CHAR 0110 = ASYNCH 10 BITS/CHAR 0111 = ASYNCH 11 BITS/CHAR 1100 = FSK ENABLE DETECT INTERRUPT 0 = DISABLE 1 = ENABLE BYPASS SCRAMBLER CLK CONTROL
0 = ANSWER 0 = DISABLE TXA OUTPUT 1 = ORIGINATE 1 = ENABLE TXA OUTPUT
CONTROL REGISTER 1
CR1
001
TRANSMIT PATTERN 1
TRANSMIT PATTERN 0
RESET
TEST MODE 1
TEST MODE 0
00 = TX DATA 01 = TX ALTERNATE 10 = TX MARK 11 = TX SPACE
0 = NORMAL 1 = BYPASS SCRAMBLER
0 = XTAL 0 = NORMAL 1 = 16 X DATA 1 = RESET RATE OUTPUT AT CLK PIN IN DPSK MODE ONLY CARRIER DETECT ANSWER TONE
00 = NORMAL 01 = ANALOG LOOPBACK 10 = REMOTE DIGITAL LOOPBACK 11 = LOCAL DIGITAL LOOPBACK CALL PROGRESS LONG LOOP
DETECT REGISTER
DR
010
X
X
RECEIVE DATA OUTPUTS RECEIVED DATA STREAM
UNSCR. MARKS
0 = CONDITION NOT DETECTED 1 = CONDITION DETECTED
TONE CONTROL REGISTER
TR
011
RXD OUTPUT CONTROL RXD PIN 0 = NORMAL 1 = TRI STATE
TRANSMIT GUARD/ TONE 0 = OFF 1 = ON
TRANSMIT ANSWER TONE 0 = OFF 1 = ON
TRANSMIT DTMF
DTMF3
DTMF2
DTMF1/ OVERSPEED
DTMF0/ GUARD/ ANSWER/ TONE 0 = 2225 Hz A.T. 1800 Hz G.T. 1 = 2100 Hz A.T. 500 Hz G.T.
0 = DATA 1 = TX DTMF
4 BIT CODE FOR 1 OF 16 DUAL TONE COMBINATIONS
ID REGISTER
10
110
ID
ID
ID
ID
X
X
X
X
00XX = 73K212AL, 322L, 321L 01XX = 73K221AL, 302L 10XX = 73K222AL, 222BL 1100 = 73K224L 1110 = 73K324L 1111 = 73K224BL 1101 = 73K324BL
X = Undefined, mask in software
8
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip Modem
CONTROL REGISTER 0
CR0 000 D7 MODUL. OPTION D6 0 D5 TRANSMIT MODE 3 D4 TRANSMIT MODE 2 D3 TRANSMIT MODE 1 D2 TRANSMIT MODE 0 D1 TRANSMIT ENABLE D0 ANSWER/ ORIGINATE
BIT NO. D0
NAME Answer/ Originate
CONDITION 0 1
DESCRIPTION Selects answer mode (transmit in high band, receive in low band). Selects originate mode (transmit in low band, receive in high band). Disables transmit output at TXA. Enables transmit output at TXA. Note: TX Enable must be set to 1 to allow Answer Tone and DTMF Transmission. Selects power down mode. All functions disabled except digital interface. Internal synchronous mode. In this mode TXCLK is an internally derived 1200 Hz signal. Serial input data appearing at TXD must be valid on the rising edge of TXCLK. Receive data is clocked out of RXD on the falling edge of RXCLK. External synchronous mode. Operation is identical to internal synchronous, but TXCLK is connected internally to EXCLK pin, and a 1200 Hz 0.01% clock must be supplied externally. Slave synchronous mode. Same operation as other synchronous modes. TXCLK is connected internally to the RXCLK pin in this mode. Selects PSK asynchronous mode - 8 bits/character (1 start bit, 6 data bits, 1 stop bit). Selects PSK asynchronous mode - 9 bits/character (1 start bit, 7 data bits, 1 stop bit). Selects PSK asynchronous mode - 10 bits/character (1 start bit, 8 data bits, 1 stop bit). Selects PSK asynchronous mode - 11 bits/character (1 start bit, 8 data bits, Parity and 1 or 2 stop bits). Selects FSK operation. Not used; must be written as a "0."
D1
Transmit Enable
0 1
D5, D4,D3, D2
Transmit Mode
D5 0 0
D4 D3 D2 0 0 0 0 0 1
0
0
1
0
0
0
1
1
0 0 0 0 1 D6
1 1 1 1 1 0
0 0 1 1 0
0 1 0 1 0
9
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip
CONTROL REGISTER 0 (continued)
CR0 000 D7 MODUL. OPTION D6 0 D5 TRANSMIT MODE 3 D4 TRANSMIT MODE 2 D3 TRANSMIT MODE 1 D2 TRANSMIT MODE 0 D1 TRANSMIT ENABLE D0 ANSWER/ ORIGINATE
BIT NO. D7
NAME Modulation Option
CONDITION D7 0 1 0 1 D5 0 0 1 1 D4 X X 1 1
DESCRIPTION Selects: DPSK mode at 1200 bit/s. DPSK mode at 600 bit/s. FSK Bell 103 mode. FSK CCITT V.21 mode. X = Don't care
CONTROL REGISTER 1
D7 CR1 001 TRANSMIT PATTERN 1 D6 TRANSMIT PATTERN 0 D5 ENABLE DETECT INTER. D4 BYPASS SCRAMB D3 CLK CONTROL D2 RESET D1 TEST MODE 1 D0 TEST MODE 0
BIT NO. D1, D0
NAME Test Mode
CONDITION D1 0 0 D0 0 1
DESCRIPTION Selects normal operating mode. Analog loopback mode. Loops the transmitted analog signal back to the receiver, and causes the receiver to use the same center frequency as the transmitter. To squelch the TXA pin, transmit enable must be forced low. Selects remote digital loopback. Received data is looped back to transmit data internally, and RXD is forced to a mark. Data on TXD is ignored. Selects local digital loopback. Internally loops TXD back to RXD and continues to transmit carrier from TXA pin. Selects normal operation. Resets modem to power down state. All control register bits (CR0, CR1, Tone) are reset to zero. The output of the CLK pin will be set to the crystal frequency. Selects 11.0592 MHz crystal echo output at CLK pin. Selects 16 X the data rate, output at CLK pin in DPSK modes only.
1
0
1 D2 Reset 0 1
1
D3
CLK Control (Clock Control)
0 1
10
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip Modem
CONTROL REGISTER 1 (continued)
D7 CR1 001 TRANSMIT PATTERN 1 D6 TRANSMIT PATTERN 0 D5 ENABLE DETECT INTER. D4 BYPASS SCRAMB D3 CLK CONTROL D2 RESET D1 TEST MODE 1 D0 TEST MODE 0
BIT NO. D4
NAME Bypass Scrambler
CONDITION 0 1
DESCRIPTION Selects normal operation. DPSK data is passed through scrambler. Selects Scrambler Bypass. Bypass DPSK data is routed around scrambler in the transmit path. Disables interrupt at INT pin. Enables INT output. An interrupts will be generated with a change in status of DR bits D1-D4. The answer tone and call progress detect interrupts are masked when the TX enable bit is set. Carrier detect is masked when TX DTMF is activated. All interrupts will be disabled if the device is in power down mode.
D5
Enable Detect
0 1
D7, D6
Transmit Pattern
D7 0 0 1 1
D6 0 1 0 1
Selects normal data transmission as controlled by the state of the TXD pin. Selects an alternating mark/space transmit pattern for modem testing. Selects a constant mark transmit pattern. Selects a constant space transmit pattern.
DETECT REGISTER D7 DR 010 BIT NO. D0 D1 X D6 X NAME Long Loop Call Progress Detect D5 RECEIVE DATA CONDITION 0 1 0 1 D4 UNSCR. MARK D3 CARR. DETECT D2 ANSWER TONE D1 CALL PROG. D0 LONG LOOP
DESCRIPTION Indicates normal received signal. Indicates low received signal level. No call progress tone detected. Indicates presence of call progress tones. The call progress detection circuitry is activated by energy in the 350 to 620 Hz call progress band.
11
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip
DETECT REGISTER (continued) DR 010 BIT NO. D2 D7 X D6 X NAME Answer Tone Detect D5 RECEIVE DATA CONDITION 0 1 D4 UNSCR. MARK D3 CARR. DETECT D2 ANSWER TONE D1 CALL PROG. D0 LONG LOOP
DESCRIPTION No answer tone detected. Indicates detection of 2225 Hz answer tone in Bell mode or 2100 Hz in CCITT mode. The device must be in originate mode for detection of answer tone. For CCITT answer tone detection, bit D0 of the Tone Register must be set to a 1. No carrier detected in the receive channel. Indicates carrier has been detected in the receive channel. No unscrambled mark. Indicates detection of unscrambled marks in the received data. A valid indication requires that unscrambled marks be received for > 165.5 6.5 ms. Continuously outputs the received data stream. This data is the same as that output on the RXD pin, but it is not disabled when RXD is tri-stated.
D3
Carrier Detect Unscrambled Mark Detect
0 1 0 1
D4
D5
Receive Data
D6, D7 TONE REGISTER
D7 TR 011 RXD OUTPUT CONTR.
Not Used
Undefined
Not used. Mask in software.
D6 TRANSMIT GUARD TONE
D5 TRANSMIT ANSWER TONE
D4 TRANSMIT DTMF
D3 DTMF 3
D2 DTMF 2
D1 DTMF 1/ OVERSPEED
D0 DTMF 0/ ANSWER/ GUARD
BIT NO. D0
NAME DTMF 0/ Answer/ Guard Tone
CONDITION D6 D5 D4 D0 X X X X X 1 1 X 0 1 0 1 0 0 0 0 1 0 0 0 0 0 0 0 1 X 0 0 1 1 0 1
DESCRIPTION D0 interacts with bits D6, D5, and D4 as shown. Transmit DTMF tones. Detects 2225 Hz in originate mode. Transmits 2225 Hz in answer mode (Bell). Detects 2100 Hz in originate mode. Transmits 2100 Hz in answer mode (CCITT). Select 1800 Hz guard tone. Select 550 Hz guard tone. D1 interacts with D4 as shown. Asynchronous DPSK +1.0% -2.5%. Asynchronous DPSK +2.3% -2.5%.
D1
DTMF 1/ Overspeed
D4 D1
12
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip Modem
TONE REGISTER
D7 TR 011 RXD OUTPUT CONTR. D6 TRANSMIT GUARD TONE D5 TRANSMIT ANSWER TONE D4 TRANSMIT DTMF D3 DTMF 3 D2 DTMF 2 D1 DTMF 1/ OVERSPEED D0 DTMF 0/ ANSWER/ GUARD
BIT NO. D3, D2, D1, D0
NAME DTMF 3, 2, 1, 0
CONDITION D3 D2 D1 D0 0 0 00 1 1 1 1
DESCRIPTION Programs 1 of 16 DTMF tone pairs that will be transmitted when TX DTMF and TX enable bit (CR0, bit D1) are set. Tone encoding is shown below: KEYBOARD EQUIVALENT 1 2 3 4 5 6 7 8 9 0 * # A B C D DTMF CODE D3 D2 D1 D0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 TONES LOW HIGH 697 697 697 770 770 770 852 852 852 941 941 941 697 770 852 941 1209 1336 1477 1209 1336 1477 1209 1336 1477 1336 1209 1477 1633 1633 1633 1633
D4
Transmit DTMF
0 1
Disable DTMF. Activates DTMF. The selected DTMF tones are transmitted continuously when this bit is high. TX DTMF overrides all other transmit functions. D0 X 0 D5 interacts with bits D4 and D0 as shown. Disables answer tone generator. Enables answer tone generator. A 2225 Hz answer tone will be transmitted continuously when the Transmit Enable bit is set in CR0. The device must be in answer mode. Likewise a 2100 Hz answer tone will be transmitted.
D5
Transmit Answer Tone
D5 0 1
D4 0 0
1
0
1
13
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip
TONE REGISTER (continued)
D7 D6 TRANSMIT GUARD TONE D5 TRANSMIT ANSWER TONE D4 TRANSMIT DTMF D3 DTMF 3 D2 DTMF 2 D1 DTMF 1/ OVERSPEED D0 DTMF 0/ ANSWER/ GUARD
TR 011 BIT NO. D6
RXD OUTPUT CONTR.
NAME Transmit Guard Tone
CONDITION 0 1 0 1
DESCRIPTION Disables guard tone generator. Enables guard tone generator (See D0 for selection of guard tones). Enables RXD pin. Receive data will be output on RXD. Disables RXD pin. The RXD pin reverts to a high impedance with internal weak pull-up resistor.
D7
RXD Output Control
ID REGISTER ID 110 BIT NO. D7 ID D6 ID NAME 0 0 1 1 1 1 1 D3-D0 Not Used D5 ID CONDITION D7 D6 D5 D4 D7, D6, D5, D4 Device Identification Signature 0 1 0 1 1 1 1 X X X 0 1 1 0 X X X 0 0 1 1 D4 ID D3 X D2 X D1 X D0 X
DESCRIPTION Indicates Device: 73K212AL, 73K321L, 73K322L 73K221AL or 73K302L 73K222AL, 73K222BL 73K224L 73K324L 73K224BL 73K324BL Mask in software
Undefined
14
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip Modem
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS PARAMETER VDD Supply Voltage Storage Temperature Soldering Temperature (10 sec.) Applied Voltage RATING 7V -65 to 150C 260C -0.3 to VDD + 0.3V
Note: All inputs and outputs are protected from static charge using built-in, industry standard protection devices and all outputs are short-circuit protected. RECOMMENDED OPERATING CONDITIONS PARAMETER VDD Supply voltage TA, Operating Free-Air Temperature Clock Variation (11.0592 MHz) Crystal or external clock (External to GND) (Placed between VDD and ISET pins) (ISET pin to GND) (External to GND) (External to GND) Depends on crystal characteristics; from pin to GND CONDITION MIN 4.5 -40 -0.01 NOM 5 MAX 5.5 +85 +0.01 UNIT V C %
External Components (Refer to Application section for placement.) VREF Bypass Capacitor Bias setting resistor ISET Bypass Capacitor VDD Bypass Capacitor 1 VDD Bypass Capacitor 2 XTL1 Load Capacitor XTL2 Load Capacitor 0.1 1.8 0.1 0.1 22 40 20 2 2.2 F M F F F pF
15
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip
ELECTRICAL SPECIFICATIONS (continued)
DC ELECTRICAL CHARACTERISTICS (TA = -40C to 85C, VDD = recommended range unless otherwise noted.) PARAMETER IDD, Supply Current IDDA, Active IDD1, Power-down IDD2, Power-down Digital Inputs VIH, Input High Voltage Reset, XTL1, XTL2 All other inputs VIL, Input Low Voltage IIH, Input High Current IIL, Input Low Current Reset Pull-down Current Input Capacitance Digital Outputs VOH, Output High Voltage VOL, Output Low Voltage VOL, CLK Output RXD Tri-State Pull-up Current CMAX, CLK Output IOH MIN = -0.4 mA IO MAX = 1.6 mA IO = 3.6 mA RXD = GND Maximum Capacitive Load -1 2.4 VDD 0.4 0.6 -50 15 V V V A pF VI = VIH Max VI = VIL Min Reset = VDD All Digital Input Pins -200 1 50 10 3.0 2.0 0 VDD VDD 0.8 100 V V V A A A pF CONDITION ISET Resistor = 2 M CLK = 11.0592 MHz CLK = 11.0592 MHz CLK = 19.200 KHz 8 12 4 3 mA mA mA MIN NOM MAX UNIT
16
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip Modem
ELECTRICAL SPECIFICATIONS (continued)
DYNAMIC CHARACTERISTICS AND TIMING (TA = -40C to +85C, VDD = recommended range unless otherwise noted.) PARAMETER PSK Modulator Carrier Suppression Output Amplitude FSK Mod/Demod Output Frequency Error Transmit Level Harmonic Distortion in 700-2900 Hz band Output Bias Distortion Total Output Jitter DTMF Generator Frequency Accuracy Output Amplitude Output Amplitude Twist Long Loop Detect Dynamic Range Call Progress Detector Detect Level Reject Level Delay Time Hold Time Hysteresis NOTE: Parameters expressed in dBm0 refer to the following definition: 0 dB loss in the Transmit path to the line. 2 dB gain in the Receive path from the line. Refer to the Basic Box Modem diagram in the Applications section for the DAA design. 2-Tones in 350-600 Hz band 2-Tones in 350-600 Hz band -70 dBm0 to -30 dBm0 STEP -30 dBm0 to -70 dBm0 STEP 27 27 2 -34 0 -41 80 80 dBm0 dBm0 ms ms dB Low Band, DPSK Mode High Band, DPSK Mode
High-Band to Low-Band, DPSK Mode
CONDITION Measured at TXA TX scrambled marks CLK = 11.0592 MHz Transmit Dotting Pattern THD in the alternate band DPSK or FSK Transmit Dotting Pattern in ALB @ RXD Random Input in ALB @ RXD
MIN 55 -11.5 -0.35 -11.5
NOM
MAX
UNIT dB
-10.0
-9 +0.35
dBm0 % dBm0 dB %
-10.0 -60 8
-9 -50
-15 -0.25 -10 -8 1.0 -38 45 -9 -7 2.0
+15 +0.25 -8 -6 3.0 -28
% % dBm0 dBm0 dB dBm0 dB
DPSK or FSK Refer to Performance Curves
17
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip
DYNAMIC CHARACTERISTICS AND TIMING (continued) PARAMETER Carrier Detect Threshold Delay Time Hysteresis Hold Time Answer Tone Detector Detect Level Delay Time Hold Time Detect Frequency Range Output Smoothing Filter Output load TXA pin; FSK Single Tone out for THD = -50 db in 0.3 to 3.4 kHz Frequency = 76.8 kHz Frequency = 153.6 kHz TXA pin Output Impedance Clock Noise Carrier VCO Capture Range Capture Time Recovered Clock Capture Range % of frequency center frequency (center at 1200 Hz) Analog data in at RXA pin to receive data valid at RXD pin -625 +625 ppm Originate or Answer -10 Hz to +10 Hz Carrier Frequency Change Assum. -10 40 +10 100 Hz ms TXA pin; 76.8 kHz 200 10 50 -39 -45 300 1.0 k pF dBm0 dBm0 mVrms Not in V.21 mode -70 dBm0 to -30 dBm0 STEP -30 dBm0 to -70 dBm0 STEP -49.5 20 10 -2.5 -42 45 30 +2.5 dBm0 ms ms % CONDITION DPSK or FSK Receive data -70 dBm0 to -30 dBm0 STEP Single tone detected -30 dBm0 to -70 dBm0 STEP -49 15 2 10 3.0 24 -42 45 dBm0 ms dB ms MIN NOM MAX UNIT
Spurious Frequency Comp.
Data Delay Time
30
50
ms
18
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip Modem
DYNAMIC CHARACTERISTICS AND TIMING (continued) PARAMETER Guard Tone Generator Tone Accuracy Tone Level (Below DPSK Output) Harmonic Distortion 700 to 2900 Hz Timing (Refer to Timing Diagrams) TAL TLA CS ADDR TLC TCL TRD TLL TRDF TRW TWW TDW TWD TCKD TCKW TDCK TAC TCA TWH CS/Address setup before ALE Low CS hold after ALE low Address hold after ALE low ALE Low to RD/WR Low RD/ WR Control to ALE High Data out from RD Low ALE width Data float after RD High RD width WR width Data setup before WR High Data hold after WR High Data out after EXCLK Low WR after EXCLK Low Data setup before EXCLK Low Address setup before control* Address hold after control* Data Hold after EXCLK 150 150 50 50 20 50 50 15 12 200 12 0 10 10 0 0 15 50 140 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 550 Hz 1800 Hz 550 Hz 1800 Hz 550 Hz 1800 Hz -20 -4.0 -7.0 -3.0 -6.0 +20 -2.0 -5.0 -50 -60 Hz dB dB dB dB CONDITION MIN NOM MAX UNIT
* Control for setup is the falling edge of RD or WR. Control for hold is the falling edge of RD or the rising edge of WR. NOTE: Asserting ALE, CS, and RD or WR concurrently can cause unintentional register accesses. When using non-8031 compatible processors, care must be taken to prevent this from occurring when designing the interface logic.
19
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip
TIMING DIAGRAMS
BUS TIMING DIAGRAM (PARALLEL VERSION)
TLL ALE TLC RD WR TLA TAL AD0-AD7 CS ADDRESS READ DATA ADDRESS TRD TRDF TDW WRITE DATA TWD TRW TCL TLC TWW
READ TIMING DIAGRAM (SERIAL VERSION)
EXCLK
RD TAC TCA AD0-AD2 ADDRESS TRDF D3 D4 D5 D6 D7
TRD AD7 D0 D1
TCKD D2
WRITE TIMING DIAGRAM (SERIAL VERSION)
EXCLK
TWW WR TCKW TAC AD0-AD2 ADDRESS TCA
TDCK AD7 D0 D1 D2 D3 D4 D5 D6 D7
TWH
20
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip Modem
APPLICATIONS INFORMATION
GENERAL CONSIDERATIONS Figures 1 and 2 show basic circuit diagrams for K-Series modem integrated circuits. K-Series products are designed to be used in conjunction with a control processor, a UART or RS-232 serial data interface, and a DAA phone line interface to function as a typical intelligent modem. The K-Series ICs interface directly with Intel 8048 and 80C51 microprocessors for control and status monitoring purposes. Two typical DAA arrangements are shown: one for a split 5 or 12 volt design and one for a single 5 volt design. These diagrams are for reference only and do not represent production-ready modem designs. K-Series devices are available with two control interface versions: one for a parallel multiplexed address/data interface, and one for a serial interface. The parallel version is intended for use with 8039/48 or 8031/51 microcontrollers from Intel or many other manufacturers. The serial interface 22pin version can be used with other microcontrollers or in applications where only a limited number of port lines are available or the application does not lend itself to a multiplexed address/data interface. The parallel versions may also be used in the serial mode, as explained in the data sheet pin description. In most applications the controller will monitor the serial data for commands from the DTE and the received data for break signals from the far end modem. In this way, commands to the modem are sent over the same line as the transmitted data. In other applications the RS-232 interface handshake lines are used for modem control.
C14 39 pF
Y1 11.0592 MHZ
C13 18 pF +5V
N/C RS232 LEVEL CONVERTERS CA CB CC CD CF RTS CTS DSR DTR DCD
R10 2.2M XTL1 INT CLK INT XTL1 XTL2 VDD ISET GND RD WR ALE CS RXA K-SERIES LOW POWER FAMILY C6 0.1 F RXA VREF C10 0.1 F C11 0.1 F C9 0.1 F
+
XTL2 80C51 P1.0 P1.1 P1.2 P1.3 P1.5 P1.6
C8 22 F
C1 390 pF
P0.0-7 RD WR ALE P3.1 P3.2
R5 37.4K R4 20K LM 1458 C2 300 pF U1A
R4 5.1K R3 3.6K
+
P3.0 P1.7 RESET BA BB DA DD DB U5, U6 MC145406 TXD RXD EXCLK RXCLK TXCLK
TXA C7 0.1 F RESET TXA +5V C12 1 F R6 20K
R7 43.2K
C3 1000 pF
V+ LM 1458
-
R1 U1B V- 475 1% D3, D4 4.7V ZENER
T1 MIDCOM 671-8005 T C4 0.033 F C5 0.47 F 250V U2 4N35 VR1 MOV V250L20
+
D1 IN4004 +5V K1 D2 IN914 R9 10K +5 R8 22K
R Q1 2N2222A
22K
FIGURE 1: Basic Box Modem with Dual-Supply Hybrid 21
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip
DIRECT ACCESS ARRANGEMENT (DAA) The telephone line interfaces show two examples of how the "hybrid" may be implemented. The split supply design (Figure 1) is a typical two op-amp hybrid. The receive op-amp serves two purposes. It supplies gain to amplify the receive signal to the proper level for the modem's detectors and demodulator, and it removes the transmitted signal from the receive signal present at the transformer. This is done by supplying a portion of the transmitted signal to the non-inverting input of the receive op-amp at the same amplitude as the signal appearing at the transformer, making the transmit signal common mode. The single-supply hybrid is more complex than the dual-supply version described above, but its use eliminates the need for a second power supply. This circuit (Figure 2) uses a bridged drive to allow undistorted signals to be sent with a single 5V supply. Because DTMF tones utilize a higher amplitude than data, these signals will clip if a single-ended drive approach is used. The bridged driver uses an extra op-amp (U1A) to invert the signal coming from the gain setting op-amp (U1B) before sending it to the other leg of the transformer. Each op-amp then supplies half the drive signal to the transformer. The receive amplifier (U1C) picks off its signal at the junction of the impedance matching resistor and the transformer. Because the bottom leg of the transformer is being driven in one direction by U1A and the resistor is driven in the opposite direction at the same time by U1B, the junction of the transformer and resistor remains relatively constant and the receive signal is unaffected. DESIGN CONSIDERATIONS TDK Semiconductor's 1-chip modem products include all basic modem functions. This makes these devices adaptable for use in a variety of applications, and as easy to control as conventional digital bus peripherals.
C1 390 pF R4 37.4K 1% R1 20K 1%
C3 0.1 F RXA
* U1C 8
C4 0.0047 F
9
+
10
R5 3.3K
R2 20K 1%
* Note: Op-amp U1 must be rated for single 5V operation. R10 & R11 values depend on Op-amp used.
+5V 5 6
+ -
4 7 11 * U1B
R3 475 1% T1 MIDCOM 671-8005 C10 0.47 F 250V C2 0.033 F U2 4N35 D1 IN4004 R13 22K +5V
T
R6 22.1K C6 0.1 F TXA R9 20K 1% R7 20K 1% C5 750 pF
D2 5.1-6.2V ZENERS D3 1 +5V K1
VR1 MOV V250L20
R8 20K 1% 2 3 +5V VOLTAGE REFERENCE U1A -*
R12 22K
+
D4 IN914
R10 *
R R14 10K Q1 2N2222A
R11 *
C7 0.1 F
+ C8
10 F
HOOK RING
FIGURE 2: Single 5V Hybrid Version 22
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip Modem
Unlike digital logic circuitry, modem designs must properly contend with precise frequency tolerances and very low level analog signals, to ensure acceptable performance. Using good analog circuit design practices will generally result in a sound design. Following are additional recommendations which should be taken into consideration when starting new designs. CRYSTAL OSCILLATOR The K-Series crystal oscillator requires a parallel mode (antiresonant) crystal which operates at 11.0592 MHz. It is important that this frequency be maintained to within 0.01% accuracy. In order for a parallel mode crystal to operate correctly and to specification, it must have a load capacitor connected to the junction of each of the crystal and internal inverter connections, terminated to ground. The values of these capacitors depend primarily on the crystal's characteristics and to a lesser degree on the internal inverter circuit. The values used affect the accuracy and start up characteristics of the oscillator. LAYOUT CONSIDERATIONS Good analog/digital design rules must be used to control system noise in order to obtain highest performance in modem designs. The more digital circuitry present on the PC board, the more this attention to noise control is needed. The modem should be treated as a high impedance analog device. A 22 F electrolytic capacitor in parallel with a 0.1 F ceramic capacitor between VDD and GND is recommended. Liberal use of ground planes and larger traces on power and ground are also highly favored. High speed digital circuits tend to generate a significant amount of EMI (Electro-Magnetic Interference) which must be minimized in order to meet regulatory agency limitations. To accomplish this, high speed digital devices should be locally bypassed, and the telephone line interface and K-Series device should be located close to each other near the area of the board where the phone line connection is accessed. To avoid problems, power supply and ground traces should be routed separately to the analog and digital functions on the board, and digital signals should not be routed near low level or high impedance analog traces. The analog and digital grounds should only connect at one point near the K-Series device ground pin to avoid ground loops. The K-Series modem IC's should have both high frequency and low frequency bypassing as close to the package as possible. USING THE SERIAL MODE ON THE 73K222AL A sensitivity to specific patterns being written to the control registers in the 73K212/221/222AL and 73K222BL modem data pumps has been seen on some parts when used in the serial control interface mode. An alternating pattern followed by its complement can cause the registers to not have the intended data correctly written to the registers. Specifically, if an alternating ..1010.. pattern is followed by its compliment, ..0101.., the register may instead be programmed with a ..0001.. pattern. After analysis, it has been found that any normal programming sequence should not include these steps with one exception, and that is in DTMF dialing. Since any random DTMF sequence could be dialed, there is the potential for these patterns to appear. For example, if a DTMF digit "5" , 0101 bin is followed by a DTMF digit "0" , 1010 bin, some parts will instead transmit a DTMF digit "8", 1000 bin, in its place. The solution to this problem is to always clear the DTMF bits, D3-D0, between dialed digits. This will not add additional time to dialing since there is ample time between digits when the DTMF bits can be cleared. Previously during the DTMF off time the next digit would be loaded into the TONE register. It is now recommended to first clear bits D3-D0, then the next digit to be dialed is loaded into the DTMF bits. As mentioned earlier, under normal circumstances these patterns would not be programmed for other registers. If for some reason other registers are programmed in such a way that an alternating pattern is followed by its compliment, those bits should be cleared before the complimentary pattern is sent. This method has been tested over the entire voltage and temperature operating ranges. It has been found to be a reliable procedure to ensure the correct patterns are always programmed.
MODEM PERFORMANCE CHARACTERISTICS
The curves presented here define modem IC performance under a variety of line conditions while inducing disturbances that are typical of those encountered during data transmission on public service telephone lines. Test data was taken using an AEA Electronics' "Autotest I" modem test set and line simulator, operating under computer control. All tests were run full-duplex, using a Concord Data Systems 224 as the reference modem. A 511 pseudo-random-bit 23
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip
pattern was used for each data point. Noise was C-message weighted and all signal-to-noise (S/N) ratios reflect total power measurements similar to the CCITT V.56 measurement specification. The individual tests are defined as follows. BER vs. S/N This test measures the ability of the modem to operate over noisy lines with a minimum of data-transfer errors. Since some noise is generated in the best of dial-up lines, the modem must operate with the lowest S/N ratio possible. Better modem performance is indicated by test curves that are closest to the BER axis. A narrow spread between curves representing the four line parameters indicates minimal variation in performance while operating over a range of aberrant operating conditions. Typically, a DPSK modem will exhibit better BER-performance test curves receiving in the low band than in the high band. BER vs. Receive Level This test measures the dynamic range of the modem. Because signal levels vary widely over dial-up lines, the widest possible dynamic range is desirable. The minimum Bell specification calls for 36 dB of dynamic range. S/N ratios are held constant at the indicated values while the receive level is lowered from a very high to very low signal levels. The width of the "bowl" of these curves, taken at the BER point, is the measure of dynamic range.
24
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip Modem
*73K222AL BER vs SIGNALTO NOISE
10-2
HIGH BAND RECEIVE -40 dBm DPSK OPERATION
*73K222AL BER vs CARRIER OFFSET
10-2
HIGH BAND RECEIVE DPSK OPERATION
1200 BPS
10-3
10-3
600 BPS
BIT ERROR RATE
C1 or 3002 C2
FLAT
BIT ERROR RATE
C2
10-4
C1 or 3002 FLAT
10-4
3002 11.8 dB S/N
C2 11.3 dB S/N
10-5
10-5
10-6 2 4 6 8 10 12 14
10-6 12 8 4 0 -4 -8 -12
SIGNAL TO NOISE (dB)
CARRIER OFFSET (HZ)
*73K222AL BER vs RECEIVE LEVEL
10-2
HIGH BAND RECEIVE DPSK OPERATION C2 LINE
*73K222AL BER vs PHASE JITTER
10-2
HIGH BAND RECEIVE DPSK OPERATION
10-3
10-3
BIT ERROR RATE
10-4
BIT ERROR RATE
10-4
3002 11.5 dB S/N
S/N = 10.8 dB
10-5
10-5
C2 10.8 dB S/N
S/N = 15 dB
10-6 10 0 -10 -20 -30 -40 -50
10-6 0 4 8 12 16 20 24
RECEIVE LEVEL (dBm)
PHASE JITTER ( PEAK)
* = "EQ On" Indicates bit CR1 D4 is set for additional phase equalization.
25
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip
MECHANICAL SPECIFICATIONS
28-Pin DIP
28-Pin PLCC
26
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip Modem
MECHANICAL SPECIFICATIONS (continued)
44-Lead TQFP
27
73K222AL V.22, V.21, Bell 212A, 103 Single-Chip
PACKAGE PIN DESIGNATIONS
(Top View)
CLK XTL1 XTL2 AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 ALE WR RD
1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15
CAUTION: Use handling procedures necessary for a static sensitive component.
GND RXA VREF RESET ISET RXCLK RXD TXD CS EXCLK TXCLK INT TXA VDD
4 5 6 7 8 9 10 11
3
2
1
28 27 26 25 24
PLCC PINOUTS ARE THE SAME AS THE 28-PIN DIP
23 22 21 20 19
12 13 14 15 16 17 18
600-Mil 28-Pin DIP 73K222AL-IP
28-Pin PLCC 73K222AL-IH
44-Lead TQFP 73K222AL-IGT
ORDERING INFORMATION
PART DESCRIPTION
73K222AL with Parallel Bus Interface 28-Pin Plastic Dual In-Line 28-Pin Plastic Leaded Chip Carrier 44-Pin Thin Quad Flat Pack 73K222AL-IP 73K222AL-IH 73K222AL-IGT 73K222AL-IP 73K222AL-IH 73K222AL-IGT
ORDER NO.
PACKAGE MARK
No responsibility is assumed by TDK Semiconductor Corporation for use of this product nor for any infringements of patents and trademarks or other rights of third parties resulting from its use. No license is granted under any patents, patent rights or trademarks of TDK Semiconductor Corporation, and the company reserves the right to make changes in specifications at any time without notice. Accordingly, the reader is cautioned to verify that the data sheet is current before placing orders. TDK Semiconductor Corporation, 2642 Michelle Drive, Tustin, CA 92780-7019, (714) 508-8800, FAX: (714) 508-8877 Protected by the following Patents (4,691,172) (4,777,453) (c)1989 TDK Semiconductor Corporation
04/24/00- rev. D
28


▲Up To Search▲   

 
Price & Availability of 73K222AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X