Part Number Hot Search : 
7806A 202140B SLA4708M 2N3442 3204U IR2132J LTC1595 DM113E
Product Description
Full Text Search
 

To Download 2BZX84C39A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2BZX84 C3V0A ... 2BZX84 C47A Dual Surface Mount Silicon Planar Zener Diodes Common Anode Maximum power dissipation Maximale Verlustleistung
2.9 0.1 0.4
3
Silizium-Planar-Zener Doppel-Dioden fur die Oberflachenmontage Gemeinsame Anode 300 mW
1.1 2.5 max
0.1
)VZ for both diodes in one case )VZ beider Dioden in einem Gehause
1.3
#5%
3.0...47 V SOT-23 (TO-236) 0.01 g
Nominal Z-voltage Nominale Z-Spannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca.
1
2
Dimensions / Mae in mm 1 = Cathode 1 2 = Cathode 2 3 = Common / Gemeinsame Anode
Standard packaging taped and reeled see page 18 Standard Lieferform gegurtet auf Rolle siehe Seite 18
Standard Zener voltage tolerance is graded to the international E 24 (~5%) standard. Other voltage tolerances and higher Zener voltages on request. Die Toleranz der Zener-Spannung ist in der Standard-Ausfuhrung gestuft nach der internationalen Reihe E 24 (~5%). Andere Toleranzen oder hohere Arbeitsspannungen auf Anfrage.
Maximum ratings Power dissipation Verlustleistung Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft TA = 25/C
Grenz- und Kennwerte Ptot Tj TS RthA 300 mW 1) - 50...+150/C - 50...+150/C < 420 K/W 1)
Characteristics Forward voltage Durchlaspannung Tj = 25/C IF = 10 mA VF
Kennwerte < 0.9 V
Zener voltages see table on next page - Zener-Spannungen siehe Tabelle auf der nachsten Seite
) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu 18.02.2003
1
1
2BZX84 C3V0A ... 2BZX84 C47A Maximum ratings
Type Typ
Grenzwerte
Temp. Coeffiz. Reverse current Z-current 2) Marking Zener voltage 1) Dynamic resistance 1 of Z-voltage Sperrstrom Stempel Zener-Spanng. ) Inhar. diff. Widerstand Z-Strom 2) ...der Z-spanng. rzj [S] at f = 1 kHz IZ = 5 mA TA = 25/C Vzmin [V] Vzmax IZ = 5 mA IZ = 1 mA "VZ [10-4 //C] IR [nA] VR [V] IZmax [mA] 2BZX84 ... ... C3V0A ... C3V3A ... C3V6A ... C3V9A ... C4V3A ... C4V7A ... C5V1A ... C5V6A ... C6V2A ... C6V8A ... C7V5A ... C8V2A ... C9V1A ... C10A ... C11A ... C12A ... C13A ... C15A ... C16A ... C18A ... C20A ... C22A ... C24A ... C27A ... C30A ... C33A ... C36A ... C39A ... C43A ... C47A WW5 WW6 WW7 WW8 WW9 ZZ1 ZZ2 ZZ3 ZZ4 ZZ5 ZZ6 ZZ7 ZZ8 ZZ9 YY1 YY2 YY3 YY4 YY5 YY6 YY7 YY8 YY9 W10 W11 W12 W13 W14 W15 W16 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 < 100 < 95 < 95 < 90 < 90 < 80 < 60 < 40 < 10 < 10 < 10 < 10 < 15 < 20 < 20 < 25 < 30 < 30 < 40 < 50 < 50 < 55 < 80 < 80 < 80 < 80 < 90 < 90 < 100 <100 < 600 < 600 < 600 < 600 < 600 < 500 < 480 < 400 < 150 < 80 < 80 < 80 < 100 < 150 < 150 < 150 < 170 < 200 < 200 < 225 < 225 < 250 < 250 IZ = 0.5 mA < 300 < 300 < 325 < 350 < 350 < 375 < 375 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 50 50 50 50 50 50 50 19 21 23 25 27 30 33 12 11 10 9 9 8 7 -8...-5 -8...-5 -8...-5 -8...-5 -6...-3 -5...+2 -2...+2 -5...+5 +3...+6 +3...+7 +3...+7 +3...+8 +3...+9 +3...+10 +3...+11 +3...+11 +3...+11 +3...+11 +3...+11 +3...+11 +3...+11 +4...+12 +4...+12 4000 2000 2000 2000 1000 3000 2000 1000 3000 2000 1000 700 500 200 100 100 100 50 50 50 50 50 50 1 1 1 1 1 2 2 2 4 4 5 5 6 7 8 8 8 10 11 13 14 15 17 109 100 92 85 76 70 65 58 53 49 44 40 36 33 30 28 25 22 20 18 17 15 14
IZ = 2 mA
1 2
) Tested with pulses tp = 5 ms - Gemessen mit Impulsen tp = 5 ms ) Per diode - mounted on P.C. board with 25 mm2 copper pads at each terminal Pro Diode - bei Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu
2


▲Up To Search▲   

 
Price & Availability of 2BZX84C39A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X