Part Number Hot Search : 
24C08A DS2152L 1N4744B S1000 V375B MPS412 UML12N D2228
Product Description
Full Text Search
 

To Download 1SR159-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SR159-200
Diodes
Rectifier diode
1SR159-200
!Applications High frequency rectification. For switching power supply. !External dimensions (Units: mm)
1.50.2 CATHODE MARK
!Features 1) Small surface mounting type. (PMDS) 2) Low VF. (VF=0.90V Typ. at 1A) 3) High speed. (trr=23ns Typ.)
4.50.2
1.20.3
6
3
3
4
0.1
+0.02 -0.1
2.00.2 2.60.2
!Construction Silicon epitaxial planar
ROHM : PMDS EIAJ : - JEDEC : SOD-106
1
2
Date code EX. 1999.19.1
!Absolute maximum ratings (Ta=25C)
Parameter Absolute peak reverse voltage Peak reverse voltage Mean rectifying current1 Peak forward surge current2 Junction temperature Storage temperature Symbol VRSM VRM IO IFSM Tj Tstg Limits 200 200 1 20 150 -55+150 Unit V V A A C C
1 When mounted on an alumina PCB board 2 60 Hz for 1
!Electrical characteristics (Ta=25C)
Parameter Forward voltage Reverse current Reverse recovery time Symbol VF IR trr Min. - - - Typ. - - - Max. 0.98 10 50 Unit V A ns IF=1.0A VR=200V IF =IR =100mA Conditions
5.00.3
1SR159-200
Diodes
!Electrical characteristic curves (Ta=25C)
10.00 1000.0 Ta=125C
POWER DISSIPATION : Pd (W)
1.5 0.3 0.2 1.0 D=0.05 0.1 sin 0.5
0.8
DC
FORWARD CURRENT : IF (A)
1.00
REVERSE CURRENT : IR (A)
100.0
Ta=75C 10.0
0.10
0.5 Tp
IF IO d= Tp T 2.0
0.01 Ta=125C Ta=75C Ta=25C 0.00 0.0
1.0 Ta=25C
0.2
0.4
0.6
0.8
1.0
0.1 50
100
150
200
0 0
T 0.4 0.8 1.2 1.6
FORWARD VOLTAGE : VF (V)
REVERSE VOLTAGE : VR (V)
AVERAGE RECTIFIED FORWARD CURRENT : IO (A)
Fig.1 Forward characteristics
Fig.2 Reverse characteristics
Fig.3 Power dissipation curves
AVERAGE RECTIFIED CURRENT : IO (A)
1.0
50
SURGE FORWARD CURRENT : IFSM (A)
REVERSE RECOVERY TIME : trr (ns)
0.1 IR 0.25 IR 10
RE
0.8
40
SIS TIV E
0.6
CA PA
30
AN D IN DU
TI CI
0.4
20
5
VE LO
CT IVE LO
AD
0.2
10
P=50%
AD
0 0
25
50
100
150
200
0 1
2
5
10
20
50
100
0 0
0.5
1.0
1.5
AMBIENT TEMPERATURE : Ta (C)
CYCLES (60 Hz)
FORWARD CURRENT IF (A)
Fig.4 Derating curve
Fig.5 Maximum peak forward surge current characteristics
Fig.6 Reverse recovery time characteristics


▲Up To Search▲   

 
Price & Availability of 1SR159-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X