Part Number Hot Search : 
20020 F0513 EGPD250E MC101 AM2305PE LC7232 2N4219 CMPT930
Product Description
Full Text Search
 

To Download TDA9801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TDA9801 Single standard VIF-PLL demodulator and FM-PLL detector
Product specification Supersedes data of 1998 May 06 File under Integrated Circuits, IC02 1999 Aug 26
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
FEATURES * Suitable for negative vision modulation * Applicable for IF frequencies of 38.9, 45.75 and 58.75 MHz * Gain controlled wide-band Vision Intermediate Frequency (VIF) amplifier (AC-coupled) * True synchronous demodulation with active carrier regeneration (ultra-linear demodulation, good intermodulation figures, reduced harmonics and excellent pulse response) * Peak sync pulse AGC * Video amplifier to match sound trap and sound filter * AGC output voltage for tuner with fixed resistor for takeover point setting * AFC detector without extra reference circuit * Alignment-free FM-PLL detector with high linearity ORDERING INFORMATION PACKAGE TYPE NUMBER NAME TDA9801 TDA9801T DIP20 SO20 DESCRIPTION plastic dual in-line package; 20 leads (300 mil) plastic small outline package; 20 leads; body width 7.5 mm
TDA9801
* Stabilizer circuit for ripple rejection and to achieve constant output signals * 5 to 9 V positive supply voltage range * Low power consumption of 300 mW at 5 V supply voltage. GENERAL DESCRIPTION The TDA9801(T) is a monolithic integrated circuit for vision and sound IF signal processing in TV and VTR sets and multimedia front-ends.
VERSION SOT146-1 SOT163-1
1999 Aug 26
2
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
QUICK REFERENCE DATA SYMBOL VP IP PARAMETER supply voltage supply current note 1 VP = 9 V -1 dB video at output; fPC = 38.9 or 45.75 MHz +1 dB video at output; fPC = 38.9 or 45.75 MHz fPC = 38.9 or 45.75 MHz VP = 5 V CL < 20 pF; RL > 1 k VP = 5 V; note 2 for BLUE for BLUE note 3 THD < 1.5% CONDITIONS MIN. 4.5 52 - 70 64 1.7 6 56 56 56 35 0.8 -20 TYP. 5.0 61 50 150 70 2.0 8 60 62 62 40 - -
TDA9801
MAX. 9.9 70 90 -
UNIT V mA V mV dB
Vi(sens)(VIF)(rms) sensitivity of VIF input signal (RMS value) Vi(max)(rms) GIF Vo(CVBS)(p-p) Bv(-3dB) S/NW IM(0.92/1.1) IM(2.76/3.3) H(sup) Vo(AF)(max)(rms) Tamb Notes maximum input voltage (RMS value) IF gain control CVBS output voltage (peak-to-peak value) -3 dB video bandwidth weighted signal-to-noise ratio intermodulation attenuation at f = 0.92 or 1.1 MHz intermodulation attenuation at f = 2.76 or 3.3 MHz harmonics suppression in video signal maximum output AF signal handling voltage (RMS value) ambient temperature
2.3 - - - - - - +70
V MHz dB dB dB dB V C
1. Values of video and sound parameters can be decreased at VP = 4.5 V. 2. S/N is the ratio of the black-to-white amplitude to the black level noise voltage (RMS value) at pin CVBS. B = 5 MHz weighted in accordance with "CCIR 567" at a source impedance of 50 . 3. Measurements taken with SAW filter G1962; VSB modulation; fvideo > 0.5 MHz; loop bandwidth BL = 60 kHz.
1999 Aug 26
3
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
andbook, full pagewidth
1999 Aug 26
VP = 5 V (9 V) VP 20 GND 18 INTERNAL REFERENCE VOLTAGE TRAVELLING WAVE DIVIDER TPLL 6 3-STAGE IF-AMPLIFIER VIF1 1 FREQUENCY DETECTOR AND PHASE DETECTOR VIF2 2
BLOCK DIAGRAM
Philips Semiconductors
Single standard VIF-PLL demodulator and FM-PLL detector
2fPC VCO2 17 VCO1 16 AFC 15 9 AF 10 DAF CDAF FM-PLL DETECTOR VIDEO DEMODULATOR VIDEO AMPLIFIER
VCO
AFC DETECTOR
AF AMPLIFIER
ADJ 4
TDA9801
sound mute TUNER AGC IF AGC AGC DETECTOR
LIMITER AMPLIFIER
4
3 TOP takeover point R TOP tuner AGC 12 TAGC 19 AGC CAGC 5 MUTE
sound mute switch
BUFFER AMPLIFIER AND NOISE CLIPPER 8 n.c. 13 VSO 14 VI SOUND TRAP 1 V (p-p) 11 SI
7
CVBS 2 V (p-p)
SOUND FILTER video and intercarrier
MHA879
Product specification
TDA9801
Fig.1 Block diagram.
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
PINNING SYMBOL PIN VIF1 VIF2 TOP ADJ MUTE TPLL CVBS n.c. AF DAF SI TAGC VSO VI AFC VCO1 VCO2 GND AGC VP 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 DESCRIPTION VIF differential input 1 VIF differential input 2 tuner AGC TakeOver Point (TOP) connection phase adjust connection sound mute switch connection PLL time constant connection CVBS (positive) video output not connected AF output AF amplifier decoupling capacitor connection sound intercarrier input tuner AGC output video and sound intercarrier output buffer amplifier video input AFC output VCO1 reference circuit for 2fPC VCO2 reference circuit for 2fPC ground supply (0 V) AGC detector capacitor connection supply voltage (+5 V) Fig.2 Pin configuration.
TOP 3
handbook, halfpage
TDA9801
VIF1 VIF2
1 2
20 VP 19 AGC 18 GND 17 VCO2 16 VCO1
ADJ 4 MUTE 5
TDA9801
TPLL 6 CVBS 7 n.c. 8 AF 9 DAF 10
MHA880
15 AFC 14 VI 13 VSO 12 TAGC 11 SI
1999 Aug 26
5
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
FUNCTIONAL DESCRIPTION 3-stage IF amplifier The VIF amplifier consists of three AC-coupled differential amplifier stages (see Fig.1). Each differential stage comprises a feedback network controlled by emitter degeneration. AGC detector, IF AGC and tuner AGC The automatic control voltage to maintain the video output signal at a constant level is generated in accordance with the transmission standard. Since the TDA9801(T) is suitable for negative modulation only the peak sync pulse level is detected. The AGC detector charges and discharges capacitor CAGC to set the IF amplifier and tuner gain. The voltage on capacitor CAGC is transferred to an internal IF control signal, and is fed to the tuner AGC to generate the tuner AGC output current on pin TAGC (open-collector output). The tuner AGC takeover point level is set at pin TOP. This allows the tuner to be matched to the SAW filter in order to achieve the optimum IF input level. Frequency detector and phase detector The VIF amplifier output signal is fed into a frequency detector and into a phase detector. During acquisition the frequency detector produces a DC current proportional to the frequency difference between the input and the VCO signal. After frequency lock-in the phase detector produces a DC current proportional to the phase difference between the VCO and the input signal. The DC current of either frequency detector or phase detector is converted into a DC voltage via the loop filter which controls the VCO frequency. Video demodulator The true synchronous video demodulator is realized by a linear multiplier which is designed for low distortion and wide bandwidth. The vision IF input signal is multiplied with the `in phase' component of the VCO output. The demodulator output signal is fed via an integrated low-pass filter (fg = 12 MHz) for suppression of the carrier harmonics to the video amplifier. VCO, AFC detector and travelling wave divider The VCO operates with a symmetrically connected reference LC circuit, operating at the double vision carrier frequency. Frequency control is performed by an internal variable capacitor diode.
TDA9801
The voltage to set the VCO frequency to the actual double vision carrier frequency is also amplified and converted for the AFC output current. The VCO signal is divided-by-2 with a Travelling Wave Divider (TWD) which generates two differential output signals with a 90 degree phase difference independent of the frequency. Video amplifier The composite video amplifier is a wide bandwidth operational amplifier with internal feedback. A nominal positive video signal of 1 V (p-p) is present at pin VSO. Buffer amplifier and noise clipper The input impedance of the 7 dB wideband CVBS buffer amplifier (with internal feedback) is suitable for ceramic sound trap filters. Pin CVBS provides a positive video signal of 2 V (p-p). Noise clipping is provided internally. Sound demodulation LIMITER AMPLIFIER The FM sound intercarrier signal is fed to pin SI and through a limiter amplifier before it is demodulated. The result is high sensitivity and AM suppression. The limiter amplifier consists of 7 stages which are internally AC-coupled in order to minimizing the DC offset. FM-PLL DETECTOR The FM-PLL demodulator consists of an RC oscillator, loop filter and phase detector. The oscillator frequency is locked on the FM intercarrier signal from the limiter amplifier. As a result of this locking, the RC oscillator is frequency modulated. The modulating voltage (AF signal) is used to control the oscillator frequency. By this, the FM-PLL operates as an FM demodulator. AF AMPLIFIER The audio frequency amplifier with internal feedback is designed for high gain and high common-mode rejection. The low-level AF signal output from the FM-PLL demodulator is amplified and buffered in a low-ohmic audio output stage. An external decoupling capacitor CDAF removes the DC voltage from the audio amplifier input. By using the sound mute switch (pin MUTE) the AF amplifier is set in the mute state.
1999 Aug 26
6
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VP PARAMETER supply voltage CONDITIONS IP = 70 mA; Tamb = 70 C; maximum chip temperature 125 C for TDA9801 128 C for TDA9801T Vn voltage on pins VIF1, VIF2, AFC and AGC pin TAGC tsc(max) Tstg Tamb Ves Notes 1. Machine model class B (L = 2.5 H). THERMAL CHARACTERISTICS SYMBOL Rth(j-a) TDA9801 TDA9801T PARAMETER thermal resistance from junction to ambient CONDITIONS in free air 73 85 VALUE maximum short-circuit time storage temperature ambient temperature electrostatic handling voltage note 1 to ground or VP 0 - - -25 -20 -300 VP 13.2 10 +150 +70 +300 0 0 9.9 9.9 MIN. MAX.
TDA9801
UNIT
V V V V s C C V
UNIT K/W K/W
CHARACTERISTICS VP = 5 V; Tamb = 25 C; see Table 1 for input frequencies and picture-to-sound carrier ratios; Vi(VIF)(rms) = 10 mV (sync pulse level); IF input from 50 via broadband transformer 1 : 1; DSB video modulation; 10% residual carrier; video signal in accordance with "CCIR, line 17" or "NTC-7 Composite"; measurements taken in test circuit of Fig.12; unless otherwise specified. SYMBOL Supply: pin VP VP IP supply voltage supply current note 1 VP = 5 V VP = 9 V Vision IF input: pins VIF1 and VIF2 Vi(sens)(VIF)(rms) sensitivity of VIF input voltage (RMS value) -1 dB video at output fPC = 38.9 or 45.75 MHz fPC = 58.75 MHz Vi(max)(rms) maximum VIF input voltage (RMS value) 1 dB video at output fPC = 38.9 or 45.75 MHz fPC = 58.75 MHz VI 1999 Aug 26 DC input voltage 70 80 3.0 150 160 3.4 - - 3.8 mV mV V - - 50 60 90 100 V V 4.5 51 52 5.0 60 61 9.9 70 70 V mA mA PARAMETER CONDITIONS MIN. TYP. MAX. UNIT
7
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
SYMBOL Vint PARAMETER internal IF amplitude difference between picture and sound carrier IF gain control CONDITIONS within AGC range - MIN. TYP. 0.7 1
TDA9801
MAX.
UNIT dB
GIF
see Fig.6 fPC = 38.9 or 45.75 MHz fPC = 58.75 MHz 64 62 70 1.7 1.2 70 68 100 2.2 1.7 - - - 2.7 2.5 dB dB MHz k pF
BIF(-3dB) Ri(dif) Ci(dif)
-3 dB IF bandwidth differential input resistance differential input capacitance
upper limit cut-off frequency note 2 note 2
VCO and video demodulator; note 3 fVCO(max) fVCO/T VVCO(rms) maximum VCO frequency VCO frequency variation with temperature VCO voltage swing (RMS value) for carrier regeneration; f = 2fPC free running; IAFC = 0; note 4 measured between pins VCO1 and VCO2 fPC = 38.9 MHz fPC = 45.75 MHz fPC = 58.75 MHz fcr(PC) tacq Vi(sens)(VIF)(rms) picture carrier capture frequency range acquisition time sensitivity of VIF input (RMS value) offset current at pin TPLL negative positive BL = 60 kHz; note 5 PLL still locked; maximum IF gain; note 6 C/N = 10 dB; note 7 Ioffset(TPLL) Vo(VSO)(p-p) note 8 Video amplifier output (sound carrier off): pin VSO VSO output voltage (peak-to-peak value) see Fig.5 VP = 5 V VP = 9 V Vsync Vv(clu) Vv(cll) Vo(intc)(rms) Ro Ibias sync pulse voltage level upper video clipping voltage level lower video clipping voltage level intercarrier output voltage (RMS value) output resistance DC bias current sound carrier on; note 9 note 2 for internal emitter-follower at pin VSO 0.90 0.95 1.35 1.0 1.1 1.5 1.25 1.25 1.6 - 0.9 - 10 - V V V V V mV mA - - - 1.4 1.4 - - - - 120 100 80 1.8 1.8 - 50 100 - - - - - - 30 90 140 2.0 mV mV mV MHz MHz ms V V A 125 - 130 - - MHz
20 x 10-6 K-1
VP - 1.1 VP - 1 - - - 1.8 0.7 32 - 2.5
1999 Aug 26
8
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
SYMBOL Io(sink)(max) Io(source)(max) Bv(-3dB) H(sup) PSRRVSO PARAMETER maximum AC and DC output sink current maximum AC and DC output source current -3 dB video bandwidth harmonics suppression in video signal power supply ripple rejection at pin VSO CL < 50 pF; RL > 1 k CL < 50 pF; RL > 1 k; note 10 see Fig.7 CONDITIONS MIN. 1.4 2.0 7 35 32 - - 10 40 35 TYP. - - - - -
TDA9801
MAX.
UNIT mA mA MHz dB dB
Buffer amplifier and noise clipper input: pin VI Ri Ci VI Gv Bv(-3dB) Vo(v)(p-p) Vv(clu) Vv(cll) Vsync Ro Ibias Io(sink)(max) Io(source)(max) input resistance input capacitance DC input voltage pin VI not connected 2.6 1.4 1.5 3.3 2 1.8 4.0 3.0 2.1 k pF V
Buffer amplifier output: pin CVBS voltage gain -3 dB video bandwidth video output voltage (peak-to-peak value) upper video clipping voltage level lower video clipping voltage level sync pulse voltage level output resistance DC bias current maximum AC and DC output sink current maximum AC and DC output source current internal emitter-follower at pin CVBS note 11 CL < 20 pF; RL > 1 k sound carrier off; see Fig.12 6 8 1.7 3.9 - - - 1.8 1.4 2.4 7 11 2.0 4.0 1.0 1.35 - 2.5 - - 7.5 - 2.3 - 1.1 - 10 - - - dB MHz V V V V mA mA mA
Measurements from VIF inputs to CVBS output (330 connected between pins VSO and VI, sound carrier off) Vo(CVBS)(p-p) Vo(CVBS) CVBS output voltage (peak-to-peak value) deviation of CVBS output voltage VP = 5 V VP = 9 V at B/G standard 50 dB gain control 30 dB gain control Vo(bl) Gdif dif Bv(-3dB) black level tilt differential gain differential phase -3 dB video bandwidth gain variation; note 12 - - - - - 6 - - - 2 2 8 0.5 0.1 1 5 4 - dB dB % % deg MHz 1.7 1.8 2.0 2.2 2.3 2.6 V V
"CCIR, line 330" or "NTC-7 Composite" "CCIR, line 330" or "NTC-7 Composite"
CL < 20 pF; RL > 1 k
1999 Aug 26
9
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
SYMBOL S/NW PARAMETER weighted signal-to-noise ratio CONDITIONS see Fig.3; note 13 VP = 5 V VP = 9 V IM(0.92/1.1) intermodulation attenuation see Fig.4; note 14 at f = 0.92 or 1.1 MHz for BLUE for YELLOW IM(2.76/3.3) intermodulation attenuation see Fig.4; note 14 at f = 2.76 or 3.3 MHz for BLUE for YELLOW Vr(PC)(rms) H(sup) PSRRCVBS residual picture carrier (RMS value) harmonics suppression in video signal power supply ripple rejection at pin CVBS fundamental wave harmonics note 10 see Fig.7 56 55 56 58 56 57 - - 35 25 60 59 62 64 62 63 1 1 40 28 - - - - - - 10 10 - - MIN. TYP.
TDA9801
MAX.
UNIT dB dB dB dB dB dB mV mV dB dB
AGC detector output: pin AGC tres response time at 50 dB amplitude step of input signal for increasing step for decreasing step Ich Idch Vo charging current discharging current gain control output voltage see Fig.6 maximum gain minimum gain Tuner AGC Vi(VIF)(rms) VIF input voltage (RMS value) for onset tuner takeover point minimum level with RTOP = 22 k maximum level with RTOP = 0 QVi(VIF)(rms) Vi(VIF)/T GIF accuracy level of tuner RTOP = 13 k; takeover point (RMS value) ITAGC = 0.4 mA variation of tuner takeover point with temperature IF slip by automatic gain control ITAGC = 0.4 mA tuner gain current from 20 to 80% - 50 7 - - - - - 0.02 6 5 - 14 0.06 8 mV mV mV dB/K dB 0 - - - - VP - 0.7 V V note 12 - - 0.82 16 1 50 1.1 22 10 100 1.38 28 ms ms mA A
1999 Aug 26
10
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
SYMBOL PARAMETER CONDITIONS - - - 1.7 MIN. - - 0.1 2.0 TYP.
TDA9801
MAX.
UNIT
TUNER AGC OUTPUT: PIN TAGC Vmax Vsat Isink maximum voltage saturation voltage sink current from external source; note 2 ITAGC = 1.7 mA see Fig.6 no tuner gain reduction maximum tuner gain reduction AFC detector: pin AFC; note 15 CRstps control steepness equal to IAFC/fVIF see Table 2 fPC = 38.9 MHz fPC = 45.75 MHz fPC = 58.75 MHz f/T Vo frequency variation with temperature output voltage IAFC = 0; note 4 without external components; see Fig.8 upper limit lower limit Io output current see Fig.8 source current sink current Ir(v)(p-p) residual video modulation current (peak-to-peak value) 150 150 - 200 200 20 250 250 30 A A A VP - 0.5 VP - 0.3 - - 0.3 0.5 V V -0.5 -0.4 -0.3 - -0.75 -0.65 -0.55 - -1.0 -0.9 -0.8 20 x 106 A/kHz A/kHz A/kHz K-1 0.3 2.6 A mA 13.2 0.2 V V
Sound mute switch: pin MUTE; note 16 VIL VIH IIL mute Voffset(MUTE) LOW-level input voltage HIGH-level input voltage LOW-level input current mute attenuation DC offset voltage at pin MUTE mute on mute off VMUTE = 0 V VMUTE = 0 V at switching to mute on state (plop) 0 1.5 - 70 - - - -300 80 100 0.8 VP -360 - 500 V V A dB mV
FM sound limiter amplifier input: pin SI; note 17 Vi(FM)(rms) FM input voltage (RMS value)
"CCIR468-4"
S/N = 40 dB; see Fig.10 AM = 40 dB; f = 1 kHz; m = 0.3 - - 200 200 1 - 300 - - V mV mV
Vi(FM)(max)(rms)
maximum FM input handling voltage (RMS value) DC input voltage 11
VI 1999 Aug 26
2.3
2.6
2.9
V
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
SYMBOL Ri AM fres(-3dB) PARAMETER input resistance AM suppression frequency response note 2 AM signal: f = 1 kHz; m = 0.3; see Fig.9 -3 dB points of lower and upper limits of IF sound cut-off frequency CONDITIONS MIN. 480 46 3.5 TYP. 600 50 - - 10
TDA9801
MAX. 720
UNIT dB MHz
FM-PLL sound detector and AF amplifier; note 17 fcr(PLL) fhr(PLL) tacq fAF BAF(-3dB) THD S/NW Vr(SC)(rms) catching range of PLL holding range of PLL acquisition time audio frequency deviation -3 dB audio frequency bandwidth total harmonic distortion weighted signal-to-noise ratio residual sound carrier (RMS value) 27 kHz FM deviation; R3 = 0 ; note 18 THD < 1.5%; note 18 upper limit lower limit upper limit lower limit 7 - 8 - - - 95 - 50 - - - - - - - 120 0.25 55 - - 4 - 3.5 4 50 - 0.5 - 75 MHz MHz MHz MHz s kHz kHz % dB mV
"CCIR 468-4"; see Fig.10
fundamental wave and harmonics fAF = 27 kHz; B/G standard; see Fig.10 fAF = 25 kHz; M standard; see Fig.10
AUDIO OUTPUT: PIN AF Vo(AF)(rms) AF output voltage (RMS value) 400 370 0.8 500 460 - 600 550 - mV mV V
Vo(AF)(max)(rms)
maximum AF output handling voltage (RMS value) AF output voltage variation with temperature output resistance load resistance
THD < 1.5%
Vo(AF)/T Ro RL
- note 2 AC-coupled at pin AF AC and DC - 2.2 - 2.1 R3 = 0 ; see Fig.7; note 18 24
3 x 10-3 7 x 10-3 200 - - 2.5 30 - - 1.5 2.9 -
dB/K k mA V dB
Io(sink/source)(max) maximum sink or source output current VO PSRRAF DC output voltage power supply ripple rejection at pin AF
DECOUPLING CAPACITOR: PIN DAF VDAF DC voltage at decoupling capacitor voltage depends on VCO frequency; note 19 1.5 - 3.3 V
1999 Aug 26
12
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
SYMBOL PARAMETER CONDITIONS MIN. TYP.
TDA9801
MAX.
UNIT
Measurements from VIF input to AF output; notes 20 and 21; see Fig.13 S/NW weighted signal-to-noise ratio
"CCIR 468-4"
black picture (sync only) white picture colour bar 46 42 40 52 48 46 - - - dB dB dB
Notes 1. Values of video and sound parameters can be decreased at VP = 4.5 V. 2. This parameter is not tested during production and is only given as application information for designing the television receiver. 3. Conditions for video demodulator: a) Loop bandwidth: BL = 60 kHz, natural frequency fn = 15 kHz, damping factor d = 2, calculated with grey level and FPLL input level b) Resonance circuit of VCO: Qo > 50, see Table 2 for the value of the external capacitor C; CVCO = 8.5 pF, loop voltage is approximately 2.6 V at VP = 5 V and approximately 2.7 V at VP = 9 V. 4. Temperature coefficient of the external LC circuit is equal to zero. 5. Vi(VIF)(rms) = 10 mV; f = 1 MHz (VCO frequency offset related to fPC); white picture video modulation. 6. Vi(VIF) signal for nominal video signal. 7. Broadband transformer at the VIF input (see Fig.12). The C/N ratio at the VIF input for `lock-in' is defined as the VIF input signal (RMS value of sync pulse level) related to a superimposed 5 MHz band-limited white noise signal (RMS value). The video modulation is for white picture. 8. The offset current is measured between pin TPLL and half of the supply voltage (VP = 2.5 V) under the conditions: a) no input signal at VIF inputs b) IF amplifier gain at minimum (VAGC = VP) and pin ADJ is left open-circuit. 9. The intercarrier output signal is superimposed to the video signal at pin VSO and can be calculated by the following formula:
V i(SC) -------------- (dB) + 6 dB 2 dB V i(PC) -----------------------------------------------------------------20
1 V o(intc)(rms) = 1.0 V (p-p) x ---------- x 10 22 where
a) 1.0 V (p-p) = video output signal as reference 1 b) ---------- = correction term for RMS value 22 V i(SC) c) -------------- (dB) = sound-to-picture carrier ratio at VIF inputs in dB V i(PC) d) 6 dB = correction term of internal circuitry e) 2 dB = tolerance of video output and intercarrier output amplitude Vo(intc)(rms). f) Example for SAW filter G1962: sound shelf value = 20 dB, V i(SC) -------------- = - 27 dB V o(intc)(rms) = 32 mV (typical value) V i(PC)
1999 Aug 26
13
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
TDA9801
10. Measurements taken with SAW filter G1962; VSB modulation; fvideo > 0.5 MHz; loop bandwidth BL = 60 kHz. 11. The 7 dB buffer amplifier gain accounts for 1 dB loss in the sound trap. The buffer output signal is typical 2 V (p-p). If no sound trap is applied a resistor of 330 must be connected between pins VSO and VI. 12. The leakage current of CAGC should not exceed 1 A. Larger currents will increase the tilt. 13. S/N is the ratio of the black-to-white amplitude to the black level noise voltage (RMS value) at pin CVBS. B = 5 MHz weighted in accordance with "CCIR 567" at a source impedance of 50 . 14. The intermodulation figures are defined: V o at 4.4 (3.58) MHz a) IM ( 0.92 1.1 ) = 20 log ------------------------------------------------------ + 3.6 dB V o at 0.92 (1.1) MHz IM(0.92/1.1) value at 0.92 (or 1.1) MHz referenced to black or white signal V o at 4.4 (3.58) MHz b) IM ( 2.76 3.3 ) = 20 log ------------------------------------------------------ V o at 2.76 (3.3) MHz IM(2.76/3.3) value at 2.76 (or 3.3) MHz referenced to colour carrier. 15. To match the AFC output signal to different tuning systems a current source output is provided (see Fig.8). 16. The no mute state is also valid when pin MUTE is not connected. 17. The input signal is provided by an external generator with 50 source impedance, AC-coupled with a 10 nF capacitor, fmod = 1 kHz and 27 kHz (54% FM deviation) of audio reference. A VIF input signal is not permitted. Pin AGC has to be connected to the supply voltage. Measurements are taken at 50 s de-emphasis (75 s at the M standard). 18. To allow a higher frequency deviation, the value of resistor R3 on pin DAF (see Fig.13) has to be increased. However, the AF output signal must not exceed 0.5 V (nominal value) for THD = 0.2%. R3 = 4.7 k provides -6 dB amplification. 19. The leakage current of the 2.2 F decoupling capacitor should not exceed 100 nA. 20. For all S/N measurements the used vision IF modulator has to meet the following specifications: a) Incidental phase modulation for black-to-white jump less than 0.5 degrees b) AF performance, measured with the television demodulator AMF2 (audio output, weighted S/N ratio), better than 60 dB (deviation 27 kHz) for white picture video modulation. 21. Input signal according to B/G standard of Table 1: a) Input: Vi(VIF)(rms) = 10 mV, VSB modulation and 10% residual carrier b) Reference: FM deviation = 27 kHz and measurements are taken at 50 s de-emphasis. Table 1 Input frequencies and carrier ratios STANDARD SYMBOL fPC fSC PC/SC DESCRIPTION B/G picture carrier frequency sound carrier frequency picture-to-sound carrier ratio 38.9 33.4 13 M/N 45.75 41.25 7 M 58.75 54.25 7 MHz MHz dB UNIT
1999 Aug 26
14
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
TDA9801
handbook, halfpage
75
MHB507
S/NW (dB) 50
handbook, halfpage
3.2 dB 10 dB 13.2 dB 27 dB
13.2 dB 27 dB
25
SC CC
PC
SC CC
PC
BLUE
YELLOW
MED685 - 1
0 -60 0.06
-40 0.6
-20 6 10
0 20 Vi(VIF)(rms)(dB) 60 600 Vi(VIF)(rms)(mV)
SC = sound carrier level, with respect to sync pulse level. CC = chrominance carrier level, with respect to sync pulse level. PC = picture carrier level, with respect to sync pulse level. Sound shelf attenuation: 20 dB.
Fig.3
Video output weighted signal-to-noise ratio as a function of the VIF input voltage.
Fig.4
Input signal conditions for intermodulation measurements.
handbook, halfpage 2.6 V
2.5 V
zero carrier level white level
1.8 V 1.5 V
black level sync level
B/G and M/N standard
MHA889
Fig.5
Video signal levels on output pin VSO (sound carrier off).
1999 Aug 26
15
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
TDA9801
handbook, full pagewidth
70
MHB510
(1) GIF (dB) 50 60 I TAGC (mA) 0 40 (2) 30 (3) (4) 0.6 0.2
20
1.0
10
1.4
0 -10
1.8 2.0 0 1 2 3 4 VAGC (V) 5
(1) GIF (IF gain control). (2) RTOP = 22 k. (3) RTOP = 13 k. (4) RTOP = 0 .
Fig.6 IF AGC gain control and tuner AGC output current as a function of the tuner AGC detector voltage.
handbook, full pagewidth
VP VP = 5 V TDA9801 100 mV (fripple = 70 Hz)
MHA884
t
Fig.7 Power supply ripple rejection condition.
1999 Aug 26
16
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
TDA9801
handbook, halfpage
VP = 5 V
VP = 5 V 22 k
handbook, halfpage
VP = 9 V
VP = 9 V 62 k
TDA9801
15
AFC IAFC VAFC 22 k
MHA887
TDA9801
15
AFC IAFC VAFC 62 k
MHA888
handbook, halfpage V
9 AFC (V) 7.5
MHB508
150 IAFC (A) 100
handbook, halfpage
5
MHB509
VAFC (V) 3.75 (source current)
225 IAFC (A) 150
(source current) 6 50
75
4.5
0 -50 (sink current)
2.5
0 -75
3
1.25 -100
(sink current) -150 -225 39.5 f (MHz)
1.5
0 38.3
38.6
38.9
-150 39.2 39.5 f (MHz)
0 38.3
38.6
38.9
39.2
a. VP = 5 V.
b. VP = 9 V.
Fig.8 AFC measurement conditions and typical characteristics.
1999 Aug 26
17
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
TDA9801
handbook, full pagewidth
0
MHA885
AM (dB) -20
-40
-60
-80
-100 10-1
1
10
102
Vi(SI) (mV)
103
Fig.9 AM suppression (typical value) of the FM limiter amplifier as a function of the input voltage.
MHA886
handbook, full pagewidth
540 Vo(AF)(rms) (mV) 520 (1)
60 S/NW (dB) 50
(2) 500 40
480
30
460 10-1 (1) Signal-to-noise ratio (weighted). (2) AF output signal (typical value).
20
1
10
102
Vi(SI) (mV)
103
Fig.10 AF output signal and signal-to-noise ratio as a function of the input voltage.
1999 Aug 26
18
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
TDA9801
handbook, full pagewidth
120 IF gain range 64 (<70) dB
(1)
antenna input (dBV) 100 SAW insertion loss 20 dB
video 1 V (p-p) 10-1 IF signals (RMS value) (V)
tuner gain control range 80
6 dB IF slip 64 dB IF AGC
10-2
60
TOP
10-3 0.66 x 10-3
SAW insertion loss 20 dB 40 40 dB RF gain
10-4 0.66 x 10-4
20
10-5 0.66 x 10-5
VHF/UHF tuner
IF SAW filter
IF amplifier, demodulator and video TDA9801
MHA883
(1) Depends on TOP.
Fig.11 Front-end level diagram.
1999 Aug 26
19
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
INTERNAL CIRCUITRY PIN 1 2 SYMBOL VIF1 VIF2 DC VOLTAGE (V) 3.4 3.4
1 1.1 k 400 A 1.1 k 2
TDA9801
EQUIVALENT CIRCUIT (WITHOUT ESD PROTECTION CIRCUIT)
+
+
3.6 V
400 A
MHB511
3
TOP
0 to 1.9
30 k 20 k 3.6 V
9 k 3 1.9 V
MHB512
4
ADJ
0 to 0.4
5 k
4
3.6 V 18 k 16 k
MHB513
1999 Aug 26
20
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
PIN 5 SYMBOL MUTE DC VOLTAGE (V) 0 to VP
TDA9801
EQUIVALENT CIRCUIT (WITHOUT ESD PROTECTION CIRCUIT)
mute
+
+
2.5 A
5
25 A
MHB514
6
TPLL
1.5 to 4.0
+
+
Ib 6
+
VCO 200 A
MHB515
7
CVBS
sync pulse level: 1.35
+
6.4 k
1.5 pF
7 2.5 mA
MHB516
8
n.c.
-
1999 Aug 26
21
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
PIN 9 SYMBOL AF DC VOLTAGE (V) 2.5
+
TDA9801
EQUIVALENT CIRCUIT (WITHOUT ESD PROTECTION CIRCUIT)
2.4 mA
+
9
MHB517
10
DAF
1.5 to 3.3
57 k 5 k 5 k
10
190 A
MHB518
11
SI
2.6
670
3.6 V
11 5.5 k 5.5 k 15 pF
MHB519
12
TAGC
0 to 13.2
12 15 V
MHB520
13
VSO
sync pulse level: 1.5
+
100
20 k 13 10 F 11.5 k
2 k 2.5 mA 3.6 V
MHB521
1999 Aug 26
22
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
PIN 14 SYMBOL VI DC VOLTAGE (V) 1.8
TDA9801
EQUIVALENT CIRCUIT (WITHOUT ESD PROTECTION CIRCUIT)
3.6 V 6.6 k 14 2 k 5 k
MHB522
15
AFC
0.3 to VP - 0.3
+
+
+
200 A
15
1 k
1 k
MHB523
16 17
VCO1 VCO2
2.7 2.7
16 17 420 420 50
+
+
500 A
2.8 V
MHB524
1999 Aug 26
23
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
PIN 18 SYMBOL GND DC VOLTAGE (V) 0
TDA9801
EQUIVALENT CIRCUIT (WITHOUT ESD PROTECTION CIRCUIT)
20 13.5 V 18
MHB525
19
AGC
1.5 to 4.0
1 mA 19 Ib
MHB526
20 A
20
VP
VP
20 13.5 V 18
MHB525
1999 Aug 26
24
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
handbook, full pagewidth
1999 Aug 26
VP = 5 V (9 V) 10 F 10 nF 2.2 F VP 20 19 AGC GND 18
(1)
TEST AND APPLICATION INFORMATION
Philips Semiconductors
Single standard VIF-PLL demodulator and FM-PLL detector
22 k (62 k) 22 k (62 k) 0.1 F 330 560 VCO1 16 AFC 15 VI 14 VSO 13 12 TAGC SI 11 1 V (p-p)
AFC video and intercarrier tuner AGC
VCO2 17
25 TDA9801
1 VIF1 vision IF 50 1:1 13 k 390 0.1 F sound mute
MHA881
2 VIF2
3 TOP
4 ADJ
5 MUTE
6 TPLL
7 CVBS
8 n.c.
9 AF
10 DAF 2.2 F
takeover point
AF CVBS 2 V (p-p)
Product specification
TDA9801
(1) See Table 2.
Fig.12 Test circuit.
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
ndbook, full pagewidth
1999 Aug 26
VP = 5 V (9 V) 10 F 10 nF 2.2 F VP 20 AGC 19 GND 18
(1)
Philips Semiconductors
Single standard VIF-PLL demodulator and FM-PLL detector
22 k (62 k) 22 k (62 k) 0.1 F sound trap 15 H sound filter VCO1 16 AFC 15 VI 14 VSO 13 12 TAGC SI 11 330 1 V (p-p) 560
AFC video and intercarrier tuner AGC R1(2) R2(2) 12 V (9 V)(2)
VCO2 17
TDA9801
26
1 VIF1 vision IF 50 SAW filter G1962 takeover point 2 VIF2 3 TOP 4 ADJ 13 k IF input (1) See Table 2. (2) Depends on tuner. (3) See note 18 of Chapter "Characteristics".
5 MUTE
6 TPLL 390 0.1 F
7 CVBS
8 n.c.
9 AF 2.2 k
10 DAF R3(3) 2.2 F CVBS 2 V (p-p) AF
sound mute
22 nF
MHA882
Product specification
TDA9801
Fig.13 Application circuit.
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
Table 2 Oscillator circuit for different TV standards EUROPE 38.9 MHz 77.8 MHz
16
(1) (2) (3)
TDA9801
PARAMETER IF frequency VCO frequency Oscillator circuit
USA 45.75 MHz 91.5 MHz
16
(1) (2) (3)
JAPAN 58.75 MHz 117.5 MHz
16
(1) (2) (3)
17
MGG099
17
MGG099
17
MGG099
(1) CVCO = 8.5 pF. (2) C = 8.2 0.25 pF. (3) L = 251 nH.
(1) CVCO = 8.5 pF. (2) C = 10 0.25 pF. (3) L = 163 nH.
(1) CVCO = 8.5 pF. (2) C = 15 0.25 pF. (3) L = 78 nH.
Toko coil Philips ceramic capacitor
5KM 369SNS-2010Z 2222 632 51828
5KMC V369SCS-2370Z inside coil
MC139 NE545SNAS100108 15 pF (SMD; size: 0805)
1999 Aug 26
27
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
PACKAGE OUTLINES DIP20: plastic dual in-line package; 20 leads (300 mil)
TDA9801
SOT146-1
D seating plane
ME
A2
A
L
A1
c Z e b1 b 20 11 MH wM (e 1)
pin 1 index E
1
10
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT146-1 REFERENCES IEC JEDEC EIAJ SC603 EUROPEAN PROJECTION A max. 4.2 0.17 A1 min. 0.51 0.020 A2 max. 3.2 0.13 b 1.73 1.30 0.068 0.051 b1 0.53 0.38 0.021 0.015 c 0.36 0.23 0.014 0.009 D
(1)
E
(1)
e 2.54 0.10
e1 7.62 0.30
L 3.60 3.05 0.14 0.12
ME 8.25 7.80 0.32 0.31
MH 10.0 8.3 0.39 0.33
w 0.254 0.01
Z (1) max. 2.0 0.078
26.92 26.54 1.060 1.045
6.40 6.22 0.25 0.24
ISSUE DATE 92-11-17 95-05-24
1999 Aug 26
28
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
TDA9801
SO20: plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
D
E
A X
c y HE vMA
Z 20 11
Q A2 A1 pin 1 index Lp L 1 e bp 10 wM detail X (A 3) A
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 2.65 0.10 A1 0.30 0.10 A2 2.45 2.25 A3 0.25 0.01 bp 0.49 0.36 c 0.32 0.23 D (1) 13.0 12.6 0.51 0.49 E (1) 7.6 7.4 0.30 0.29 e 1.27 0.050 HE 10.65 10.00 L 1.4 Lp 1.1 0.4 Q 1.1 1.0 0.043 0.039 v 0.25 0.01 w 0.25 0.01 y 0.1 0.004 Z
(1)
0.9 0.4 0.035 0.016
0.012 0.096 0.004 0.089
0.019 0.013 0.014 0.009
0.419 0.043 0.055 0.394 0.016
8o 0o
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT163-1 REFERENCES IEC 075E04 JEDEC MS-013AC EIAJ EUROPEAN PROJECTION
ISSUE DATE 95-01-24 97-05-22
1999 Aug 26
29
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
SOLDERING Introduction This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mount components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mount ICs, or for printed-circuit boards with high population densities. In these situations reflow soldering is often used. Through-hole mount packages SOLDERING BY DIPPING OR BY SOLDER WAVE The maximum permissible temperature of the solder is 260 C; solder at this temperature must not be in contact with the joints for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds. The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (Tstg(max)). If the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. MANUAL SOLDERING Apply the soldering iron (24 V or less) to the lead(s) of the package, either below the seating plane or not more than 2 mm above it. If the temperature of the soldering iron bit is less than 300 C it may remain in contact for up to 10 seconds. If the bit temperature is between 300 and 400 C, contact may be up to 5 seconds. Surface mount packages REFLOW SOLDERING Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several methods exist for reflowing; for example, infrared/convection heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method.
TDA9801
Typical reflow peak temperatures range from 215 to 250 C. The top-surface temperature of the packages should preferable be kept below 230 C. WAVE SOLDERING Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed. If wave soldering is used the following conditions must be observed for optimal results: * Use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. * For packages with leads on two sides and a pitch (e): - larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; - smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves at the downstream end. * For packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves downstream and at the side corners. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. MANUAL SOLDERING Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
1999 Aug 26
30
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator and FM-PLL detector
Suitability of IC packages for wave, reflow and dipping soldering methods
TDA9801
SOLDERING METHOD MOUNTING PACKAGE WAVE Through-hole mount DBS, DIP, HDIP, SDIP, SIL Surface mount BGA, SQFP HLQFP, HSQFP, HSOP, HTQFP, HTSSOP, SMS PLCC(4), SO, SOJ LQFP, QFP, TQFP SSOP, TSSOP, VSO Notes 1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the "Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods". 2. For SDIP packages, the longitudinal axis must be parallel to the transport direction of the printed-circuit board. 3. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version). 4. If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. 5. Wave soldering is only suitable for LQFP, QFP and TQFP packages with a pitch (e) equal to or larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 6. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. 1999 Aug 26 31 This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. suitable(2) not suitable not suitable(3) suitable not recommended(4)(5) not recommended(6) REFLOW(1) DIPPING - suitable suitable suitable suitable suitable suitable - - - - -
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 3 Figtree Drive, HOMEBUSH, NSW 2140, Tel. +61 2 9704 8141, Fax. +61 2 9704 8139 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Via Casati, 23 - 20052 MONZA (MI), Tel. +39 039 203 6838, Fax +39 039 203 6800 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5057 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 58088 Newville 2114, Tel. +27 11 471 5401, Fax. +27 11 471 5398 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2886, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Yukari Dudullu, Org. San. Blg., 2.Cad. Nr. 28 81260 Umraniye, ISTANBUL, Tel. +90 216 522 1500, Fax. +90 216 522 1813 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 208 730 5000, Fax. +44 208 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 62 5344, Fax.+381 11 63 5777
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1999
Internet: http://www.semiconductors.philips.com
SCA 67
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
545004/02/pp32
Date of release: 1999
Aug 26
Document order number:
9397 750 05292


▲Up To Search▲   

 
Price & Availability of TDA9801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X