Part Number Hot Search : 
10129126 MB90342S M30623E8 OT160D SP600 AO4603 15CGNPBF T9015
Product Description
Full Text Search
 

To Download SY10E166 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 9-BIT MAGNITUDE COMPARATOR
SY10E166 SY100E166
FEATURES
s 1100ps max. Propagation Delay A = B s Extended 100E VEE range of -4.2V to -5.5V s Fully compatible with industry standard 10KH, 100K ECL levels s Internal 75K input pulldown resistors s Fully compatible with Motorola MC10E/100E166 s Available in 28-pin PLCC package
DESCRIPTION
The SY10/100E166 are 9-bit magnitude comparators designed for use in new, high-performance ECL systems. The E166 compares the binary value of two 9-bit words and indicates whether one word is greater than or equal to the other.
BLOCK DIAGRAM
PIN CONFIGURATION
VCCO
A0-A8
9
A>B
25 24 23 22 21 20 19
COMPARATOR
A=B
A3 B3 NC VEE A4 B4 A5
A1 B0 A0
B2
A2 B1
26 27 28 1 2 3 4 5 6 7 8 9 10 11
18 17
B0-B8
9
B>A
TOP VIEW PLCC J28-1
16 15 14 13 12
A=B NC VCC B>A VCCO A>B NC
B5 A6 B6 A7 B7
PIN NAMES
Pin A0-A8 B0-B8 A>B B>A A=B VCCO Function A Data Inputs B Data Inputs A Greater than B Output B Greater than A Output A Equal to B Output (active-LOW) VCC to Output
A8
B8
Rev.: C
Amendment: /1
1
Issue Date: February, 1998
Micrel
SY10E166 SY100E166
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0C Symbol IIH IEE Parameter Input HIGH Current Power Supply Current 10E 100E -- -- 113 113 136 136 -- -- 113 113 136 136 -- -- 113 130 136 156 TA = +25C TA = +85C Max. 150 Unit A mA Condition -- -- Min. Typ. Max. Min. Typ. -- -- 150 -- -- Max. Min. Typ. 150 -- --
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0C Symbol tPLH tPHL tr tf Parameter Propagation Delay to Output D to A = B D to A < B, A > B Rise/Fall Time 20% to 80% TA = +25C TA = +85C Max. 1100 1400 800 ps -- Unit ps 500 500 300 750 850 450 1100 1400 800 500 500 300 750 850 450 1100 1400 800 500 500 300 750 850 450 Condition --
Min. Typ. Max. Min. Typ.
Max. Min. Typ.
PRODUCT ORDERING CODE
Ordering Code SY10E166JC SY10E166JCTR SY100E166JC SY100E166JCTR Package Type J28-1 J28-1 J28-1 J28-1 Operating Range Commercial Commercial Commercial Commercial
2
Micrel
SY10E166 SY100E166
28 LEAD PLCC (J28-1)
Rev. 03
3
Micrel
SY10E166 SY100E166
MICREL-SYNERGY
TEL
3250 SCOTT BOULEVARD SANTA CLARA CA 95054 USA
FAX
+ 1 (408) 980-9191
+ 1 (408) 914-7878
WEB
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated
4


▲Up To Search▲   

 
Price & Availability of SY10E166

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X