Part Number Hot Search : 
A4503 A3141LUA 2SC40 SP486ES AAA4FPLZ AO4433 1933R MJE701T
Product Description
Full Text Search
 

To Download SY10E131 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4-BIT D FLIP-FLOP
SY10E131 SY100E131
FEATURES
s s s s s s s 1100MHz min. toggle frequency Extended 100E VEE range of -4.2V to -5.5V Differential output Individual and common clocks Indivldual asynchronous reset Paired asynchronous sets Fully compatible with Industry standard 10KH, 100K ECL levels s Internal 75K input pulldown resistors s Fully compatible with Motorola MC10E/100E131 s Available in 28-pin PLCC package
DESCRIPTION
The SY10/100E131 are high-speed quad master slave D-type flip-flops with differential outputs designed for use in new, high-performance ECL systems. The flip-flops may be individually clocked by holding CC (Common Clock) at a logic LOW and then using the four individual CE (Clock Enable CE0-CE3) inputs to accomplish such clocking. Alternatively, all four flip-flops can be clocked in common by holding the CE inputs LOW and then using CC to clock the data. In the common clock mode, the CE input acts as a control that passes the CC signal to the flip-flop. Data is clocked into the flip-flop on the rising edge of the output of the logical OR operation between CE and CC (data enters the master when both CC and CE are LOW and data transfers to the slave when either CE or CC, or both, go HIGH). Asynchronous set and reset controls are provided. The reset controls are individual and the set controls are pairwise.
PIN CONFIGURATION
VCCO
PIN NAMES
Pin
Q3 Q3
Function Data Inputs Clock Enables (Individual) Resets Common Clock Sets (paired) True Outputs Inverting Outputs VCC to Output
CE2
R3
D2
R2
D0-D3 CE0-CE3
25 24 23 22 21 20 19
R0-R3
18 17
CE3 D3 S12 VEE CC S03 D0
26 27 28 1 2 3 4 5 6 7 8 9 10 11
Q2 Q2 VCC Q1 Q1 Q0 Q0
CC S03, S12 Q0-Q3 Q0-Q3 VCCO
PLCC TOP VIEW J28-1
16 15 14 13 12
D1
R0
CE0
CE1
R1
VCCO
NC
Rev.: E
Amendment: /0
1
Issue Date: November, 1998
Micrel
SY10E131 SY100E131
BLOCK DIAGRAM
S
TRUTH TABLE
Pin State L L Mode Individual clocking with CEn Common clocking with CC
D3
D
Q
Q3
CC CE
CE3 R R3
Q
Q3
D2 CE2
D
S
Q
Q2
Q R
Q2
R2 S03 S12 CC R1 R CE1 Q Q1
D1
D S
Q
Q1
R0 R CE0 Q Q0
D0
D S
Q
Q0
2
Micrel
SY10E131 SY100E131
DC ELECTRICAL CHARACTERISTICS
VEE = VEE(Min.) to VEE(Max.); VCC = VCCO = GND
TA = -40C Symbol IIH Parameter Input HIGH Current CC S R CE D IEE Power Supply Current 10E 100E -- -- -- -- -- -- -- -- -- -- -- -- 58 58 350 450 300 300 150 70 70 -- -- -- -- -- -- -- -- -- -- -- -- 58 58 350 450 300 300 150 70 70 -- -- -- -- -- -- -- -- -- -- -- -- 58 58 350 450 300 300 150 70 70 -- -- -- -- -- -- -- -- -- -- -- -- 58 67 350 450 300 300 150 mA 70 81 Min. Typ. Max. Min. TA = 0C Typ. Max. TA = +25C Min. Typ. Max. TA = +85C Min. Typ. Max. Unit A
AC ELECTRICAL CHARACTERISTICS
VEE = VEE(Min.) to VEE(Max.); VCC = VCCO = GND
TA = -40C Symbol fMAX tPLH tPHL Parameter Max. Toggle Frequency Propagation Delay to Output CE CC R S Set-up Time, D(2) Hold Time, D
(2)
TA = 0C Min. 1100 360 325 350 350 150 175 400 400 400 -- 300 Typ. 1400 500 500 550 550 20 -20 150 -- -- 60 480 Max. -- 700 675 725 725 -- -- -- -- -- -- 675 Min.
TA = +25C Typ. 1400 500 500 550 550 20 -20 150 -- -- 60 480 Max. -- 700 675 725 725 -- -- -- -- -- -- 675
TA = +85C Min. 1100 360 325 350 350 150 175 400 400 400 -- 300 Typ. 1400 500 500 550 550 20 -20 150 -- -- 60 480 Max. Unit -- 700 675 725 725 -- -- -- -- -- -- 675 ps ps ps ps ps ps MHz ps
Min. 1100 310 275 300 300 200 225 450 400 400 -- 275
Typ. 1400 600 600 625 550 20 -20 150 -- -- 60 460
Max. -- 750 725 775 775 -- -- -- -- -- -- 725
1100 360 325 350 350 150 175 400 400 400 -- 300
ts th tRR tPW
Reset Recovery Time Minimum Pulse Width
Clk R, S
tskew tr tf
Within-Device Skew(1) Rise/Fall Time 20% to 80%
NOTES: 1. Within-device skew is defined as identical transitions on similar paths through a device. 2. Set-up/hold times guaranteed for both CC and CE.
PRODUCT ORDERING CODE
Ordering Code SY10E131JC SY10E131JCTR SY100E131JC SY100E131JCTR Package Type J28-1 J28-1 J28-1 J28-1 Operating Range Commercial Commercial Commercial Commercial Ordering Code SY10E131JI SY10E131JITR SY100E131JI SY100E131JITR Package Type J28-1 J28-1 J28-1 J28-1 Operating Range Industrial Industrial Industrial Industrial
3
Micrel
SY10E131 SY100E131
28 LEAD PLCC (J28-1)
Rev. 03
MICREL-SYNERGY
TEL
3250 SCOTT BOULEVARD SANTA CLARA CA 95054 USA
FAX
+ 1 (408) 980-9191
+ 1 (408) 914-7878
WEB
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated
4


▲Up To Search▲   

 
Price & Availability of SY10E131

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X