Part Number Hot Search : 
T2D10 153M000 CY7C1372 BR20100 EGA16 TC51V CRBV55B DI2CMS
Product Description
Full Text Search
 

To Download SY10E122 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 9-BIT BUFFER
SY10E122 SY100E122
FEATURES
s 500ps max. propagation delay s Extended 100E VEE range of -4.2V to -5.5V s Fully compatible with industry standard 10KH, 100K I/O levels s Internal 75K input pulldown resistors s Fully compatible with Motorola MC10E/100E122 s Available in 28-pin PLCC package
DESCRIPTION
The SY10/100E122 are 9-bit buffers designed for use in new, high-performance ECL systems. The E122 provides nine non-inverting buffers.
BLOCK DIAGRAM
PIN CONFIGURATION
VCCO
19 18 17
NC
NC
NC
22
NC
21
Q0
25
D8
D0
24
23
20
D1
Q1
D7 D6 D5
Q8
26 27 28 1 2 3 4 5 6 7 8 9 10 11
Q7 Q6 VCC Q5 Q4 VCCO Q3
D2
Q2
VEE D4 D3 D2
PLCC TOP VIEW J28-1
16 15 14 13 12
D3
Q3
D0
NC
Q0
Q1
D5
Q5
D6
Q6
D7
Q7
D8
Q8
PIN NAMES
Pin D0-D8 Q0-Q8 VCCO Data Inputs Data Outputs VCC to Output Function
VCCO
Q2
Rev.: D
D1
D4
Q4
Amendment: /2
1
Issue Date: May, 1998
Micrel
SY10E122 SY100E122
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = -40C Symbol IIH IEE Parameter Input HIGH Current Power Supply Current 10E 100E -- -- 41 41 49 49 -- -- 41 41 49 49 -- -- 41 41 49 49 -- -- 41 47 49 57 TA = 0C TA = +25C Max. Min. Typ. 200 -- -- TA = +85C Max. 200 Unit A mA Min. Typ. Max. Min. Typ. -- -- 200 -- -- Max. Min. Typ. 200 -- --
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = -40C Symbol tPLH tPHL tskew tr tf Parameter Propagation Delay to D to Q Within-Device Skew D to Q(1) Rise/Fall Time 20% to 80% TA = 0C TA = +25C TA = +85C Typ. 350 75 425 Max. 500 -- 800 Unit ps ps ps
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. 150 -- 300 350 75 425 500 -- 800 150 -- 300 350 75 425 500 -- 800 150 -- 300 350 75 425 500 -- 800 150 -- 300
NOTE: 1. Within-device skew is defined as identical transitions on similar paths through a device.
PRODUCT ORDERING CODE
Ordering Code SY10E122JC SY10E122JCTR SY100E122JC SY100E122JCTR Package Type J28-1 J28-1 J28-1 J28-1 Operating Range Commercial Commercial Commercial Commercial Ordering Code SY10E122JI SY10E122JITR SY100E122JI SY100E122JITR Package Type J28-1 J28-1 J28-1 J28-1 Operating Range Industrial Industrial Industrial Industrial
2
Micrel
SY10E122 SY100E122
28 LEAD PLCC (J28-1)
Rev. 03
3
Micrel
SY10E122 SY100E122
MICREL-SYNERGY
TEL
3250 SCOTT BOULEVARD
FAX
SANTA CLARA
WEB
CA 95054 USA
+ 1 (408) 980-9191
+ 1 (408) 914-7878
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated
4


▲Up To Search▲   

 
Price & Availability of SY10E122

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X