Part Number Hot Search : 
PC910 BL0938 KTA1270 2A122K TA8205AH P6MTP NFM41 4ACT5
Product Description
Full Text Search
 

To Download SR5311-V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SR5311-V / SR5311-V(B)
High Brightness LED Lamp
Features
* Colorless transparency lens type * 5mm(T-13/4) all plastic mold type * High luminosity
Outline Dimensions
STRAIGHT TYPE
5.00.2
unit : mm
STOPPER
5.00.2
TYPE
8.60.2 0.80.2 0.80.2
8.60.2
0.5 23.0 MIN
0.5 23.0 MIN
1.0MIN 2.54 NOM
1.0MIN 2.54 NOM
1
2
5.80.2
1
2
5.80.2
PIN Connections 1. Cathode 2. Anode
KLR-3000-000
1
SR5311-V
Absolute maximum ratings
Characteristic
Power Dissipation Forward Current * Peak Forward Current Reverse Voltage Operating Temperature Storage Temperature
2 1
Symbol
PD IF IFP VR Topr Tstg
Ratings
70 30 50 4 -2085 -30100
Unit
mW mA mA V
260 for 5 seconds * Soldering Temperature Tsol *1.Duty ratio = 1/16, Pulse width = 0.1ms *2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Electrical Characteristics
Characteristic
Forward Voltage *3Luminous Intensity Peak Wavelength Spectrum Bandwidth Reverse Current * Half Angle
4
Symbol
VF IV
Test Condition
IF= 20mA IF= 20mA IF= 20mA IF= 20mA VR=4V IF= 20mA
Min. Typ. Max.
230 1.8 505 660 20 11 2.5 780 10 -
Unit
V mcd nm nm uA deg
P IR
1/2
*3. Luminous Intensity Maximum tolerance for each Grade Classification limit is 18%
*3. Luminous Intensity classification
N 230~350
O 350~520
P 520~780
*4. 1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
KLR-3000-000
2
SR5311-V
Characteristic Diagrams
Fig. 1 IF - VF Fig. 2 IV - IF
Forward Current IF [mA]
50 30
10 5 3
0.5 0.3 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
Forward Voltage VF [V]
Luminous Intensity Iv [mcd]
Forward
Current IF [mA]
Fig. 3 IF - Ta
50
Fig.4 Spectrum Distribution
100
Current IF [mA]
40
Relative Intensity [%]
80
30
60
20
40
Forward
10
20
0 -30
0
20
40
60
80
100
0 500
550
600
650
700
750
Ambient Temperature Ta []
Wavelength [nm]
Fig. 5 Radiation Diagram
100
50
0
50
100
Relative Luminous Intensity [%]
KLR-3000-000
3


▲Up To Search▲   

 
Price & Availability of SR5311-V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X