Part Number Hot Search : 
A101G FM106 1V330M LT1465CN R2100 IZ8018 KF4N20LI 74AHCT1
Product Description
Full Text Search
 

To Download SN74LS367AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SN74LS365A SN74LS367A SN74LS368A 3-State Hex Buffers
These devices are high speed hex buffers with 3-state outputs. They are organized as single 6-bit or 2-bit / 4-bit, with inverting or non-inverting data (D) paths. The outputs are designed to drive 15 TTL Unit Loads or 60 Low Power Schottky loads when the Enable (E) is LOW. When the Output Enable (E) is HIGH, the outputs are forced to a high impedance "off" state. If the outputs of the 3-state devices are tied together, all but one device must be in the high impedance state to avoid high currents that would exceed the maximum ratings. Designers should ensure that Output Enable signals to 3-state devices whose outputs are tied together are designed so there is no overlap.
GUARANTEED OPERATING RANGES
Symbol VCC TA IOH IOL Parameter Supply Voltage Operating Ambient Temperature Range Output Current - High Output Current - Low Min 4.75 0 Typ 5.0 25 Max 5.25 70 - 2.6 24 Unit V C mA mA
16 1
http://onsemi.com
LOW POWER SCHOTTKY
PLASTIC N SUFFIX CASE 648
16 1
SOIC D SUFFIX CASE 751B
ORDERING INFORMATION
Device SN74LS365AN SN74LS365AD SN74LS367AN SN74LS367AD SN74LS368AN SN74LS368AD Package 16 Pin DIP 16 Pin 16 Pin DIP 16 Pin 16 Pin DIP 16 Pin Shipping 2000 Units/Box 2500/Tape & Reel 2000 Units/Box 2500/Tape & Reel 2000 Units/Box 2500/Tape & Reel
(c) Semiconductor Components Industries, LLC, 1999
1
December, 1999 - Rev. 6
Publication Order Number: SN74LS365A/D
SN74LS365A SN74LS367A SN74LS368A
SN74LS365A HEX 3-STATE BUFFER WITH COMMON 2-INPUT NOR ENABLE
VCC 16 E2 15 14 13 12 11 10 9
1 E1
2
3
4
5
6
7
8 GND
TRUTH TABLE
INPUTS E1 L L H X E2 L L X H D L H X X L H (Z) (Z) OUTPUT
SN74LS367A HEX 3-STATE BUFFER SEPARATE 2-BIT AND 4-BIT SECTIONS
VCC 16 E 15 14 13 12 11 10 9
SN74LS368A HEX 3-STATE INVERTER BUFFER SEPARATE 2-BIT AND 4-BIT SECTIONS
VCC 16 E 15 14 13 12 11 10 9
1 E
2
3
4
5
6
7
8 GND
1 E
2
3
4
5
6
7
8 GND
TRUTH TABLE
INPUTS E L L H D L H X L H (Z) OUTPUT
TRUTH TABLE
INPUTS E L L H D L H X H L (Z) OUTPUT
http://onsemi.com
2
SN74LS365A SN74LS367A SN74LS368A
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol VIH VIL VIK VOH Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage 2.4 - 0.65 3.1 0.25 VO OL IOZH IOZL IIH Output LOW Voltage 0.35 Output Off Current HIGH Output Off Current LOW Input HIGH Current 0.1 Input LOW Current E Inputs IIL D Inputs - 0.4 - 20 - 0.4 IOS ICC Short Circuit Current (Note 1) Power Supply Current LS365A, 367A LS368A - 40 - 225 24 21 0.5 20 - 20 20 V A A A mA mA A mA mA IOL = 24 mA 0.4 Min 2.0 0.8 - 1.5 Typ Max Unit V V V V V Test Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table IOL = 12 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
VCC = MAX, VOUT = 2.7 V VCC = MAX, VOUT = 0.4 V VCC = MAX, VIN = 2.7 V VCC = MAX, VIN = 7.0 V VCC = MAX, VIN = 0.4 V VCC = MAX, VIN = 0.5 V Either E Input at 2.0 V VCC = MAX, VIN = 0.4 V Both E Inputs at 0.4 V VCC = MAX VCC = MAX
mA
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25C, VCC = 5.0 V)
Limits LS365A / LS367A Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ Parameter Propagation Delay Output Enable Time Output Disable Time Min Typ 10 9.0 19 24 Max 16 22 35 40 30 35 LS366A / LS368A Min Typ 7.0 12 18 28 Max 15 18 35 45 32 35 Unit ns ns ns CL = 45 pF, RL = 667 Test Conditions
CL = 5.0 pF
http://onsemi.com
3
SN74LS365A SN74LS367A SN74LS368A
PACKAGE DIMENSIONS
-A-
16 9
B
1 8
N SUFFIX PLASTIC PACKAGE CASE 648-08 ISSUE R
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
-A-
16
9
D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J
-B- P
8 PL
1
8
0.25 (0.010)
M
B
S
G F
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
0.25 (0.010)
TB
S
A
S
DIM A B C D F G J K M P R
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
North America Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (M-F 2:30pm to 5:00pm Munich Time) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (M-F 2:30pm to 5:00pm Toulouse Time) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (M-F 1:30pm to 5:00pm UK Time) Email: ONlit@hibbertco.com ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong 800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5487-8345 Email: r14153@onsemi.com Fax Response Line: 303-675-2167 800-344-3810 Toll Free USA/Canada ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
4
SN74LS365A/D


▲Up To Search▲   

 
Price & Availability of SN74LS367AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X