Part Number Hot Search : 
FLU011 LVC32 A240D D6417 R25XT 32M10 060CT 560EVAL
Product Description
Full Text Search
 

To Download SD101AWS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD101AWS - SD101CWS
SURFACE MOUNT SCHOTTKY BARRIER DIODE Features
* * * * * Low Forward Voltage Drop Guard Ring Construction for Transient Protection Negligible Reverse Recovery Time Low Capacitance Ultra-small Surface Mount Package
SOD-323 Dim
H G D
Min 2.30 1.60 1.20 0.25 0.20 0.10 0
Max 2.70 1.80 1.40 0.35 0.40 0.15 8
J
A B C D E G H J a
Mechanical Data
* * * * * * * * * * Case: SOD-323, Plastic Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Polarity: Cathode Band Leads: Solderable per MIL-STD-202, Method 208 Marking: See Sheet 3 SD101AWS Marking Code: S1 or SK SD101BWS Marking Code: S2 or SK SD101CWS Marking Code: S3 or SC or SK Weight: 0.004 grams (approx.)
C
A B E
a
1.05 Typical
0.05 Typical
All Dimensions in mm
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IFM @ t 1.0s @ t = 10ms IFSM Pd RqJA Tj, TSTG SD101AWS 60 42 SD101BWS 50 35 15 50 2.0 200 625 -65 to +125 SD101CWS 40 28 Unit V V mA mA A mW C/W C
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Note:
1. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
DS30078 Rev. 4 - 2
1 of 3
SD101AWS - SD101CWS
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2)
@ TA = 25C unless otherwise specified Symbol SD101AWS SD101BWS SD101CWS SD101AWS SD101BWS SD101CWS SD101AWS SD101BWS SD101CWS SD101AWS SD101BWS SD101CWS SD101AWS SD101BWS SD101CWS V(BR)R Min 60 50 40 Max 3/4 0.41 0.40 0.39 1.00 0.95 0.90 200 2.0 2.1 2.2 1.0 Unit V Test Condition IR = 10mA IR = 10mA IR = 10mA IF = 1.0mA IF = 1.0mA IF = 1.0mA IF = 15mA IF = 15mA IF = 15mA VR = 50V VR = 40V VR = 30V VR = 0V, f = 1.0MHz IF = IR = 5.0mA, Irr = 0.1 x IR, RL = 100W
Forward Voltage Drop (Note 2)
VFM
3/4
V
Peak Reverse Current (Note 2)
IRM
3/4
nA
Total Capacitance
CT trr
3/4 3/4
pF ns
Reverse Recovery Time Notes:
1. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect.
300
10
SD101AWS SD101BWS SD101CWS
Pd, POWER DISSIPATION (mW)
200
IF, FORWARD CURRENT (mA)
1.0
100
0.1
0 0 25 50 75 100 125 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derating Curve
0.01 0 0.5 VF, FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics 1.0
DS30078 Rev. 4 - 2
2 of 3
SD101AWS - SD101CWS
2
f = 1MHz
CT, TOTAL CAPACITANCE (pF)
SD101CWS
1
SD101AWS
SD101BWS
0 0 10 20 30 40 50 VR, REVERSE VOLTAGE (V) Fig. 3 Total Capacitance vs Reverse Voltage
Ordering Information (Note 3)
Device SD101AWS-7 SD101BWS-7 SD101CWS-7 Packaging SOD-323 SOD-323 SOD-323 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
Notes:
3. For Packaging Details, go to our website at: http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XX
XX = Product Type Marking Code (See Page 1)
DS30078 Rev. 4 - 2
3 of 3
SD101AWS - SD101CWS


▲Up To Search▲   

 
Price & Availability of SD101AWS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X