Part Number Hot Search : 
BDV96 FS300 1H101K C4110 TP1120 ZMM525 FS300 SCAJ2F
Product Description
Full Text Search
 

To Download SD101AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD101AW - SD101CW
SCHOTTKY BARRIER SWITCHING DIODE Features
* * * * * * * * * * * * * Low Forward Voltage Drop Guard Ring Construction for Transient Protection Negligible Reverse Recovery Time Very Low Reverse Capacitance
H G A B C E D
SOD-123 Dim A
J
Min 3.55 2.55 1.40 -- 0.25 -- 0
Max 3.85 2.85 1.70 1.35 -- 0.10 8
Mechanical Data
Case: SOD-123, Plastic Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Polarity: Cathode Band Leads: Solderable per MIL-STD-202, Method 208 Marking: Date Code & Type Code, See Page 2 Type Codes: SD101AW S1 or SK SD101BW S2 or SK SD101CW S3 or SK Weight: 0.01 grams (approx.) Ordering Information: See Page 2
B C D E G H J a
a
0.55 Typical 0.11 Typical
All Dimensions in mm
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IFM IFSM Pd RqJA Tj, TSTG SD101AW 60 42 SD101BW 50 35 15 50 2.0 400 300 -65 to +125 SD101CW 40 28 Unit V V mA mA A mW C/W C
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current @ t 1.0s @ t = 10ms Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Drop (Note 2)
@ TA = 25C unless otherwise specified Symbol SD101AW SD101BW SD101CW SD101AW SD101BW SD101CW SD101AW SD101BW SD101CW SD101AW SD101BW SD101CW SD101AW SD101BW SD101CW V(BR)R Min 60 50 40 Max 3/4 0.41 0.40 0.39 1.00 0.95 0.90 200 2.0 2.1 2.2 1.0 Unit V Test Condition IR = 10mA IR = 10mA IR = 10mA IF = 1.0mA IF = 1.0mA IF = 1.0mA IF = 15mA IF = 15mA IF = 15mA VR = 50V VR = 40V VR = 30V VR = 0V, f = 1.0MHz IF = IR = 5.0mA, Irr = 0.1 x IR, RL = 100W
VFM
3/4
V
Peak Reverse Current (Note 2) Total Capacitance
IRM CT trr
3/4 3/4 3/4
nA pF ns
Reverse Recovery Time Notes:
1. Part mounted on FR-4 board with recommended pad layout, which can be found on ourwebsite at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect.
DS11012 Rev. 9 - 2
1 of 2
SD101AW-SD101CW
500
10
B A
Pd, POWER DISSIPATION (mW)
IF, FORWARD CURRENT (mA)
400
C
1.0
300
200
0.1
100
0
0
25
50
75
100
125
150
0.01 0 0.5 VF, FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristic 1.0
TA, AMBIENT TEMPERATURE (C) Fig.1 Power Derating Curve
2
Tj = 25C
CT, TOTAL CAPACITANCE (pF)
C
1
A
B
0 0 10 20 30 40 50 VR, REVERSE VOLTAGE (V) Fig. 3 Typ. Total Capacitance vs Reverse Voltage
Ordering Information (Note 3)
Device SD101AW-7 SD101BW-7 SD101CW-7 Note: Packaging SOD-123 SOD-123 SOD-123 Shipping 3000/Tape and Reel 3000/Tape and Reel 3000/Tape and Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XX = Product Type Marking Code YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September) 2000 L May 5 Jun 6 2001 M Jul 7 2002 N Aug 8 Sep 9 2003 P Oct O 2004 R Nov N 2005 S Dec D
XX
Date Code Key Year Code Month Code Jan 1 Feb 2 1998 J March 3
Apr 4
DS11012 Rev. 9 - 2
YM
1999 K
2 of 2
SD101AW-SD101CW


▲Up To Search▲   

 
Price & Availability of SD101AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X