![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MCC Features * * * * * High Surge Capability High Efficiency Low Forward Voltage High Current Capability Low Power Loss SB2020CT omponents 21201 Itasca Street Chatsworth !"# $ % !"# THRU SB20100CT 20 Amp Schottky Barrier Rectifier 20 to 100 Volts TO-220AB B C K PIN 1 3 Maximum Ratings * * * Operating Junction Temperature: -50C to +150C Storage Temperature: -50C to +150C Typical Thermal Resistance 100C/W Junction to Ambient Microsemi Catalog Number SB2020CT SB2030CT SB2040CT SB2050CT SB2060CT SB2080CT SB20100CT Device Marking Maximum Recurrent Peak Reverse Voltage SB2020CT 20V SB2030CT 30V SB2040CT 40V SB2050CT 50V SB2060CT 60V SB2080CT 80V SB20100CT 100V Maximum RMS Voltage 14V 21V 28V 35V 42V 56V 70V Maximum DC Blocking Voltage 20V 30V 40V 50V 60V 80V 100V L M D A E F G I J N HH PIN 1 PIN 3 PIN 2 CASE Electrical Characteristics @ 25C Unless Otherwise Specified Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage 2020CT-2040CT 2050CT-2060CT 2080CT-20100CT Maximum DC Reverse Current At Rated DC Blocking Voltage IF(AV) IFSM 20 A 150A TC = 90C 8.3ms, half sine A B C D E F G H I J K L M N MM 14.22 9.65 2.54 5.84 9.65 -----12.70 2.29 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 2.79 1.14 0.64 4.09 4.83 1.40 2.92 VF .55V .75V .85V TJ = 25C IFM = 10A; IR 0.5mA 50mA TA = 25C TA = 100C INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 -----.250 .500 .580 .090 .110 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115 www.mccsemi.com SB2020CT thru SB20100CT RATING AND CHARACTERISTIC CURVES 40 MCC INSTANTANEOUS FORWARD CURRENT 10 8 6 4 2 1.0 .8 .6 .4 .2 .1 25.0 AVERAGE FORWARD CURRENT 20.0 15.0 10.0 5.0 0 150 0 50 O 100 .4 .5 .6 .7 .8 .9 1.0 1.1 CASE TEMPERATURE, C INSTANTANEOUS FORWARD VOLTAGE, VOLTS Fig.1- FORWARD CURRENT DERATING CURVE Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC INSTANTANEOUS REVERSE CURRENT, MILAMPERES 10 TC = 100OC 150 PEAK FORWARD SURGE CURRENT, 1.0 120 110 90 70 50 30 20 10 1 2 5 10 20 50 100 TC = 75OC 0.1 TC = 25OC 0.01 0.001 0 100 200 300 NO. OF CYCLE AT 60HZ Fig.3- TYPICAL REVERSE CHARACTERISTIC Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT 400 350 CAPACITANCE, pF 300 250 200 150 0 1 2 5 10 20 50 100 200 500 REVERSE VOLTAGE, VOLTS Fig.5- TYPICAL JUNCTION CAPACITANCE www.mccsemi.com |
Price & Availability of SB2020CT
![]() |