Part Number Hot Search : 
X4165V8 1408C 25P16V PF1008N LR3114Z 10D15 5KE15 LH5268A
Product Description
Full Text Search
 

To Download PS7141-2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8 PIN DIP 400 V BREAKDOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
FEATURES
* 2 CHANNEL TYPE: (1a + 1a output) * DESIGNED FOR AC/DC SWITCHING LINE CHANGER * SMALL PACKAGE: 8 pin DIP * LOW OFFSET VOLTAGE * LOW LED OPERATING CURRENT: (IF = 2 mA) * SURFACE MOUNT AVAILABLE: PS7141-2A
PS7141-2A PS7141L-2A
DESCRIPTION
PS7141-2A and PS7141L-2A are solid state relays containing GaAs LEDs on the light emitting side (input side) and MOSFETs on the output side. They are suitable for analog signal control because of their low offset and high linearity.
APPLICATIONS
* EXCHANGE EQUIPMENT * MEASUREMENT EQUIPMENT * FA/OA EQUIPMENT
ELECTRICAL CHARACTERISTICS (TA = 25 C)
PART NUMBER SYMBOLS PARAMETERS Forward Voltage, IF = 10 mA Reverse Current, VR = 5 V Off-State Leakage Current, VD = 400 V Output Capacitance, VD = 0 V, f = 1 MHz LED On-state Current, IL = 150 mA On-State Resistance, Ron1 Ron2 tON tOFF RI-O CI-O IF = 10 mA, IL = 10 mA IF = 10 mA, IL = 150 mA, t 10 ms IF = 10 mA, VO = 5 V, PW 10 ms UNITS V A A pF/ch mA ms pF/ch 109 1.1 20 16 0.35 0.06 0.03 65 2.0 30 25 1.0 0.2 MIN PS7141-2A, PS7141L-2A TYP 1.2 MAX 1.4 5.0 1.0
MOS Diode FET
VF IR ILOFF COUT IFon
Coupled
Turn-on Time 1 Turn-off Time1
Isolation Resistance, VI-O = 1.0 kV Isolation Capacitance, V = 0 V, f = 1 MHz
Note: 1. Test Circuit for Switching Time: PS7141-2A, PS7141L-2A
IF Pulse Input VL
Input 50% 0
8
7
6
5
Input Monitor Rin RL
VO Monitor
VO = 5 V Output
90%
1
2
3
4
10% ton toff
California Eastern Laboratories
PS7141-2A, PS7141L-2A ABSOLUTE MAXIMUM RATINGS1 (TA = 25C)
SYMBOLS Diode IF VR PD IFP MOSFET VL IL ILP PARAMETERS Forward Current (DC) Reverse Voltage Power Dissipation Peak Foward Current2 Break Down Voltage Continuous Load Current Pulse Load Current3 AC/DC Connection Power Dissipation UNITS mA V mW/ch A V mA mA mW/ch RATINGS 50 5.0 50 1 400 150 300 375
RECOMMENDED OPERATING CONDITIONS (TA = 25C)
PART NUMBER SYMBOLS PARAMETERS IF LED Operating Current VF LED Off Voltage PS7141-2A,PS7141L-2A UNITS mA V MIN TYP MAX 2 10 20 0 0.5
ORDERING INFORMATION
PART NUMBER PS7141-2A PS7141L-2A PS7141L-2A-E3 PS7141L-2A-E3 Embossed Tape 1000 pcs/reel PACKAGE 8 PIN DIP PACKING STYLE Magazine case 50 pcs
PD Coupled BV Isolation Voltage4 Vr.m.s. 1500 PT Total Power Dissipation mW 850 TA Operating Ambient Temp. C -40 to +80 TSTG Storage Temperature C -40 to +100 Notes: 1. Operation in excess of any one of these parameters may result in permanent damage. 2. PW = 100 s, Duty Cycle = 1 %. 3. PW = 100 ms, 1 shot. 4. AC voltage for 1 minute at TA = 25 C, RH = 60 % between input and output.
OUTLINE DIMENSIONS (Units in mm)
PS7141-2A
9.250.5
9.250.5
PS7141L-2A
7.62 6.50.5
4.150.3 3.50.3
6.50.5
3.50.3 2.54 0.90.25 9.600.4
0.10 -0.05
+0.10
3.30.3 1.34 0.10 2.54 0.25 M 0.50 0.10
1.340.1
0 to 15
PIN CONNECTION (Top View)
PS7141-2A, PS7141L-2A 1. 2. 3. 4. 5. 6. 7. 8. LED Anode1 LED Cathode1 LED Anode2 LED Cathode2 MOSFET 2 MOSFET 2 MOSFET 1 MOSFET 1
8
7
6
5
1
2
3
4
PS7141-2A, PS7141L-2A TYPICAL PERFORMANCE CURVES (TA = 25 C)
MAXIMUM FORWARD CURRENT vs. AMBIENT TEMPERATURE
100
300
MAXIMUM LOAD CURRENT vs. AMBIENT TEMPERATURE
Maximum Forward Current, IF (mA)
80
Maximum Load Current, IL (mA)
75 80
200
60
40
100
20
0 -25
0
25
50
100
0 -25
0
25
50
75
80
100
Ambient Temperature, TA (C) FORWARD VOLTAGE vs. AMBIENT TEMPERATURE
1.8 IF = 50 mA 30 mA 20 mA 10 mA 5 mA 1 mA
Ambient Temperature, TA (C) OUTPUT CAPACITANCE vs. SUPPLY VOLTAGE
200 f = 1 MHz
Output Capacitance, (pF)
100
Forward Voltage, VF (V)
1.6
150
1.4
100
1.2
50
1.0
0.8 -25
0
25
50
75
0
20
40
60
80
100
120
Ambient Temperature, TA (C) OFF-STATE LEAKAGE CURRENT vs. SUPPLY VOLTAGE
10-5
Supply Voltage, VCC (V) LOAD CURRENT vs. LOAD VOLTAGE
200 IF = 10 mA
Off-State Leakage Current, ILOFF (A)
TA = 80 C 10-6
Load Current, IL (mA)
100
10-7 TA = 25 C 10 -8
-4.0
-2.0
0
2.0
4.0
-100
10 -9 0 100 200 300 400 500
-200
Supply Voltage, VCC (V)
Load Voltage, VL (V)
PS7141-2A, PS7141L-2A TYPICAL PERFORMANCE CURVES (TA = 25 C)
NORMALIZED ON-STATE RESISTANCE vs. AMBIENT TEMPERATURE ON-STATE DISTRIBUTION
30 n = 50 pcs IF = 10 mA IL = 10 mA
Normialized On-State Resistance, RON
3.0 Normalized to 1.0 at TA = 25 C, IF = 10 mA, IL = 10 mA
2.5
25
2.0
Number (pcs)
20
1.5
15
1.0
10
0.5
5
0.0 -25
0
0
25
50
75
100
20
21
Ambient Temperature, TA (C) TURN-ON TIME vs. FORWARD CURRENT
12 VO = 5 V 10
0.25 0.30
On-State Resistance, RON () TURN-OFF TIME vs. FORWARD CURRENT
VO = 5 V
Turn-off Time, tOFF(ms)
5 10 15 20 25 30
Turn-on Time, tON (ms)
8
0.20
6
0.15
4
0.10
2
0.05
0
0
5
10
15
20
25
30
Forward Current, IF (mA)
Forward Current, IF (mA)
TURN-ON TIME DISTRIBUTION
30 n = 50 pcs IF = 10 mA VO = 5 V
30
TURN-OFF TIME DISTRIBUTION
25
25
n = 50 pcs IF = 10 mA VO = 5 V
Number (pcs)
15
Number (pcs)
0.3 0.4
20
20
15
10
10
5
5
0
0 0.04 0.08
Turn-on Time, TON (ms)
Turn-on Time, TOFF (ms)
PS7141-2A, PS7141L-2A TYPICAL PERFORMANCE CURVES (TA = 25 C)
NORMALIZED TURN-ON TIME vs. AMBIENT TEMPERATURE
3.0
NORMALIZED TURN-OFF TIME vs. AMBIENT TEMPERATURE
3.0 Normalized to 1.0 at TA = 25C, IF = 10 mA, VO = 5V
Normalized Turn-off Time, tOFF
100
Normalized Turn-on Time, tON
2.5
Normalized to 1.0 at TA = 25 C, IF = 10 mA, VO = 5V
2.5
2.0
2.0
1.5
1.5
1.0
1.0
0.5
0.5
0.0 -25 0 25 50 75
0.0 -25 0 25 50 75 100
Ambient Temperature, TA (C)
Ambient Temperature, TA (C)
TAPING SPECIFICATIONS (Units in mm)
OUTLINE AND DIMENSIONS (TAPE)
1.75 0.1
2.0 0.1 4.0 0.1 1.55 0.1 4.3 0.2
OUTLINE AND DIMENSIONS (REEL)
7.5 0.1
2.0 0.5
16.0 0.3
10.3 0.1
13.0 0.5
1.55 0.1 12.0 0.1
10.4 0.1
0.3
R 1.0
21.0 0.8
80.0 5.0
330
16.4- 0.0
+2.0
Notes: 1. Packaging : 1000 pcs/reel TAPING DIRECTION PS7141L-2A-E3 PS7141L-2A-E4
PS7141-2A, PS7141L-2A RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering * Peak reflow temperature * Time of temperature higher than 210 C * Number of reflows * Flux 235 C or below (package surface temperature) 30 seconds or less Two Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
Recommended Temperature Profile of Infrared Reflow
Package Surface Temperature T (C)
(heating) to 10 s 235 C (peak temperature) 210 C to 30 s 100 to 160 C 60 to 120 s (preheating)
Time (s)
(2) Dip soldering * Temperature * Time * Number of times * Flux
260 C or below (molten solder temperature) 10 seconds or less One Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
(3) Cautions * Fluxes Avoid removing the residual flux with freon-based cleaning solvent.
Life Support Applications These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL for all damages resulting from such improper use or sale.
EXCLUSIVE NORTH AMERICAN AGENT FOR NEC RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES * Headquarters * 4590 Patrick Henry Drive * Santa Clara, CA 95054-1817 * (408) 988-3500 * Telex 34-6393 * FAX (408) 988-0279 Internet: http://WWW.CEL.COM DATA SUBJECT TO CHANGE WITHOUT NOTICE 10/30/2001


▲Up To Search▲   

 
Price & Availability of PS7141-2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X