|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PRELIMINARY PD42__07 POW-R-BLOK Dual SCR / Diode Isolated Module 700 Amperes / Up to 1800 Volts TM Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 Description: Powerex Dual SCR/Diode Modules are designed for use in applications requiring phase control and isolated packaging. The modules are isolated for easy mounting with other components on a common heatsink. Features: T T T T Electrically Isolated Heatsinking Compression Bonded Elements Metal Baseplate Low Thermal Impedance for Improved Current Capability Benefits: T No Additional Insulation Components Required T Easy Installation T No Clamping Components Required T Reduce Engineering Time Applications: T T T T T T Bridge Circuits AC & DC Motor Drives Motor Soft Starters Battery Supplies Power Supplies Large IGBT Circuit Front Ends Ordering Information: Select the complete eight-digit module part number from the table below. Example: PD421807 is a 1800 Volt, 700A Average SCR/Diode Isolated TM POW-R-BLOK Module Type PD42 Current Voltage Volts (x100) Amperes (x100) 12 14 16 18 07 10/04/2002 PRELIMINARY Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 PD42__07 POW-R-BLOK Dual SCR / Diode Isolated Module 700 Amperes / Up to 1800 Volts TM Absolute Maximum Ratings Characteristics Repetitive Peak Forward and Reverse Blocking Voltage Non-Repetitive Peak Blocking Voltage (t < 5 msec) RMS Current AC Switch Configuration (180 Conduction) o Conditions Symbol VDRM & VRRM VRSM Up to 1800 VRRM + 100V 1775 1665 1550 1440 1256 1178 1100 1020 800 750 700 650 69,000 63,000 46,000 42,000 60,000 54,750 40,000 36,500 32,100 25,200 6.60 x 10 6.66 x 10 400 150 -40 to +125 -40 to +150 132 15 106 12 455 11.75 3000 6 6 Units V V A A A A A A A A A A A A A A A A A A A A A A A sec A sec A/s A/s C C in. - Lb. Nm in. - Lb. Nm g lb V 2 2 180 Conduction, TC=74 C 180 Conduction, TC=78 C 180 Conduction, TC=82 C 180 Conduction, TC=86 C 180 Conduction, TC=74 C 180 Conduction, TC=78 C 180 Conduction, TC=82 C 180 Conduction, TC=86 C 180 Conduction, TC=74 C 180 Conduction, TC=78 C 180 Conduction, TC=82 C 180 Conduction, TC=86 C 60 Hz 50 Hz 60 Hz 50 Hz 60 Hz 50 Hz 60 Hz 50 Hz 60 Hz, Tj = 125C, Vr = Vrrm 60 Hz, Tj = 125C, Vr = Vrrm 8.3 milliseconds 10 milliseconds Per JEDEC Standard 397 5.2.2.6 Per JEDEC Standard 397 5.2.2.6 IT(RMS) IT(RMS) IT(RMS) IT(RMS) IT(RMS) IT(RMS) IT(RMS) IT(RMS) IT(AV) IT(AV) IT(AV) IT(AV) ITSM ITSM ITSM ITSM ITSM ITSM ITSM ITSM ITSM ITSM It It di/dt di/dt TJ Tstg 2 2 RMS Current Per SCR (180 Conduction) o Average Forward Current Per SCR (180 Conduction) o Peak One Cycle Surge Current, Non-Repetitive Tj = 25C, Vr = 0 Peak One Cycle Surge Current, Non-Repetitive Tj = 25C, Vr = Vrrm Peak One Cycle Surge Current, Non-Repetitive Tj = 125C, Vr = 0 Peak One Cycle Surge Current, Non-Repetitive Tj = 125C, Vr = Vrrm Peak Three Cycle Surge Current, Non-Repetitive Peak Ten Cycle Surge Current, Non-Repetitive I t for Fusing for One Cycle Tj = 125C, Vr = Vrrm Maximum Rate-of-Rise of On-State Current, (Non-Repetitive) Maximum Rate-of-Rise of On-State Current, (Repetitive) Operating Temperature Storage Temperature Max. Mounting Torque, M6 Mounting Screw Max. Mounting Torque, M10 Terminal Screw Module Weight, Typical V Isolation @ 25C 2 Vrms 10/04/2002 PRELIMINARY Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 PD42__07 POW-R-BLOK Dual SCR / Diode Isolated Module 700 Amperes / Up to 1800 Volts TM Electrical Characteristics, TJ=25 C unless otherwise specified Characteristics Repetitive Peak Forward Leakage Current Repetitive Peak Reverse Leakage Current Peak On-State Voltage Threshold Voltage, Low-level Slope Resistance, Low-level Threshold Voltage, High-level Slope Resistance, High-level VTM Coefficients, Full Range Symbol IDRM IRRM VTM V(TO)1 rT1 V(TO)2 rT2 Test Conditions Up to 1800V, TJ=125 C Up to 1800V, TJ=125 C ITM=3000A, TJ=125 C TJ = 125 C, I = 15%IT(AV) to IT(AV) TJ = 125 C, I = IT(AV) to ITSM TJ = 125 C, I = 50A to 6kA VTM = A+ B Ln I +C I + D Sqrt I Minimum dV/dt Typical Diode Reverse Recovery Time Gate Trigger Current Gate Trigger Voltage Non-Triggering Gate Voltage Holding Current Peak Forward Gate Current Peak Reverse Gate Voltage Maximum Average Gate Power Dissipation dV/dt TRR IGT VGT VGDM IH IGTM VGRM PGM (AVE) Exponential to 0.67VDRM Tj=125 C, Gate Open Tj=25 C, IF=1500A, dIR /dt = 25A/s, TP= 190 s Tj=25 C, VD=12V Tj=25 C, VD=12V Tj=125 C, VD= 1/2 VDRM A= B= C= D= 600 22 Typ. 200 3.0 0.15 300 4.0 5 16 Min. Max. 100 100 1.30 0.703 0.184 1.01 0.117 0.7999 -4.62 E-02 7.33 E-05 1.10 E-02 V/s s mA Volts Volts mA Amp Volts Watts Units mA mA V V m V m Thermal Characteristics Characteristics Thermal Resistance, Junction to Case Thermal Impedance Coefficients Symbol RJ-C ZJ-C Per Module, both conducting Per Junction, both conducting ZJ-C= K1 (1-exp(-t/t1)) + K2 (1-exp(-t/t2)) + K3 (1-exp(-t/t3)) + K4 (1-exp(-t/t4)) Thermal Resistance, Case to Sink Lubricated RC-S Per Module Max. 0.029 0.058 K1 = 5.04 E-04 t1 = 2.47 E-03 K2 = 2.31 E-03 t2 = 4.42 E-02 K3 = 2.83 E-03 K4 =5.24 E-02 t3 = 1.370 t4 = 9.668 0.009 C/W Units C/W C/W 10/04/2002 PRELIMINARY Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 PD42__07 Dual SCR / Diode Module 700 Amperes / Up to 1800 Volts Maximum Transient Thermal Impedance (Junction To Case) Typical On-State Forward Voltage Drop (Tj = 125C) 3 0.06 2.5 0.05 On-State Voltage - Vtm - Volts 2 Thermal Impedance - Rjc - C/W 10 100 1000 10000 0.04 1.5 0.03 1 0.02 0.5 0.01 0 0.00 0.001 0.01 0.1 1 10 100 Instantaneous On-State Current - Itm - Amperes Time - t - Seconds Maximum On-State Power Dissipation (Sinusoidal Waveform) 1000 900 Maximum Allowable Case Temperature (Sinusoidal Waveform) 130 Max. Case Temperature - Tcase -C_ Max. Power Dissipation Per SCR - Watts_ 800 700 600 500 400 300 200 100 0 0 100 200 300 400 500 600 0 180 120 90 60 30 180 120 110 0 180 360 CONDUCTION ANGLE 15 100 15 90 30 60 80 90 120 70 180 0 100 200 300 400 500 600 700 800 360 CONDUCTION ANGLE 700 800 Average On-State Current - It(av) - Amperes Average On-State Current - It(av) - Amperes Maximum On-State Power Dissipation (Rectangular Waveform) 1400 Maximum Allowable Case Temperature (Rectangular Waveform) 130 Max. Power Dissipation Per SCR - Watts_ 270 1000 120 800 600 15 400 200 0 0 200 400 600 800 1000 1200 1400 0 180 360 Max. Case Temperature - Tcase -C_ 1200 180 90 360 120 110 100 90 80 70 60 50 15 30 60 90 120 180 270 0 CONDUCTION ANGLE 180 360 60 30 360 CONDUCTION ANGLE 0 200 400 600 800 1000 1200 1400 Average On-State Current - It(av) - Amperes Average On-State Current - It(av) - Amperes 10/04/2002 PRELIMINARY Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 PD42__07 Dual SCR / Diode Module 700 Amperes / Up to 1800 Volts 10/04/2002 |
Price & Availability of PD4207 |