Part Number Hot Search : 
SM5327Z D271K D103B EMS1F MFW2815D 6D860 175T48 PMWD20XN
Product Description
Full Text Search
 

To Download NJU7223 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJU7223
500mA Low Dropout Voltage Regulator
I GENERAL DESCRIPTION The NJU7223 series is a high precision output voltage, low drop output, low current consumption and high output current 3-terminal positive voltage regulator with a over current protection and a thermal shutdown. Low dropout voltage is realized at high current output. I PACKAGE OUTLINE
2 3 1
I FEATURES 123 GHigh Precision Output Voltage 2% GHigh Output Current Io(max.)=500mA NJM7223F GLow Current Consumption 30A GLow Dropout Voltage VIO=0.4V typ. (Io=0.5A,Vo=5V) 1.VOUT GInternal Over Current Protection 2.VIN GInternal Thermal Shutdown Protection 3.GND GPackage Outline TO-220F, TO-252 GC-MOS Technology I OUTPUT VOLTAGE LINE-UP VOUT TO-220F +1.8V NJU7223F18 +2.5V NJU7223F25 +3.0V NJU7223F30 +3.3V NJU7223F33 +5.0V NJU7223F50
NJU7223DL1
TO-252 NJU7223DL1-18 NJU7223DL1-25 NJU7223DL1-30 NJU7223DL1-33 NJU7223DL1-50
I EQUIVALENT CIRCUIT
Over Current Protection
VIN
Thermal shutdown Protection
VOUT
VREF
GND GND
NJU7223
I ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL Input Voltage VIN Output Voltage VOUT Output Current IOUT Power Dissipation Operating Temperature Range Storage Temperature Range PD Topr Tstg RATINGS +18 GND-0.3 VIN +0.3 700 TO-220F 7.5(Tc85C) TO-252 7.5(Tc56C) 1.0(Ta=25C) -40 85 -55 150 (Ta=25C) UNIT V V mA W C C
I TEST CIRCUIT
VIN DC +
0.1uF
VOUT
U7223
GND
+
0.1uF
V
IOUT
NJU7223
I ELECTRICAL CHARACTERISTICS (CIN=Co=0.1uF, Tj=25C) Measurement is to be conducted in pulse testing. PARAMETER SYMBOL TEST CONDITION Vo=1.8V Version Output Voltage VO VIN=3.8V, Io=300mA Input Voltage VIN Io=150mA Dropout Voltage VIO Line Regulation Vo/VIN*Vo VIN=2.8V 12.0V Load Regulation Vo/Io VIN=3.8V, Io=1 500mA Quiescent Current IDD VIN=3.8V VIN=3.8V, ein=1VP-P Ripple Rejection RR f=120Hz, Io=300mA VIN=3.8V, Io=300mA Output Noise Voltage VNO BW=10Hz 100kHz Vo=2.5V Version VIN=4.5V, Io=300mA Output Voltage VO Input Voltage VIN Io=300mA Dropout Voltage VIO Line Regulation Vo/VIN*Vo VIN=3.5V 12.0V Load Regulation Vo/Io VIN=4.5V, Io=1 500mA Quiescent Current IDD VIN=4.5V VIN=4.5V, ein=1VP-P Ripple Rejection RR f=120Hz, Io=300mA VIN=4.5V, Io=300mA Output Noise Voltage VNO BW=10Hz 100kHz Vo=3.0V Version Output Voltage VO VIN=5.0V, Io=300mA Input Voltage VIN Dropout Voltage Io=300mA VIO Line Regulation Vo/VIN*Vo VIN=4.0V 12.0V Load Regulation Vo/Io VIN=5.0V, Io=1 500mA Quiescent Current IDD VIN=5.0V VIN=5.0V, ein=1VP-P Ripple Rejection RR f=120Hz, Io=300mA VIN=5.0V, Io=300mA Output Noise Voltage VNO BW=10Hz 100kHz
MIN. 1.764 2.45 2.94 -
TYP. 1.80 0.4 0.10 120 30 57 65 2.50 0.4 0.10 120 30 57 110 3.00 0.4 0.10 120 30 57 115
MAX. 1.836 14 0.6 160 60 2.55 14 0.6 160 60 3.06 14 0.6 160 60 -
UNIT V V V %/V mV uA dB uV V V V %/V mV uA dB uV V V V %/V mV uA dB uV
NJU7223
I ELECTRICAL CHARACTERISTICS (CIN=Co=0.1uF,Tj=25C) Measurement is to be conducted in pulse testing. PARAMETER SYMBOL TEST CONDITION Vo=3.3V Version Output Voltage VO VIN=5.3V, Io=300mA Input Voltage VIN Io=300mA Dropout Voltage VIO Line Regulation Vo/VIN*Vo VIN=4.3V 12.0V Load Regulation Vo/Io VIN=5.3V, Io=1 500mA Quiescent Current IDD VIN=5.3V VIN=5.3V, ein=1VP-P Ripple Rejection RR f=120Hz, Io=300mA VIN=5.3V, Io=300mA Output Noise Voltage VNO BW=10Hz 100kHz Vo=5.0V Version VIN=7.0V, Io=500mA Output Voltage VO Input Voltage VIN Io=500mA Dropout Voltage VIO Line Regulation Vo/VIN*Vo VIN=6.0V 12.0V Load Regulation Vo/Io VIN=7.0V, Io=1 500mA Quiescent Current IDD VIN=7.0V VIN=7.0V, ein=1VP-P Ripple Rejection RR f=120Hz, Io=300mA VIN=7.0V, Io=300mA Output Noise Voltage VNO BW=10Hz 100kHz
MIN. 3.234 4.90 -
TYP. 3.30 0.4 0.10 120 30 56 117 5.00 0.4 0.10 120 30 55 122
MAX. 3.366 14 0.6 160 60 5.10 14 0.6 160 60 -
UNIT V V V %/V mV uA dB uV V V V %/V mV uA dB uV
NJU7223
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of NJU7223

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X