Part Number Hot Search : 
DS2129SR Z100D5 ASI10746 MSM82C43 8M44V DTC144 DTC144 STPS1
Product Description
Full Text Search
 

To Download NC7SZ05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NC7SZ05 TinyLogic UHS Inverter (Open Drain Output)
June 1997 Revised May 2003
NC7SZ05 TinyLogic UHS Inverter (Open Drain Output)
General Description
The NC7SZ05 is a single Inverter with open drain output stage from Fairchild's Ultra High Speed Series of TinyLogic. The device is fabricated with advanced CMOS technology to achieve ultra high speed with high output drive while maintaining low static power dissipation over a very broad VCC operating range. The device is specified to operate over the 1.65V to 5.5V VCC range. The input and output are high impedance when VCC is 0V. Inputs tolerate voltages up to 6V independent of VCC operating voltage. The open drain output stage tolerates voltages up to 6V independent of VCC when in the high impedance state.
Features
s Space saving SOT23 or SC70 5-lead package s Ultra small MicroPak leadless package s Open drain output for OR tied applications s Ultra High Speed; tPD 1.9 ns Typ into 50 pF at 5V VCC s High Output IOL Drive; +24 mA at 3V VCC s Broad VCC Operating Range; 1.65V to 5.5V s Matches the performance of LCX when operated at 3.3V VCC s Power down high impedance inputs/output s Overvoltage Tolerant inputs facilitate 5V to 3V translation s Patented noise/EMI reduction circuitry implemented
Ordering Code:
Order Number NC7SZ05M5X NC7SZ05P5X NC7SZ05L6X Package Number MA05B MAA05A MAC06A Product Code Top Mark 7Z05 Z05 C6 Package Description 5-Lead SOT23, JEDEC MO-178, 1.6mm 5-Lead SC70, EIAJ SC-88a, 1.25mm Wide 6-Lead MicroPak, 1.0mm Wide Supplied As 3k Units on Tape and Reel 3k Units on Tape and Reel 5k Units on Tape and Reel
Logic Symbol
IEEE/IEC
Connection Diagrams
Pin Assignments for SOT23 and SC70
Pin Descriptions
Pin Names A Y NC Description Input Output No Connect (Top View) Pad Assignments for MicroPak
Function Table
Y=A Input A L H Output Y *H L (Top Thru View)
H = HIGH Logic Level L = LOW Logic Level *H = HIGH Impedance output state (Open Drain) TinyLogic is a registered trademark of Fairchild Semiconductor Corporation. MicroPak are trademarks of Fairchild Semiconductor Corporation.
(c) 2003 Fairchild Semiconductor Corporation
DS012174
www.fairchildsemi.com
NC7SZ05
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC ) DC Input Voltage (VIN) DC Output Voltage (VOUT) DC Input Diode Current (IIK) @VIN < -0.5V @ VIN > 6V DC Output Diode Current (IOK) @VOUT < -0.5V @ VOUT > 6V, VCC = GND DC Output Current (IOUT) DC VCC/GND Current (ICC/IGND) Storage Temperature (TSTG) Junction Temperature under Bias (TJ) Junction Lead Temperature (T1); (Soldering, 10 seconds) Power Dissipation (PD) @ +85C SOT23-5 SC70-5 200 mW 150 mW 260C
-0.5V to +6V -0.5V to +6V -0.5V to +6V -50 mA +20 mA -50 mA +20 mA +50 mA 50 mA -65C to +150C
150C
Recommended Operating Conditions (Note 2)
Supply Voltage Operating (VCC) Supply Voltage Data Retention (VCC) Input Voltage (VIN) Output Voltage (VOUT) Operating Temperature (TA) Input Rise and Fall Time (tr, tf) VCC = 1.8V, 2.5V 0.2V VCC = 3.3V 0.3V VCC = 5.0V 0.5V Thermal Resistance (JA) SOT23-5 SC70-5 300C/W 425C/W 0 ns/V to 20 ns/V 0 ns/V to 10 ns/V 0 ns/V to 5 ns/V 1.65V to 5.5V 1.5V to 5.5V 0V to 5.5V 0V to 5.5V
-40C to +85C
Note 1: Absolute maximum ratings are DC values beyond which the device may be damaged or have its useful life impaired. The datasheet specification should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation outside datasheet specifications. Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH VIL ILKG VOL Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Leakage Current LOW Level Output Voltage VCC (V) 2.3 to 5.5 1.65 to 1.95 2.3 to 5.5 1.65 to 5.5 1.65 1.8 2.3 3.0 4.5 1.65 2.3 3.0 3.0 4.5 IIN IOFF ICC Input Leakage Current Power Off Leakage Current Quiescent Supply Current 0 to 5.5 0.0 1.65 to 5.5 0.0 0.0 0.0 0.0 0.0 0.08 0.10 0.15 0.22 0.22 Min 0.7 VCC 0.25 VCC 0.3 VCC 5 0.1 0.1 0.1 0.1 0.1 0.24 0.3 0.4 0.55 0.55 1 1 2.0 1.65 to 1.95 0.75 VCC TA = +25C Typ Max TA = -40C to +85C Min 0.75 VCC 0.7 VCC 0.25 VCC 0.3 VCC 10 0.1 0.1 0.1 0.1 0.1 0.24 0.3 0.4 0.55 0.55 10 10 20 A A A V IOL = 4 mA IOL = 8 mA IOL = 16 mA IOL = 24 mA IOL = 32 mA 0 VIN 5.5V VIN or VOUT = 5.5V VIN = 5.5V, GND V VIN = VIH IOL = 100 A Max Unit V V A VIN = VIL VOUT = VCC or GND Conditions
www.fairchildsemi.com
2
NC7SZ05
AC Electrical Characteristics
Symbol tPZL Parameter Propagation Delay VCC (V) 1.65 1.8 2.5 0.2 3.3 0.3 5.0 0.5 tPLZ Propagation Delay 1.65 1.8 2.5 0.2 3.3 0.3 5.0 0.5 CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance 0 0 3.3 5.0 Min 1.5 1.5 0.8 0.8 0.5 1.5 1.5 0.8 0.8 0.5 TA = +25C Typ 5.5 4.6 3.0 2.4 1.9 5.0 4.1 2.5 2.1 1.2 4 6 3.6 6.5 Max 12.9 10.5 7.0 5.0 4.3 12.9 10.5 7.0 5.0 4.3 TA = 40C to +85C Min 1.5 1.5 0.8 0.8 0.5 1.5 1.5 0.8 0.8 0.5 Max 13.4 11.0 7.5 5.2 4.5 13.4 11.0 7.5 5.2 4.5 pF pF pF (Note 3) Figure 2 ns CL = 50 pF RU = 500 RD = 500 VI = 2 x VCC Figures 1, 3 ns CL = 50 pF RU = 500 RD = 500 VI = 2 x VCC Figures 1, 3 Units Conditions Figure Number
Note 3: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression: ICCD = (C PD) (VCC) (fIN) + (ICC static)
AC Loading and Waveforms
CL includes load and stray capacitance Input PRR = 1.0 MHz; tw = 500 ns
FIGURE 1. AC Test Circuit
FIGURE 3. AC Waveforms
Input = AC Waveform; tr = tf = 1.8 ns PRR = 10 MHz; Duty Cycle = 50%
FIGURE 2. AC Test Circuit
3
www.fairchildsemi.com
NC7SZ05
Tape and Reel Specification
TAPE FORMAT for SOT23 and SC70 Package Tape Designator M5X, P5X Section Leader (Start End) Carrier Trailer (Hub End) TAPE DIMENSIONS inches (millimeters) Number Cavities 125 (typ) 3000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed
Package SC70-5 SOT23-5
Tape Size 8 mm 8 mm
DIM A 0.093 (2.35) 0.130 (3.3)
DIM B 0.096 (2.45) 0.130 (3.3)
DIM F (3.5 0.10) (3.5 0.05)
DIM Ko (1.35 0.10) (1.4 0.11)
DIM P1 0.157 (4) 0.157 (4)
DIM W 0.315 0.004 (8 0.1) 0.315 0.012 (8 0.3)
0.138 0.004 0.053 0.004 0.138 0.002 0.055 0.004
www.fairchildsemi.com
4
NC7SZ05
Tape and Reel Specification
TAPE FORMAT for MicroPak Package Designator L6X Tape Section Leader (Start End) Carrier Trailer (Hub End)
(Continued) Number Cavities 125 (typ) 5000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed
REEL DIMENSIONS inches (millimeters)
Tape Size 8 mm
A 7.0 (177.8)
B 0.059 (1.50)
C 0.512 (13.00)
D 0.795 (20.20)
N 2.165 (55.00)
W1 0.331 + 0.059/-0.000 (8.40 + 1.50/-0.00)
W2 0.567 (14.40)
W3 W1 + 0.078/-0.039 (W1 + 2.00/-1.00)
5
www.fairchildsemi.com
NC7SZ05
Physical Dimensions inches (millimeters) unless otherwise noted
5-Lead SOT23, JEDEC MO-178, 1.6mm Package Number MA05B
www.fairchildsemi.com
6
NC7SZ05
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide Package Number MAA05A
7
www.fairchildsemi.com
NC7SZ05 TinyLogic UHS Inverter (Open Drain Output)
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
6-Lead MicroPak, 1.0mm Wide Package Number MAC06A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 8 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of NC7SZ05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X