|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOTOROLA SEMICONDUCTOR TECHNICAL DATA Octal 3-State Noninverting Bus Transceiver with LSTTL Compatible Inputs High-Performance Silicon-Gate CMOS The MC54/74HCT245A is identical in pinout to the LS245. This device may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs. The MC54/74HCT245A is a 3-state noninverting transceiver that is used for 2-way asynchronous communication between data buses. The device has an active-low Output Enable pin, which is used to place the I/O ports into high-impedance states. The Direction control determines whether data flows from A to B or from B to A. * * * * * * Output Drive Capability: 15 LSTTL Loads TTL/NMOS Compatible Input Levels Outputs Directly Interface to CMOS, NMOS and TTL Operating Voltage Range: 4.5 to 5.5 V Low Input Current: 1.0 A In Compliance with the Requirements Defined by JEDEC Standard No. 7A * Chip Complexity: 304 FETs or 76 Equivalent Gates LOGIC DIAGRAM A1 A2 A3 A DATA PORT A4 A5 A6 A7 A8 DIRECTION OUTPUT ENABLE 2 3 4 5 6 7 8 9 1 19 18 17 16 15 14 13 12 11 B1 B2 B3 B4 B5 B6 B7 B8 B DATA PORT MC54/74HCT245A J SUFFIX CERAMIC PACKAGE CASE 732-03 1 20 20 1 20 1 N SUFFIX PLASTIC PACKAGE CASE 738-03 DW SUFFIX SOIC PACKAGE CASE 751D-04 SD SUFFIX SSOP PACKAGE CASE 940C-03 DT SUFFIX TSSOP PACKAGE CASE 948E-02 20 1 20 1 ORDERING INFORMATION Ceramic MC54HCTXXXAJ Plastic MC74HCTXXXAN SOIC MC74HCTXXXADW SSOP MC74HCTXXXASD TSSOP MC74HCTXXXADT PIN ASSIGNMENT DIRECTION A1 A2 A3 A4 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC OUTPUT ENABLE B1 B2 B3 B4 B5 B6 B7 B8 PIN 20 = VCC PIN 10 = GND A5 A6 A7 A8 GND IIIIIIIIIIIII II III I I IIIIIIIIIIIII II III I II IIIIIIIIIIIII IIIIIIIIIII IIIIIIIIIIIII II IIIIIIIIIIIII IIIIIIIIIIIII IIIIIIIIIII III I II II I I IIIIIIIIIII IIIIIIIIIIIII II I IIIIIIIIIIIII IIIIIIIIII Design Criteria Value Units Internal Gate Count* 76III ea ns Internal Gate Propagation Delay Internal Gate Power Dissipation Speed Power Product 1.0 5.0 W pJ 0.005 * Equivalent to a two-input NAND gate. 2/97 FUNCTION TABLE Control Inputs Output Enable L L H X = Don't Care Direction L H X Operation O i Data Transmitted from Bus B to Bus A Data Transmitted from Bus A to Bus B Buses Isolated (High-Impedance State) (c) Motorola, Inc. 1997 3-1 REV 7 MC54/74HCT245A II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I II I I I I I III I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIII IIIIIIIIIIII I I II I I I II I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I III I I I II I II I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I II I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIII I I II I I I II I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I III I I I IIIIIIIII I I I I II I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I III I I II I I I I II I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I III I I IIIIIIIIIIIIIIIIIIIIIII III I III I I II I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIIIIIII III II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I I II I I I I I I I IIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIII I I III I I I I I II IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I III I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIII I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII MAXIMUM RATINGS* Symbol VCC Vin Parameter Value Unit V V V DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) - 0.5 to + 7.0 - 0.5 to VCC + 0.5 - 0.5 to VCC + 0.5 20 35 75 750 500 450 Vout Iin DC Output Voltage (Referenced to GND) DC Input Current, per Pin mA mA mA Iout DC Output Current, per Pin ICC PD DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic or Ceramic DIP SOIC Package SSOP or TSSOP Package Storage Temperature mW Tstg TL - 65 to + 150 260 300 This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND (Vin or Vout) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. v v _C _C Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP, SOIC, SSOP or TSSOP Package) (Ceramic DIP) * Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. Derating -- Plastic DIP: - 10 mW/_C from 65_ to 125_C Ceramic DIP: - 10 mW/_C from 100_ to 125_C SOIC Package: - 7 mW/_C from 65_ to 125_C SSOP or TSSOP Package: - 6.1 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). RECOMMENDED OPERATING CONDITIONS Symbol VCC Parameter Min 4.5 0 Max 5.5 Unit V V DC Supply Voltage (Referenced to GND) Vin, Vout TA DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC - 55 0 + 125 500 _C ns tr, tf DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND) Guaranteed Limit Symbol S bl VIH VIL Parameter P Test C di i T Conditions VCC V 4.5 5.5 4.5 5.5 4.5 5.5 4.5 4.5 5.5 4.5 5.5 - 55 to 25_C 2.0 2.0 0.8 0.8 4.4 5.4 v 85_C v 125_C 2.0 2.0 0.8 0.8 4.4 5.4 2.0 2.0 0.8 0.8 4.4 5.4 3.7 0.1 0.1 0.4 Unit Ui V V V Minimum High-Level Input Voltage Vout = 0.1 V or VCC - 0.1 V |Iout| 20 A v v v v v v Maximum Low-Level Input Voltage Vout = 0.1 V or VCC - 0.1 V |Iout| 20 A Vin = VIH or VIL |Iout| 20 A Vin = VIH or VIL |Iout| 6.0 mA Vin = VIH or VIL |Iout| 20 A Vin = VIH or VIL |Iout| 6.0 mA VOH Minimum High-Level Output Voltage 3.98 0.1 0.1 3.84 0.1 0.1 VOL Maximum Low-Level Output Voltage V 0.26 0.33 Iin Maximum Input Leakage Current Vin = VCC or GND, Pins 1 or 19 0.1 1.0 1.0 A MOTOROLA 3-2 High-Speed CMOS Logic Data DL129 -- Rev 6 MC54/74HCT245A DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND) II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I IIII IIII III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I I IIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII IIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII IIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II I I I I I II I I II II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I III I I I I II I I I I I I II I I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIII I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII I I I Guaranteed Limit Symbol ICC IOZ Parameter Test Conditions VCC V 5.5 5.5 - 55 to 25_C 4.0 v 85_C v 125_C 40 160 5.0 10 Unit A A Maximum Quiescent Supply Current (per Package) Maximum Three-State Leakage Current Vin = VCC or GND Iout = 0 A Output in High-Impedance State Vin = VIL or VIH Vout = VCC or GND, I/O Pins Vin = 2.4 V, Any One Input Vin = VCC or GND, Other Inputs lout = 0 A 0.5 ICC Additional Quiescent Supply Current -55_C 2.9 25_C to 125_C 2.4 5.5 55 mA A NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V 10%, CL = 50 pF, Input tr = tf = 6.0 ns) Guaranteed Limit Symbol S bl tPLH, tPHL tPLZ, tPHZ tPZL, tPZH Parameter P - 55 to 25_C 22 30 30 12 10 15 v 85_C 28 36 36 15 10 15 v 125_C 33 42 42 18 10 15 Unit Ui ns ns ns ns Maximum Propagation Delay, A to B or B to A (Figures 1 and 3) Maximum Propagation Delay, Output Enable to A or B (Figures 2 and 4) Maximum Propagation Delay, Output Enable to A or 8 (Figures 2 and 4) Maximum Output Transition Time. any Output (Figures 1 and 3) Maximum Input Capacitance (Pin 1 or 19) tTLH, tTHL Cin pF pF Cout Maximum Three-State I/O Capacitance, (I/O in High-Impedance State) NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High- Speed CMOS Data Book (DL129/D). Typical @ 25C, VCC = 5.0 V CPD Power Di i i C P Dissipation Capacitance (P E bl d O i (Per Enabled Output)* )* 97 pF F * Used to determine the no-load dynamic power consumption: P D = C PD V CC 2 f + I CC V CC . For load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). High-Speed CMOS Logic Data DL129 -- Rev 6 3-3 MOTOROLA MC54/74HCT245A SWITCHING WAVEFORMS 3.0 V DIRECTION 1.3 V 1.3 V GND 3.0 V tr INPUT A OR B tPLH OUTPUT B OR A tTLH 90% 1.3 V 10% tTHL 2.7 V 1.3 V 0.3 V tPHL tf 3.0 V GND A OR B 1.3 V tPZH A OR B 1.3 V tPHZ 10% 90% OUTPUT ENABLE 1.3 V GND tPZL tPLZ HIGH IMPEDANCE VOL VOH HIGH IMPEDANCE Figure 1. Figure 2. TEST POINT OUTPUT DEVICE UNDER TEST DEVICE UNDER TEST TEST POINT OUTPUT 1 k CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ AND tPZH. CL* CL* * Includes all probe and jig capacitance * Includes all probe and jig capacitance Figure 3. Figure 4. Test Circuit MOTOROLA 3-4 High-Speed CMOS Logic Data DL129 -- Rev 6 MC54/74HCT245A EXPANDED LOGIC DIAGRAM A1 2 18 3 17 4 16 5 15 6 14 7 13 8 12 9 11 B8 B7 B6 B5 B4 B DATA PORT B3 B2 B1 A2 A3 A DATA PORT A4 A5 A6 A7 A8 DIRECTION 1 OUTPUT ENABLE 19 High-Speed CMOS Logic Data DL129 -- Rev 6 3-5 MOTOROLA MC54/74HCT245A OUTLINE DIMENSIONS J SUFFIX CERAMIC PACKAGE CASE 732-03 ISSUE E B A F C L DIM A B C D F G H J K L M N NOTES: 1. LEADS WITHIN 0.25 (0.010) DIAMETER, TRUE POSITION AT SEATING PLANE, AT MAXIMUM MATERIAL CONDITION. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSIONS A AND B INCLUDE MENISCUS. MILLIMETERS MIN MAX 23.88 25.15 6.60 7.49 3.81 5.08 0.38 0.56 1.40 1.65 2.54 BSC 0.51 1.27 0.20 0.30 3.18 4.06 7.62 BSC 0_ 15 _ 0.25 1.02 INCHES MIN MAX 0.940 0.990 0.260 0.295 0.150 0.200 0.015 0.022 0.055 0.065 0.100 BSC 0.020 0.050 0.008 0.012 0.125 0.160 0.300 BSC 0_ 15_ 0.010 0.040 20 1 11 10 N H D SEATING PLANE G K J M -A- 20 11 N SUFFIX PLASTIC PACKAGE CASE 738-03 ISSUE E B 1 10 C L NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. INCHES MIN MAX 1.010 1.070 0.240 0.260 0.150 0.180 0.015 0.022 0.050 BSC 0.050 0.070 0.100 BSC 0.008 0.015 0.110 0.140 0.300 BSC 0_ 15 _ 0.020 0.040 MILLIMETERS MIN MAX 25.66 27.17 6.10 6.60 3.81 4.57 0.39 0.55 1.27 BSC 1.27 1.77 2.54 BSC 0.21 0.38 2.80 3.55 7.62 BSC 0_ 15_ 0.51 1.01 -T- SEATING PLANE K M E G F D 20 PL N J 0.25 (0.010) M 20 PL 0.25 (0.010) TA M M TB M DIM A B C D E F G J K L M N -A- 20 11 DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04 ISSUE E 10X -B- 1 10 P 0.010 (0.25) M B M NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 12.65 12.95 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0_ 7_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.499 0.510 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0_ 7_ 0.395 0.415 0.010 0.029 20X D M 0.010 (0.25) TA S B J S F R X 45 _ C -T- 18X SEATING PLANE G K M MOTOROLA 3-6 High-Speed CMOS Logic Data DL129 -- Rev 6 MC54/74HCT245A OUTLINE DIMENSIONS SD SUFFIX PLASTIC SSOP PACKAGE CASE 940C-03 ISSUE B 20X K REF 0.12 (0.005) M TU S V 0.25 (0.010) S N M N L/2 L PIN 1 IDENT 20 11 B 1 10 F DETAIL E K J 0.20 (0.008) M TU S SECTION N-N -W- 0.076 (0.003) -T- SEATING PLANE C D G H DETAIL E 20X K REF DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948E-02 ISSUE A M 0.15 (0.006) T U S 0.10 (0.004) TU S V S 2X L/2 20 11 L PIN 1 IDENT 1 10 B -U- J J1 N 0.15 (0.006) T U S A -V- N F C D 0.100 (0.004) -T- SEATING PLANE G H DETAIL E High-Speed CMOS Logic Data DL129 -- Rev 6 3-7 IIII IIII IIII EEE CCC EEE CCC K1 K K1 DETAIL E A -V- -U- J1 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION/INTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF K DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR INTRUSION SHALL NOT REDUCE DIMENSION K BY MORE THAN 0.07 (0.002) AT LEAST MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 7.07 7.33 5.20 5.38 1.73 1.99 0.05 0.21 0.63 0.95 0.65 BSC 0.59 0.75 0.09 0.20 0.09 0.16 0.25 0.38 0.25 0.33 7.65 7.90 0_ 8_ INCHES MIN MAX 0.278 0.288 0.205 0.212 0.068 0.078 0.002 0.008 0.024 0.037 0.026 BSC 0.023 0.030 0.003 0.008 0.003 0.006 0.010 0.015 0.010 0.013 0.301 0.311 0_ 8_ SECTION N-N 0.25 (0.010) NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 6.40 6.60 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.252 0.260 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_ M DIM A B C D F G H J J1 K K1 L M -W- MOTOROLA MC54/74HCT245A Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://www.mot.com/SPS/ MOTOROLA 3-8 MC74HCT245A/D High-Speed CMOS Logic Data DL129 -- Rev 6 |
Price & Availability of MC74HCT245ASD |