![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOTOROLA SEMICONDUCTOR TECHNICAL DATA Quad 2-Input NAND Gate With Open-Drain Outputs High-Performance Silicon-Gate CMOS The MC74HC03A is identical in pinout to the LS03. The device inputs are compatible with Standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs. The HC03A NAND gate has, as its outputs, a high-performance MOS N-Channel transistor. This NAND gate can, therefore, with a suitable pullup resistor, be used in wired-AND applications. Having the output characteristic curves given in this data sheet, this device can be used as an LED driver or in any other application that only requires a sinking current. * * * * * * * Output Drive Capability: 10 LSTTL Loads With Suitable Pullup Resistor Outputs Directly Interface to CMOS, NMOS and TTL High Noise Immunity Characteristic of CMOS Devices Operating Voltage Range: 2 to 6V Low Input Current: 1A In Compliance With the JEDEC Standard No. 7A Requirements Chip Complexity: 28 FETs or 7 Equivalent Gates 14 MC74HC03A N SUFFIX PLASTIC PACKAGE CASE 646-06 1 14 1 D SUFFIX SOIC PACKAGE CASE 751A-03 14 1 DT SUFFIX TSSOP PACKAGE CASE 948G-01 ORDERING INFORMATION MC74HCXXAN MC74HCXXAD MC74HCXXADT Plastic SOIC TSSOP DESIGN GUIDE Criteria Internal Gate Count* Internal Gate Propagation Delay Internal Gate Power Dissipation Speed Power Product * Equivalent to a two-input NAND gate Value 7.0 1.5 5.0 0.0075 Unit ea ns W pJ A L L H H FUNCTION TABLE Inputs B L H L H Output Y Z Z Z L Z = High Impedance LOGIC DIAGRAM VCC OUTPUT PROTECTION DIODE Pinout: 14-Lead Packages (Top View) VCC 3,6,8,11 Y* 14 B4 13 A4 12 Y4 11 B3 10 A3 9 Y3 8 A B 1,4,9,12 2,5,10,13 PIN 14 = VCC PIN 7 = GND * Denotes open-drain outputs 1 A1 2 B1 3 Y1 4 A2 5 B2 6 Y2 7 GND 10/95 (c) Motorola, Inc. 1995 1 REV 7 IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII MC74HC03A MAXIMUM RATINGS* Symbol VCC Vin Parameter Value Unit V V V DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) - 0.5 to + 7.0 - 0.5 to VCC + 0.5 - 0.5 to VCC + 0.5 20 25 50 750 500 450 Vout Iin DC Output Voltage (Referenced to GND) DC Input Current, per Pin mA mA mA Iout DC Output Current, per Pin ICC PD DC Supply Current, VCC and GND Pins Power Dissipation in Still Air Plastic DIP SOIC Package TSSOP Package mW Tstg TL Storage Temperature - 65 to + 150 260 This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND (Vin or Vout) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. v v _C _C Lead Temperature, 1 mm from Case for 10 Seconds Plastic DIP, SOIC or TSSOP Package * Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. Derating -- Plastic DIP: - 10 mW/_C from 65_ to 125_C SOIC Package: - 7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I III I I I I IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII III I III I I III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I RECOMMENDED OPERATING CONDITIONS Symbol VCC Parameter Min 2.0 0 Max 6.0 Unit V V DC Supply Voltage (Referenced to GND) Vin, Vout TA DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC - 55 0 0 0 + 125 1000 500 400 _C ns tr, tf VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V DC CHARACTERISTICS (Voltages Referenced to GND) Symbol VIH Parameter Condition VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 4.5 6.0 3.0 4.5 6.0 6.0 6.0 6.0 Guaranteed Limit -55 to 25C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 0.1 0.1 0.1 0.26 0.26 0.26 0.1 1.0 0.5 85C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 0.1 0.1 0.1 0.33 0.33 0.33 1.0 10 5.0 125C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 0.1 0.1 0.1 0.40 0.40 0.40 1.0 40 10 A A A Unit V Minimum High-Level Input Voltage Vout = 0.1V or VCC -0.1V |Iout| 20A VIL Maximum Low-Level Input Voltage Vout = 0.1V or VCC - 0.1V |Iout| 20A V VOL Maximum Low-Level Output Voltage Vout = 0.1V or VCC - 0.1V |Iout| 20A Vin = VIH or VIL |Iout| 2.4mA |Iout| 4.0mA |Iout| 5.2mA V Iin ICC IOZ Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package) Maximum Three-State Leakage Current Vin = VCC or GND Vin = VCC or GND Iout = 0A Output in High-Impedance State Vin = VIL or VIH Vout = VCC or GND NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). MOTOROLA 2 High-Speed CMOS Logic Data DL129 -- Rev 6 MC74HC03A AC CHARACTERISTICS (CL = 50pF, Input tr = tf = 6ns) Symbol tPLZ, tPZL Parameter Maximum Propagation Delay, Input A or B to Output Y (Figures 1 and 2) VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 Guaranteed Limit -55 to 25C 120 45 24 20 75 27 15 13 10 10 85C 150 60 30 26 95 32 19 16 10 10 125C 180 75 36 31 110 36 22 19 10 10 Unit ns tTLH, tTHL Maximum Output Transition Time, Any Output (Figures 1 and 2) ns Cin Cout Maximum Input Capacitance Maximum Three-State Output Capacitance (Output in High-Impedance State) pF pF NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High- Speed CMOS Data Book (DL129/D). Typical @ 25C, VCC = 5.0 V, VEE = 0 V CPD Power Dissipation Capacitance (Per Buffer)* 8.0 pF * Used to determine the no-load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). High-Speed CMOS Logic Data DL129 -- Rev 6 3 MOTOROLA MC74HC03A VCC tr INPUT A 90% 50% 10% tPZL OUTPUT Y 90% 50% 10% tTHL tPLZ tf VCC GND HIGH IMPEDANCE 10% VOL *Includes all probe and jig capacitance DEVICE UNDER TEST 1k OUTPUT Rpd TEST POINT CL* Figure 1. Switching Waveforms 25 TYPICAL T=25C 20 I D, SINK CURRENT (mA) T=25C 15 T=85C 10 T=125C EXPECTED MINIMUM* 5 VCC=5V Figure 2. Test Circuit 0 0 1 2 3 4 VO, OUTPUT VOLTAGE (VOLTS) 5 *The expected minimum curves are not guarantees, but are design aids. Figure 3. Open-Drain Output Characteristics VCC PULLUP RESISTOR A1 B1 A2 B2 1/4 HC03 1/4 HC03 Y1 VCC + VR - + VF - LED1 1/4 HC03 1/4 HC03 VCC OUTPUT Y2 LED2 LED ENABLE DESIGN EXAMPLE CONDITIONS: ID USING FIGURE NO TAG TYPICAL CURVE, at ID=10mA, VDS An Bn 1/4 HC03 Yn ^10mA ^0.4V NR + VCC * VF * VO + 5V * 1.7V * 0.4V 10mA + 290W ID OUTPUT = Y1 * Y2 * . . . * Yn = A1B1 * A2B2 * . . . * AnBn USE R = 270 Figure 4. Wired AND Figure 5. LED Driver With Blanking MOTOROLA 4 High-Speed CMOS Logic Data DL129 -- Rev 6 MC74HC03A OUTLINE DIMENSIONS N SUFFIX PLASTIC DIP PACKAGE CASE 646-06 ISSUE L 14 8 NOTES: 1. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE POSITION AT SEATING PLANE AT MAXIMUM MATERIAL CONDITION. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 4. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M N INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.300 BSC 0_ 10_ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.62 BSC 0_ 10_ 0.39 1.01 B 1 7 A F C N H G D SEATING PLANE L J K M D SUFFIX PLASTIC SOIC PACKAGE CASE 751A-03 ISSUE F -A- 14 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. -B- 1 7 P 7 PL 0.25 (0.010) M B M G C R X 45 F SEATING PLANE D 14 PL K M M B S J 0.25 (0.010) T A S DIM A B C D F G J K M P R MILLIMETERS MIN MAX 8.75 8.55 4.00 3.80 1.75 1.35 0.49 0.35 1.25 0.40 1.27 BSC 0.25 0.19 0.25 0.10 7 0 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0 7 0.228 0.244 0.010 0.019 High-Speed CMOS Logic Data DL129 -- Rev 6 5 MOTOROLA MC74HC03A OUTLINE DIMENSIONS DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948G-01 ISSUE O 14X K REF NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.50 0.60 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.020 0.024 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_ 0.10 (0.004) 0.15 (0.006) T U S M TU S V S N 2X L/2 14 8 0.25 (0.010) M L PIN 1 IDENT. 1 7 B -U- N F DETAIL E 0.15 (0.006) T U S A -V- J J1 SECTION N-N -W- C 0.10 (0.004) -T- SEATING PLANE D G H DETAIL E MOTOROLA 6 EEE CCC EEE CCC EEE CCC EEE CCC K K1 High-Speed CMOS Logic Data DL129 -- Rev 6 MC74HC03A Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com -TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 High-Speed CMOS Logic Data DL129 -- Rev 6 CODELINE 7 *MC74HC03A/D* MC74HC03A/D MOTOROLA |
Price & Availability of MC74HC03AN
![]() |