Part Number Hot Search : 
00A33 1903X2XX NJM25 N452000 1N4753B ACSL6210 HMC698 21S27
Product Description
Full Text Search
 

To Download MC74F245DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3
MC54/74F245 OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
The MC54/74F245 contains eight noninverting bidirectional buffers with 3-state outputs and is intended for bus-oriented applications. Current sinking capability is 24 mA at the A ports and 64 mA at the B ports. The Transmit/Receive (T/R) input determines the direction of data flow through the bidirectional transceiver. Transmit (active HIGH) enables data from A ports to B ports; Receive (active LOW) enables data from B ports to A ports. The Output Enable input, when HIGH, disables both A and B ports by placing them in a high-Z condition. * Noninverting Buffers * Bidirectional Data Path * B Outputs Sink 64 mA * ESD > 4000 Volts CONNECTION DIAGRAM (TOP VIEW)
VCC 20 OE 19 B0 18 B1 17 B2 16 B3 15 B4 14 B5 13 B6 12 B7 11
OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
FASTTM SCHOTTKY TTL
20 1
J SUFFIX CERAMIC CASE 732-03
N SUFFIX PLASTIC CASE 738-03
20 1
20
1 T/R
2 A0
3 A1
4 A2
5 A3
6 A4
7 A5
8 A6
9 A7
10 GND
1
DW SUFFIX SOIC CASE 751D-03
FUNCTION TABLE
Inputs OE L L H T/R L H X Output Bus B Data to Bus A Bus A Data to Bus B High-Z State
H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care
ORDERING INFORMATION
MC54FXXXJ MC74FXXXN MC74FXXXDW Ceramic Plastic SOIC
GUARANTEED OPERATING RANGES
Symbol VCC TA Supply Voltage Operating Ambient Temperature Range Parameter 54, 74 54 74 IOH IOL IOH IOL Output Current -- High Output Current -- Low An Outputs An Outputs Bn Outputs Bn Outputs 54, 74 74 54 54 74 54 74 Min 4.5 -55 0 Typ 5.0 25 25 Max 5.5 125 70 -3.0 24 20 -12 -15 48 64 mA mA mA mA Unit V C
Output Current -- High
Output Current -- Low
mA
FAST AND LS TTL DATA 4-115
MC54/74F245
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol VIH VIL VIK VOH Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage, An Outputs 54, 74 74 54, 74 VOH Output HIGH Voltage, Bn Outputs 74 54 74 VOL Output LOW Voltage, An Outputs 54 74 VOL Output LOW Voltage, Bn Outputs 54 74 IOZH + IIH IOZL + IIL Output Off Current HIGH Output Off Current LOW OE, T/R Inputs IIH Input HIGH Current OE, T/R Inputs An, Bn Inputs T/R Input IIL IOS Input LOW Current Output Short Circuit Current (Note 2) ICCH ICCL ICCZ Power Supply Current HIGH Power Supply Current LOW Power Supply Current OFF OE Input An Outputs Bn Outputs -60 -100 2.4 2.7 2.4 2.7 2.0 2.0 0.35 0.35 0.5 0.5 0.55 0.55 70 -650 20 100 1.0 -0.8 -1.2 -150 -225 90 120 110 3.3 3.3 3.4 3.4 Min 2.0 0.8 -1.2 Typ Max Unit V V V V V V V V V V V V V A mA A A mA mA mA mA mA mA mA mA VIN = 0.5 V VOUT = GND VOUT = GND VCC = MAX VCC = MAX VCC = MAX Test Conditions Guaranteed Input HIGH Voltage Guaranteed Input LOW Voltage IIN = -18 mA IOH = -3.0 mA IOH = -3.0 mA IOH = -3.0 mA IOH = -3.0 mA IOH = -12 mA IOH = -15 mA IOL = 20 mA IOL = 24 mA IOL = 48 mA IOL = 64 mA VOUT = 2.7 V VOUT = 0.5 V VIN = 2.7 V VIN = 7.0 V VIN = 5.5 V VCC = MAX VCC = MAX VCC = MAX VCC = MIN VCC = MIN VCC = MIN VCC = 4.50 V VCC = 4.75 V VCC = 4.50 V VCC = 4.75 V VCC = 4.50 V
VCC = MAX, Outputs HIGH VCC = MAX, Outputs LOW VCC = MAX, Outputs OFF
NOTES: 1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable device type. 2. Not more than one output should be shorted at a time.
AC CHARACTERISTICS
54/74F TA = +25C VCC = +5.0 V CL = 50 pF Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ Parameter Propagation Delay An to Bn or Bn to An Output Enable Time Output Disable Time Min 2.5 2.5 3.0 3.5 2.5 2.0 Max 6.0 6.0 7.0 8.0 6.5 6.5 54F TA = -55C to +125C VCC = 5.0 V 10% CL = 50 pF Min 2.5 2.5 3.0 3.5 2.5 2.0 Max 8.0 8.0 9.0 10 8.5 8.5 74F TA = 0C to +70C VCC = 5.0 V 10% CL = 50 pF Min 2.5 2.5 3.0 3.5 2.5 2.0 Max 7.0 7.0 8.0 9.0 7.5 7.5 Unit ns ns ns
FAST AND LS TTL DATA 4-116


▲Up To Search▲   

 
Price & Availability of MC74F245DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X