Part Number Hot Search : 
TD101F LM7818 DS1670 MAXIM GS301 LM339A TDA1556Q SN6A060
Product Description
Full Text Search
 

To Download MC74ACT273 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74AC273 MC74ACT273 Octal D Flip Flop
The MC74AC273/74ACT273 has eight edge-triggered D-type flip-flops with individual D inputs and Q outputs. The common buffered Clock (CP) and Master Reset (MR) inputs load and reset (clear) all flip-flops simultaneously. The register is fully edge-triggered. The state of each D input, one setup time before the LOW-to-HIGH clock transition, is transferred to the corresponding flipflop's Q output. All outputs will be forced LOW independently of Clock or Data inputs by a LOW voltage level on the MR input. The device is useful for applications where the true output only is required and the Clock and Master Reset are common to all storage elements. * * * * * * * * * Ideal Buffer for MOS Microprocessor or Memory Eight Edge-Triggered D Flip-Flops Buffered Common Clock Buffered, Asynchronous Master Reset See MC74AC377 for Clock Enable Version See MC74AC373 for Transparent Latch Version See MC74AC374 for 3-State Version Outputs Source/Sink 24 mA ACT273 Has TTL Compatible Inputs
VCC 20 Q7 19 D7 18 D6 17 Q6 16 Q5 15 D5 14 D4 13 Q4 12 CP 11
OCTAL D FLIP-FLOP
N SUFFIX CASE 738-03 PLASTIC
DW SUFFIX CASE 751D-04 PLASTIC
LOGIC SYMBOL
1 MR
2 Q0
3 D0
4 D1
5 Q1
6 Q2
7 D2
8 D3
9 Q3
10 GND
D0 D1 D2 D3 D4 D5 D6 D7 CP MR Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
PIN NAMES D0-D7 MR CP Q0-Q7 Data Inputs Master Reset Clock Pulse Input Data Outputs
FACT DATA 5-1
MC74AC273 MC74ACT273
LOGIC DIAGRAM
D0 CP D1 D2 D3 D4 D5 D6 D7
D
Q CP RD
D
Q CP RD
D
Q CP RD
D
Q CP RD
D
Q CP RD
D
Q CP RD
D
Q CP RD
D
Q CP RD
MR O0 O1 O2 O3 O4 O5 O6 O7
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
MODE SELECT-FUNCTION TABLE
Inputs Operating Mode MR Reset (Clear) Load 1 Load 0
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial = LOW-to-HIGH Clock Transition
Outputs Dn X H L Qn L H L
CP X
L H H
MAXIMUM RATINGS*
Symbol VCC Vin Vout Iin Iout ICC Tstg Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Sink/Source Current, per Pin DC VCC or GND Current per Output Pin Storage Temperature Value -0.5 to +7.0 -0.5 to VCC +0.5 -0.5 to VCC +0.5 20 50 50 -65 to +150 Unit V V V mA mA mA C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions.
FACT DATA 5-2
MC74AC273 MC74ACT273
RECOMMENDED OPERATING CONDITIONS
Symbol VCC Vin, Vout Supply Voltage DC Input Voltage, Output Voltage (Ref. to GND) VCC @ 3.0 V tr, tf Input Rise and Fall Time (Note 1) AC Devices except Schmitt Inputs VCC @ 4.5 V VCC @ 5.5 V tr, tf TJ TA IOH IOL Input Rise and Fall Time (Note 2) ACT Devices except Schmitt Inputs Junction Temperature (PDIP) Operating Ambient Temperature Range Output Current -- High Output Current -- Low -40 25 VCC @ 4.5 V VCC @ 5.5 V Parameter AC ACT Min 2.0 4.5 0 150 40 25 10 ns/V 8.0 140 85 -24 24 C C mA mA ns/V Typ 5.0 5.0 Max 6.0 5.5 VCC V Unit V
1. Vin from 30% to 70% VCC; see individual Data Sheets for devices that differ from the typical input rise and fall times. 2. Vin from 0.8 V to 2.0 V; see individual Data Sheets for devices that differ from the typical input rise and fall times.
DC CHARACTERISTICS
74AC Symbol Parameter VCC (V) TA = +25C Typ VIH Minimum High Level Input Voltage 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 VOL Maximum Low Level Output Voltage 3.0 4.5 5.5 3.0 4.5 5.5 IIN IOLD IOHD ICC Maximum Input Leakage Current Minimum Dynamic Output Current Maximum Quiescent Supply Current 5.5 5.5 5.5 5.5 8.0 0.002 0.001 0.001 1.5 2.25 2.75 1.5 2.25 2.75 2.99 4.49 5.49 74AC TA = -40C to +85C Unit Conditions
Guaranteed Limits 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.56 3.86 4.86 0.1 0.1 0.1 0.36 0.36 0.36 0.1 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.46 3.76 4.76 0.1 0.1 0.1 0.44 0.44 0.44 1.0 75 -75 80 V VOUT = 0.1 V or VCC - 0.1 V VOUT = 0.1 V or VCC - 0.1 V IOUT = -50 A V *VIN = VIL or VIH -12 mA IOH -24 mA -24 mA IOUT = 50 A V *VIN = VIL or VIH 12 mA IOL 24 mA 24 mA VI = VCC, GND VOLD = 1.65 V Max VOHD = 3.85 V Min VIN = VCC or GND
VIL
Maximum Low Level Input Voltage
V
VOH
Minimum High Level Output Voltage
V
V
A mA mA A
* All outputs loaded; thresholds on input associated with output under test. Maximum test duration 2.0 ms, one output loaded at a time. Note: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.
FACT DATA 5-3
MC74AC273 MC74ACT273
AC CHARACTERISTICS (For Figures and Waveforms -- See Section 3)
74AC Symbol Parameter VCC* (V) Min fmax tPLH tPHL tPHL Maximum Clock Frequency Propagation Delay Clock to Output Propagation Delay Clock to Output Propagation Delay MR to Output 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 90 140 4.0 3.0 4.0 3.0 4.0 3.0 TA = +25C CL = 50 pF Typ 125 175 7.0 5.5 7.0 5.0 7.0 5.0 12.5 9.0 13.0 10.0 13.0 10.0 Max 74AC TA = -40C to +85C CL = 50 pF Min 75 125 3.0 2.5 3.5 2.5 3.5 2.5 14.0 10.0 14.5 11.0 14.0 10.5 Max Mhz ns ns ns 3-3 3-6 3-6 3-6 Unit Fig. No.
* Voltage Range 3.3 V is 3.3 V 0.3 V. Voltage Range 5.0 V is 5.0 V 0.5 V.
AC OPERATING REQUIREMENTS
74AC Symbol Parameter VCC* (V) Typ ts th tw tw trec Setup Time, HIGH or LOW Data to CP Hold Time, HIGH or LOW Data to CP Clock Pulse Width HIGH or LOW MR Pulse Width HIGH or LOW Recovery Time MR to CP 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.5 2.5 -2.0 -1.0 3.5 2.5 2.0 1.5 1.5 1.0 TA = +25C CL = 50 pF 74AC TA = -40C to +85C CL = 50 pF Unit Fig. No.
Guaranteed Minimum 5.5 4.0 0 1.0 5.5 4.0 5.5 4.0 3.5 2.0 6.0 4.5 0 1.0 6.0 4.5 6.0 4.5 4.5 3.0 ns ns ns ns ns 3-9 3-9 3-6 3-6 3-9
* Voltage Range 3.3 V is 3.3 V 0.3 V. Voltage Range 5.0 V is 5.0 V 0.5 V.
FACT DATA 5-4
MC74AC273 MC74ACT273
DC CHARACTERISTICS
74ACT Symbol Parameter VCC (V) TA = +25C Typ VIH VIL VOH Minimum High Level Input Voltage Maximum Low Level Input Voltage Minimum High Level Output Voltage 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Maximum Low Level Output Voltage 4.5 5.5 4.5 5.5 IIN ICCT IOLD IOHD ICC Maximum Input Leakage Current Additional Max. ICC/Input Minimum Dynamic Output Current Maximum Quiescent Supply Current 5.5 5.5 5.5 5.5 5.5 8.0 0.6 0.001 0.001 1.5 1.5 1.5 1.5 4.49 5.49 74ACT TA = -40C to +85C Unit Conditions
Guaranteed Limits 2.0 2.0 0.8 0.8 4.4 5.4 3.86 4.86 0.1 0.1 0.36 0.36 0.1 2.0 2.0 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 1.0 1.5 75 -75 80 V V V VOUT = 0.1 V or VCC - 0.1 V VOUT = 0.1 V or VCC - 0.1 V IOUT = -50 A *VIN = VIL or VIH -24 mA IOH -24 mA IOUT = 50 A *VIN = VIL or VIH 24 mA IOL 24 mA VI = VCC, GND VI = VCC - 2.1 V VOLD = 1.65 V Max VOHD = 3.85 V Min VIN = VCC or GND
V
V
V
A mA mA mA A
* All outputs loaded; thresholds on input associated with output under test. Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS (For Figures and Waveforms -- See Section 3)
74ACT Symbol Parameter VCC* (V) Min fmax tPHL tPLH tPHL Maximum Clock Frequency Propagation Delay Clock to Output Propagation Delay Clock to Output Propagation Delay MR to Output 5.0 5.0 5.0 5.0 125 3.0 3.0 3.0 TA = +25C CL = 50 pF Typ 200 6.0 6.5 7.0 10 11 11 Max 74ACT TA = -40C to +85C CL = 50 pF Min 125 2.5 2.5 2.5 11.0 12.0 11.5 Max MHz ns ns ns 3-3 3-6 3-6 3-6 Unit Fig. No.
* Voltage Range 5.0 V is 5.0 V 0.5 V.
FACT DATA 5-5
MC74AC273 MC74ACT273
AC OPERATING REQUIREMENTS
74ACT Symbol Parameter VCC* (V) Typ ts th tw tw trec Setup Time, HIGH or LOW Data to CP Hold Time, HIGH or LOW Data to CP Clock Pulse Width HIGH or LOW MR Pulse Width HIGH or LOW Recovery Time MR to CP 5.0 5.0 5.0 5.0 5.0 3.0 -2.5 2.5 2.5 -1.0 TA = +25C CL = 50 pF 74ACT TA = -40C to +85C CL = 50 pF Unit Fig. No.
Guaranteed Minimum 4.5 2.0 4.0 4.0 2.0 5.0 2.0 4.5 4.5 3.0 ns ns ns ns ns 3-9 3-9 3-6 3-6 3-6
* Voltage Range 5.0 V is 5.0 V 0.5 V.
CAPACITANCE
Symbol CIN CPD Input Capacitance Power Dissipation Capacitance Parameter Value Typ 4.5 50 Unit pF pF Test Conditions VCC = 5.0 V VCC = 5.0 V
FACT DATA 5-6
MC74AC273 MC74ACT273
OUTLINE DIMENSIONS
N SUFFIX PLASTIC DIP PACKAGE CASE 738-03 ISSUE E
11
-A-
20
B
1 10
C
L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. INCHES MIN MAX 1.010 1.070 0.240 0.260 0.150 0.180 0.015 0.022 0.050 BSC 0.050 0.070 0.100 BSC 0.008 0.015 0.110 0.140 0.300 BSC 0_ 15 _ 0.020 0.040 MILLIMETERS MIN MAX 25.66 27.17 6.10 6.60 3.81 4.57 0.39 0.55 1.27 BSC 1.27 1.77 2.54 BSC 0.21 0.38 2.80 3.55 7.62 BSC 0_ 15_ 0.51 1.01
-T-
SEATING PLANE
K M E G F D
20 PL
N J 0.25 (0.010)
M 20 PL
0.25 (0.010) TA
M
M
TB
M
DIM A B C D E F G J K L M N
-A-
20 11
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04 ISSUE E
-B-
1 10
10X
P 0.010 (0.25)
M
B
M
20X
D
M
J TA
S
0.010 (0.25)
B
S
F R X 45 _ C -T-
18X SEATING PLANE
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS INCHES DIM MIN MAX MIN MAX A 12.65 12.95 0.499 0.510 B 7.40 7.60 0.292 0.299 C 2.35 2.65 0.093 0.104 D 0.35 0.49 0.014 0.019 F 0.50 0.90 0.020 0.035 G 1.27 BSC 0.050 BSC J 0.25 0.32 0.010 0.012 K 0.10 0.25 0.004 0.009 M 0_ 7_ 0_ 7_ P 10.05 10.55 0.395 0.415 R 0.25 0.75 0.010 0.029
G
K
M
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA/EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com -TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
FACT DATA 5-7
*MC74AC273/D*
MC74AC273/D


▲Up To Search▲   

 
Price & Availability of MC74ACT273

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X