Part Number Hot Search : 
2SC5270 SF16G XXXGX XFN80N50 ZMM11LB3 CMF211 CY7C14 BAT54S
Product Description
Full Text Search
 

To Download MC3488A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by MC3488A/D
Dual EIA-423/EIA-232D Line Driver
The MC3488A dual is single-ended line driver has been designed to satisfy the requirements of EIA standards EIA-423 and EIA-232D, as well as CCITT X.26, X.28 and Federal Standard FIDS1030. It is suitable for use where signal wave shaping is desired and the output load resistance is greater than 450 ohms. Output slew rates are adjustable from 1.0 s to 100 s by a single external resistor. Output level and slew rate are insensitive to power supply variations. Input undershoot diodes limit transients below ground and output current limiting is provided in both output states. The MC3488A has a standard 1.5 V input logic threshold for TTL or NMOS compatibility. * PNP Buffered Inputs to Minimize Input Loading
MC3488A
DUAL EIA-423/EIA-232D DRIVER
SEMICONDUCTOR TECHNICAL DATA
* * * * * *
Short Circuit Protection Adjustable Slew Rate Limiting MC3488A Equivalent to 9636A Output Levels and Slew Rates are Insensitive to Power Supply Voltages No External Blocking Diode Required for VEE Supply Second Source A9636A
D SUFFIX PLASTIC PACKAGE CASE 751 (SO-8)
P1 SUFFIX PLASTIC PACKAGE CASE 626
PIN CONNECTIONS
Wave 1 Shape Input A 2 Input B 3 Gnd 4 8 7 6 5 VCC Output A Output B VEE
ORDERING INFORMATION
Device MC3488AP1 MC3488AD Operating Temperature Range TA = 0 to +70C Package Plastic DIP SO-8
Simplified Application
Wave Shape Control MC3488A Driver RS-423 Interface MC3486 Three-State Receiver
TTL Logic
(c) Motorola, Inc. 1996
Rev 2
MOTOROLA ANALOG IC DEVICE DATA
1
MC3488A
MAXIMUM RATINGS (Note 1)
Rating Power Supply Voltages Output Current Source Sink Operating Ambient Temperature Junction Temperature Range Storage Temperature Range Symbol VCC VEE IO + IO - TA TJ Tstg Value + 15 - 15 + 150 - 150 0 to + 70 150 - 65 to + 150 C C C Unit V mA
RECOMMENDED OPERATING CONDITIONS
Characteristic Power Supply Voltages Operating Temperature Range Wave Shaping Resistor Symbol VCC VEE TA RWS Min 10.8 - 13.2 0 10 Typ 12 - 12 25 - Max 13.2 - 10.8 70 1000 Unit V C k
TARGET ELECTRICAL CHARACTERISTICS (Unless otherwise noted, specifications apply over recommended operating conditions)
Characteristic Input Voltage - Low Logic State Input Voltage - High Logic State Input Current - Low Logic State (VIL = 0.4 V) Input Current - High Logic State (VIH = 2.4 V) (VIH = 5.5 V) Input Clamp Diode Voltage (IIK = - 15 mA) Output Voltage - Low Logic State (RL = ) EIA-423 (RL= 3.0 k) EIA-232D (RL= 450 ) EIA-423 Output Voltage - High Logic State (RL = ) EIA-423 (RL.= 3.0 k) EIA-232D (RL = 450 ) EIA-423 Output Resistance (RL 450 ) Symbol VIL VIH IIL Min - 2.0 - 80 Typ - - - Max 0.8 - - Unit V V A A IIH1 IIH2 VIK VOL - 6.0 - 6.0 - 6.0 VOH 5.0 5.0 4.0 RO - - - - 25 6.0 6.0 6.0 50 mA IOSH IOSL Iox ICC IEE - 150 + 15 - 100 - - 18 - - - - - - 15 + 150 100 + 18 - A mA - - - - 5.0 - 5.0 - 4.0 V - - - 1.5 - - - 10 100 - V V
q
Output Short-Circuit Current (Note 2) (Vin = Vout = 0 V) (Vin = VIH(Min), Vout = 0 V) Output Leakage Current (Note 3) (VCC = VEE = 0 V, - 6.0 V Vo Power Supply Currents (RW = 100 k, RL = , VIL
p p 6.0 V) p Vin p VIH)
NOTES: 1. Devices should not be operated at these values. The IElectrical CharacteristicsI provide conditions for actual device operation. 2. One output shorted at a time. 3. No VEE diode required.
2
MOTOROLA ANALOG IC DEVICE DATA
MC3488A
TRANSITION TIMES (Unless otherwise noted, CL = 30 pF, f = 1.0 kHz, VCC = - VEE = 12.0 V 10%, TA = 25C, RL = 450 .
Transition times measured 10% to 90% and 90% to 10%) Characteristic Transition Time, Low-to-High State Output (RW = 10 k) (RW = 100 k) (RW = 500 k) (RW = 1000 k) Transition Time, High-to-Low State Output (RW = 10 k) (RW = 100 k) (RW = 500 k) (RW = 1000 k) Symbol tTLH 0.8 8.0 40 80 tTHL 0.8 8.0 40 80 - - - - 1.4 14 70 140 - - - - 1.4 14 70 140 s Min Typ Max Unit s
Figure 1. Test Circuit and Waveforms for Transition Times
To Scope (Input) To Scope (Output)
VCC
MC3488A 50 Pulse Generator f = 1.0 kHz PW = 500 s VEE 3.0 V Input 0V VOH 0V Output VOL tTHL 10% 10% tTLH RWS RL CL (Includes Probe and Jig Capacitance)
Note: Input Rise and Fall Times (10% to 90%) 10 ns
p
90%
90%
MOTOROLA ANALOG IC DEVICE DATA
3
MC3488A
Figure 2. Output Transition Times versus Wave Shape Resistor Value
1000 WAVE SHAPE RESISTOR, Rw (k ) Vout , OUTPUT VOLTAGE (V) 6.0 4.0 2.0 0 - 2.0 - 4.0 - 6.0 1.0 0.1 1.0 10 100 TRANSITION TIMES, tTLH/tTHL (s) 1000 0 VCC = 12 V VEE = -12 V RWS = 100 k RL = 450 1.0 Vin, INPUT VOLTAGE (V) 2.0 0C TA = 25C 70C
Figure 3. Input/Output Characteristics versus Temperature
100
CL = 30 pF 10
Figure 4. Output Current versus Output Voltage Power-On
50 40 I out , OUTPUT CURRENT (mA) 30 20 10 0 - 10 - 20 - 30 - 40 - 50 0 2.0 4.0 - 10 - 8.0 - 6.0 - 4.0 - 2.0 Vout, OUTPUT VOLTAGE (V) 6.0 8.0 10 Vin = 0 V TA = 25C VCC = 12 V VEE = -12 V RWS = 100 k Vin = VIH(Min) I out , OUTPUT CURRENT (mA) 0.10 0.08 0.06 0.04 0.02 0 - 0.02 - 0.04 - 0.06 - 0.08 - 0.10 10 - 8.0 - 6.0 - 4.0 - 2.0 0 2.0 4.0 Vout, OUTPUT VOLTAGE (V) 6.0 8.0 10 VCC = VEE = Vin = 0 V TA = 25C (No diode required at VEE Pin.)
Power-Off
Figure 5. Supply Current versus Temperature
100 12.0 10.0 8.0 6.0 4.0 2.0 0 - 2.0 - 4.0 - 6.0 - 8.0 - 10.0 - 12.0 0 10 20 t TLH t THL , RISE/FALL TIME ( s) Vin = 0 V, Vin = VIH VCC = 12V VEE = - 12 V RWS = 100 k, RL =
Figure 6. Rise/Fall Time versus RWS
VCC = 12 V VEE = - 12 V CL = 30 pF TA = 0C, 70C 10 TA = 25C
I xx , SUPPLY CURRENT (mA)
ICC
Vin = 0 V IEE Vin = VIH 30 40 50 60 70 80 TA, AMBIENT TEMPERATURE (C) 90 100
1 10 k
100 k RWS, WAVE SHAPING RESISTANCE ()
1M
4
MOTOROLA ANALOG IC DEVICE DATA
MC3488A
OUTLINE DIMENSIONS
P1 SUFFIX PLASTIC PACKAGE CASE 626-05 ISSUE K
8
5
-B-
1 4
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
F
NOTE 2
-A- L
C -T-
SEATING PLANE
J N D K
M
M
H
G 0.13 (0.005) TA
M
B
M
D SUFFIX PLASTIC PACKAGE CASE 751-05 (SO-8) ISSUE N -A-
8 5 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.18 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.189 0.196 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.007 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
-B-
1 4
4X
P 0.25 (0.010)
M
B
M
G C -T-
8X SEATING PLANE
R
X 45 _
F
D 0.25 (0.010)
M
K TB
M_
S
J
S
A
MOTOROLA ANALOG IC DEVICE DATA
5
MC3488A
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
6
*MC3488A/D*
MOTOROLA ANALOG IC DEVICE DATA MC3488A/D


▲Up To Search▲   

 
Price & Availability of MC3488A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X