Part Number Hot Search : 
20240 WJ2C48 SD3932 1N4786A 74AC10 SLR624SU CY7C138 2E474K
Product Description
Full Text Search
 

To Download MC10E195FN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Programmable Delay Chip
The MC10E/100E195 is a programmable delay chip (PDC) designed primarily for clock de-skewing and timing adjustment. It provides variable delay of a differential ECL input transition. The delay section consists of a chain of gates organized as shown in the logic symbol. The first two delay elements feature gates that have been modified to have delays 1.25 and 1.5 times the basic gate delay of approximately 80 ps. These two elements provide the E195 with a digitally-selectable resolution of approximately 20 ps. The required device delay is selected by the seven address inputs D[0:6], which are latched on chip by a high signal on the latch enable (LEN) control. Because the delay programmability of the E195 is achieved by purely differential ECL gate delays the device will operate at frequencies of >1.0 GHz while maintaining over 600 mV of output swing. The E195 thus offers very fine resolution, at very high frequencies, that is selectable entirely from a digital input allowing for very accurate system clock timing. An eighth latched input, D7, is provided for cascading multiple PDC's for increased programmable range. The cascade logic allows full control of multiple PDC's, at the expense of only a single added line to the data bus for each additional PDC, without the need for any external gating.
MC10E195 MC100E195
PROGRAMMABLE DELAY CHIP
FN SUFFIX PLASTIC PACKAGE CASE 776-02
D2 25 26 D1 27 D0 28 LEN 1 VEE
D3 24
D4 23
D5 22
D6 21
D7 20
NC 19 NC 18 NC 17
* * * * * *
2.0ns Worst Case Delay Range 20ps/Delay Step Resolution >1.0GHz Bandwidth On Chip Cascade Circuitry Extended 100E VEE Range of -4.2 to -5.46V 75K Input Pulldown Resistors
PIN NAMES
Pin IN/IN EN D[0:7] Q/Q LEN SET MIN SET MAX CASCADE Signal Input Input Enable Mux Select Inputs Signal Output Latch Enable Min Delay Set Max Delay Set Cascade Signal Function
Pinout: 28-Lead PLCC (Top View)
VCC 16 VCCO 15 Q 14 Q 13 VCCO 12
2 IN 3 IN 4 VBB 5 NC 6 NC 7 EN 8 SET MIN 9 SET MAX 10 CASCADE
11 CASCADE
Q Q CASCADE CASCADE
LOGIC DIAGRAM - SIMPLIFIED
VBB IN IN EN * 1.25 1 1 0 1 * 1.5 0 1 1 0 1 1 1 0 1
4 GATES
0 1
8 GATES
0 1
16 GATES
0 1 1 CASCADE 0 1
LEN SET MIN SET MAX
LEN 7 BIT LATCH LATCH D
Q
D0 * DELAYS ARE 25% OR 50% LONGER THAN * STANDARD (STANDARD 80 PS)
D1
D2
D3
D4
D5
D6
D7
12/93
(c) Motorola, Inc. 1996
2-1
REV 2
MC10E195 MC100E195
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0C Symbol IIH IEE Characteristic Input HIGH Current Power Supply Current 10E 100E 130 130 Min Typ Max 150 156 156 130 130 Min 25C Typ Max 150 156 156 130 150 Min 85C Typ Max 150 156 179 Unit A mA Condition
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0C Symbol tPLH tPHL Characteristic Propagation Delay IN to Q; Tap = 0 IN to Q; Tap = 127 EN to Q; Tap = 0 D7 to CASCADE Programmable Range tPD (max) - tPD (min) Step Delay D0 High D1 High D2 High D3 High D4 High D5 High D6 High Linearity Duty Cycle Skew tPHL-tPLH Setup Time D to LEN D to IN EN to IN Hold Time LEN to D IN to EN Release Time EN to IN SET MAX to LEN SET MIN to LEN Jitter Output Rise/Fall Time 20-80% (Q) 20-80% (CASCADE) 125 300 200 800 200 500 0 300 800 800 <5.0 225 450 325 650 125 300 Min 1210 3320 1250 300 2000 Typ 1360 3570 1450 450 2175 17 34 68 136 272 544 1088 D0 30 0 200 800 200 500 0 300 800 800 <5.0 225 450 325 650 125 300 Max 1510 3820 1650 700 Min 1240 3380 1275 300 2050 25C Typ 1390 3630 1475 450 2240 17.5 35 70 140 280 560 1120 D0 30 0 200 800 200 500 0 300 800 800 <5.0 225 450 325 650 ps ps Max 1540 3880 1675 700 Min 1440 3920 1350 300 2375 85C Typ 1590 4270 1650 450 2580 ps 21 42 84 168 336 672 1344 D0 30 0 2 3 ps 250 250 250 4 ps 5 ps 1 ps 6 Max 1765 4720 1950 700 ps Unit ps Notes
tRANGE t
55 115 250 505 1000 D1
105 180 325 620 1190
55 115 250 515 1030 D1
105 180 325 620 1220
65 140 305 620 1240 D1
120 205 380 740 1450 7
Lin tSKEW ts
th
tR
tjit tr tf
8
1. Duty cycle skew guaranteed only for differential operation measured from the cross point of the input to the cross point of the output. 2. This setup time defines the amount of time prior to the input signal the delay tap of the device must be set. 3. This setup time is the minimum time that EN must be asserted prior to the next transition of IN/IN to prevent an output response greater than 75 mV to that IN/IN transition. 4. This hold time is the minimum time that EN must remain asserted after a negative going IN or positive going IN to prevent an output response greater than 75 mV to that IN/IN transition. 5. This release time is the minimum time that EN must be deasserted prior to the next IN/IN transition to ensure an output response that meets the specified IN to Q propagation delay and transition times. 6. Specification limits represent the amount of delay added with the assertion of each individual delay control pin. The various combinations of asserted delay control inputs will typically realize D0 resolution steps across the specified programmable range. 7. The linearity specification guarantees to which delay control input the programmable steps will be monotonic (i.e. increasing delay steps for increasing binary counts on the control inputs Dn). Typically the device will be monotonic to the D0 input, however under worst case conditions and process variation, delays could decrease slightly with increasing binary counts when the D0 input is the LSB. With the D1 input as the LSB the device is guaranteed to be monotonic over all specified environmental conditions and process variation. 8. The jitter of the device is less than what can be measured without resorting to very tedious and specialized measurement techniques.
MOTOROLA
2-2
ECLinPS and ECLinPS Lite DL140 -- Rev 4
MC10E195 MC100E195
ADDRESS BUS (A0-A6)
A7 D2 D3 D4 D5 D6 D7 D2 D3 D4 D5 D6 D7 VCC VCCO Q CASCADE CASCADE SET MAX Q VCCO OUTPUT SET MIN
BIT 6 Q5 D6 LEN Reset Reset Q6
D1 D0 LEN VEE IN INPUT CASCADE CASCADE SET MAX IN SET MIN VBB EN
D1
E195 Chip #1
D0 VCC VCCO Q Q VCCO LEN VEE IN IN VBB
E195 Chip #2
Figure 1. Cascading Interconnect Architecture
Cascading Multiple E195's To increase the programmable range of the E195 internal cascade circuitry has been included. This circuitry allows for the cascading of multiple E195's without the need for any external gating. Furthermore this capability requires only one more address line per added E195. Obviously cascading multiple PDC's will result in a larger programmable range however this increase is at the expense of a longer minimum delay. Figure 1 illustrates the interconnect scheme for cascading two E195's. As can be seen, this scheme can easily be expanded for larger E195 chains. The D7 input of the E195 is the cascade control pin. With the interconnect scheme of Figure 1 when D7 is asserted it signals the need for a larger programmable range than is achievable with a single device. An expansion of the latch section of the block diagram is pictured below. Use of this diagram will simplify the explanation of how the cascade circuitry works. When D7 of chip #1 above is low the cascade output will also be low while the cascade bar output will be a logical high. In this condition the SET MIN pin of chip #2 will be asserted and thus all of the latches of chip #2 will be reset and the device will be set at its minimum delay. Since the RESET and SET inputs of the latches are overriding any changes on the A0-A6 address bus will not affect the operation of chip #2.
TO SELECT MULTIPLEXERS
Chip #1 on the other hand will have both SET MIN and SET MAX de-asserted so that its delay will be controlled entirely by the address bus A0-A6. If the delay needed is greater than can be achieved with 31.75 gate delays (1111111 on the A0-A6 address bus) D7 will be asserted to signal the need to cascade the delay to the next E195 device. When D7 is asserted the SET MIN pin of chip #2 will be de-asserted and the delay will be controlled by the A0-A6 address bus. Chip #1 on the other hand will have its SET MAX pin asserted resulting in the device delay to be independent of the A0-A6 address bus. When the SET MAX pin of chip #1 is asserted the D0 and D1 latches will be reset while the rest of the latches will be set. In addition, to maintain monotonicity an additional gate delay is selected in the cascade circuitry. As a result when D7 of chip #1 is asserted the delay increases from 31.75 gates to 32 gates. A 32 gate delay is the maximum delay setting for the E195. To expand this cascading scheme to more devices one simply needs to connect the D7 input and CASCADE outputs of the current most significant E195 to the new most significant E195 in the same manner as pictured in Figure 1. The only addition to the logic is the increase of one line to the address bus for cascade control of the second PDC.
BIT 0 D0 LEN Reset Reset Q0
BIT 1 D1 LEN Reset Reset Q1 D2
BIT 2 Q2
BIT 3 D3 LEN Reset Reset Q3 D4
BIT 4 Q4 D5
BIT 5
EN
BIT 7 CASCADE D7 LEN Reset Reset Q7 CASCADE
LEN Reset Reset
LEN Reset Reset
LEN Reset Reset
SET MIN SET MAX
Figure 2. Expansion of the Latch Section of the E195 Block Diagram
ECLinPS and ECLinPS Lite DL140 -- Rev 4
2-3
MOTOROLA
MC10E195 MC100E195
OUTLINE DIMENSIONS
FN SUFFIX PLASTIC PLCC PACKAGE CASE 776-02 ISSUE D
0.007 (0.180) U T L -M
M
B -NY BRK
M
S
N
S S
0.007 (0.180)
T L -M
N
S
D Z -L-M-
W
28 1
D X VIEW D-D G1 0.010 (0.250)
S
V
T L -M
S
N
S
A Z R
0.007 (0.180) 0.007 (0.180)
M
T L -M T L -M
S
N N
S
H
S
0.007 (0.180)
M
T L -M
S
N
S
M
S
C
E G G1 0.010 (0.250)
S
K1 0.004 (0.100) J -TSEATING PLANE
K F VIEW S 0.007 (0.180)
M
VIEW S T L -M
S
T L -M
S
N
S
N
S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIM G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIM R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.485 0.495 0.485 0.495 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 -- 0.025 -- 0.450 0.456 0.450 0.456 0.042 0.048 0.042 0.048 0.042 0.056 -- 0.020 2 10 0.410 0.430 0.040 --
MILLIMETERS MIN MAX 12.32 12.57 12.32 12.57 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 -- 0.64 -- 11.43 11.58 11.43 11.58 1.07 1.21 1.07 1.21 1.07 1.42 -- 0.50 2 10 10.42 10.92 1.02 --
MOTOROLA
2-4
ECLinPS and ECLinPS Lite DL140 -- Rev 4
MC10E195 MC100E195
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
ECLinPS and ECLinPS Lite DL140 -- Rev 4 2-5
*MC10E195/D*
MC10E195/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC10E195FN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X