Part Number Hot Search : 
MC3303 BAT64W MAX63 PCA9550D CHM4412 NTE527 6DC13 2920L185
Product Description
Full Text Search
 

To Download MC10E136 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
6 Bit Universal Up/Down Counter
MC10E136 MC100E136
The MC10E/100E136 is a 6-bit synchronous, presettable, cascadable universal counter. The device generates a look-ahead-carry output and accepts a look-ahead-carry input. These two features allow for the cacading of multiple E136's for wider bit width counters that operate at very nearly the same frequency as the stand alone counter.
* * * * * *
550 MHz Count Frequency Fully Synchronous Up and Down Counting Internal 75 k Input Pulldown Resistors Look-Ahead-Carry Input and Output Asynchronous Master Reset Extended 100E VEE Range of -4.2 V to -5.46 V
6-BIT UNIVERSAL UP/DOWN COUNTER
The CLOUT output will pulse LOW for one clock cycle one count before the E136 reaches terminal count. The COUT output will pulse LOW for one clock cycle when the counter reaches terminal count. For more information on utilizing the look-ahead-carry features of the device please refer to the applications section of this data sheet. The differential COUT output facilitates the E136's use in programmable divider and self-stopping counter applications.
FN SUFFIX PLASTIC PACKAGE CASE 776-02
Unlike the H136 and other similar universal counter designs the E136 carry out and look-ahead-carry out signals are registered on chip. This design alleviates the glitch problem seen on many counters where the carry out signals are merely gated. Because of this architecture there are some minor functional differences between the E136 and H136 counters. The user, regardless of familiarity with the H136, should read this data sheet carefully. Note specifically (see logic diagram) the operation of the carry out outputs and the look-ahead-carry in input when utilizing the master reset. When left open all of the input pins will be pulled LOW via an input pulldown resistor. The master reset is an asynchronous signal which when asserted will force the Q outputs LOW. The Q outputs need not be terminated for the E136 to function properly, in fact if these outputs will not be used in a system it is recommended to save power and minimize noise that they be left open. This practice will minimize switching noise which can reduce the maximum count frequency of the device or significantly reduce margins against other noise in the system. PIN NAMES
Pin D0 - D5 Q0 - Q5 S1, S2 MR CLK COUT, COUT CLOUT CIN CLIN Function Preset Data Inputs Data Inputs Mode Control Pins Master Reset Clock Input Carry-Out Output (Active LOW) Look-Ahead-Carry Out (Active LOW) Carry-In Input (Active LOW) Look-Ahead-Carry In Input (Active LOW) D2 S2 S1 VEE CLK CIN CLIN 26 27 28 1 2 3 4 5 6 7 8 9 10 11 D3 25 D4 24 D5 23 VCCO 22 Q5 21 Q4 20 VCCO 19 18 17 16 15 14 13 12 Q3 Q2 VCC VCCO COUT COUT CLOUT
Pinout: 28-lead PLCC (Top View)
FUNCTION TABLE (Expanded truth table on page 2-4)
S1 L L L H H H X
5/95
S2 L H H L L H X
CIN X L H L H X X
MR L L L L L L H
CLK Z Z Z Z Z Z X
Function Preset Parallel Data Increment (Count Up) Hold Count Decrement (Count Down) Hold Count Hold Count Reset (Qn = LOW)
D1 MR D0 VCCO Q0 Q1 VCCO * All VCC and VCCO pins are tied together on the die.
(c) Motorola, Inc. 1996
2-1
REV 2
MC10E136 MC100E136
MOTOROLA QM0 DQ SQ COUT COUT DQ RQ Bits 2 - 4 DQ RQ DQ RQ DQ S QM1 QM0 CLOUT D0 Q0 D1 Q1 D2 - D4 Q2 - Q4 D5 Q5
S1 S2
CIN
CLIN
DQ
S
E136 Universal Up/Down Counter Logic Diagram
2-2
MR CLK
Note that this diagram is provided for understanding of logic operation only. It should not be used for propagation delays as many gate functions are achieved internally without incurring a full gate delay.
ECLinPS and ECLinPS Lite DL140 -- Rev 4
MC10E136 MC100E136
DC CHARACTERISTICS
(VEE = VEE(min) to VEE(max); VCC = VCCO = GND) 0C Characteristic Input HIGH Current Power Supply Current 10E 100E Symbol IIH IEE -- -- 125 125 150 150 -- -- 125 125 150 150 -- -- 125 140 150 170 Min -- Typ -- Max 150 Min -- 25C Typ -- Max 150 Min -- 85C Typ -- Max 150 Unit A mA Condition
AC CHARACTERISTICS
(VEE = VEE(min) to VEE(max); VCC = VCCO = GND) 0C 25C Max -- 1450 1450 1300 1400 -- -- -- -- -- -- -- -- -- -- 600 700 Min 550 850 850 800 825 1000 800 150 800 150 150 300 150 1000 700 275 300 Typ 650 1150 1150 1150 1150 650 400 0 400 -200 -250 0 -250 700 400 -- -- Max -- 1450 1450 1300 1400 -- -- -- -- -- -- -- -- -- -- 600 700 Min 550 850 850 800 825 1000 800 150 800 150 150 300 150 1000 700 275 300 85C Typ 650 1150 1150 1150 1150 650 400 0 400 -200 -250 0 -250 700 400 -- -- Max -- 1450 1450 1300 1400 ps 1000 800 150 800 th 150 150 300 150 tRR tPW 700 tr tf 275 300 400 -- -- -- ps 600 700 20% - 80% 1000 -200 -250 0 -250 700 -- -- -- -- -- ps ps 650 400 0 400 -- -- -- -- ps Unit MHz ps 850 850 800 825 1150 1150 1150 1150 Condition
Characteristic Maximum Count Frequency Propagation Delay to Output CLK to Q MR to Q CLK to COUT CLK to CLOUT Setup Time S1, S2 D CLIN CIN Hold Time S1, S2 D CLIN CIN Reset Recovery Time Minimum Pulse Width CLK, MR Rise/Fall Times COUT Other
Symbol fCOUNT tPLH tPHL
Min 550
Typ 650
ts
ECLinPS and ECLinPS Lite DL140 -- Rev 4
2-3
MOTOROLA
MC10E136 MC100E136
EXPANDED TRUTH TABLE
Function Preset Down S1 L H H H H L L L L L L L H H H H H H H H H H H L L L L L L L L L L L L X S2 L L L L L L H H H H H H H H L L L L L L L L H L H H H H H H H H H H H X MR L L L L L L L L L L L L L L L L L L L L L L L L L L L L L L L L L L L H CIN X L L L L X L L L L L L X X L H L H H H L L L X L L H L H H L L L L L X CLIN X L L L L X L L L L L L X X L L L L L H H L L X L L L L L H L L L L L X CLK Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z Z X D5 L X X X X H X X X X X X X X X X X X X X X X X H X X X X X X X X X X X X D4 L X X X X H X X X X X X X X X X X X X X X X X H X X X X X X X X X X X X D3 L X X X X H X X X X X X X X X X X X X X X X X H X X X X X X X X X X X X D2 L X X X X H X X X X X X X X X X X X X X X X X H X X X X X X X X X X X X D1 H X X X X L X X X X X X X X X X X X X X X X X L X X X X X X X X X X X X D0 H X X X X L X X X X X X X X X X X X X X X X X L X X X X X X X X X X X X Q5 L L L L H H H H H L L L L L L L L L L L L L L H H H H H H H H L L L L L Q4 L L L L H H H H H L L L L L L L L L L L L L L H H H H H H H H L L L L L Q3 L L L L H H H H H L L L L L L L L L L L L L L H H H H H H H H L L L L L Q2 L L L L H H H H H L L L L L L L L L L L L L L H H H H H H H H L L L L L Q1 H H L L H L L H H L L H H H L L L L L L L L L L L H H H H H H L L H H L Q0 H L H L H L H L H L H L L L H H L L L L L L L L H L L H H H H L H L H L COUT H H H L H H H H L H H H H H H H L H H H L L L H H H H L H H L H H H H H CLOUT H H L H H H H L H H H H H H L H H H H H H H H H H L H H H H H H H H H H
Preset Up
Hold Down Hold Down Hold
Hold Hold Preset Up Hold Up Hold Hold Up
Reset
Z = Low to High Transition
MOTOROLA
2-4
ECLinPS and ECLinPS Lite DL140 -- Rev 4
MC10E136 MC100E136
APPLICATIONS INFORMATION
Overview The MC10E/100E136 is a 6-bit synchronous, presettable, cascadable universal counter. Using the S1 and S2 control pins the user can select between preset, count up, count down and hold count. The master reset pin will reset the internal counter, and set the COUT, CLOUT, and CLIN flip-flops. Unlike previous 136 type counters the carry out outputs will go to a high state during the preset operation. In addition since the carry out outputs are registered they will not go low if terminal count is loaded into the register. The look-ahead-carry out output functions similarly. Note from the schematic the use of the master information from the least significant bits for control of the two carry out functions. This architecture not only reduces the carry out delay, but is essential to incorporate the registered carry out functions. In addition to being faster, because these functions are registered the resulting carry out signals are stable and glitch free. Cascading Multiple E136 Devices Many applications require counters significantly larger than the 6 bits available with the E136. For these applications several E136 devices can be cascaded to increase the bit width of the counter to meet the needs of the application. In the past cascading several 136 type universal counters necessarily impacted the maximum count frequency of the resulting counter chain. This performance impact was the result of the terminal count signal of the lower order counters having to ripple through the entire counter chain. As a result past counters of this type were not widely used in large bit counter applications. An alternative counter architecture similar to the E016 binary counter was implemented to alleviate the need to ripple propagate the terminal count signal. Unfortunately these types of counters require external gating for cascading designs of more than two devices. In addition to requiring additional components, these external gates limit the cascaded count frequency to a value less than the free running count frequency of a single counter. Although there is a performance impact with this type of architecture it is minor compared to the impact of the ripple propagate designs. As a result the E016 type counters have been used extensively in applications requiring very high speed, wide bit width synchronous counters. Motorola has incorporated several improvements to past universal counter designs in the E136 universal counter. These enhancements make the E136 the unparalleled leader in its class. With the addition of look-ahead-carry features on the terminal count signal, very large counter chains can be designed which function at very nearly the same clock frequency as a single free running device. More importantly these counter chains require no external gating. Figure 1 below illustrates the interconnect scheme for using the look-ahead-carry features of the E136 counter.
Q0 -> Q5
Q0 -> Q5
Q0 -> Q5
Q0 -> Q5
CLOCK
CLK LSB
CLK
CLK
CLK MSB
"LO" "LO"
CIN CLIN
COUT CLOUT
"LO"
CIN CLIN
COUT CLOUT
CIN CLIN
COUT CLOUT
CIN CLIN
COUT CLOUT
D0 -> D5
D0 -> D5
D0 -> D5
D0 -> D5
111101 CLK CLOUT
111110
111111
000000
000001
COUT
Figure 1. 24-bit Cascaded E136 Counter
ECLinPS and ECLinPS Lite DL140 -- Rev 4
2-5
MOTOROLA
MC10E136 MC100E136
CIN
ACTIVE LOW D Q
CLIN CLK
During the clock pulse in which the higher order counter is counting by one the CLIN is clocking in the high signal presented by the CLOUT of the LSC. The CIN's in the higher order counter will ripple propagate through the chain to update the count status for the next occurrence of terminal count on the LSC. This ripple propagation will not affect the count frequency as it has 26-1 or 63 clock pulses to ripple through without affecting the count operation of the chain. The only limiting factor which could reduce the count frequency of the chain as compared to a free running single device will be the setup time of the CLIN input. This limit will consist of the CLK to CLOUT delay of the E136 plus the CLIN setup time plus any path length differences between the CLOUT output and the clock. Programmable Divider Using external feedback of the COUT pin, the E136 can be configured as a programmable divider. Figure 3 illustrates the configuration for a 6-bit count down programmable divider. If for some reason a count up divider is preferred the COUT signal is simply fed back to S2 rather than S1. Examination of the truth table for the E136 shows that when both S1 and S2 are LOW the counter will parallel load on the next positive transition of the clock. If the S2 input is low and the S1 input is high the counter will be in the count down mode and will count towards an all zero state upon successive clock pulses. Knowing this and the operation of the COUT output it becomes a trivial matter to build programmable dividers. For a programmable divider one wants to load a predesignated number into the counter and count to terminal count. Upon terminal count the counter should automatically reload the divide number. With the architecture shown in Figure 3 when the counter reaches terminal count the COUT output and thus the S1 input will go LOW, this combined with the low on S2 will cause the counter to load the inputs present on D0-D5. Upon loading the divide value into the counter COUT will go HIGH as the counter is no longer at terminal count thereby placing the counter back into the count mode.
Figure 2. Look-Ahead-Carry Input Structure Note from the waveforms that the look-ahead-carry output (CLOUT) pulses low one clock pulse before the counter reaches terminal count. Also note that both CLOUT and the carry out pin (COUT) of the device pulse low for only one clock period. The input structure for look-ahead-carry in (CLIN) and carry in (CIN) is pictured in Figure 2. The CLIN input is registered and then ORed with the CIN input. From the truth table one can see that both the CIN and the CLIN inputs must be in a LOW state for the E136 to be enabled to count (either count up or count down). The CLIN inputs are driven by the CLOUT output of the lowest order E136 and therefore are only asserted for a single clock period. Since the CLIN input is registered it must be asserted one clock period prior to the CIN input. If the counter previous to a given counter is at terminal count its COUT output and thus the CIN input of the given counter will be in the "LOW" state. This signals the given counter that it will need to count one upon the next terminal count of the least significant counter (LSC). The CLOUT output of the LSC will pulse low one clock period before it reaches terminal count. This CLOUT signal will be clocked into the CLIN input of the higher order counters on the following positive clock transition. Since both CIN and CLIN are in the LOW state the next clock pulse will cause the least significant counter to roll over and all higher order counters, if signaled by their CIN inputs, to count by one.
Q0 -> Q5
Table 1. Preset Inputs Versus Divide Ratio
S0 CLOCK CLK S1 "LO" Divide Ratio 2 3 4 5 * * 36 37 38 * * 62 63 64 D5 L L L L * * H H H * * H H H D4 L L L L * * L L L * * H H H Preset Data Inputs D3 L L L L * * L L L * * H H H D2 L L L H * * L H H * * H H H D1 L H H L * * H L L * * L H H D0 H L H L * * H L H * * H L H
COUT COUT
D0 -> D5
Figure 3. 6-bit Programmable Divider
MOTOROLA
2-6
ECLinPS and ECLinPS Lite DL140 -- Rev 4
MC10E136 MC100E136
LOAD 100100 CLOCK *** S1 *** COUT DIVIDE BY 37
100011
100010 ***
000011
000010
000001
000000
LOAD
Figure 4. Programmable Divider Waveforms
The exercise of building a programmable divider then becomes simply determining what value to load into the counter to accomplish the desired division. Since the load operation requires a clock pulse, to divide by N, N-1 must be loaded into the counter. A single E136 device is capable of divide ratios of 2 to 64 inclusive, Table 1 outlines the load values for the various divide ratios. Figure 4 presents the waveforms resulting from a divide by 37 operation. Note that the availability of the COUT complimentary output COUT allows the user to choose the polarity of the divide by output. For single device programmable counters the E016 counter is probably a better choice than the E136. The E016 has an internal feedback to control the reloading of the counter, this not only simplifies board design but also will result in a faster maximum count frequency. For programmable dividers of larger than 8 bits the
superiority of the E016 diminishes, and in fact for very wide dividers the E136 will provide the capability of a faster count frequency. This potential is a result of the cascading features mentioned previously in this document. Figure 5 shows the architecture of a 24-bit programmable divider implemented using E136 counters. Note the need for one external gate to control the loading of the entire counter chain. An ideal device for the external gating of this architecture would be the 4-input OR function in the 8-lead SOIC ECLinPS LiteTM family. However the final decision as to what device to use for the external gating requires a balancing of performance needs, cost and available board space. Note that because of the need for external gating the maximum count frequency of a given sized programmable divider will be less than that of a single cascaded counter.
Q0 -> Q5
Q0 -> Q5
Q0 -> Q5
Q0 -> Q5
CLOCK
CLK LSB
S1
CLK
S1
CLK
S1
CLK MSB
S1
"LO" "LO"
CIN CLIN
COUT CLOUT
"LO"
CIN CLIN
COUT CLOUT
CIN CLIN
COUT CLOUT
CIN CLIN
COUT CLOUT
D0 -> D5
D0 -> D5
D0 -> D5
D0 -> D5
Figure 5. 24-bit Programmable Divider Architecture
ECLinPS and ECLinPS Lite DL140 -- Rev 4
2-7
MOTOROLA
MC10E136 MC100E136
OUTLINE DIMENSIONS
FN SUFFIX PLASTIC PLCC PACKAGE CASE 776-02 ISSUE D
0.007 (0.180) U T L -M
M
B -NY BRK
M
S
N
S S
0.007 (0.180)
T L -M
N
S
D Z -L-M-
W
28 1
D X VIEW D-D G1 0.010 (0.250)
S
V
T L -M
S
N
S
A Z R
0.007 (0.180) 0.007 (0.180)
M
T L -M T L -M
S
N N
S
H
S
0.007 (0.180)
M
T L -M
S
N
S
M
S
C
E G G1 0.010 (0.250)
S
K1 0.004 (0.100) J -TSEATING PLANE
K F VIEW S 0.007 (0.180)
M
VIEW S T L -M
S
T L -M
S
N
S
N
S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIM G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIM R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.485 0.495 0.485 0.495 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 -- 0.025 -- 0.450 0.456 0.450 0.456 0.042 0.048 0.042 0.048 0.042 0.056 -- 0.020 2 10 0.410 0.430 0.040 --
MILLIMETERS MIN MAX 12.32 12.57 12.32 12.57 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 -- 0.64 -- 11.43 11.58 11.43 11.58 1.07 1.21 1.07 1.21 1.07 1.42 -- 0.50 2 10 10.42 10.92 1.02 --
MOTOROLA
2-8
ECLinPS and ECLinPS Lite DL140 -- Rev 4
MC10E136 MC100E136
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
ECLinPS and ECLinPS Lite DL140 -- Rev 4 2-9
*MC10E136/D*
MC10E136/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC10E136

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X