Part Number Hot Search : 
FSD12C UPA804 CPC1726 00LB144I 07590 SSR1645C B1200 651G0
Product Description
Full Text Search
 

To Download MC10E116 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Quint Differential Line Receiver
The MC10E/100E116 is a quint differential line receiver with emitter-follower outputs. An internally generated reference supply (VBB) is available for single-ended reception.
MC10E116 MC100E116
QUINT DIFFERENTIAL LINE RECEIVER
* * * * *
500ps Max. Propagation Delay VBB Supply Output Dedicated VCCO Pin for Each Receiver Extended 100E VEE Range of - 4.2V to - 5.46V 75k Input Pulldown Resistors
Active current sources plus a deep collector feature of the MOSAIC III process provide the receivers with excellent common-mode noise rejection. Each receiver has a dedicated VCCO supply lead, providing optimum symmetry and stability. The receiver design features clamp circuitry to cause a defined state if both the inverting and non-inverting inputs are left open; in this case the Q output goes LOW, while the Q output goes HIGH. This feature makes the FN SUFFIX device ideal for twisted pair applications. PLASTIC PACKAGE If both inverting and non-inverting inputs are at an equal potential of CASE 776-02 > -2.5V, the receiver does not go to a defined state, but rather current-shares in normal differential amplifier fashion, producing output voltage levels midway between HIGH and LOW, or the device may even oscillate. The device VBB output is intended for use as a reference voltage for single-ended reception of ECL signals to that device only. When using for this purpose, it is recommended that VBB is decoupled to VCC via a 0.01F capacitor. Please refer to the interface section of the design guide for information on using the E116 in specialized applications. The E116 features input pull-down resistors, as does the rest of the ECLinPS family. For applications which require bandwidths greater than that of the E116, the E416 device may be of interest. Pinout: 28-Lead PLCC (Top View)
D3 25 D3 26 27 28 1 2 3 4 5 D1 6 D1 7 VCCO 8 Q0 9 Q0 10 VCCO 11 Q1 D4 24 D4 23 VCCO 22 Q4 21 Q4 20 VCCO 19 18 17 16 15 14 13 12 Q3 Q3 VCC Q2 Q2 VCCO Q1
PIN NAMES
Pin D0, D0 - D4, D4 Q0, Q0 - Q4, Q4 VBB Function Differential Input Pairs Differential Output Pairs Reference Voltage Output.
D2 D2 VEE VBB D0 D0
* All VCC and VCCO pins are tied together on the die.
5/95
(c) Motorola, Inc. 1996
2-1
REV 3
MC10E116 MC100E116
LOGIC DIAGRAM
D0 D0 D1 D1 D2 D2 D3 D3 D4 D4 VBB Q0 Q0 Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
-40C Symbol VBB Characteristic Output Reference Voltage 10E 100E Input HIGH Current Power Supply Current 10E 100E Input Sensitivity Commom Mode Range 150 -2.0 -0.6 29 29 Min -1.43 -1.38 Typ Max -1.30 -1.26 200 Min -1.38 -1.38 0C Typ Max -1.27 -1.26 200 Min -1.35 -1.38 25C Typ Max -1.25 -1.26 200 Min -1.31 -1.38 85C Typ Max -1.19 -1.26 200 A mA 35 35 150 -2.0 -0.6 29 29 35 35 150 -2.0 -0.6 29 29 35 35 150 -2.0 -0.6 29 29 35 40 mV V 1 2 Unit V Cond
IIH IEE
VPP(DC) VCMR
1. Differential input voltage required to obtain a full ECL swing on the outputs. 2. VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The VIL level must be such that the peak to peak voltage is less than 1.0 V and greater than or equal to VPP(min).
AC CHARACTERISTICS (VEE = VEE (min) to VEE (max); VCC = VCCO = GND)
-40C Symbol tPLH tPHL tskew tskew VPP(AC) tr/tf Characteristic Propagation Delay to Output D (Differential) D (Single-Ended) Within-Device Skew Duty Cycle Skew Minimum Input Swing Rise/Fall Time tPLH - tPHL 150 250 375 625 Min 150 150 Typ 300 300 50 10 150 275 375 575 Max 500 550 Min 200 150 0C to 85C Typ 300 300 50 10 Max 450 500 ps ps mV ps 1 2 3 20-80% Unit ps Condition
1. Within-device skew is defined as identical transitions on similar paths through a device. 2. Duty cycle skew is defined only for differential operation when the delays are measured from the cross point of the inputs to the cross point of the outputs. 3. Minimum input swing for which AC parameters are guaranteed.
MOTOROLA
2-2
ECLinPS and ECLinPS Lite DL140 -- Rev 4
MC10E116 MC100E116
OUTLINE DIMENSIONS
FN SUFFIX PLASTIC PLCC PACKAGE CASE 776-02 ISSUE D
0.007 (0.180) U T L -M
M
B -NY BRK
M
S
N
S S
0.007 (0.180)
T L -M
N
S
D Z -L-M-
W
28 1
D X VIEW D-D G1 0.010 (0.250)
S
V
T L -M
S
N
S
A Z R
0.007 (0.180) 0.007 (0.180)
M
T L -M T L -M
S
N N
S
H
S
0.007 (0.180)
M
T L -M
S
N
S
M
S
C
E G G1 0.010 (0.250)
S
K1 0.004 (0.100) J -TSEATING PLANE
K F VIEW S 0.007 (0.180)
M
VIEW S T L -M
S
T L -M
S
N
S
N
S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIM G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIM R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.485 0.495 0.485 0.495 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 -- 0.025 -- 0.450 0.456 0.450 0.456 0.042 0.048 0.042 0.048 0.042 0.056 -- 0.020 2 10 0.410 0.430 0.040 --
MILLIMETERS MIN MAX 12.32 12.57 12.32 12.57 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 -- 0.64 -- 11.43 11.58 11.43 11.58 1.07 1.21 1.07 1.21 1.07 1.42 -- 0.50 2 10 10.42 10.92 1.02 --
ECLinPS and ECLinPS Lite DL140 -- Rev 4
2-3
MOTOROLA
MC10E116 MC100E116
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA 2-4
*MC10E116/D*
MC10E116/D ECLinPS and ECLinPS Lite DL140 -- Rev 4


▲Up To Search▲   

 
Price & Availability of MC10E116

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X