Part Number Hot Search : 
SMA78A 12CNE8N NE555 183J12 FFCR8EH2 FMMT494 2SD27021 330MD
Product Description
Full Text Search
 

To Download MAX392 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-0236; Rev 1; 6/99
Precision, Quad, SPST Analog Switches
General Description
The MAX391/MAX392/MAX393 are precision, quad, single-pole/single-throw (SPST) analog switches designed to operate at +3V, +5V, or 5V. The MAX391 has four normally closed (NC) switches, and the MAX392 has four normally open (NO) switches. The MAX393 has two NO and two NC switches. All three devices offer low leakage (100pA max) and fast switching speeds (tON 130ns, tOFF 75ns). Power consumption is just 1W--ideal for battery-operated equipment. All devices operate from a single +3V to +15V supply or from dual 3.0V to 8V supplies. With 5V supplies, the MAX391/MAX392/MAX393 offer guaranteed 2 max channel-to-channel matching, 30 max on-resistance (RON), and 4 max RON flatness over the specified range. These switches are also fully specified for single +5V operation, with 2 max RON match, 60 max RON, and 6 max flatness. These low-voltage switches also offer 5pC max charge injection, and ESD protection is greater than 2000V, per method 3015.7.
Features
o Low On-Resistance, 20 Typical o Guaranteed On-Resistance Match Between Channels, <2 o Guaranteed On-Resistance Flatness Over Signal Range, 4 Max o Guaranteed Charge Injection, <5pC o Improved Leakage Over Temperature, <2.5nA at +85C o Electrostatic Discharge >2000V per Method 3015.7 o Single-Supply Operation (+3V to +15V) Bipolar-Supply Operation (3V to 8V) o Low Power Consumption, <1W o TTL/CMOS-Logic Compatible
MAX391/MAX392/MAX393
Ordering Information
PART MAX391CPE MAX391CSE MAX391CUE MAX391C/D MAX391EPE MAX391ESE MAX391EUE TEMP. RANGE 0C to +70C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 16 Plastic DIP 16 Narrow SO 16 TSSOP Dice* 16 Plastic DIP 16 Narrow SO 16 TSSOP
________________________Applications
Battery-Operated Systems Sample-and-Hold Circuits Heads-Up Displays Test Equipment 5V DACs and ADCs Guidance and Control Systems Communications Systems PBX, PABX Audio and Video Switching Military Radios
Ordering Information continued at end of data sheet. * Contact factory for dice specifications. ** Contact factory for availability and processing to MIL-STD-883.
_____________________Pin Configurations/Functional Diagrams/Truth Tables
TOP VIEW
IN1 COM1 NC1 VGND NC4 COM4 IN4 1 2 3 4 5 6 7 8 16 IN2 15 COM2 14 NC2 13 V+ IN1 COM1 NO1 VGND NO4 COM4 IN4 1 2 3 4 5 6 7 8 16 IN2 15 COM2 14 NO2 13 V+ IN1 COM1 NO1 VGND NO4 COM4 IN4 1 2 3 4 5 6 7 8 16 IN2 15 COM2 14 NC2 13 V+
MAX391
12 N.C. 11 NC3 10 COM3 9 IN3
MAX392
12 N.C. 11 NO3 10 COM3 9 IN3
MAX393
12 N.C. 11 NC3 10 COM3 9 IN3
DIP/SO/TSSOP
MAX391 LOGIC SWITCH 0 1 N.C. = NO CONNECT ON OFF
DIP/SO/TSSOP
MAX392 LOGIC SWITCH 0 1 OFF ON
DIP/SO/TSSOP
LOGIC 0 1 MAX393 SWITCHES 1, 4 OFF ON SWITCHES 2, 3 ON OFF
SWITCHES SHOWN FOR LOGIC "0" INPUT
________________________________________________________________ Maxim Integrated Products
1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
Precision, Quad, SPST Analog Switches MAX391/MAX392/MAX393
ABSOLUTE MAXIMUM RATINGS
Voltage Referenced to VV+ .......................................................................-0.3V to +17V GND....................................................................-0.3V to +17V GND..........................................................-0.3V to (V+ + 0.3V) VIN, VCOM, VNC, VNO (Note 1) ........................................V- to V+ Current (any terminal) .........................................................30mA Peak Current, COM, NO, NC (pulsed at 1ms, 10% duty cycle max) ..........................100mA ESD per Method 3015.7 ..................................................>2000V Continuous Power Dissipation (TA = +70C) Plastic DIP (derate 10.53mW/C above+70C) ...........842mW Narrow SO (derate 8.70mW/C above +70C) ............696mW TSSOP (derate 6.7mW/C above +70C) ....................457mW CERDIP (derate 10.00mW/C above +70C) ...............800mW Operating Temperature Ranges MAX39_C_ _ .......................................................0C to +70C MAX39_E_ _.....................................................-40C to +85C MAX39_M_ _ ..................................................-55C to +125C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C
Note 1:
Signals on NC, NO, COM, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to maximum current rating.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS--Dual Supplies
(V+ = +5V 10%, V- = -5V 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER ANALOG SWITCH Analog Signal Range VCOM, VNO, VNC (Note 3) V+ = 4.5V, V- = -4.5V, ICOM = -10mA, VNO or VNC = 3.5V V+ = 5V, V- = -5V, ICOM = -10mA, VNO or VNC = 3V TA = +25C C, E M V20 20 V+ 35 30 45 0.3 2 4 1 4 6 -0.1 -2.5 -5 -0.1 -2.5 -5 -0.2 -5.0 -20 0.01 0.01 0.01 0.1 2.5 5 0.1 2.5 5 0.2 5.0 20 nA nA nA V SYMBOL CONDITIONS MIN TYP (Note 2) MAX UNITS
On-Resistance
RON
TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN C, E to TMAX M TA = +25C TA = TMIN C, E to TMAX M TA = +25C TA = TMIN C, E to TMAX M
On-Resistance Match Between Channels (Note 4)
RON
On-Resistance Flatness (Note 5)
V+ = 5V, V- = -5V, RFLAT(ON) ICOM = -10mA, VNO or VNC = 3V INO(OFF)
or INC(OFF)
NO or NC Off Leakage Current (Note 6)
V+ = 5.5V, V- = -5.5V, VCOM = 4.5V, VNO or VNC = 4.5V
COM Off Leakage Current (Note 6)
V+ = 5.5V, V- = -5.5V, ICOM(OFF) VCOM = 4.5V, VNO or VNC = 4.5V V+ = 5.5V, V- = -5.5V, VCOM = 4.5V, VNO or VNC = 4.5V
COM On Leakage Current (Note 6)
ICOM(ON)
2
_______________________________________________________________________________________

Precision, Quad, SPST Analog Switches
ELECTRICAL CHARACTERISTICS--Dual Supplies (continued)
(V+ = +5V 10%, V- = -5V 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER LOGIC INPUT Input Current with Input Voltage High Input Current with Input Voltage Low DYNAMIC Turn-On Time Turn-Off Time Break-Before-Make Time Delay (Note 3) Charge Injection (Note 3) Off Isolation (Note 7) Crosstalk (Note 8) NC or NO Capacitance COM Off Capacitance COM On Capacitance SUPPLY Power-Supply Range Positive Supply Current I+ V+ = 5.5V, V- = -5.5V, VIN = 0V or V+, All channels on or off V+ = 5.5V, V- = -5.5V, VIN = 0V or V+, All channels on or off TA = TMIN to TMAX -8.0 -1 +8.0 1 V A C(OFF) tON tOFF tD Q OIRR VCOM = 3V, Figure 2 VCOM = 3V, Figure 2 TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX 5 10 2 72 85 9 9 22 5 35 65 130 175 75 100 ns ns ns pC dB dB pF pF pF IINH IINL IN = 2.4V, all others = 0.8V IN = 0.8V, all others = 2.4V -0.5 -0.5 0.005 0.005 0.5 0.5 A A SYMBOL CONDITIONS MIN TYP (Note 2) MAX UNITS
MAX391/MAX392/MAX393
MAX393 only, RL = 300, CL = 35pF, Figure 3 CL = 1.0nF, VGEN = 0V, RGEN = 0, Figure 4 RL = 50, CL = 5pF, f = 1MHz, Figure 5 RL = 50, CL = 5pF, f = 1MHz, Figure 6 f = 1MHz, Figure 7 TA = +25C TA = +25C TA = +25C TA = +25C TA = +25C TA = +25C
CCOM(OFF) f = 1MHz, Figure 7 CCOM(ON) f = 1MHz, Figure 8
Negative Supply Current
I-
TA = TMIN to TMAX
-1
1
A
_______________________________________________________________________________________
3
Precision, Quad, SPST Analog Switches MAX391/MAX392/MAX393
ELECTRICAL CHARACTERISTICS--Single +5V Supply
(V+ = +5V 10%, V- = 0V 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER ANALOG SWITCH Analog Signal Range VCOM, VNO, VNC RON (Note 3) TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX 10 1 5 25 C, E M C, E M C, E M -0.25 -0.1 -2.5 -0.1 -2.5 -5.0 -0.2 -5.0 -20 85 0.01 2 0.8 0 30 V+ 60 75 2 4 6 8 0.25 0.1 2.5 0.1 2.5 5.0 0.2 5.0 20 170 240 50 100 nA nA nA V SYMBOL CONDITIONS MIN TYP (Note 2) MAX UNITS
On-Resistance On-Resistance Match Between Channels (Note 4) On-Resistance Flatness (Notes 3, 5) NO or NC Off Leakage Current (Note 9)
V+ = 4.5V, ICOM = -10mA, VNO or VNC = 3.5V V+ = 5V, ICOM = -1.0mA, RON VNO or VNC = 3V V+ = 5V, RFLAT(ON) ICOM = -1.0mA, VNO or VNC = 1V, 3V INO(OFF)
or INC(OFF)

V+ = 5.5V, VCOM = 0V, VNO or VNC = 4.5V
COM Off Leakage Current (Note 9)
V+ = 5.5V, ICOM(OFF) VCOM = 0V, VNO or VNC = 4.5V V+ = 5.5V, VCOM = 5V, VNO or VNC = 4.5V
COM On Leakage Current (Note 9) DYNAMIC Turn-On Time Turn-Off Time Break-Before-Make Time Delay (Note 3) Charge Injection (Note 3) SUPPLY Positive Supply Current Negative Supply Current
ICOM(ON)
tON tOFF tD Q
VNO or VNC = 3V VNO or VNC = 3V
ns ns ns pC
MAX393 only, RL = 300, CL = 35pF CL = 1.0nF, VGEN = 0V, RGEN = 0, Figure 4 TA = +25C
I+ I-
V+ = 5.5V, VIN = 0V or V+, all channels on or off V+ = 5.5V, VIN = 0V or V+, all channels on or off
-1 -1
1 1
A A
4
_______________________________________________________________________________________
Precision, Quad, SPST Analog Switches
ELECTRICAL CHARACTERISTICS--Single +3.3V Supply
(V+ = +3.0V to +3.6V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER ANALOG SWITCH Analog Signal Range VCOM, VNO, VNC RON (Note 3) V+ = 3V, ICOM = -1.0mA, VNO or VNC = 1.5V TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = +25C 20 1 5 40 160 0 83 V+ 175 275 400 500 125 175 V SYMBOL CONDITIONS MIN TYP (Note 2) MAX UNITS
MAX391/MAX392/MAX393
Channel On-Resistance DYNAMIC Turn-On Time (Note 3) Turn-Off Time (Note 3) Break-Before-Make Time Delay (Note 3) Charge Injection (Note 3) SUPPLY Positive Supply Current
tON tOFF tD Q
VNO or VNC = 1.5V VNO or VNC = 1.5V MAX393 only, RL = 300, CL = 35pF CL = 1.0nF, VGEN = 0V, RGEN = 0V
ns ns ns pC
I+
V+ = 3.6V, VIN = 0V or V+, all channels on or off
-1
1
A
Negative Supply Current
I-
V+ = 3.6V, VIN = 0V or V+, all channels on or off
-1
1
A
Note 2: Note 3: Note 4: Note 5: Note 6: Note 7: Note 8: Note 9:
The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in this data sheet. Guaranteed by design. RON = RON max - RON min. Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified analog signal range. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25C. Off Isolation = 20log10 [ VCOM (VNC or VNO) ], VCOM = output, VNC or VNO = input to off switch. Between any two switches. Leakage testing at single supply is guaranteed by testing with dual singles.
_______________________________________________________________________________________
5
Precision, Quad, SPST Analog Switches MAX391/MAX392/MAX393
__________________________________________Typical Operating Characteristics
(TA = +25C, unless otherwise noted.)
RON vs. VCOM (DUAL SUPPLIES)
MAX391-01
RON vs. VCOM AND TEMPERATURE (DUAL SUPPLIES)
V+ = +5V, V- = -5V A: B: C: D: TA = +125C TA = +85C TA = +25C TA = -55C
MAX391-02
RON vs. VCOM (SINGLE SUPPLY)
V- = 0V 100 80 RON () V+ = 3V 60 40 20
MAX391-03
40 35 30 RON () 25 20 B 15 10 -5.0 -2.5 0 VCOM (V) 2.5 A: V+ = 3V, V- = -3V B: V+ = 5V, V- = -5V
40 35 30 RON () 25 20 C 15 D 10
120
A
A B
V+ = 5V V+ = 12V
0 -5.0 -2.5 0 VCOM (V) 2.5 5.0 0 2 4 6 VCOM (V) 8 10 12
5.0
RON vs. VCOM AND TEMPERATURE (SINGLE SUPPLY)
MAX391-04
OFF LEAKAGE CURRENT vs. TEMPERATURE
MAX351-05
ON LEAKAGE CURRENT vs. TEMPERATURE
V+ = 5.5V, V- = -5.5V VCOM = 4.5V
MAX391-06
120 100 80 RON () 60 A 40 C 20 0 0 1 2 3 4 5 VCOM (V) B D A: B: C: D: TA = +125C TA = +85C TA = +25C TA = -55C V+ = 5V V- = 0V
100 10 OFF LEAKAGE (nA) 1 0.1 0.01 V+ = 5.5V, V- = -5.5V VCOM = 4.5V VNC OR VNO = 4.5V
100 10 ON LEAKAGE (nA) 1 0.1 0.01
0.001 0.0001 -75 -25 +25 +75 +125 TEMPERATURE (C)
0.001 0.0001 -75 -25 +25 +75 +125 TEMPERATURE (C)
CHARGE INJECTION vs. VCOM
MAX391-07
SUPPLY CURRENT vs. TEMPERATURE
MAX391-08
30 20 10
100 10 1 I+, I-, (A) I+ at V+ = 5.5V 0.1 0.01 0.001 0.0001
Q (pC)
0 -10 -20 -30 -5.0
V+ = 5V, V- = -5V V+ = 5V V- = 0V
I- at V- = -5.5V
-2.5
0 VCOM (V)
2.5
5.0
-75
+25 TEMPERATURE (C)
+125
6
_______________________________________________________________________________________
Precision, Quad, SPST Analog Switches
______________________________________________________________Pin Description
PIN 1, 16, 9, 8 2, 15, 10, 7 3, 14, 11, 6 4 5 12 13 NAME IN1-IN4 COM1-COM4 NO1-NO4 or NC1-NC4 VGND N.C. V+ Inputs Analog Switch Common Terminal Switch Inputs Negative Supply-Voltage Input Ground No Connect--not internally connected Positive Supply-Voltage Input--connected to substrate FUNCTION
MAX391/MAX392/MAX393
__________Applications Information
Overvoltage Protection
Proper power-supply sequencing is recommended for all CMOS devices. Do not exceed the absolute maximum ratings, because stresses beyond the listed ratings may cause permanent damage to the devices. Always sequence V+ on first, followed by V-, and then logic inputs. If power-supply sequencing is not possible, add two small signal diodes in series with supply pins for overvoltage protection (Figure 1). Adding diodes reduces the analog signal range to 1V below V+ and 1V below V-, but low switch resistance and low leakage characteristics are unaffected. Device operation is unchanged, and the difference between V+ and V- should not exceed 17V.
POSITIVE SUPPLY V+
NO
COM
Vg VNEGATIVE SUPPLY
Figure 1. Overvoltage Protection Using Two External Blocking Diodes
_______________________________________________________________________________________
7
Precision, Quad, SPST Analog Switches MAX391/MAX392/MAX393
______________________________________________Test Circuits/Timing Diagrams
MAX391 MAX392 MAX393
SWITCH INPUT V COM COM +5V V+ NO or NC RL 300 GND 0V V-5V SWITCH OUTPUT 0V t ON SWITCH OUTPUT VOUT CL 35pF LOGIC INPUT +3V 50% 0V t r < 20ns t f < 20ns
IN LOGIC INPUT
t OFF VOUT
0.9 x V0UT
0.9 x VOUT
CL INCLUDES FIXTURE AND STRAY CAPACITANCE. RL VOUT = VCOM RL + RON
(
)
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES THAT HAVE THE OPPOSITE LOGIC SENSE.
Figure 2. Switching Time
MAX393
COM1 COM2 IN LOGIC INPUT GND
+5V V+
LOGIC INPUT NO NC RL2 VOUT2 CL2 RL1 VOUT1 CL1 SWITCH OUTPUT 1 (VOUT1) SWITCH OUTPUT 2 (VOUT2) RL = 300 CL = 35pF
+3V 50% 0V 0.9 x V0UT1 0V
VCOM1 = +3V VCOM2 = +3V
V-5V
0.9 x VOUT2 0V tD tD
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
Figure 3. Break-Before-Make Interval (MAX393 only)
MAX391 MAX392 MAX393
RGEN COM
+5V V+ VOUT NC or NO CL GND IN VVOUT IN OFF ON
VOUT
V GEN
OFF
-5V VIN = +3V
IN
OFF
ON Q = (V OUT )(C L )
OFF
IN DEPENDS ON SWITCH CONFIGURATION; INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
Figure 4. Charge Injection 8 _______________________________________________________________________________________
Precision, Quad, SPST Analog Switches
_________________________________Test Circuits/Timing Diagrams (continued)
MAX391 MAX392 MAX393
SIGNAL GENERATOR 0dBm 0V or 2.4V 0V or 2.4V ANALYZER RL -5V COM NC or NO GND VANALYZER 10nF RL -5V N02 GND COM2 V10nF
MAX391/MAX392/MAX393
10nF SIGNAL GENERATOR 0dBm
+5V
10nF
+5V
MAX391 MAX392 MAX393
N01 IN2 0V or 2.4V 50
COM
V+
V+ COM1 IN1
IN
NC
Figure 5. Isolation
Figure 6. Crosstalk
10nF
+5V
MAX391 MAX392 MAX393
10nF
+5V
MAX391 MAX392 MAX393
V+ COM CAPACITANCE METER COM
V+
IN CAPACITANCE METER f = 1MHz NC or NO GND V10nF
0V or 2.4V
IN f = 1MHz NC or NO GND V10nF
0V or 2.4V
-5V
-5V
Figure 7. Channel-Off Capacitance
Figure 8. Channel-On Capacitance
_______________________________________________________________________________________
9
Precision, Quad, SPST Analog Switches MAX391/MAX392/MAX393
__Ordering Information (continued)
PART MAX391EJE MAX391MJE MAX392CPE MAX392CSE MAX392CUE MAX392C/D MAX392EPE MAX392ESE MAX392EUE MAX392EJE MAX392MJE MAX393CPE MAX393CSE MAX393CUE MAX393C/D MAX393EPE MAX393ESE MAX393EUE MAX393EJE MAX393MJE TEMP. RANGE -40C to +85C -55C to +125C 0C to +70C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -55C to +125C 0C to +70C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -55C to +125C PIN-PACKAGE 16 CERDIP 16 CERDIP** 16 Plastic DIP 16 Narrow SO 16 TSSOP Dice* 16 Plastic DIP 16 Narrow SO 16 TSSOP 16 CERDIP 16 CERDIP** 16 Plastic DIP 16 Narrow SO 16 TSSOP Dice* 16 Plastic DIP 16 Narrow SO 16 TSSOP 16 CERDIP 16 CERDIP**
___________________Chip Topography
"A" COM1 IN1 IN2 COM2 "D"
0.102" (2.59mm) VV+
GND
* Contact factory for dice specifications. ** Contact factory for availability and processing to MIL-STD-883B.
"B" COM4 IN4
IN3 COM3 "C"
0.067" (1.70mm)
MAX391 PIN A B C D NAME NC1 NC4 NC3 NC2
MAX392 PIN A B C D NAME NO1 NO4 NO3 NO2
MAX393 PIN A B C D NAME NO1 NO4 NC3 NC2
TRANSISTOR COUNT: 76 SUBSTRATE CONNECTED TO V+
10
______________________________________________________________________________________
Precision, Quad, SPST Analog Switches
________________________________________________________Package Information
TSSOP.EPS
MAX391/MAX392/MAX393
______________________________________________________________________________________
11
Precision, Quad, SPST Analog Switches MAX391/MAX392/MAX393
___________________________________________Package Information (continued)
SOICN.EPS
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 1999 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX392

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X