Part Number Hot Search : 
74HC15 C2909 39200 A1718 RCA31W AQV212A R2000 2SK300
Product Description
Full Text Search
 

To Download MAAMSS0017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Broadband IF Driver Amplifier 50 - 450 MHz
V 1.00
Advanced
MAAMSS0017
Features
* * * * * * * Low Cost Plastic SOT-89 Package Broadband Operation Output Intercept Point of +40 dBm Output P1dB of +22 dBm High Efficiency 50 ohm Input /Output match Typical Gain of 18 dB
SOT-89 Plastic Package
Description
M/A-COM's MAAMSS0017 IF driver amplifier is a GaAs MMIC which exhibits high OIP3 as well as high gain and low power consumption in a low-cost miniature SOT89 surface mount plastic package. The MAAMSS0017 employs a monolithic single stage design featuring a convenient 50 ohm input/output impedance that minimizes the number of external components required. The device runs off a single +5 volt supply and draws 70 mA typically. The d esign provides excellent performance from 50 to 450 MHz. The MAAMSS0017 is fabricated using M/A-COM's iHBT process to realize low current and high power functionality. The process features full passivation for increased performance and reliability.
Part Number MAAMMSS0017TR MAAMSS0017TR3000
Package 1000 Piece Tape and Reel 1 3000 Piece Tape and Reel 1
1. Reference Application Note M513 for reel size information.
Electrical Specifications1: TA = +25C, Vs = 5 V,Is = 70 mA
Parameter Gain2 Noise Figure3 Input Return Loss Output Return Loss 1dB Compression Output IP3 4 Current 1. 2. 3. 4.
Test Conditions F = 50-450 MHz F = 50-450 MHz F = 50-450 MHz F = 50-450 MHz F = 50-450 MHz F = 50-450 MHz Vs = 5 V
Units dB dB dB dB dBm dBm mA
Min
Typ 18 4.4 12 15 22 40 70
Max
All measurements taken in a 50 ohm system unless otherwise specified. Gain varies at -0.008 dB/C typical. Noise figure varies at 0.007 dB/C typical OIP3 measured with Pout/Tone = +5 dBm, Tone spacing = 10 MHz
Broadband IF Driver Amplifier 50-450 MHz Board Lay-out
Function RF In GND RF Out/Bias GND
MAAMSS0017
V 1.00
Pin Configuration
Pin No. 1 2 3 4
Off-Chip Component Values
Part C1 C2 C3 L1 Value 100 pF 150 pF 10000 pF 180 nH Package 0603 0603 0603 1008
Schematic Including Off-Chip Components
Pin 1 RF In C1 100 mil Z = 50 ohms L1 C2 + 5V RF Out
C3
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
2
Broadband IF Driver Amplifier 50-450 MHz Typical Performance Curves
MAAMSS0017
V 1.00
S Parameters, Vs = 5V, Is = 70 mA
S-Parameters vs. Frequency
OIP3 vs. Frequency
OPI3 vs. Frequency
50
20.0
Magnitude (dB)
10.0 0.0 -10.0 -20.0 -30.0 0 50 100 150 200 250 300 350 400 450 500
OIP3 (dBm)
S21
45 40 35 30 25
S11 S22
20 50 100 150 200 250 300 350 400 450
Frequency (MHz)
Frequency (MHz)
Noise Figure vs. Frequency Vs = 5V, Is = 70 mA
Noise Figure vs. Frequency
6
Noise Figure (dB)
5 4 3 2 1 0 50 100 150 200 250 300 350 400 450
Frequency (MHz)
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MAAMSS0017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X