Part Number Hot Search : 
SSR1645C CPC1726 1602C SST25 26001 F421L 26001 SST25
Product Description
Full Text Search
 

To Download M5M5255DP-45LL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 '97.4.7
MITSUBISHI LSIs
M5M5255DP,FP -45LL,-55LL,-70LL, -45XL,-55XL,-70XL
262,144-BIT (32,768-WORD BY 8-BIT) CMOS STATIC RAM
DESCRIPTION
The M5M5255DP,FP is 262,144-bit CMOS static RAMs organized as 32,768-words by 8-bits which is fabricated using high-performance 3 polysilicon CMOS technology. The use of resistive load NMOS cells and CMOS periphery results in a high density and low power static RAM. Stand-by current is small enough for battery back-up application. It is ideal for the memory systems which require simple interface.
PIN CONFIGURATION (TOP VIEW)
A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ1 DQ2 1 2 3 4 5 6 7 8 9 10 11 12 13 28 27 26 25 24 23 22 21 20 19 18 17 16 15 Vcc /W A13 A8 A9 A11 S2 A10 /S1 DQ8 DQ7 DQ6 DQ5 DQ4
M5M5255DP,FP
FEATURE
Type Access Power supply current time Active Stand-by (max) (max) (max) 45ns 55ns 70ns 45ns 55ns 70ns 55mA
(Vcc=5.5V)
DQ3 GND 14
M5M5255DP, FP-45LL M5M5255DP, FP-55LL M5M5255DP, FP-70LL M5M5255DP, FP-45XL M5M5255DP, FP-55XL M5M5255DP, FP-70XL
Outline 28P4 (DP) 28P2W-C (DFP) 20A
(Vcc=5.5V)
5A
(Vcc=5.5V)
0.05A
(Vcc=3.0V, Typical)
*Single +5V power supply *No clocks, no refresh *Data-Hold on +2.0V power supply *Directly TTL compatible : all inputs and outputs *Three-state outputs : OR-tie capability *Simple memory expantion by /S1, S2 *Common Data I/O *Battery backup capability *Low stand-by current**********0.05A(typ.)
PACKAGE
M5M255DP M5M5255DFP : 28 pin 600 mil DIP : 28 pin 450 mil SOP
APPLICATION
Small capacity memory units
MITSUBISHI ELECTRIC
1
'97.4.7
MITSUBISHI LSIs
M5M5255DP,FP -45LL,-55LL,-70LL, -45XL,-55XL,-70XL
262,144-BIT (32,768-WORD BY 8-BIT) CMOS STATIC RAM
FUNCTION
The operation mode of the M5M5255DP,FP is determined by a combination of the device control inputs /S1, S2 and /W. Each mode is summarized in the function table. A write cycle is executed whenever the low level /W overlaps with the low level /S1 and the high level S2. The address must be set up before the write cycle and must be stable during the entire cycle. The data is latched into a cell on the trailing edge of /W, /S1 or S2, whichever occurs first, requiring the set-up and hold time relative to these edge to be maintained. A read cycle is executed by setting /W at a high level while /S1 and S2 are in an active state(/S1="L", S2="H"). When setting /S1 at a high level or S2 at a low level, the chip is in a non-selectable mode in which both reading and writing are disabled. In this mode, the output stage is in a high-impedance state, allowing OR-tie with other chips and memory expansion by /S1 and S2. The power supply current is reduced as low as the stand-by current which is specified as Icc3 or Icc4, and the memory data can be held at +2V power supply, enabling battery back-up operation during power failure or power-down operation in the non-selected mode.
FUNCTION TABLE
/S1 S2 /W H L L L X L H H X X L H Mode Non selection Non selection Write Read DQ High-impedance High-impedance DIN DOUT Icc Stand-by Stand-by Active Active
FUNCTION TABLE
A8 A 13 A 14 A 12 A7 A6 A5 A4 ADDRESS INPUT A3
25 26 ADDRESS INPUT BUFFER ROW DECODER 1 2 2 3 4 5 6 7 32768 WORD SENSE ANPLIFIER OUTPUT BUFFER X 8BIT
11 12 13 15 16 17 18 19
DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 DATA I/O
(512 ROWS X 512 COLUMNS)
A2 A1 A0 A 10 A 11 A9 WRITE CONTROL INPUT /W CHIP SELECT INPUT1 /S1 CHIP SELECT S2 INPUT2
8 DATA INPUT BUFFER COLUMN DECODER 9 10 21 23 24 ADDRESS INPUT BUFFER
CLOCK GENERATOR
27 20
28 14
VCC (5V) GND (0V)
22
MITSUBISHI ELECTRIC
2
'97.4.7
MITSUBISHI LSIs
M5M5255DP,FP -45LL,-55LL,-70LL, -45XL,-55XL,-70XL
262,144-BIT (32,768-WORD BY 8-BIT) CMOS STATIC RAM
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter Supply voltage Vcc VI VO Pd Topr Tstg Input voltage Output voltage Power dissipation Operating temperature Storage temperature Conditions With respect to GND Ta=25C Ratings -0.3*~7.0 -0.3*~Vcc+0.3
(Max 7.0)
Unit V V V mW
C C
0~Vcc 700 0~70 -65~150
* -3.0V in case of AC ( Pulse width 30ns )
DC ELECTRICAL CHARACTERISTICS
Symbol VIH VIL VOH1 VOH2 VOL II IO Parameter High-level input voltage Low-level input voltage High-level output voltage 1 High-level output voltage 2 Low-level output voltage Input current Output current in off-state Active supply current
(AC, MOS level )
(Ta=0~70C, Vcc=5V10%, unless otherwise noted)
Test conditions
Limits Min 2.2 -0.3 Typ Max
Vcc +0.3
Unit V V V V
0.8
IOH=-1mA IOH=-0.1mA IOL=2mA VI=0~Vcc /S1=VIH or S2=VIL or /OE=VIH VI/O=0~Vcc 45ns /S10.2V, S2>Vcc-0.2V Other inputs<0.2V or >Vcc-0.2V 55ns Output-open(duty 100%) 70ns /S1=VIL,S2=VIH other inputs=VIH or VIL Output-open(duty 100%) S20.2V or /S1Vcc-0.2V, S2Vcc-0.2V other inputs=0~Vcc /S1=VIH or S2=VIL, other inputs=0~Vcc 45ns 55ns 70ns -LL -XL
2.4
Vcc -0.5
0.4 1 1 35 30 25 35 30 25 50 45 40 55 50 45 20
V uA uA
Icc1
mA
Icc2
Active supply current
(AC, TTL level )
mA
Icc3
Stand-by current
uA 5 3 mA
Icc4
Stand-by current
* -3.0V in case of AC ( Pulse width 30ns )
CAPACITANCE
Symbol CI CO
(Ta=0~70C, Vcc=5V10%, unless otherwise noted)
Parameter Input capacitance Output capacitance
Test conditions VI=GND, VI=25mVrms, f=1MHz VO=GND,VO=25mVrms, f=1MHz
Min
Limits Typ Max 6 8
Unit pF pF
Note 0: Direction for current flowing into an IC is positive (no mark). 1: Typical value is one at Ta = 25C. 2: CI, CO are periodically sampled and are not 100% tested.
MITSUBISHI ELECTRIC
3
'97.4.7
MITSUBISHI LSIs
M5M5255DP,FP -45LL,-55LL,-70LL, -45XL,-55XL,-70XL
262,144-BIT (32,768-WORD BY 8-BIT) CMOS STATIC RAM
AC ELECTRICAL CHARACTERISTICS (1) MEASUREMENT CONDITIONS
(Ta = 0~70C, Vcc=5V10%, unless otherwise noted ) Vcc 1.8k DQ 990
(Including scope and JIG)
Input pulse level*******************VIH=2.4V,VIL=0.6V Input rise and fall time**********5ns Reference level********************VOH=VOL=1.5V Output loads*************************Fig.1,CL=30pF (-45LL,-45XL ) CL=50pF (-55LL,-55XL ) CL=100pF (-70LL,-70XL ) CL=5pF (for ten,tdis) Transition is measured 500mV from steady state voltage. (for ten,tdis)
CL
Fig.1 Output load
(2) READ CYCLE
Limits -55LL, XL Min Max 55 55 55 55 20 20 5 5 10
Symbol tCR ta(A) ta(S1) ta(S2) tdis(S1) tdis(S2) ten(S1) ten(S2) tV(A)
Parameter Read cycle time Address access time Chip select 1 access time Chip select 2 access time Output disable time after /S1 high Output disable time after S2 low Output enable time after /S1 low Output enable time after S2 high Data valid time after address
-45LL, XL Min Max 45 45 45 45 15 15 5 5 10
-70LL, XL Mi Max 70 70 70 70 25 25 5 5 10
Unit ns ns ns ns ns ns ns ns ns
(3) WRITE CYCLE
Limits -55LL, XL Min Max 55 40 0 50 50 50 25 0 0 20 5
-45LL, XL Min Max tCW 45 Write cycle time tw(W) Write pulse width 35 tsu(A) Address setup time 0 tsu(A-WH) Address setup time with respect to /W 40 tsu(S1) Chip select 1 setup time 40 tsu(S2) Chip select 2 setup time 40 tsu(D) Data setup time 20 th(D) Data hold time 0 trec(W) Write recovery time 0 tdis(W) Output disable time from /W low 15 ten(W) Output enable time from /W high 5 Symbol Parameter
-70LL, XL Min Max 70 50 0 65 65 65 30 0 0 25 5
Unit ns ns ns ns ns ns ns ns ns ns ns
MITSUBISHI ELECTRIC
4
'97.4.7
MITSUBISHI LSIs
M5M5255DP,FP -45LL,-55LL,-70LL, -45XL,-55XL,-70XL
262,144-BIT (32,768-WORD BY 8-BIT) CMOS STATIC RAM
(4) TIMING DIAGRAMS Read cycle
tCR A0~14 ta(A) ta (S1) /S1
(Note 3)
tv (A)
tdis (S1)
(Note 3)
S2
(Note 3)
ta (S2) ten (S1) ten (S2) tdis (S2) DATA VALID
/W = "H" level (Note 3)
DQ1~8
Write cycle (/W control mode)
A0~14
tCW
tsu (S1) /S1
(Note 3) (Note 3)
S2
(Note 3)
tsu (S2) tsu (A-WH) tsu (A) tw (W) trec (W)
(Note 3)
/W tdis (W) ten (W)
DQ1~8
DATA IN STABLE
tsu (D)
th (D)
MITSUBISHI ELECTRIC
5
'97.4.7
MITSUBISHI LSIs
M5M5255DP,FP -45LL,-55LL,-70LL, -45XL,-55XL,-70XL
262,144-BIT (32,768-WORD BY 8-BIT) CMOS STATIC RAM
Write cycle ( /S1 control mode)
tCW A0~14 tsu (A) /S1 tsu (S1) trec (W)
S2
(Note 3) (Note 5) (Note 3)
/W
(Note 3)
(Note 4)
tsu (D)
th (D)
(Note 3)
DQ1~8
DATA IN STABLE
Write cycle (S2 control mode)
tCW A0~14
/S1
(Note 3) tsu (A) (Note 3)
tsu (S2)
trec (W)
S2
(Note 5)
/W
(Note 3)
(Note 4)
tsu (D)
th (D)
(Note 3)
DQ1~8
DATA IN STABLE
Note 3 : Hatching indicates the state is "don't care". 4 : Writing is executed while S2 high overlaps /S1 and /W low. 5 : When the falling edge of /W is simultaneously or prior to the falling edge of /S1 or rising edge of S2, the outputs are maintained in the high impedance state. 6 : Don't apply inverted phase signal externally when DQ pin is output mode.
MITSUBISHI ELECTRIC
6
'97.4.7
MITSUBISHI LSIs
M5M5255DP,FP -45LL,-55LL,-70LL, -45XL,-55XL,-70XL
262,144-BIT (32,768-WORD BY 8-BIT) CMOS STATIC RAM
POWER DOWN CHARACTERISTICS (1) ELECTRICAL CHARACTERISTICS
Symbol
Vcc (PD) VI (/S1) VI (S2)
(Ta = 0~70C, Vcc=5V10%, unless otherwise noted)
Parameter
Power down supply voltage Chip select input /S1 Chip select input S2
Test conditions
2.2VVCC(PD) 2VVCC(PD)2.2V 4.5VVCC(PD) VCC(PD)<4.5V Vcc = 3V S20.2V or
/S1Vcc-0.2V,S2Vcc-0.2V
Min 2 2.2
Limits Typ Max
Unit
V V
VCC(PD)
V
-LL -XL
Icc (PD)
Power down supply current
(Note 7)
0.8 0.2 10 2
uA
0.1
(Note 8)
Note7: ICC (PD) = 1uA in case of Ta = 25C Note8: ICC (PD) = 0.5uA in case of Ta = 25C
(2) TIMING REQUIREMENTS (Ta = 0~70C, Vcc=5V10%, unless otherwise noted )
Symbol tsu (PD) trec (PD) Parameter
Power down set up time Power down recovery time
Test conditions
Min
0
Limits Typ Max
Unit
ns ns
tCR
(3) POWER DOWN CHARACTERISTICS /S1 control mode
Vcc tsu (PD)
2.2V 4.5V 4.5V
trec (PD)
2.2V
/S1
/S1Vcc-0.2V
S2 control mode
Vcc S2
0.2V S20.2V
tsu (PD)
4.5V
4.5V
trec (PD)
0.2V
MITSUBISHI ELECTRIC
7


▲Up To Search▲   

 
Price & Availability of M5M5255DP-45LL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X