Part Number Hot Search : 
AAR121 4066D BAV16W06 SO745090 H30D40PT SMBJ100 4066D MF4740A
Product Description
Full Text Search
 

To Download LX5115A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UltraMAX
T
HE
TM
LX5115A
D
ATA
U LT R A 9 - C H A N N E L S C S I T E R M I N AT O R
I
NFINITE
P
OWER
OF
I
N N O VAT I O N
P
RODUCTION
S
HEET
DESCRIPTION
The LX5115A SCSI terminator is part of Linfinity's UltraMAX family of high-performance, adaptive, non-linear mode SCSI products, which are designed to deliver true UltraSCSI performance in SCSI applications. The low voltage BiCMOS architecture employed in its design offers superior performance to older linear passive and active techniques. Linfinity's UltraMAX architecture employs high-speed adaptive elements for each channel, thereby providing the fastest response possible -- typically 35MHz, which is 100 times faster than the older linear regulator/terminator approach used by other manufacturers. Products using this older linear regulator approach have bandwidths which are dominated by the output capacitor and which are limited to 500KHz (see further discussion in the Functional Description section). The UltraMAX architecture also eliminates the output compensation capacitor typical in earlier terminator designs. Each is approved for use with SCSI-1, -2, -3, UltraSCSI and beyond -- providing the highest performance alternative available today. Another key improvement offered by the LX5115A lies in its ability to insure reliable, errorfree communications even in systems which do not adhere to recommended SCSI hardware design guidelines, such as the use of improper cable lengths and impedances. Frequently, this situation is not controlled by the peripheral or host designer and, when problems occur, they are the first to be made aware of the problem. The LX5115A architecture is much more tolerant of marginal system integrations. Recognizing the needs of portable and configurable peripherals, the LX5115A has a TTL compatible sleep/disable mode. Quiescent current is typically 200A in this mode, while the output capacitance is also less than 3pF. The obvious advantage of extended battery life for portable systems is inherent in the product's sleepmode feature. Additionally, the disable function permits factory-floor or production-line configurability, reducing inventory and productline diversity costs. Field configurability can also be accomplished without physically removing components which, often times results in field returns due to mishandling. Reduced component counts is also inherent in the LX5115A architecture. Traditional termination techniques require large stabilization and transient protection capacitors of up to 20F in value and size. The LX5115A architecture does not require these components, allowing all the cost savings associated with inventory, board space, assembly, reliability, and component costs.
K E Y F E AT U R E S
s Ultra-Fast Response For Fast-20 SCSI Applications s 35MHz Channel Bandwidth s Less Than 3pF Output Capacitance s Sleep-Mode Current Of 200A s NO External Compensation Capacitors s Implements 8-Bit Or 16-Bit (Wide) Applications s Compatible With Active Negation Drivers s Compatible With Passive And Active Terminations s Approved For Use With SCSI 1, 2, 3 And Ultra SCSI s Hot Swap Compatible s Pin-For-Pin Compatible With DS21S07A / 2105
NOTE: For current data & package dimensions, visit our web site: http://www.linfinity.com.
PRODUCT HIGHLIGHT
RECEIVING W AV E F O R M - 20MHZ
D R I V I N G W AV E F O R M - 20MHZ
Receiver 1 Meter, AWG 28 LX5115A LX5268
Driver LX5115A LX5268
NOTE:
For An In-Depth Discussion On Applying SCSI, Request Linfinity Application Note: "Understanding The SingleEnded SCSI Bus"
PA C K A G E O R D E R I N F O R M AT I O N TJ (C) 0 to 70
D Plastic SOIC 16-pin
LX5115ACD
DW Plastic SOWB 16-pin
LX5115ACDW
PWP Plastic TSSOP 20-pin, Power
LX5115ACPWP
Note: All surface-mount packages are available in Tape & Reel. Append the letter "T" to part number. (i.e. LX5115ACDWT)
Copyright (c) 2000 Rev. 1.0 4/00
LINFINITY MICROELECTRONICS INC.
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
1
PRODUCT DATABOOK 1996/1997
LX5115A
U LT R A 9 - C H A N N E L S C S I T E R M I N AT O R
P
RODUCTION
UltraMAX
D
ATA
S
HEET
A B S O L U T E M A X I M U M R AT I N G S
(Note 1)
PA C K A G E P I N O U T S
TERM POWER D0 D1 D2 D3 D4 N.C. GND
16 2 3 4 5 6 7 8 15 14 13 12 11 10 9
Continuous Termination Voltage .......................................................................... 10V Continuous Output Voltage Range .............................................................. 0 to 5.5V Continuous Disable Voltage Range .............................................................. 0 to 5.5V Operating Junction Temperature ........................................................... 0C to 125C Storage Temperature Range ............................................................. -65C to +150C Solder Temperature (Soldering, 10 seconds) ................................................... 300C
Note 1. Exceeding these ratings could cause damage to the device.
DISABLE N.C. D8 D7 D6 D5 N.C. N.C.
T H E R M A L D ATA
D PACKAGE: THERMAL RESISTANCE-JUNCTION TO AMBIENT, JA DW PACKAGE: THERMAL RESISTANCE-JUNCTION TO AMBIENT, JA PWP PACKAGE: THERMAL RESISTANCE-JUNCTION TO AMBIENT, JA 139C/W 95C/W 120C/W
TERM POWER D0 D1 D2 D3 D4 N.C. GND
D PACKAGE (Top View)
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
DISABLE N.C. N.C. D8 D7 D6 D5 N.C.
Junction Temperature Calculation: TJ = TA + (PD x JA). The JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the above assume no ambient airflow.
DW PACKAGE (Top View)
TERM POWER HEATSINK/GND D0 D1 D2 D3 D4 HEATSINK/GND N.C. GND
20 2 3 4 5 6 7 8 9 10 19 18 17 16 15 14 13 12 11
DISABLE N.C. HEATSINK/GND N.C. D8 D7 D6 D5 HEATSINK/GND N.C.
PWP PACKAGE (Top View)
2
Copyright (c) 2000 Rev. 1.0 4/00
PRODUCT DATABOOK 1996/1997
UltraMAX
U LT R A 9 - C H A N N E L S C S I T E R M I N AT O R
P
RODUCTION
LX5115A
D
ATA
S
HEET
R E C O M M E N D E D O P E R AT I N G C O N D I T I O N S Parameter
Termination Voltage High Level Enable Input Voltage Low Level Disable Input Voltage Operating Virtual Junction Temperature Range LX5115AC Note 2. Range over which the device is functional.
(Note 2)
Symbol
VTERM VIH VIL
Recommended Operating Conditions Min. Typ. Max.
3.0 2.5 0 0 5.5 VTERM 0.8 125
Units
V V V C
ELECTRICAL CHARACTERISTICS
Term Power = 4.75V unless otherwise specified. Unless otherwise specified, these specifications apply at the recommended operating ambient temperature of TA = 25C. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.
Parameter
Output High Voltage Term Power Supply Current
Symbol
VOUT ICC
Test Conditions
Term Power = 4.75V Term Power = 3.0V All data lines = open All data lines = 0.5V Disable Pin < 0.8V VOUT = 0.5V, Term Power = 4.75V VOUT = 0.5V, Term Power = 3.0V Disable Pin = 4.75V Disable Pin = 0V Disable Pin = < 0.8V, VO = 0.5V VOUT = 0V, frequency = 1MHz VOUT = 4V
Min.
2.65 2.1
LX5115A Typ. Max.
2.85 2.2 5.5 210 200 -23 -18 80 -12 20 3 35 11
Units
V V mA mA A mA mA nA A nA pF MHz mA
9 225 -24
Output Current Disable Input Current Output Leakage Current Capacitance in Disabled Mode Channel Bandwidth Termination Sink Current, per Channel
IOUT IIN IOL COUT BW ISINK
-21 -17
7
Copyright (c) 2000 Rev. 1.0 4/00
3
PRODUCT DATABOOK 1996/1997
LX5115A
U LT R A 9 - C H A N N E L S C S I T E R M I N AT O R
P
RODUCTION
UltraMAX
D
ATA
S
HEET
BLOCK DIAGRAM
TERM POWER
CURRENT BIASING CIRCUIT
24mA CURRENT LIMITING CIRCUIT
DATA OUTPUT PIN DB(0)
2.85V
DISABLE PIN 2.0V 1 OF 9 CHANNELS
FUNCTIONAL DESCRIPTION
Cable transmission theory suggests to optimize signal speed by delivering 24mA on assertion and by imposing 2.85V on and quality, the termination should act both as an ideal voltage deassertion. In order to disable the device, the Disable pin reference when the line is released (deasserted) and as an must be driven logic Low. This mode of operation places ideal current source when the line is active (asserted). Common the device in a sleep state where a meager 200A of quiescent active terminators, which consist of current is consumed. Additionally, all Linear Regulators in series with resisPOWER UP / POWER DOWN FUNCTION TABLE outputs are in a Hi-Z (impedance) tors (typically 110), are a comprostate. Sleep mode can be used for Disable Quiescent mise. As the line voltage increases, power conservation or to completely Outputs the amount of current decreases lineliminate the terminator from the SCSI LX5115A Current early by the equation V = I * R. The chain. In the second case, termination H Enabled 5.5mA LX5115A, with its unique new archinode capacitance is important to L HI Z 200A tecture applies the maximum amount consider. The terminator will appear of current regardless of line voltage as a parasitic distributed capacitance Open Enabled 5.5mA until the termination high threshold on the line, which can detract from bus (2.85V) is reached. performance. For this reason, the Acting as a near ideal line terminator, the LX5115A closely LX5115A has been optimized to have only 3pF of capacitance reproduces the optimum case when the device is enabled. per output in the sleep state. To enable the device the Disable Pin must be pulled Logic An additional feature of the LX5115A is its compatibility with High or left open. During this mode of operation, quiescent active negation drivers. The device handles up to 7mA of sink current is 5.5mA and the device will respond to line demands current for drivers which exceed the 2.85V output high.
UltraMAX is a trademark of Linfinity Microelectronics Inc.
PRODUCTION DATA - Information contained in this document is proprietary to LinFinity, and is current as of publication date. This document may not be modified in any way without the express written consent of LinFinity. Product processing does not necessarily include testing of all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.
4
Copyright (c) 2000 Rev. 1.0 4/00


▲Up To Search▲   

 
Price & Availability of LX5115A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X