Part Number Hot Search : 
000MT N4003 AN817 S78L10 1013N BL55022 A1205 NTE60
Product Description
Full Text Search
 

To Download LT1506G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT1501G - LT1507G
1.5A GLASS PASSIVATED RECTIFIER Features
* * * * * * Glass Passivated Die Construction Diffused Junction High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 50A Peak Low Reverse Leakage Current Plastic Material - UL Flammability Classification 94V-0
INACTIVE, NOT FOR NEW DESIGN, USE 1N5391G - 1N5399G
A
B
A
D
DO-15 Dim A B C D Min 25.40 5.50 0.686 2.60 Max -- 7.62 0.889 3.6
C
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.4 grams (approx) Mounting Position: Any Marking: Type Number
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 55C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage @ IF = 1.5A Peak Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t < 8.3ms) Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range @TA = 25C @ TA = 100C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM I2t Cj RqJA Tj, TSTG LT15 01G 50 35
@ TA = 25C unless otherwise specified
LT15 02G 100 70
LT15 03G 200 140
LT15 04G 400 280 1.5 50 1.1 5.0 200 10.4 15 80 -65 to +175
LT15 05G 600 420
LT15 06G 800 560
LT15 07G 1000 700
Unit V V A A V A A2s pF K/W C
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
DS29005 Rev. B-3
1 of 2
LT1501G-LT1507G
I(AV), AVERAGE FORWARD RECTIFIED CURRENT (A)
1.5
10
1.2
IF, INSTANTANEOUS FORWARD CURRENT (A)
1.0
0.9
0.6
0.1
0.3
Tj = 25C PULSE WIDTH = 300s 2% DUTY CYCLE
0 40 60 80 100 120 140 160 180 TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.01
0.4
0.8
1.2
1.6
2.0
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
50
100
40
Cj, CAPACITANCE (pF)
8.3ms Single half sine-wave JEDEC Method
30
10
20
10
0
Tj = 25C f = 1 MHz
1
10
100
1.0
1.0
NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
1000
10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
100
IR, INSTANTANEOUS REVERSE CURRENT (A)
100
Tj = 150C Tj = 125C
10
1.0
0.1
Tj = 25C
INACTIVE, NOT FOR NEW DESIGN, USE 1N5391G - 1N5399G
60 80 100 120 140
0.01
0
20
40
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS29005 Rev. B-3
2 of 2
LT1501G-LT1507G


▲Up To Search▲   

 
Price & Availability of LT1506G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X